Part Number Hot Search : 
MUR140 CX23103 2SA2066 TLMO3101 PI90LV14 MUR140 M29F10 2SD2118S
Product Description
Full Text Search
 

To Download 2SC3886A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
2SC3886A
DESCRIPTION *With TO-3P(H)IS package *High voltage ,high speed APPLICATIONS *Horizontal deflection output for high resolution display *High speed switching regulator output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 8 15 4 50 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance Storage time Fall time CONDITIONS IC=5mA ;IB=0 IC=6A ;IB=1.5A IC=6A ;IB=1.5A VCB=1500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=0.1A ; VCE=10V IE=0 ; VCB=10V;f=1MHz 8 1 MIN 600
2SC3886A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB ts tf
TYP.
MAX
UNIT V
5.0 1.5 1.0 10 15 3 210 2.5 0.15
V V mA A
MHz pF s s
Resistive load ICP=6A ;IB1=-IB2=1.2A RL=33.3@
2
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3886A
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3886A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X