Part Number Hot Search : 
5R105 P775C BX238 8S2632 BS6004 AD9740 00220 11G2H
Product Description
Full Text Search
 

To Download Z25YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z, J
zero ohm jumpers
EU
features Type Z are conformal coated Type J are molded Suitable for automatic machine insertion Size compatible with 1/8, 1/4 and 1/2 watt resistors Marking: Type Z are tan color, single black band identifier Type J are black, no marking * Products with lead-free terminations meet EU RoHS and China RoHS requirements * * * * *
dimensions and construction
Type Z D L l d Type Z16 Z25 Insulation Marking Resistive End Coating Film Cap C Type J D L Lead Wire Z25Y J1/6Z d J1/4Z L (ref.) .126.008 (3.20.2) .240.02 (6.10.5) .228 (5.8) .134 +.004 -.008 (3.4 +0.1) -0.2 .256.02 (6.50.5) Dimensions inches (mm) C (max.) D d (nom.) .134 (3.4) .280 (7.1) .067 +.008 -.004 (1.7 +0.2 ) -0.1 .091.012 (2.30.3) .087.004 (2.20.1) .067.008 (1.70.2) .091 +0 -.012 (2.3 +0 ) -0.3 .018 (0.45) .024 (0.6) .020 (0.5) .024 (0.6) l .787 min. (20.0 min.)
l
--
1.18.118 (30.03.0)
--
Molded Resin
Solder Plated Copper Wire
ordering information
New Part # Z16 Type Z16 Z25 Z25Y J1/4Z J1/6Z C Termination Material C: SnCu T52 Taping and Forming T26, T52 A Packaging A: Ammo R: Reel
For further information on packaging, please refer to Appendix C.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/17/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
105
resistors
Z, J
resistors
zero ohm jumpers
applications and ratings
Part Designation Z16 Z25 Z25Y J1/6Z J1/4Z Maximum Amperage 1.5A 2.5A 15A 8A 10A Minimum Dielectric Withstanding Voltage 300V 500V 500V -- -- Resistance Rated Ambient Temperature Operating Temperature Range
20m or less 20m or less 10m Max. +70C -55C to +155C
-55C to +125C
environmental applications Derating Curve
15 12 J1/4Z Amps 9 J1/6Z 6 3 0 -80 Z25 Z16 -40 -55 0 80 120 70 125 Ambient Temperature (C) 40 160 155 Z25Y
Performance Characteristics
Parameter Resistance Resistance to Solder Heat Solderability Terminal Strength Rapid Change of Temperature Moisture Resistance Endurance @ 70C Solvent Resistance Requirement Less than 20m 90% coverage minimum No mechanical damages Test Method Measuring points are 10mm 1mm from the end cap Terminal except 3mm shall be immersed in the solder, 350C 5C, 3.5 seconds 0.5 second 235C 5C, 5 seconds 0.5 second (Direct Load) Z16: 5N, 30 seconds, Z25: 10N, 30 seconds (Twist Test) 360, 5 times (Bending Test) 5N, 90, 2 times (Z16: 2.5N) -55C (30 minutes)/+85C (30 minutes), 5 cycles 40C 2C, 90-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle Isopropyl alcohol with ultrasonic cleansing for 2 minutes Power: 0.3W/cm2, f: 28kHz, Temperature: 35C 5C
Less than 20m No visible damages to protective coating and marking
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/17/08
106
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com


▲Up To Search▲   

 
Price & Availability of Z25YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X