Part Number Hot Search : 
0DX103J9 BC169B MAX739 68HC11 2SC4463 ST211108 SK223 EL5167
Product Description
Full Text Search
 

To Download VCS101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
VCS101, VCS103, VCS401
Vishay Foil Resistors
Bulk Metal(R) Technology Precision, Low Value, Current Sense/Current Shunt Resistors
FEATURES
* Low Ohmic Values: 0.005 to 0.25 * Resistive Tolerance: to 0.1% * Temperature Coefficient of Resistance (TCR): 20ppm/C at 0.1, available to 15ppm/C Contact Applications Engineering for tighter limits * 4 leads for Kelvin connection * Power Rating: To 1.5 Watts at + 25C (free air) * Maximum Operating Temperature: + 175C * Lead (Pb)-free available
INTRODUCTION
Model VCS101, VCS103 and VCS401 resistors are available in 2 configurations. This Bulk Metal(R) resistor can serve as a low ohm, high power resistive shunt or as a medium power current sensing resistor. Resistors are non insulated. Our Applications Engineering Department is prepared to advise and to make recommendations for non standard technical requirements and special applications, please contact us.
APPLICATIONS
THROUGH HOLE
* * * * * * *
High Precision Instrumentation Automatic Test Equipment Current Sensing Application Industrial Medical Military Measurement Instrumentation
FIGURE 1 - DIMENSIONS AND SCHEMATIC
Model VCS101 Current Sensor
W H
Leads 0.032 Diameter Solder Coated Copper (#20 AWG) 0.500 Min. I 1 E 1 E 2 I 2
Model VCS401 Current Shunt
0.520 0.020
W
I1 I2
H
0.520 0.020 0.200 0.030 0.920 0.020 Leads 0.040 x 0.005 Tin Plated Copper
0.500 Min. Leads 0.040 x 0.005 Tin Plated Copper
E1
E 2
Model VCS103 Current Sensor
W
0.040 Diameter Lead Solder Coated Copper (#18 AWG) 0.630 0.032 Diameter Lead Solder Coated Copper (#20 AWG)
H
0.500 Min. I1 E1 E2 I2
0.689 0.020 0.200 0.030 1.083 0.020
TABLE 1 - CHARACTERISTICS AND DIMENSIONS
MODEL NUMBER VCS101* RESISTANCE RANGE () 0.005 to 0.01 0.01 to 0.05 0.05 to 0.2 TIGHTEST RESISTANCE TOLERANCE (%) 1 0.5 0.1 POWER RATING AT + 25C 1 Watt MAXIMUM CURRENT 15 Amps H W H W H W DIMENSIONS INCHES 0.130 0.080 0.130 0.080 0.190 0.080 (MM) (3.30) (2.03) (3.30) (2.03) (4.83) (2.03)
VCS401* VCS103* 0.005 to 0.01 0.01 to 0.05 0.05 to 0.25 1 0.5 0.1
1 Watt 1.5 Watt
3 Amps 15 Amps
* Tighter Performances are available, please contact application engineering department
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63016 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 04-Mar-05
www.vishay.com 109
VCS101, VCS103, VCS401
Vishay Foil Resistors
Bulk Metal(R) Technology Precision, Low, Value Current Sense/Current Shunt Resistors
TABLE 2 - VCS101, VCS103 AND VCS401 PERFORMANCE*
TEST OR CONDITION Maximum Ambient Temp. at Rated Power Maximum Ambient Temp. at Zero Power Temperature Coefficient Thermal Shock Short Time Overload Terminal Strength High Temperature Exposure Moisture Resistance Low Temperature Storage Shock (Specified Pulse) Vibration (High Frequency) Life (Rated Power, + 25C, 2,000 hrs.) Resistance Tolerance *R's plus additional 0.0005 ohm for measurement error. VCS101, VCS103 AND VCS401 + 25C + 175C See Table 3 0.05% 0.5% 0.1% 1.0% 0.1% 0.05% 0.1% 0.1% 3.0% 0.1%, 1%, 3%, 5%, 10%
THROUGH HOLE
TABLE 3 - TC SPECIFICATIONS
VALUE 0.005 to 0.01 > 0.01 to 0.05 > 0.05 to 0.25 TC (PPM/C) 90 30 20
FIGURE 2 - POWER DERATING CURVE
-55C +100 +25C +175C
Percent of Rated Power
+75 +50 +25
-50
0
+50 +100 +150 +200 +250
Ambient Temperature C
Further derating not necessary.
TABLE 4 - ORDERING INFORMATION
Specify Vishay VCS101, VCS103 and VCS401 resistors as follows: Example: A = 0.05% B = 0.1% C = 0.25% D = 0.5% F = 1.0% J = 5% K = 10% TOLERANCE
VCS101 MODEL NO.
T = Lead (Pb)-free none = Tin/Lead alloy TERMINATION
0R0100 RESISTANCE VALUE
For example: VCS1010R0100F, Model: VCS101, Termination: Tin/Lead, Value: 0.01, Tolerance: 1.0%
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
www.vishay.com 110
Document Number: 63016 For technical questions in the Americas, contact foilsupport1@vishay.com Revision 04-Mar-05 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com


▲Up To Search▲   

 
Price & Availability of VCS101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X