![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PL IA Features Available in E6 series Low unit height of 4.8 mm High current RoHS compliant* Applications Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios *R oH S CO M NT SRR0604 Series - Shielded Power Inductors Electrical Specifications Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A) SRR0604-1R5ML SRR0604-2R5ML SRR0604-3R3ML SRR0604-4R7ML SRR0604-6R8ML SRR0604-100ML SRR0604-150ML SRR0604-220ML SRR0604-330KL SRR0604-470KL SRR0604-680KL SRR0604-101KL SRR0604-151KL SRR0604-221KL SRR0604-331KL SRR0604-471KL SRR0604-681KL SRR0604-102KL 1.5 2.5 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 23 21 21 10 20 18 18 16 16 15 15 23 21 20 18 18 16 15 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.252 110.0 100.0 90.0 50.0 37.0 30.0 30.0 25.0 21.0 18.0 15.0 13.0 12.0 10.0 7.0 6.5 6.0 5.5 0.028 0.035 0.050 0.060 0.070 0.12 0.13 0.19 0.25 0.35 0.52 0.65 1.00 1.70 2.10 3.30 4.80 6.10 2.80 2.50 2.30 2.00 1.60 1.30 1.10 0.90 0.70 0.60 0.50 0.40 0.30 0.25 0.20 0.18 0.15 0.12 3.95 3.50 2.90 2.55 2.05 1.80 1.45 1.20 0.95 0.80 0.68 0.57 0.47 0.32 0.28 0.22 0.19 0.15 General Specifications Test Voltage ....................................1 Volt Reflow Soldering .....230 C; 50 sec max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core Material...................Ferrite DR & RI Wire ............................Enameled Copper Base ......................................LCP E4008 Terminal.....................................Cu/Ni/Sn Rated Current ..Ind. drop 10 % typ at I sat Temperature Rise ..40 C max at rated I rms Packaging...................1000 pcs. per reel Product Dimensions 6.5 0.2 (.256 .008) 6.5 0.2 (.256 .008) MAX. 4.8 (.189) Electrical Schematic 100 2.0 0.2 (.099 .008) 0.7 0.1 (.028 .004) 5.0 0.2 (.197 .008) 0.7 0.1 (.028 .004) Recommended Layout 2.5 (.099) 4.5 (.177) 1.5 (.060) DIMENSIONS: MM (INCHES) *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. SRR0604 Series - Shielded Power Inductors Packaging Specifications 178.0 (7.00) DIA. 2.0 0.5 (.079 .020) 18.4 (.724) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) EMBOSSED CAVITY 21.0 0.8 (.827 .031) 13.0 0.5 (.512 .020) DIA. 13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER 14.0 (.551) 4 (.157) END START 12 (.472) 5.0 (0.197) 8 (.315) NO COMPONENT COMPONENTS NO COMPONENT 160 (6.299) 3200 (125.984) 400 (15.748) USER DIRECTION OF FEED QTY: 1000 PCS. PER REEL MM (INCHES) DIMENSIONS: REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |
Price & Availability of SRR0604-2R5ML
![]() |