Part Number Hot Search : 
SIE802DF MOC30 LS7030 ADM1067 MOC30 ITS711L1 HEF4053B 01545
Product Description
Full Text Search
 

To Download RGL34B-E31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGL34A thru RGL34K
Vishay General Semiconductor
Surface Mount Glass Passivated Junction Fast Switching Rectifier
FEATURES * Superectifier structure for high reliability condition * Patented glass-plastic encapsulation technique * Ideal for automated placement * Fast switching for high efficiency * Meets environmental standard MIL-S-19500 * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in fast switching rectification of power supply, inverters, converters, and freewheeling diodes for consumer, automotive and telecommunication.
0.5 A 50 V to 800 V 10 A 150 ns, 250 ns 1.3 V 175 C
(R)
*Glass-plastic encapsulation is covered by Patent No. 3,996,602, brazed-lead assembly to Patent No. 3,930,306
d* ente Pat
DO-213AA (GL34)
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max.
MECHANICAL DATA Case: DO-213AA, molded epoxy over glass body Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC-Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER FAST SWITCHING DEVICE: 1st BAND IS RED Polarity color bands (2nd band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Max. average forward rectified current at TT = 55 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Max. full load reverse current, full cycle average TA = 55 C Operating junction and storage temperature range VRRM VRMS VDC IF(AV) IFSM IR(AV) TJ, TSTG SYMBOL RGL34A Gray 50 35 50 RGL34B Red 100 70 100 RGL34D Orange 200 140 200 0.5 10 30 - 65 to + 175 RGL34G Yellow 400 280 400 RGL34J Green 600 420 600 RGL34K Blue 800 560 800 V V V A A A C UNIT
Document Number: 88698 Revision: 27-Aug-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 939
RGL34A thru RGL34K
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance TEST CONDITIONS 0.5 A SYMBOL VF RGL34 RGL34B RGL34D RGL34G RGL34J RGL34K UNIT V
1.3
TA = 25 C TA = 125 C IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A 4.0 V, 1 MHz
IR
5.0 50 150 4 250
A
trr CJ
ns pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
FAST SWITCHING DEVICE: 1st BAND IS RED Maximum thermal resistance SYMBOL RJA RJT RGL34 RGL34B RGL34D RGL34G
(1)
RGL34J
RGL34K
UNIT C/W
150 70 (2)
Notes: (1) Thermal resistance from junction to ambient, 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal (2) Thermal resistance from junction to terminal, 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
ORDERING INFORMATION (Example)
PREFERRED P/N RGL34J-E3/98 RGL34J-E3/83 RGL34JHE3/98 (1) RGL34JHE3/83
(1)
UNIT WEIGHT (g) 0.036 0.036 0.036 0.036
REFERRED PACKAGE CODE 98 83 98 83
BASE QUANTITY 2500 9000 2500 9000
DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
Note: (1) Automotive grade AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
0.5 12 Resistive or Inductive Load
Average Forward Rectified Current (A)
Peak Forward Surge Current /A)
TJ = TJ Max. 8.3 ms Single Half Sine-Wave 10
0.4
8
0.3
6
0.2
4
0.1
2
0 0 25 50 75 100 125 150 175
0 1 10 100
Terminal Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 940
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88698 Revision: 27-Aug-08
RGL34A thru RGL34K
Vishay General Semiconductor
10
10 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
1
0.1 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Junction Capacitance (pF)
1 1 10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance
10
Instantaneous Reverse Current (A)
1
TJ = 100 C
0.1
TJ = 25 C 0.01 0 20 40 60 80 100
Percent of Rated Peak Reverse Voltage (%)
Figure 4. Typical Reverse Characteristics
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-213AA (GL34)
Solderable Ends
1st BAND 2nd BAND 0.066 (1.676) 0.060 (1.524)
Mounting Pad Layout
0.079 (2.0) MAX.
D2
0.079 (2.0) MIN.
D1 =
0.049 (1.25) MIN. 0.022 (0.559) 0.016 (0.406) D2 = D1 0.145 (3.683) 0.131 (3.327)
+0 - 0.008 (0.20)
0.177 (4.5) REF.
1st band denotes type and polarity 2nd band denotes voltage type
Document Number: 88698 Revision: 27-Aug-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 941
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of RGL34B-E31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X