Part Number Hot Search : 
OVLBY4C7 SM5841HS 0603H 01100 MJD29C B2012 DT74AL RTF5020
Product Description
Full Text Search
 

To Download RF101A2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
RF101A2S
Diodes
Fast recovery diode
RF101A2S
Applications General rectification Dimensions (Unit : mm)
CATHODEBAND (BLUE) 0.60.1
Features 1) Cylindrical mold type. (MSR) 2) Ultra Low VF. 3) Ultra high switching. 4) Low switching loss. 5) High ESD.
291
3.00.2
7
291 2.50.2
ROHM : MSR Manufacture Date
Taping specifications (Unit : mm) Construction Silicon epitaxial planar
IVORY H2 BLUE A E H2 Mark
Stabdard dimension (mm) value (mm)
B
C
T-31 52.41.5 T-32 26.0+0.4 -0 5.00.5 0.5 0 50.40.4 0.3 H1 6.00.5 H2 5.00.5 L1-L2 0.6 H1(6mm)BROWN
L1 H1 F
L2 H1 D
cf : cumulative pitch tolerance w ith 20 pitch than 1.5mm )201.5mm
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive) Reverse voltage (DC) Average rectified forward current(*1) Forward current surge peak 60Hz1cyc Junction temperature Storage temperature
Symbol VRM VR Io IFSM Tj Tstg (*1)Mounting on epoxi board. 180Half sine wave
Electrical characteristic (Ta=25C) Parameter Symbol VF Forward voltage IR Reverse current Reverse recovery time trr
Limits 200 200 1 20 150 -55 to +150
Unit V V A A
Min. -
Typ. 0.815 0.01 12
Max. 0.87 10 25
Unit V A ns
Conditions IF=1.0A VR=200V IF=0.5A,IR=1A,Irr=0.25*IR
Rev.C
1/3
www..com
RF101A2S
Diodes
Electrical characteristic curves
1 Ta=150 0.1 Ta=125 Ta=75 0.01 Ta=25 Ta=-25
10000 1000 Ta=75 100 Ta=25 10 1 0.1 0.01 Ta=-25 CAPACITANCE BETWEEN TERMINALS:Ct(pF) Ta=150 Ta=125
100
f=1MHz f=1MHz REVERSE CURRENT:IR(nA) FORWARD CURRENT:IF(A)
10
0.001 0 100 200 300 400 500 600 700 800 900 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
1
0
50 100 150 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
200
0
5 10 15 20 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
25
30
850
100 REVERSE CURRENT:IR(nA) Ta=25 IF=1A n=30pcs 90 80 70 60 50 40 30 20 10 AVE:11.1nA Ta=25 VR=200V n=30pcs
100 90 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 80 70 60 50 40 30 20 10 0 IR DISPERSION MAP Ct DISPERSION MAP AVE:51.4pF Ta=25 f=1MHz VR=0V n=10pcs
FORWARD VOLTAGE:VF(mV)
840
830
820
810
AVE:818.6mV
800
0 VF DISPERSION MAP
200 RESERVE RECOVERY TIME:trr(ns) PEAK SURGE FORWARD CURRENT:IFSM(A) Ifsm 1cyc 8.3ms 100
30 25 20 15 10 5 0 Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=10pcs
1000 PEAK SURGE FORWARD CURRENT:IFSM(A) Ifsm 100 8.3ms 8.3ms 1cyc
150
AVE:12.2ns
10
50 AVE:63.0A 0 IFSM DISPERSION MAP
1 trr DISPERSION MAP 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS
Mounted on epoxy board
100
1000
1000
IF=0.5A Ifsm t TRANSIENT THAERMAL IMPEDANCE:Rth (/W) Rth(j-a) IM=1mA
100
2
PEAK SURGE FORWARD CURRENT:IFSM(A)
FORWARD POWER DISSIPATION:Pf(W)
time(s) td=300us
Rth(j-l)
1.5 D=1/2 1 Sin(180)
DC
100
Rth(j-c)
10
0.5
10 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
1 0.001
0
0.01 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS 0.1 1000
0
0.5
1
1.5
2
AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS
Rev.C
2/3
www..com
RF101A2S
Diodes
3 0A 0V 2 t t V VR D=t/ D=t/T VR=100V T T Tj=150 Io
3
ELECTROSTATIC DISCHARGE TEST ESD(KV) 0A0 0 0V AVERAGE RECTIFIED FORWARD CURRENT:Io(A) Io t t VR D=t/T T VR=100V T Tj=150
30 No break at 30kV 25 20 AVE:22.6kV 15 10 5
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
DC D=1/2
2
DC D=1/2
1 Sin(180) 0 0 25 50 75 100 125 150
1
Sin(180)
0 0 25 50 75 100 125 150
CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
0 C=200pF R=0 C=100pF R=1.5k
AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta)
ESD DISPERSION MAP
Rev.C
3/3
www..com
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2007 ROHM CO.,LTD.
THE AMERICAS / EUPOPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co. jp
21, Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix1-Rev2.0


▲Up To Search▲   

 
Price & Availability of RF101A2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X