Part Number Hot Search : 
SBE818 0515X 0402SAJ 00160 AD2S44 2B224 STTH12 STTH12
Product Description
Full Text Search
 

To Download PT2270-L3-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT2270
PT2270 is a remote control decoder paired with PT2260 or PT2262 utilizing CMOS Technology. It has 12 bits of tri-state address pins providing a maximum of 531,441 (or 312) address codes; thereby drastically reducing any code collision and unauthorized code scanning possibilities. PT2270 is available in several options to suit every application needs : variable number of data output pins, latch or momentary output type. When paired with PT2260, this encoder/decoder (PT2260 / PT2270) pair can operate at very wide temperature range (-30oC ~ +70 oC). See also PT2260 Product Specification Features. Thus, this very important feature enables your Encoder/Decoder to operate under the worst environmental condition.

CMOS Technology Low Power Consumption Very High Noise Immunity Up to 12 Tri-State Code Address Pins Up to 6 Data Pins Operating Voltage : Vcc = 2 ~ 10 Volts Single Resistor Oscillator Latch or Momentary Output Type

Car Security System Garage Door Controller Remote Control Fan Home Security/Automation System Remote Control Toys Remote Control for Industrial Use
PT2270 v1.1
Page 1
Revised March 1997
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT2270
PT2270 v1.1
Page 2
Revised March 1997
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT2270
PT2270 v1.1
Page 3
Revised March 1997
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT2270
Valid Part Number PT2270 (-S) PT2270-L2 (-S) PT2270-M2 (-S) PT2270-L3 (-S) PT2270-M3 (-S) PT2270-L4 (-S) PT2270-M4 (-S) PT2270-L5 (-S) PT2270-M5 (-S) PT2270-L6 (-S) PT2270-M6 (-S)
Package 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO) 18 Pins, DIP (SO)
PT2270 v1.1
Page 4
Revised March 1997


▲Up To Search▲   

 
Price & Availability of PT2270-L3-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X