Part Number Hot Search : 
2SJ221 PD057VU1 LM2903N IRG4P AN7100S K2744 SDA004 63420
Product Description
Full Text Search
 

To Download MOC3021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
FEATURES
* Isolation voltage between input and output Viso : 5,000Vrms * 6pin DIP photocoupler, triac driver output * High repetitive peak off-state voltage VDRM : Min. 400V * www..com High critical rate of rise of off-state voltage ( dV/dt : MIN. 100V / s ) * Dual-in-line package : MOC3020, MOC3021, MOC3022, MOC3023 * Wide lead spacing package : MOC3020M, MOC3021M, MOC3022M, MOC3023M * Surface mounting package : MOC3020S, MOC3021S, MOC3022S, MOC3023S * Tape and reel packaging : MOC3020S-TA1, MOC3021S-TA1, MOC3022S-TA1, MOC3023S-TA1 * UL approved ( No. E113898 ) * CSA approved ( No. CA91533-1 ) * FIMKO approved ( No. 209049 ) * NEMKO approved ( No. P99102464 ) * DEMKO approved ( No. 99-04182 ) * SEMKO approved ( No. 9943380 / 01-20 ) * VDE approved (No. 094722 )
FEATURES
* Motor Controls * Solid state relays * For triggering high power thyristor and triac * Household use equipment
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
1 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
OUTLINE DIMENSIONS
Dual-in-line package :
www..com
Wide lead spacing package:
*1. *2. *3. *4.
Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: MOC3020, MOC3021, MOC3022, MOC3023 Page : 2 of 8
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
OUTLINE DIMENSIONS
Surface mounting package :
www..com
*1. *2. *3. *4.
Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: MOC3020, MOC3021, MOC3022, MOC3023
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
3 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
TAPING DIMENSIONS
Tape and reel package ( TYPE II ): MOC3020S-TA1, MOC3021S-TA1, MOC3022S-TA1, MOC3023S-TA1
www..com
Description Tape wide Pitch of sprocket holes Distance of compartment Distance of compartment to compartment
Symbol W P0 F P2 P1
Dimensions in mm ( inches ) 16 0.3 ( .63 ) 4 0.1 ( .15 ) 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) 12 0.1 ( .472 )
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
4 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
ABSOLUTE MAXIMUM RATING
( Ta = 25C )
PARAMETER
www..com
SYMBOL IF VR PD VDRM VTSM PC Ptot Viso TA Tstg TL
RATING 50 6 70 400 1 300 330 5,000 -40 ~ +100 -55 ~ +150 260
UNIT mA V mW V A mW mW Vrms C C C
Forward Current Reverse Voltage Power Dissipation Off-State Output Terminal Voltage
INPUT
OUTPUT
Peak Repetitive Surge Current ( PW=1ms, 120pps ) Collector Power Dissipation
Total Power Dissipation *1 Isolation Voltage Ambient Operating Temperature Range Storage Temperature Range *2 Soldering Temperature
*1. AC For 1 Minute, R.H. = 40 ~ 60% Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector, emitter on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave. *2. For 10 Seconds
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
5 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25C )
PARAMETER
www..com
SYMBOL MIN. TYP. MAX. UNIT VF IR IDRM VTM dv/dt -- -- -- -- 100 -- IFT -- -- -- IH ton 100 -- 1.15 -- 10 1.7 -- 15 8 -- -- -- 8 1.5 10 100 3 -- 30 15 10 5 -- 20 A s mA V A nA V
CONDITIONS IF=20mA VR=6V VDRM = 400V ITM=100 mA Peak
Forward Voltage INPUT Reverse Current *1 Peak Blocking Current, Either Direction
OUTPUT
Peak On-State Voltage, Either Direction *2 Critical rate of Rise of Off-State Voltage MOC3020 *3 Led Trigger Current, Current MOC3021 Required to Latch Output, MOC3022 Either Direction MOC3023 Holding Current, Either Direction Turn-On time
V/s
Main Terminal Voltage = 3V
COUPLED
VD=9V, IF=20mA RL=100
*1 Test voltage must be applied within dv/dt rating. *2 This is static dv/dt. Commutating dv/dt is a function of the load-driving thyristor(s) only. *3 All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT 30 mA and absolute max IF (50mA)
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
6 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient Temperature
60
Forward current I F (mA)
Fig.2 On-state Current vs. Ambient Temperature
ITM , on-state current (A)
www..com
50 40 30 20 10 0 -40 -20
0.10
0.05
0
20 40 60 80 100 120
o
0 -40 -20
0
20 40 60 80 100 120
o
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.3 Minimum Trigger Current vs. Ambient Temperature
10
Minimum trigger current IFT (mA)
Fig.4 Forward Current vs. Forward Voltage
VP= 6V RL= 100
Forward current IF (mA)
100
8 6 4 2 0
80 C 100 C
o
o
10
60 C 40 C 20 C
o o
o
20
40
60
80
o
100
1
0.4
0.8
1.2
1.6
2.0
Ambient temperature ( C)
Forward voltage VF (V)
Fig.5 On-state Voltage vs. Ambient Temperature
3.0 2.6 2.2 1.8 1.4 1.0 IT= 100mA
Fig.6 Holding Current vs. Ambient Temperature
1
Holding current IH (mA)
VP= 6V
On-state voltage VT (V)
0.1
20
40
60
80
o
100
0.01
20
40
60
80
o
100
Ambient temperature Ta ( C)
Ambient Temperature Ta ( C)
Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
7 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
CHARACTERISTICS CURVES
Fig.7 Turn-on Time vs. Forward Current
20
Fig.8 Repetitive Peak Off-state Current vs. Temperature
1000
Repetitive Peak Off-state Current Idrm (nA)
Turn-on time Ton ( s)
www..com
18 16 14 12 10
VP= 6V RL= 100
100
10
10
20
30
40
50
1
20
40
60
80
O
100
Forward current IF (mA)
Ambient temperature Ta ( C)
Fig.9 On-state Current vs. On-state Voltage
100
Basic Operation Circuit Medium/High Power Triac Drive Circuit
On-state current IT (mA)
80 60 40 20 0
+ Vcc
1 2
4 5 6
Load AC100V
VIN
3
0
0.5
1.0
1.5
2.0
2.5
3.0
On-state voltage VT (V)
RECOMMENDED FOOT PRINT PATTERNS (MOUNT PAD)
Unit : mm Part No. : MOC3020 thru MOC3023 SERIES
BNS-OD-C131/A4
Page :
8 of 8


▲Up To Search▲   

 
Price & Availability of MOC3021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X