|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MAAM-009451 Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz Features * * * * * * * * 3-Way Splitter Single Ended Input and Outputs 3.0 dB Gain +15 dBmV / Channel Input 4.5 dB Noise Figure Lead-Free 2 mm 8-Lead PDFN Package Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible Rev. V1 Functional Schematic Description The MAAM-009451 CATV 3-way active splitter is a GaAs MMIC which exhibits low noise figure and distortion in a lead-free 2 mm 8-lead PDFN plastic package. The design features 75 inputs and outputs. The MAAM-009451 is ideally suited for multi-tuner set top boxes, home gateways, and other broadband internet based applications. The MAAM-009451 is fabricated using M/A-COM Technology Solutions' pHEMT process to realize low noise and low distortion. The process features full passivation for robust performance and reliability. Pin Configuration Pin No. 1 2 3 4 5 6 7 8 Pin Name Out2 N/C Out1 FB/VDD IN N/C N/C Out3 Paddle3 Description RF Output 2 No Connection RF Output 1 Feedback/Bias RF Input No Connection No Connection RF Output 3 RF and DC Ground Ordering Information 1,2 Part Number MAAM-009451-TR1000 MAAM-009451-TR3000 MAAM-009451-001SMB Package 1000 piece reel 3000 piece reel Sample Test Board 9 3. The exposed pad centered on the package bottom must be connected to RF and DC ground. 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein withOut notice. MAAM-009451 Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz Electrical Specifications: Freq = 1000 MHz, TA = 25C, VDD = +3.3 Volts, Z0 = 75 Parameter Gain Gain Flatness Noise Figure Input Return Loss Output Return Loss Output P1dB Output IP3 Output IP2 Composite Triple Beat, CTB Composite Second Order, CSO Reverse Isolation Output to Output Isolation IDD Test Conditions In to Out1, In to Out2, In to Out3 In to Out1, In to Out2, In to Out3 In to Out1, In to Out2, In to Out3 In Out1, Out2, Out3 In to Out1, In to Out2, In to Out3 500 MHz, 2-tone, 6 MHz spacing, -15 dBm Pout 500 MHz, 2-tone, 6 MHz spacing, -15 dBm Pout 132 Channels, +15 dBmV/Channel at the input 132 Channels, +15 dBmV/Channel at the input Out1 to In, Out2 to In, Out3 to In Out1 to Out2 or Out3; Out2 to Out3 VDD= +3.3 Volts Units dB dB dB dB dB dBm dBm dBm dBc dBc dB dB mA Min. 2.0 Typ. 3.0 1.0 4.5 15 8 4 25 40 -67 -55 29 22 90 Max. 4.2 110 Rev. V1 Absolute Maximum Ratings 4,5,6 Parameter RF Input Power Voltage Operating Temperature Junction Temperature7 Storage Temperature Absolute Maximum 12 dBm 10.0 volts -20C to +85C +150C -65C to +150C Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. An external protection circuit using an inexpensive anti-parallel diode pair can be used to protect the IC. Please reference application note AN3028 on http://www.macomtech.com for further detail. 4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM Technology Solutions does not recommend sustained operation near these survivability limits. 6. These operating conditions will ensure MTTF > 1 x 106 hours. 7. Junction Temperature (TJ) = TC + jc * (V * I) Typical thermal resistance (jc) = 101 C/W. a) For TC = 25C, TJ = 62C @ 3.3 V, 110 mA b) For TC = 85C, TJ = 120 C @ 3.3 V, 105 mA 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein withOut notice. MAAM-009451 Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz Recommended PCB PCB Land Pattern Rev. V1 All dimensions in mm Schematic Including Off-Chip Components8 VDD C3 C2 R1 GND R2 R4 L1 L2 C4 OUT 1 R3 L3 C5 OUT 2 Off-Chip Component Values Component C1 - C6 L1 L2-L4 R1, R2 R3 - R5 9 Value 0.01 F 1 H 10 nH 240 560 Package 0402 1210 0402 0402 0402 2mm 8 LD PDFN 9. L1 supplied from EPCOS, part number B82422A1102K100 C1 IN GND Pin 8 L4 C6 OUT 3 R5 8. The exposed pad centered on the package bottom must be connected to ground for RF, DC and thermal considerations. 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein withOut notice. MAAM-009451 Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz Typical Performance Curves Gain to 1100 MHz Typical All Outputs 5 Rev. V1 Gain to 3000 MHz Typical All Outputs 10 4 5 3 0 2 +25C -20C +85C -5 +25C -20C +85C 1 -10 0 0 220 440 660 880 1100 -15 0 600 1200 1800 2400 3000 Frequency (MHz) Frequency (MHz) Input Return Loss 0 Output Return Loss Typical All Outputs -6 -9 -8 -18 -10 -27 +25C -20C +85C -12 +25C -20C +85C -36 -14 -45 0 220 440 660 880 1100 -16 0 220 440 660 880 1100 Frequency (MHz) Frequency (MHz) 4 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein withOut notice. MAAM-009451 Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz Typical Performance Curves OUT-OUT Isolation to 1100 MHz Typical Between All Outputs -20 -21 -22 -23 -30 -24 -25 -26 -35 +25C -20C +85C +25C -20C +85C Rev. V1 OUT-OUT Isolation to 3000 MHz Typical Between All Outputs -15 -20 -25 0 220 440 660 880 1100 -40 0 600 1200 1800 2400 3000 Frequency (MHz) Frequency (MHz) Noise Figure Typical All Outputs 7 6 5 4 +25C -20C +85C Reverse Isolation to 3000 MHz Typical From All Outputs to Input -25 -30 -35 3 2 1 0 -45 -40 +25C -20C +85C 0 220 440 660 880 1100 0 600 1200 1800 2400 3000 Frequency (MHz) Frequency (MHz) 5 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein withOut notice. MAAM-009451 Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz Lead-Free 2 mm 8-Lead PDFN Rev. V1 Reference Application Note S2083 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin over copper. 6 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein withOut notice. |
Price & Availability of MAAM-009451 |