Part Number Hot Search : 
EN7671A NVT2001 60A300PT AN1381 SST32 1N753 NCP1403 ZM2CY96W
Product Description
Full Text Search
 

To Download LG2401281-LY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG2401281-LY
www..com
240 x 128 dots
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 7.0 25.0 VDD + 0.3 70 80 Unit V V V C C
MECHANICAL DATA
Item Nominal Dimensions Unit mm mm mm mm g Module Size ( W x H x T ) 144.0 x 104.0 x 16.5 114.0 x 64.0 Viewing Area ( W x H ) Dot Pitch ( W x H ) 0.45 x 0.45 Dot Size ( W x H ) 0.40 x 0.40 Weight Approx. 190
ELECTRICAL CHARACTERISTICS ( V DD =5V0.25V )
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition ----VDD = 5.0V Ta=25C Min. VDD -2.2 - 0.3 Typ. ----Max. Unit V DD 0.8 V DD 0.3 25.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol FG VSS V DD VO /WR /RD /CE _ C/D NC /RST DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 FS VOUT Level -0V +5V -L L L H/L -L H/L H/L H/L H/L H/L H/L H/L H/L H/L -15V Function Frame ground GND Power supply for logic Operating voltage for LCD Write signal, active "L" Read signal, active "L" Chip enable singal, active "L" L : Data H : Instruction code No connection Reset signal, active "L"
VDD -0.3 0 -18.0 -18.2
BLOCK DIAGRAM
/WR /RD /CE C/D DB0 I DB7 /RST FS
LCD Controller LSI T6963C
Common Driver x2
128
LCD PANEL 240 x 128 dots
Data bus line
240 32K RAM Segment Driver x3
Font selection L: 8x8, H: 6x8 Output voltage for LCD driving
FG VSS VDD VO VOUT
LED BACKLIGHT SPECIFICATIONS (Ta=25 C)
J1 Power Circuit To LSI LEDA LEDK LED Backlight Item Forward Voltage Forward Current Emission Wave Length Symbol Vf If Typ. 4.1 650 568 Max. 4.3 --Unit V mA nm
p


▲Up To Search▲   

 
Price & Availability of LG2401281-LY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X