Part Number Hot Search : 
00146 C8051 BFG91 M38025M4 BC727 SM103 AT76C2XX AN1498
Product Description
Full Text Search
 

To Download KBPC15-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
Description
Features
n BUILT-IN INTEGRAL HEAT SINK n UL RECOGNITION AVAILABLE n UP TO 400 AMP SURGE OVERLOAD RATING n OPTION OF WIRE LEADS OR FASTON TERMINALS KBPC10 . . . 40XX Series -00 50 35 50 KBPC10 KBPC15 KBPC25 KBPC35 KBPC40 -01 100 70 100 -02 200 140 200 -04 400 280 400 10 15 25 35 40 -06 600 420 600 -08 800 560 800 -10 1000 700 1000 -12 1200 840 1200
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av)
Units Volts Volts Volts Amps Amps Amps Amps Amps
KBPC10 KBPC15 KBPC25 KBPC35 KBPC40 Forward Voltage...VF KBPC10, IF = 5A KBPC15, IF = 7.5A KBPC25, IF = 12.5A KBPC35, IF = 17.5A KBPC40, IF = 20.0A Isolation Voltage Case to Leads...VISO DC Reverse Current...IR @ Rated DC Blocking Voltage per Leg TA = 25C TA = 125C Typical Thermal Resistance...RJC Junction to Case per Leg Typical Junction Capacitance...CJ Operating & Storage Temperature Range...TJ, TSTRG
Non-Repetitive Peak Forward Surge Current...IFSM
............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. ............................................. .............................................
............................................... ............................................... ............................................... ............................................... ...............................................
200 ............................................... Amps 300 ............................................... Amps 300 ............................................... Amps 400 ............................................... Amps 400 ............................................... Amps 1.1 ............................................... Volts 1.1 ............................................... Volts 1.1 ............................................... Volts 1.1 ............................................... Volts 1.1 ............................................... Volts 2500 ............................................... Volts AC Amps Amps C / W pF C
............................................. 5.0 ............................................... ............................................. 500 ............................................... ............................................. 1.9 ............................................... ............................................. 300 ............................................... ......................................... -55 to150 ..........................................
Page 3-28
KBPC10XX . . . 40XX Series
Data Sheet
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC10XX . . . 40XX Series
Instantaneous Forward Characteristics
Typical Reverse Characteristics
Page 3-29
NOTES: 1. Reverse Recovery Cond., If = .5A, Ir = 1.0A, Irr = .25A. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. When Mounted to heat sink, from body.
Data Sheet
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
Mechanical Dimensions
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
NOTES: 1 . Corrosion-Resistant Terminals Designed for .250" Female Quick Connect Wrap Around or Solder. 2 . A Thin Film of Silicone Thermal Compound is Recommended Between Bridge and Mounting Surface for Improved Thermal Conduction. 3 . These FCI Bridges Are Also Available in Fast Recovery, In Positive and Negative Center Tap and in Double Configurations. Consult with FCI for Your Special Requirements.
Page 3-30
KBPC10XX . . . 40XX Series
Data Sheet
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC10XX . . . 40XX Series
Case - Metal or Molded Plastic
AC In
Terminals - Plated .25" Faston or Plated Copper Wire Leads .040" Diameter Weight - 0.706 Ounces, 20 Grams
DC Out
Mounting Position - Any with Bolt Down with Silicone Thermal Compound Between Bridge and Mounting Surface for Optimum Heat Transfer Mounting Torque - 20 Inch Pound Max
FCIS KBPC Series of Bridges Can Be Ordered with Options on Terminals and Case Materials. How To Specify Case Material and Terminal Options: n For Metal Case, Order Suffix (1) M n For Plastic Case, Order Suffix (1) P n For Faston Terminals, Order Suffix (2) F n For Wire Lead Terminals, Order Suffix (2) W n For a UL Recognized Device, Order Suffix (3) U
Ordering Information
KBPC Series Examples
To Order a 25 Amp, 400 Volt Bridge with Faston Leads and a Plastic Case: Specify - KBPC2504PF . . . Where P = Plastic and F = Faston Terminals To Order a 35 Amp, 800 Volt Bridge with Wire Leads and a Metal Case: Specify - KBPC3508MW . . . Where M = Metal and W = Wire Leads (Terminals) To Order a 15 Amp, 200 Volt, UL Recognized Bridge with Wire Leads and a Plastic Case: Specify - KBPC1502PWU . . . Where P = Plastic and W = Wire Leads (Terminals) and U = UL Recognized
NOTE: Fast Recovery Bridges (Diodes) Are Available; Please Contact FCI Components. KBPC - S Series Examples To Order Bridges with the In-Line Pin Configuration, Select the Current and Voltage Desired and Add S as the Suffix, as shown in the following example.
To Order a 35 Amp, 800 Volt Bridge with In-Line Wire Leads: Specify - KBPC3508S . . . Where S = In-Line Wire Lead Terminals
Page 3-31


▲Up To Search▲   

 
Price & Availability of KBPC15-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X