Part Number Hot Search : 
035150 ATM128 CS5151H MBR3035 GMS81024 C2632 DG442AK 250958B
Product Description
Full Text Search
 

To Download ISL54406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Stereo Click and Pop Eliminator with Audio Muting
ISL54406
The Intersil ISL54406 is a Dual SPST (Single Pole/Single Throw) switch that provides a very low distortion audio path for a stereo headphone or high impedance line-in load. This path can be interrupted to provide >110dB of off-isolation for signal muting purposes into 32 or high impedance loads such as consumer entertainment system line-inputs, MP3 docking systems for powered speaker or automotive entertainment system in-line or cassette interfaces. Recovery from muting is instant even with very large DC blocking capacitors. The ISL54406 also has comprehensive Click and Pop elimination measures to prevent these artifacts from occurring in the load due to system power-up/powerdown, codec enable/disable, headphone hot plug in, and audio muting on/off situations. The Click and Pop elimination is effective into low and high impedance loads and requires no external timing components to deal with DC blocking capacitors placed between the single supply codec and the load. The ISL54406 is available in a 10 Ld TDFN (3mmx3mm) or a tiny 10 Ld TQFN (1.8mmx1.4mm) ultra-thin package. It operates over a temperature range of -40 to +85C.
ISL54406
Features
* Single Supply Operation (VDD) . . . . +2.7V to +5.0V * Negative Signal Swing Capability . . . . . . . . . . . -1.5V * Low THD - THD+N at 1mW into 32 Load. . . . . . . . . <0.02% * Click and Pop Elimination . . . . . . . . . . . . . . . >60dB * Audio Muting . . . . . . . . . . . . . . . . . . . . . . >110dB * Low Power Consumption. . . . . . 21W with 3V supply * Low Power Shutdown Mode * 1.8V Logic Compatible * Available in 10 Ld TDFN (3mmx3mm) or tiny 10 Ld (1.8mmx1.4mm) TQFN Package * Pb-Free (RoHS Compliant)
Applications
* Consumer Entertainment Systems * MP3 and other Personal Media Players * Cellular/Mobile Phones * PDA's * Audio Switching and Muting
Related Literature*(see page 14)
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)". * Application Note AN1368 "ISL54406EVAL1Z Evaluation Board User's Manual"
Application Block Diagram
3.3V 0.1F CONTROLLER VDD LOGIC CONTROL SEL1 SEL2 AUDIO CODEC
LOUT CLICK AND POP CIRCUITRY
LIN
ROUT
RIN
ISL54406
GND
July 14, 2010 FN6578.1
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2008, 2010. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL54406
Pin Configurations
ISL54406
(Note 1) ISL54406 (10 Ld 1.8x1.4 TQFN) TOP VIEW
N.C. LIN 6 5 LOGIC CONTROL CLICK AND POP 4 3 1 SEL2 LSHUNT RSHUNT 2 RIN
(10 Ld 3x3 TDFN) TOP VIEW
VDD SEL2 LOUT
1 2 3 4
PD LOGIC CONTROL LSHUNT
10 9 8 CLICK AND POP RSHUNT 7 6
SEL1 N.C. N.C. N.C.
7 8 9
SEL1
GND
ROUT
LIN
VDD 10
ROUT
GND
5
RIN
LOUT
NOTE: 1. ISL54406 Switches Shown for SEL1 = Logic "1" and SEL2 = Logic "1".
Truth Table
ISL54406 SEL2 0 0 1 1 SEL1 0 1 0 1 LIN/ RIN OFF OFF OFF ON LSHUNT/ RSHUNT OFF ON ON OFF CLICK AND POP Inactive Active Inactive Inactive MODE Shutdow n Click and Pop Mute Audio
Pin Descriptions
ISL54406 TDFN 1 2 3 4 5 6 7 8, 9 10 PD TQFN 10 1 2 3 4 5 6 7, 8 9 NAME VDD SEL2 LOUT ROUT GND RIN LIN N.C. SEL1 PD FUNCTION Power Supply Logic Control 2 Audio Left Output Audio Right Output IC Ground Connection Audio Right Input Audio Left Input No Connection Logic Control 1 Thermal Pad. Tie to Ground or Float
SEL1 and SEL2: Logic "0" when 0.5V, Logic "1" when 1.4V
2
FN6578.1 July 14, 2010
ISL54406
Ordering Information
PART NUMBER ISL54406IRUZ-T (Notes 2, 3) ISL54406IRTZ (Note 4) ISL54406IRTZ-T (Notes 2, 4) ISL54406EVAL1Z NOTES: 2. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 5. For Moisture Sensitivity Level (MSL), please see device information page for ISL54406. For more information on MSL please see techbrief TB363. PART MARKING 6 4406 4406 Evaluation Board TEMP. RANGE (C) -40 to +85 -40 to +85 -40 to +85 PACKAGE (Pb-Free) 10 Ld 1.8x1.4 TQFN 10 Ld 3x3 TDFN 10 Ld 3x3 TDFN PKG. DWG. # L10.1.8x1.4A L10.3x3A L10.3x3A
3
FN6578.1 July 14, 2010
ISL54406
Absolute Maximum Ratings
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V Input Voltages LIN, RIN (Note 6). . . . . . . . . . . . . . -2V to ((VDD) + 0.3V) SEL1 (Note 6) . . . . . . . . . . . . . . . -0.3V to ((VDD) + 0.3V) SEL2 (Note 6) . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V) Output Voltages LOUT, ROUT (Note 6) . . . . . . . . . . . -2V to ((VDD) + 0.3V) Continuous Current . . . . . . . . . . . . . . . . . . . . . . 150mA Peak Current (Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . 300mA ESD Rating: Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . >5kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . >300V Charged Device Model . . . . . . . . . . . . . . . . . . . . . >1.5kV Latch-up Tested per JEDEC; Class II Level A . . . . . at +85C
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) 10 Ld TQFN (Note 7, 8) . . . . . . . . 160 105 10 Ld TDFN (Notes 9, 10) . . . . . . . 55 18 Maximum Junction Temperature (Plastic Package). . +150C Maximum Storage Temperature Range. . . . . -65C to +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40C to +85C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 6. Signals on LIN, RIN, LOUT, ROUT, SEL1, and SEL2 exceeding VDD or GND by specified amount are clamped. Limit current to maximum current ratings. 7. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 8. For JC, the "case temp" location is taken at the package top center. 9. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 10. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VSELx_H = 1.4V,
VSELx_L= 0.5V, (Notes 11), Unless Otherwise Specified Boldface limits apply over the operating temperature range, -40C to +85C. TEMP MIN MAX (C) (Notes 12, 13) TYP (Notes 12, 13) UNITS
PARAMETER
TEST CONDITIONS
ANALOG SWITCH CHARACTERISTICS Analog Input Signal Range, VANALOG ON-Resistance, rON VDD = 3.3V, VSEL2 = 1.4V, VSEL1 = 1.4V VDD = 3.0V, VSEL2 = 1.4V, VSEL1 = 1.4V IXOUT = 40mA, VLIN or VRIN = -0.85V to 0.85V, (See Figure 2, Note 16) VDD = 3.0V, VSEL2 = 1.4V, VSEL1 = 1.4V IXOUT = 40mA, VLIN or VRIN = -0.85V to 0.85V, (Notes 14, 16) VDD = 3.0V, VSEL2 = 1.4V, VSEL1 = 1.4V IXOUT = 40mA, VLIN or VRIN = Voltage at max rON over signal range of -0.85V to 0.85V, (Note 15, 16) VDD = 3.6V, VSEL2 = 1.4V, VSEL1= 1.4V , VROUT or VLOUT = -0.85V, 0.85V. Measure current through the discharge pull down resistor and calculate resistance value. VDD = 3.0V, VSEL2 = 0V, VSEL1= 1.4V, VINL or V INR = -0.85V, 0.85V. Measure current through the Click and Pop discharge resistance and calculate resistance value. Full +25 Full +25 Full +25 Full -1.5 2.5 2 0.09 0.25 0.35 1.5 2.8 4.0 V m m
rON Flatness, rFLAT(ON)
rON Matching Between Channels, rON
Discharge Pull-Down Resistance, RL, RR
+25
-
240
-
k
Click and Pop Discharge Resistance
+25
-
35
-
4
FN6578.1 July 14, 2010
ISL54406
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VSELx_H = 1.4V,
VSELx_L= 0.5V, (Notes 11), Unless Otherwise Specified (Continued) Boldface limits apply over the operating temperature range, -40C to +85C. (Continued) TEMP MIN MAX (C) (Notes 12, 13) TYP (Notes 12, 13) UNITS
PARAMETER DYNAMIC CHARACTERISTICS Turn-ON Time, tON Turn-OFF Time, tOFF OFF-Isolation, Mute Mode
TEST CONDITIONS
VDD = 2.7V, VSEL1= 2.7V, RL = 50, CL = 10pF, (See Figure 1) VDD = 2.7V, VSEL1= 2.7V, RL = 50, CL = 10pF, (See Figure 1) VDD = 3.0V, VSEL2 = 0V, VSEL1= 3.0V, VLIN or VRIN = 0.707VRMS, RL = 32, f = 20Hz to 20kHz, (See Figure 3). VDD = 3.0V, VSEL2 = 0V, VSEL1= 3.0V, VLIN or VRIN = 0.707VRMS, RL = 20k, f = 20Hz to 20kHz, (See Figure 3).
+25 +25 +25
-
5 45 110
-
s ns dB
+25
-
110
-
dB
Crosstalk RIN to LOUT, LIN to ROUT
VDD = 3.0V, VSEL2 = 3.0V, VSEL1= 3.0V, RL = 32, f = 20Hz to 20kHz, VLIN or VRIN = 0.707VRMS (2VP-P), (See Figure 4) VDD = 3.0V, f = 20Hz to 20kHz, VSEL2 = 3.0V, VSEL1 = 3.0V, VLIN or VRIN = 0.36VRMS (1VP-P), RL = 32 VDD = 3.0V, f = 20Hz to 20kHz, VSEL2 = 3.0V, VSEL1 = 3.0V, VLIN or VRIN = 0.707VRMS (2VP-P), RL = 32
+25
-
-90
-
dB
Total Harmonic Distortion
+25
-
0.03
-
%
+25
-
0.06
-
%
Click and Pop Reduction (Note 17)
VDD = 3.0V, VSEL1= 3.0V, VSEL2 = 0V to 3.0V DC step, RL = 20k, VINL or VINR = 0VDC to 1.5VDC step (see Figure 6) VDD = 3.0V, VSEL1= 3.0V, VSEL2 = 0V to 3.0V DC step, RL = 32, VINL or VINR = 0VDC to 1.5VDC step (see Figure 6)
+25
-
>60
-
dB
+25
-
>70
-
dB
POWER SUPPLY CHARACTERISTICS Power Supply Range, VDD Positive Supply Current, IDD VDD = 3.6V, VSEL2 = 1.4V, VSEL1 = 1.4V Full +25 Full Shutdown Current, ISHDN VDD = 3.6V, VSEL2 = Float, VSEL1 = Float 25 2.7 7 3.6 10 15 50 V A A nA
DIGITAL INPUT CHARACTERISTICS SELx Voltage Low, VSELx_L SELx Voltage High, VSELx_H Input Low Current, ISEL2L, ISEL1L VDD = 2.7V to 3.6V VDD = 2.7V to 3.6V VDD = 3.6V, VSEL2 = 0V or Float, VSEL1 = 0V or Float Full Full Full 1.4 -20 2 0.5 20 V V nA
5
FN6578.1 July 14, 2010
ISL54406
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VSELx_H = 1.4V,
VSELx_L= 0.5V, (Notes 11), Unless Otherwise Specified (Continued) Boldface limits apply over the operating temperature range, -40C to +85C. (Continued) TEMP MIN MAX (C) (Notes 12, 13) TYP (Notes 12, 13) UNITS Full Full Full -2 1 4 4 2 A M M
PARAMETER Input High Current, ISEL2H, ISEL1H SEL1 Pull-Down Resistor, RSEL1 SEL2 Pull-Down Resistor, RSEL2 NOTES:
TEST CONDITIONS VDD = 3.6V, VSEL2 = 3.6V, VSEL1 = 3.6V VDD = 3.6V, VSEL2 = 3.6V, VSEL1 = 0V VDD = 3.6V, VSEL2 = 0V, VSEL1 = 3.6V
11. VSELx = Input voltage to perform proper function. 12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 13. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 14. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range. 15. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON value. 16. Limits established by characterization and are not production tested. 17. Click and Pop Reduction specifications are limited by test equipment.
Test Circuits and Waveforms
VDD VSEL2H LOGIC INPUT VSEL2L 50% tOFF SWITCH INPUT VINPUT 90% SWITCH OUTPUT 0V tON VOUT 90% tr < 20ns tf < 20ns VLIN/RIN SWITCH INPUT IN OUT SEL2 VSEL2 GND RL 50 CL 10pF 0.1F
SEL1 VLOUT/ROUT
Repeat test for all switches. CL includes fixture and stray capacitance. RL ----------------------V OUT = V (INPUT) R + r L ON FIGURE 1B. TEST CIRCUIT
FIGURE 1A. MEASUREMENT POINTS FIGURE 1. SWITCHING TIMES
6
FN6578.1 July 14, 2010
ISL54406
Test Circuits and Waveforms (Continued)
VDD Repeat test for all switches. rON = V1/40mA SEL1 LIN OR RIN VIN SEL1 V1 40mA LOUT OR ROUT GND SEL2 0V OR FLOAT GND SIGNAL GENERATOR VDD RL 0.1F VDD 0.1F
SEL2 LIN OR RIN
LOUT OR ROUT ANALYZER
FIGURE 2. rON TEST CIRCUIT
VDD
FIGURE 3. OFF ISOLATION CIRCUIT
0.1F
SEL1 SIGNAL GENERATOR LIN OR RIN LOUT OR ROUT 32
SEL2 VDD ROUT OR LOUT
RIN OR LIN 0 GND
ANALYZER
RL
FIGURE 4. CROSSTALK TEST CIRCUIT
3.0V 0.1F 0VDC TO 3VDC STEP 1Hz
SEL1 SEL2
LOUT ROUT
VDD 220F
CLICK AND POP
LIN RIN
VINL
VINR
20k 32 GND
220F
0V TO 1.5V DC STEP OR 1.5V TO 0V DC STEP 1Hz
SEL2 Waveform: Rising Edge @ 100ms after 0V to 1.5V DC Step Falling Edge @ 100ms before 1.5V to 0V DC Step *See Figures 18 and 19
FIGURE 5. CLICK AND POP TEST CIRCUIT #1
7
FN6578.1 July 14, 2010
ISL54406
Test Circuits and Waveforms (Continued)
FLOAT FLOAT 0V TO 3.0V DC STEP OR 3.0V TO 0V DC STEP 1Hz LIN
CLICK AND POP
SEL1 SEL2 LOUT ROUT 20k 20k GND
VDD 220F
RIN 220F 1.5V
Power Supply Turn-On/Turn-Off Click and Pop Transient Test *See Figure 17
FIGURE 6. CLICK AND POP TEST CIRCUIT #2
8
FN6578.1 July 14, 2010
ISL54406
Application Block Diagram
3.3V 0.1F
VDD LOGIC CONTROL LSHUNT LEFT SPEAKER LOUT 220k ROUT 220k 6 RSHUNT GND 6 4M
SEL1 SEL2 4M LIN CLICK AND POP CIRCUITRY RIN 220F AUDIO CODEC CONTROLLER
RIGHT SPEAKER
220F
ISL54406
Detailed Description
The ISL54406 device is a dual single pole-single throw (SPST) analog switch that operates from a single DC power supply in the range of +2.7V to +5V. It was designed to function as a transient suppressor to eliminate Click and Pop noise on headphones. It comes in a 10 Ld (3mmx3mm) TDFN or a tiny 10 Ld (1.8mmx1.4mm) TQFN package for use in MP3 players, PDAs, cellphones, and other personal media players. The part consist of a pair of 2.5 audio switches. The audio switches can accept signals that swing below ground by as much as -1.5V. They were designed to pass audio left and right stereo signals that are ground referenced with minimal distortion. The ISL54406 was specifically designed for MP3 players, personal media players and cellphone applications that require but do not have Click and Pop elimination. See "Application Block Diagram" on page 9. The ISL54406 contains logic control pins SEL1 and SEL2 that will determine the state of the switch. See the "Truth Table" on page 2 for a description of each state. A detailed description of the audio switches are provided in the section that follows.
headphone speaker load. See Figures 10, 11, 12 and 13 for THD+N performance curves. The audio drivers should be connected at the LIN and RIN side of the switch and the speaker loads should be connected at the LOUT and ROUT side of the switch for proper Click and Pop elimination. The switches have Click and Pop circuitry on the LIN and RIN side that is activated when the SEL1 pin is driven High and SEL2 pin is driven Low. The audio switches are turned OFF in this state. The ISL54406 should be put in this mode before powering down or powering up of the audio source drivers. The high off-isolation of the audio switches along with the Click and Pop circuitry will prevent the transients generated during power-up and power-down of the audio source from getting through to the headphones, thus eliminating Click and Pop noise in the headphones. The audio switches are turned ON and the Click and Pop circuitry disabled whenever SEL1 and SEL2 is driven High.
ISL54406 Operation
The discussion that follows will describe using the ISL54406 in the "Application Block Diagram" on page 9. LOGIC CONTROL The state of the ISL54406 device is determined by the logic level at the SEL1 and SEL2 pins. The part has four states or modes of operation. The Audio Playback Mode, Audio Mute Mode, Click and Pop Mode, and Shutdown Mode. Refer to "Truth Table" on page 2 for the logic state of each mode of operation. The SEL1 and SEL2 pins are internally pulled low through 4M resistors to ground and can be left floating to pull the logic pins Low. Logic Control Voltage Levels: SEL1 and SEL2 = Logic "0" (Low) when 0.5V or Floating. SEL1 and SEL2 = Logic "1" (High) when 1.4V
Audio Switches
The two 2.5 audio switches (L, R) are designed to pass signals that swing 1.5V above and below ground. Crosstalk between the audio switches is -90dB over the audio band. These switches have excellent off-isolation of 110dB over the audio bandwidth with a 32 load. Over a signal range of 1V (0.707VRMS) with VDD > 2.7V, these switches have an extremely low rON resistance variation (0.03). They can pass ground referenced audio signals with very low distortion (<0.04% THD+N) when delivering 4mW into a 32
9
FN6578.1 July 14, 2010
ISL54406
Audio Playback Mode If the SEL1 and SEL2 pins are Logic "1", the device will be in the Audio Playback mode. In Audio Playback mode the LIN (left) and RIN (right) 2.5 audio switches are connected to LOUT and ROUT respectively, and the audio Click and Pop circuitry is inactive (high impedance). When headphones are connected to the LOUT and ROUT outputs of the ISL54406, the audio source drives the headphones with low distortion audio. Audio Mute Mode If SEL1 is Logic "0" and SEL2 is Logic "1", the device will be in the Audio Mute Mode. In Audio Mute Mode the audio switches are OFF (high impedance), the audio Click and Pop shunt circuitry is OFF (high impedance), and the LOUT and ROUT pins are shorted through 6 resistors to ground. Off Isolation performance in Audio Mute Mode gives a 110 dB signal reduction across a 32 load when driving with a 0.707VRMS signal at the switch input. Click and Pop Mode Note: Click and Pop Mode should not be used for audio muting applications. In Click and Pop Mode, a low impedance (35) path to ground at the LIN/RIN inputs will degrade Off Isolation performance (see Figure 14). If SEL1 is Logic "1" and SEL2 is Logic "0", the device will go into Click and Pop Mode. This mode is optimal when powering up or down the audio sources. In Click and Pop Mode the audio in-line 2.5 switches are OFF (high impedance). The LOUT and ROUT pins are shorted through 6 resistors to ground and the LIN and RIN are shunted through 35 resistors to ground (Click and Pop circuitry is active). Before powering down or powering up of the audio source drivers, the ISL54406 should be put in the Click and Pop Mode. In Click and Pop Mode, transients generated at the LIN and RIN pins due to a DC step voltage at the audio drivers will not pass through the ISL54406 audio switches, preventing Click and Pop noise to the load. Shutdown Mode If SEL1 and SEL2 pins are Logic "0", the device will enter a low powered Shutdown (SHDN) Mode. In SHDN, the audio switches are OFF, the 6 path is high impedance, the Click and Pop circuitry is inactive, and the device will draw a typical supply current of 5nA. Note: When the logic inputs are floated, the ISL54406 will automatically be placed in SHDN mode due to the internal 4M pull down resistors on the logic pins. Note: In Shutdown Mode, the Off-Isolation of the audio switch degrades in performance compared to Audio Mute Mode. In SHDN, the negative charge pumps that permit the signal to swing below ground are turned off to reduce power consumption, thus any negative signal swing at the LIN and RIN will appear at the LOUT and ROUT pins. The device should not be placed into SHDN when the source is still active or for high Off-Isolation performance. CLICK AND POP OPERATION Single supply audio sources are biased at a DC offset that generates transients during power on/off of the source. This DC transient is coupled into the load through a blocking capacitor (see "Application Block Diagram" on page 9). When the source is off and suddenly turned on with a DC offset, the capacitor will develop a voltage across it that is equal to the DC offset. If the switch is in Audio mode when this occurs, a transient discharge will occur in the speaker, generating a Click and Pop noise. Proper elimination of Click and Pop transients requires that the ISL54406 be placed in Click and Pop Mode before the audio source is turned on or off. This allows any transients generated by the source to be discharged through the Click and Pop circuitry first. With a typical DC blocking capacitor of 220F and the Click and Pop circuitry designed to have a resistance of 35, allowing a 100ms dead-time for discharging a transient before placing the switch in Audio mode will eliminate the DC transient generated by the blocking capacitor. Note: The ISL54406 should not be brought into Audio Playback Mode directly from Shutdown Mode and vice versa. A DC transient may occur at the LOUT/ROUT pins when brought from Shutdown directly to Audio Playback mode. The recommended procedure is to place the ISL54406 into Mute mode for at least 100ms when entering or leaving Audio Playback mode.
Power supply considerations
The power supply connected at VDD and GND provides power to the ISL54406 part. In a typical application VDD will be in the range of +2.7V to +5.0V and will be connected to the battery or LDO of the MP3 player or cellphone. A 0.1F local decoupling capacitor should be placed near the VDD pin of the IC to eliminate power supply transients. Before power-up and power-down of the ISL54406 part, the SEL1 and SEL2 logic control pins should be driven to Logic "0" or left floating. In a high impedance state, 4M internal pull down resistors on the SEL1 and SEL2 pins will set the ISL54406 logic pins to "0". This will put the switch in the SHDN state which turns all switches OFF and deactivates the Click and Pop circuitry which will minimize power supply currents and increase battery life.
10
FN6578.1 July 14, 2010
ISL54406
Typical Performance Curves
2.61
TA = +25C, Unless Otherwise Specified
4.0 3.8 3.6 3.4 3.2 rON () 3.0 2.8 2.6 2.4 2.2 +25C +85C IOUT = 40mA VDD = 3.0V
IOUT = 40mA 2.60 VDD = 2.7 VDD = 3.0 rON () 2.59 VDD = 3.3 2.58
2.57
VDD = 3.6
2.0 1.8 -40C 1.6 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 1.2 VOUT (V)
2.56 -1.0 -0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1.0
VOUT (V)
FIGURE 7. ON-RESISTANCE vs SWITCH VOLTAGE vs SUPPLY VOLTAGE
0.068 RLOAD = 32 VLOAD = 0.707VRMS VDD = 3.0V 0.064 THD+N (%) VDD = 3.3V
FIGURE 8. ON-RESISTANCE vs SWITCH VOLTAGE vs TEMPERATURE
0.10 1.06VRMS 0.884VRMS 0.08 0.707VRMS THD+N (%) 0.06
0.066
VDD = 2.7V 0.062 VDD = 3.6V
0.04
0.060
0.354VRMS
0.058
0.02
0.056
RLOAD = 32 VDD = 3V RMS VOLTAGES AT LOAD 200 2k FREQUENCY (Hz) 20k
20
200 2k FREQUENCY (Hz)
20k
20
FIGURE 9. THD+N vs SUPPLY VOLTAGE vs FREQUENCY
FIGURE 10. THD+N vs SIGNAL LEVELS vs FREQUENCY
0.20 0.10 0.08 THD+N (%) 0.04
RLOAD = 32 FREQUENCY = 1kHz VDD = 3V
0.10 0.08 THD+N (%) 0.06 0.04 0.03 0.02
RLOAD = 32 FREQUENCY = 1kHz VDD = 3V
0.06
0.02 0.01
0.01 0.003 0.12 0.23 0.35 0.47 0.58 0.70 0.82 0.93 1.05 1.16 OUTPUT VOLTAGE (VRMS) 0.008 1 2 3 4 5 6 7 8 9 10 20 30
OUTPUT POWER (mW)
FIGURE 11. THD+N vs OUTPUT VOLTAGE
FIGURE 12. THD+N vs OUTPUT POWER
11
FN6578.1 July 14, 2010
ISL54406
Typical Performance Curves
0
TA = +25C, Unless Otherwise Specified (Continued)
-40 CLICK AND POP MODE
-0.5 GAIN (dB)
NORMALIZED GAIN (dB)
-60
-80
-1.0
-100 MUTE MODE -120
-1.5 VDD = 3V RL = 32 VIN = 0.707 VRMS 100 200 500 1k 2k 10k 20k
-140
-2.0 20
RL = 32 VIN = 0.2VP-P TO 2VP-P 20 500 1k 2k 100 200 FREQUENCY (Hz) 5k 10k 20k
-160
FREQUENCY (Hz)
FIGURE 13. INSERTION LOSS
FIGURE 14. OFF-ISOLATION
-40 1V/DIV -60 NORMALIZED GAIN (dB) VDD
-100
VOLTAGE (V)
-80
-120
VIN = 1.5V SEL1 = SEL2 = 0V VOUT
-140
RL = 32 VIN = 0.2VP-P TO 2VP-P 100 200 500 1k 2k 5k 10k 20k
-160 20
TIME (s) 200ms/DIV
FREQUENCY (Hz)
FIGURE 15. CROSSTALK
FIGURE 16. POWER-UP/POWER-DOWN CLICK AND POP TRANSIENT
12
FN6578.1 July 14, 2010
ISL54406
Typical Performance Curves
SEL2 2V/DIV VINL VOLTAGE (V)
TA = +25C, Unless Otherwise Specified (Continued)
SEL2 2V/DIV VINR VOLTAGE (V)
VLIN 200mV/DIV
VRIN 200mV/DIV
VLOUT 200mV/DIV
VROUT 200mV/DIV
TIME (s) 100ms/DIV
TIME (s) 100ms/DIV
FIGURE 17. 20k CLICK AND POP REDUCTION
FIGURE 18. 32 CLICK AND POP REDUCTION
Die Characteristics
SUBSTRATE AND TDFN THERMAL PAD POTENTIAL (POWERED UP): GND TRANSISTOR COUNT: 98 PROCESS: Submicron CMOS
13
FN6578.1 July 14, 2010
ISL54406
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have the latest Rev. DATE 06/4/10 REVISION FN6578.1 CHANGE On page 3, added evaluation board part number to "Ordering Information" table. On page 4 in "Thermal Information", changed TQFN theta JC value from 62 to 105. Added Notes 7 and 8 to reference uTQFN package. On page 5, changed "Shutdown Current, ISHDN" limit from 5nA to 50nA. Converted to new Intersil template. Changes include: Added Note 5 to "Ordering Information" on page 3. "Pin Descriptions" on page 2, updated to show the thermal pad. "Absolute Maximum Ratings" on page 4, added latch-up level. Added boldface limits text in conditions of Spec Table and bolded Min and Max over-temp Limits Updated Over-temp Note to meet standard verbiage Added "Products" on page 14. Added "Revision History" on page 14. Initial Release
5/28/08
FN6578.0
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks. Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a complete list of Intersil product families. *For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page on intersil.com: ISL54406 To report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff FITs are available from our website at http://rel.intersil.com/reports/search.php
For additional products, see www.intersil.com/product_tree Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 14
FN6578.1 July 14, 2010
ISL54406 L10.1.8x1.4A
10 LEAD ULTRA THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 5, 3/10
1.80 B 1 10 0.50 A 6 PIN #1 ID 1 2 3
9 X 0.40 10X 0.20 4 0.10 M C A B 0.05 M C
1.40
6 PIN 1 INDEX AREA
0.70 8 0.10 2X TOP VIEW 7 6X 0.40 BOTTOM VIEW 6 5 4X 0.30
SEE DETAIL "X" 0.10 C MAX. 0.55 (9 X 0.60) 1 (10X 0.20) 3 10 (0.70) SIDE VIEW SEATING PLANE 0.08 C C
(4X 0.30)
8 5 6 7 (6X 0.40) TYPICAL RECOMMENDED LAND PATTERN
(0.70) C 0 .1 27 REF
PACKAGE OUTLINE
0-0.05 DETAIL "X"
NOTES: 1. 2. 3. 4. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. Dimensioning and tolerancing conform to ASME Y14.5m-1994. Unless otherwise specified, tolerance : Decimal 0.05 Dimension applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. 6. JEDEC reference MO-255. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
15
FN6578.1 July 14, 2010
ISL54406 Thin Dual Flat No-Lead Plastic Package (TDFN)
2X A 0.10 C A D 2X 0.10 C B
L10.3x3A
10 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE MILLIMETERS SYMBOL A
E
MIN 0.70 -
NOMINAL 0.75 0.20 REF
MAX 0.80 0.05
NOTES -
A1 A3 b D
6 INDEX AREA TOP VIEW B
0.20 2.95 2.25 2.95 1.45
0.25 3.0 2.30 3.0 1.50 0.50 BSC
0.30 3.05 2.35 3.05 1.55
5, 8 7, 8 7, 8 -
D2 E
// 0.10 C 0.08 C
E2 e k L N
A C SEATING PLANE SIDE VIEW A3
0.25 0.25
0.30 10 5
0.35
8 2 3 Rev. 4 8/09
D2 (DATUM B) 6 INDEX AREA (DATUM A) 1 2 D2/2
7
8
Nd NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
NX k E2 E2/2
2. N is the number of terminals. 3. Nd refers to the number of terminals on D. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
NX L N 8 N-1 NX b 5 0.10 M C A B
e (Nd-1)Xe REF. BOTTOM VIEW C L
7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Compliant to JEDEC MO-229-WEED-3 except for D2 dimensions.
NX (b) 5
(A1) L1 e CC TERMINAL TIP 9L
( 2.30 ) ( 2.00 )
SECTION "C-C"
FOR ODD TERMINAL/SIDE
( 10X 0.50) (1.50) ( 2.90 )
Pin 1 (8x 0.50) ( 10X 0.25)
TYPICAL RECOMMENDED LAND PATTERN
16
FN6578.1 July 14, 2010


▲Up To Search▲   

 
Price & Availability of ISL54406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X