|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules 2.5 V 184-pin Unbuffered DDR-I SDRAM Modules 128MByte, 256 MByte & 512 MByte Modules PC1600, PC2100, PC2700 Preliminary Datasheet revision 0.94 * 184-pin Unbuffered 8-Byte Dual-In-Line DDR-I SDRAM non-parity and ECC-Modules for PC and Server main memory applications * One bank 16M x 64, 32M x 64, 32M x 72 and two bank 64M x 64, 64M x 72 organization * JEDEC standard Double Data Rate Synchronous DRAMs (DDR-I SDRAM) Single + 2.5 V ( 0.2 V) power supply * Built with 256 Mbit DDR-I SDRAMs in 66Lead TSOPII package * Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave) * Performance: -6 Component Speed Grade Module Speed Grade fCK fCK * Auto Refresh (CBR) and Self Refresh * All inputs and outputs SSTL_2 compatible * Serial Presence Detect with E2PROM * Jedec standard MO-206 form factor: 133.35 mm x 31.75 mm x 4.00 mm max. * Jedec standard reference layout * Gold plated contacts -7/-7F PC2100 143 133 -8 PC1600 125 100 Unit DDR333B DDR266A/F DDR200 PC2700 166 133 MHz MHz Clock Frequency (max.) @ CL = 2.5 Clock Frequency (max.) @ CL = 2 The HYS64/72D32000GU and HYS64/72D64020GU are industry standard 184-pin 8-byte Dual inline Memory Modules (DIMMs) organized as 32M x 64 and 64M x 64 for non-parity and 32M x 72 and 64M x 72 for ECC main memory applications. The memory array is designed with 256Mbit Double Data Rate Synchronous DRAMs. A variety of decoupling capacitors are mounted on the PC board. The DIMMs feature serial presence detect based on a serial E2PROM device using the 2-pin I2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are available to the customer. INFINEON Technologies 1 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Ordering Information Type PC2700 (CL=2): HYS64D16301GU-6-B HYS64D32300GU-6-B HYS72D32300GU-6-B HYS64D64320GU-6-B HYS72D64320GU-6-B PC2100 (CL=2): HYS64D16301GU-7-B HYS64D32000GU-7-B HYS72D32000GU-7F-B HYS72D32000GU-7-B HYS64D64020GU-7-B HYS72D64020GU-7F-B HYS72D64020GU-7-B PC1600 (CL=2): HYS64D16301GU-8-B HYS64D32000GU-8-B HYS72D32000GU-8-B HYS64D64020GU-8-B HYS72D64020GU-8-B Note: PC2100-20330-C0 PC1600-20220-A1 PC1600-20220-A1 PC1600-20220-B1 PC1600-20220-B1 one bank 128 MB DIMM one bank 256 MB DIMM one bank 256 MB ECC-DIMM two banks 512 MB DIMM two banks 512 MB ECC-DIMM 256 MBit 256 MBit 256 Mbit 256 MBit 256 MBit PC2100-20330-C0 PC2100-20330-A1 PC2100-20220-A1 PC2100-20330-A1 PC2100-20330-B1 PC2100-20220-B1 PC2100-20330-B1 one bank 128 MB DIMM one bank 256 MB DIMM one bank 256 MB ECC-DIMM one bank 256 MB ECC-DIMM two banks 512 MB DIMM two banks 512 MB ECC-DIMM two banks 512 MB ECC-DIMM 256 MBit 256 MBit 256 Mbit 256 Mbit 256 MBit 256 MBit 256 MBit PC2700-20330-C0 PC2700-20330-A0 PC2700-20330-A0 PC2700-20330-B0 PC2700-20330-B0 one bank 128 MB DIMM one bank 256 MB DIMM one bank 256 MB ECC-DIMM two banks 512 MB DIMM two banks 512 MB ECC-DIMM 256 MBit 256 MBit 256 Mbit 256 MBit 256 MBit Compliance Code Description SDRAM Technology All part numbers end with a place code, designating the silicon-die revision. Reference information available on request. Example: HYS 72D32000GU-8-B, indicating Rev.B dies are used for the SDRAM components. The Compliance Code is printed on the module labels and describes the speed sort fe. "PC2100", the latencies (f.e. "20330" means CAS latency = 2, trcd latency = 3 and trp latency =3 ) and the Raw Card used for this module. INFINEON Technologies 2 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Pin Definitions and Functions A0 - A12 BA0, BA1 DQ0 - DQ63 CB0 - CB7 RAS CAS WE CKE0 - CKE1 DQS0 - DQS8 CLK0 - CLK2, CLK0 - CLK2 DM0 - DM8 DQS9 - DQS17 Address Inputs Bank Selects Data Input/Output Check Bits (x72 organization only) Row Address Strobe Column Address Strobe Read/Write Input Clock Enable SDRAM low data strobes SDRAM clock (positive lines) SDRAM clock (negative lines) SDRAM low data mask/ high data strobes S0, S1 VDD VSS VDDQ VDDID VREF VDDSPD SCL SDA SA0 - SA2 NC Chip Selects Power (+ 2.5 V) Ground I/O Driver power supply VDD Indentification flag I/O reference supply Serial EEPROM power supply Serial bus clock Serial bus data line slave address select no connect note: S1 and CKE1 are used on two bank modules only Address Format Density 256 MB 256 MB 512 MB 512 MB Organization 32M x 64 32M x 72 64M x 64 64M x 72 Memory Banks 1 1 2 2 SDRAMs 32M x 8 32M x 8 32M x 8 32M x 8 # of SDRAMs 8 9 16 18 # of row/bank/ columns bits 13/2/10 13/2/10 13/2/10 13/2/10 Refresh 8k 8k 8k 8k Period 64 ms 64 ms 64 ms 64 ms Interval 7.8 s 7.8 s 7.8 s 7.8 s INFINEON Technologies 3 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Pin Configuration PIN# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 Frontside Symbol VREF DQ0 VSS DQ1 DQS0 DQ2 VDD DQ3 NC NC VSS DQ8 DQ9 DQS1 VDDQ CLK1 CLK1 VSS DQ10 DQ11 CKE0 VDDQ DQ16 DQ17 DQS2 VSS A9 DQ18 A7 VDDQ DQ19 A5 DQ24 VSS DQ25 DQS3 A4 VDD DQ26 DQ27 A2 VSS A1 NC / CB0 NC / CB1 VDD NC / DQS8 PIN# 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 Frontside Symbol A0 NC / CB2 VSS NC / CB3 BA1 KEY DQ32 VDDQ DQ33 DQS4 DQ34 VSS BA0 DQ35 DQ40 VDDQ WE DQ41 CAS VSS DQS5 DQ42 DQ43 VDD NC DQ48 DQ49 VSS CLK2 CLK2 VDDQ DQS6 DQ50 DQ51 VSS VDDID DQ56 DQ57 VDD DQS7 DQ58 DQ59 VSS NC SDA SCL PIN# 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 Backside Symbol VSS DQ4 DQ5 VDDQ DM0/DQS9 DQ6 DQ7 VSS NC NC NC VDDQ DQ12 DQ13 DM1/DQS10 VDD DQ14 DQ15 CKE1 VDDQ NC (BA2) DQ20 NC / A12 VSS DQ21 A11 DM2/DQS11 VDD DQ22 A8 DQ23 VSS A6 DQ28 DQ29 VDDQ DM3/DQS12 A3 DQ30 VSS DQ31 NC / CB4 NC / CB5 VDDQ CK0 CK0 VSS PIN# 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 Backside Symbol NC / DM8/DQS17 A10 NC / CB6 VDDQ NC / CB7 KEY VSS DQ36 DQ37 VDD DM4/DQS13 DQ38 DQ39 VSS DQ44 RAS DQ45 VDDQ S0 S1 DM5/DQS14 VSS DQ46 DQ47 NC VDDQ DQ52 DQ53 NC (A13) VDD DM6/DQS15 DQ54 DQ55 VDDQ NC DQ60 DQ61 VSS DM7/DQS16 DQ62 DQ63 VDDQ SA0 SA1 SA2 VDDSPD Note: Pins 44, 45, 47, 49, 51, 134, 135, 140 and 144 are NC ("no-connects") on x64 organised non-ECC modules. INFINEON Technologies 4 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules CS 0 CS DQS0 DM0 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQS1 DM1 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 DM5 D0 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DQS4 DM4 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DQS5 LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 CS D2 DQS2 DM2 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQS3 DM3 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 CS DQS6 DM6 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DQS7 DM7 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 CS D1 D3 Unless otherwise noted, resistor values are 22 Ohm with +/- 5% tolerance Serial Presence Detect (SPD) BA0-BA1 A0-AN RAS CAS WE CKE0 CKE1 SDRAMS D0-D3 SDRAMS D0-D3 SDRAMS D0-D3 SDRAMS D0-D3 SDRAMS D0-D3 SDRAMS D0-D3 N.C. CK0 CK 0 V DD SPD V REF V DD V SS V DD ID SPD SDRAMS D0-D3 CK1 CK 1 Note: DQ wiring may differ from that described in this drawing; however DQ/DM/DQS relationships are maintained as shown. V DD ID strap connections: Strap out (open): VDD = VDDQ 2 loads SCL SA0 SA1 SA2 A0 A1 A2 WP SDA 2 loads SDRAMS D0-D3 V DD and V DD Q SDRAMS D0-D3, SPD Block Diagram: One Bank 16M x 64 DDR-I SDRAM DIMM Module HYS64D32001GU using x16 organized SDRAMs INFINEON Technologies 5 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules DQS0 DM0/DQS9 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 S0 DQS4 DM4/DQS13 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D0 DQS DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D4 DQS DQS1 DM1/DQS10 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D1 DQS DQS5 DM5/DQS14 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D5 DQS DQS2 DM2/DQS11 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D2 DQS DQS6 DM6/DQS15 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D6 DQS DQS3 DM3/DQS12 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D3 DQS DQS7 DM7/DQS16 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D7 DQS * Clock Wiring Serial PD SDA SCL A0 SA0 BA0 - BA1 A0 -A11, A12 VDD, VDDQ VREF VSS VDDID BA0, BA1: SDRAMs D0 - D7 A0 - A11,A12: SDRAMs D0 - D7 RAS D0 - D7 D0 - D7 D0 - D7 CAS CKE0 WE RAS: SDRAMs D0 - D7 CAS: SDRAMs D0 - D7 CKE: SDRAMs D0 - D7 WE : SDRAMs D0 - D7 A1 SA1 A2 SA2 Clock Input *CK0/CK0 *CK1/CK1 *CK2/CK2 SDRAMs 2 SDRAMs 3 SDRAMs 3 SDRAMs * Wire per Clock Loading Table/W iring Diagrams Notes: 1. DQ-to-I/O wiring is shown as recommended but may be changed. 2. DQ/DQS/DM/CKE/S relationships must be maintained as shown. 3. DQ, DQS, DM/DQS resistors: 22 Ohms. 4. VDDID strap connections (for memory device VDD, VDDQ): STRAP OUT (OPEN): VDD = VDDQ Block Diagram: One Bank 32M x 64 DDR-I SDRAM DIMM Module HYS64D32000GU using x8 organized SDRAMs INFINEON Technologies 6 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules S1 S0 DQS0 DM0/DQS9 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D0 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS DQS D8 DQS4 DM4/DQS13 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D4 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D12 DQS DQS1 DM1/DQS10 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS DQS D1 DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS DQS D9 DQS5 DM5/DQS14 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D5 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D13 DQS DQS2 DM2/DQS11 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D2 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D10 DQS DQS6 DM6/DQS15 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D6 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D14 DQS DQS3 DM3/DQS12 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D3 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D11 DQS DQS7 DM7/DQS16 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D7 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS DQS D15 * Clock Wiring BA0, BA1 A0 - A12 VDD, VDDQ VREF VSS VDDID BA0, BA1: SDRAMs D0, D15 A0 - A12: SDRAMs D0 - D15 SDA D0 - D15 D0 - D15 SA0 D0 - D15 SA1 SA2 SCL A0 A1 A2 Serial PD Clock Input *CK0/CK0 *CK1/CK1 *CK2/CK2 SDRAMs 4 SDRAMs 6 SDRAMs 6 SDRAMs * W ire per Clock Loading Table/Wiring Diagrams CKE1 RAS CAS CKE0 WE CKE: SDRAMs D8 - D15 RAS: SDRAMs D0 - D15 CAS: SDRAMs D0 - D15 CKE: SDRAMs D0 - D7 WE: SDRAMs D0 - D15 Notes: 1. DQ-to-I/O wiring is shown as recommended but may be changed. 2. DQ/DQS/DM/CKE/S relationships must be maintained as shown. 3. DQ, DQS, DM/DQS resistors: 22 Ohms. 4. VDDID strap connections (for memory device VDD, VDDQ): STRAP OUT (OPEN): VDD = VDDQ Block Diagram: Two Bank 64M x 64 DDR-I SDRAM DIMM Modules HYS64D64020GU using x8 Organized SDRAMs INFINEON Technologies 7 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules DQS0 DM0/DQS9 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 S0 DQS4 DM4/DQS13 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D0 DQS DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D4 DQS DQS1 DM1/DQS10 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS DQS D1 DQS5 DM5/DQS14 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D5 DQS DQS2 DM2/DQS11 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D2 DQS DQS6 DM6/DQS15 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D6 DQS DQS3 DM3/DQS12 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D3 DQS DQS7 DM7/DQS16 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D7 DQS DQS8 DM8/DQS17 CB0 CB1 CB2 CB3 CB4 CB5 CB6 CB7 BA0, BA1 A0 - A11,A12 VDD, VDDQ VREF VSS VDDID DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D8 SCL A0 SA0 A1 SA1 A2 SA2 DQS Serial PD SDA BA0, BA1: SDRAMs D0 - D8 A0 - A11, A12: SDRAMs D0 - D8 RAS D0 - D8 D0 - D8 D0 - D8 CAS CKE0 WE RAS: SDRAMs D0 - D8 CAS: SDRAMs D0 - D8 CKE: SDRAMs D0 - D8 WE: SDRAMs D0 - D8 * Clock Wiring Clock Input *CK0/CK0 *CK1/CK1 *CK2/CK2 SDRAMs 3 SDRAMs 3 SDRAMs 3 SDRAMs * Wire per Clock Loading Table/Wiring Diagrams Notes: 1. DQ-to-I/O wiring is shown as recommended but may be changed. 2. DQ/DQS/DM/CKE/S relationships must be maintained as shown. 3. DQ, DQS, DM/DQS resistors: 22 Ohms. 4. VDDID strap connections (for memory device VDD, VDDQ): STRAP OUT (OPEN): VDD = VDDQ Block Diagram: One Bank 32M x 72 DDR-I SDRAM DIMM Module HYS72D32000GU using x8 organized SDRAMs INFINEON Technologies 8 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules S1 S0 DQS0 DM0/DQS9 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D0 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS DQS D9 DQS4 DM4/DQS13 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D4 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D13 DQS DQS1 DM1/DQS10 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D1 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS DQS D10 DQS5 DM5/DQS14 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D5 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D14 DQS DQS2 DM2/DQS11 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D2 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D11 DQS DQS6 DM6/DQS15 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D6 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D15 DQS DQS3 DM3/DQS12 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D3 DQS DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS D12 DQS DQS7 DM7/DQS16 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS DQS D7 DM I/O 0 I/O 1 I/O 6 I/O 7 I/O 2 I/O 3 I/O 4 I/O 5 CS DQS D16 DQS8 DM8/DQS17 CB0 CB1 CB2 CB3 CB4 CB5 CB6 CB7 DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D8 DQS DM I/O 7 I/O 6 I/O 1 I/O 0 I/O 5 I/O 4 I/O 3 I/O 2 CS D17 DQS * Clock Wiring BA0, BA1 A0 - A12 BA0, BA1: SDRAMs D0 - D17 A0 - A12: SDRAMs D0 - D17 SDA VDD, VDDQ VREF VSS VDDID D0 - D17 D0 - D17 D0 - D17 SCL A0 SA0 A1 SA1 A2 SA2 Serial PD Clock Input *CK0/CK0 *CK1/CK1 *CK2/CK2 SDRAMs 6 SDRAMs 6 SDRAMs 6 SDRAMs * Wire per Clock Loading Table/Wiring Diagrams CKE1 RAS CAS CKE0 WE CKE: SDRAMs D9 - D17 RAS: SDRAMs D0 - D17 CAS: SDRAMs D0 - D17 CKE: SDRAMs D0 - D8 WE: SDRAMs D0 - D17 Notes: 1. DQ-to-I/O wiring is shown as recommended but may be changed. 2. DQ/DQS/DM/CKE/S relationships must be maintained as shown. 3. DQ, DQS, DM/DQS resistors: 22 Ohms. 4. VDDID strap connections (for memory device VDD, VDDQ): STRAP OUT (OPEN): VDD = VDDQ Block Diagram: Two Bank 64M x 72 DDR-I SDRAM DIMM Modules HYS72D64020GU using x8 Organized SDRAMs INFINEON Technologies 9 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Clock Net Wiring 6 DRAM Loads DR AM 1 4 DRAM Loads DR AM 1 DRAM2 CK DIMM Connector CK R = 120 DRAM3 DIMM Connector DR AM4 DR AM5 R =120 DRAM2 Cap. Cap. DR AM5 DR AM6 DRAM6 DR AM 1 3 DRAM Loads DR AM 1 2 DRAM Loads Cap. Cap. R =120 DIMM Connector Cap. DR AM3 DIMM Connector R =120 Cap. Cap. DR AM5 DR AM5 Cap. Cap. Absolute Maximum Ratings Parameter Input / Output voltage relative to VSS Power supply voltage on VDD/VDDQ to VSS Storage temperature range Power dissipation (per SDRAM component) Data out current (short circuit) Symbol min. Limit Values max. 3.6 3.6 +150 1 50 V V o Unit VIN, VOUT TSTG PD IOS - 0.5 VDD, VDDQ - 0.5 -55 - - C W mA Permanent device damage may occur if "Absolute Maximum Ratings" are exceeded. Functional operation should be restricted to recommended operation conditions. Exposure to higher than recommended voltage for extended periods of time affect device reliability INFINEON Technologies 10 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Supply Voltage Levels Parameter Symbol min. Device Supply Voltage Output Supply Voltage Input Reference Voltage Termination Voltage EEPROM supply voltage 1) 2) Limit Values nom. 2.5 2.5 0.5 x VDDQ VREF 2.5 max. 2.7 2.7 0.51 x VDDQ VREF + 0.04 3.6 Unit Notes VDD VDDQ VREF VTT VDDSPD 2.3 2.3 0.49 x VDDQ VREF - 0.04 2.3 V V V V V - 1) 2) 3) 3) Under all conditions, VDDQ must be less than or equal to VDD. Peak to peak AC noise on VREF may not exceed 2% VREF (DC). VREF is also expected to track noise variations in VDDQ. VTT of the transmitting device must track VREF of the receiving device. DC Operating Conditions (SSTL_2 Inputs) (VDDQ = 2.5 V, TA = 70 C, Voltage Referenced to VSS ) Parameter Symbol min. DC Input Logic High DC Input Logic Low Input Leakage Current Output Leakage Current 1) Limit Values max. VDDQ + 0.3 VREF - 0.15 5 5 Unit Notes VIH (DC) VIL (DC) IIL IOL VREF + 0.15 - 0.30 -5 -5 V V 1) - 2) 2) A A 2) The relationship between the VDDQ of the driving device and the VREF of the receiving device is what determines noise margins. However, in the case of VIH (max) (input overdrive), it is the VDDQ of the receiving device that is referenced. In the case where a device is implemented such that it supports SSTL_2 inputs but has no SSTL_2 outputs (such as a translator), and therefore no VDDQ supply voltage connection, inputs must tolerate input overdrive to 3.0 V (High corner VDDQ + 300 mV). For any pin under test input of 0 V VIN VDDQ + 0.3 V. Values are shown per DDR-SDRAM component. INFINEON Technologies 11 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Operating, Standby and Refresh Currents (PC1600, -8) Symbol Parameter/Condition 128MB x64 1bank -8 256MB x64 1bank -8 256MB x72 1bank -8 512MB x64 2bank -8 512MB x72 2bank -8 Unit Notes 4 MAX IDD0 Operating Current: one bank; active / precharge; tRC = tRC MIN; tCK = tCK MIN; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles Operating Current: one bank; active/read/precharge; Burst = 4; Refer to the following page for detailed test conditions. Precharge Power-Down Standby Current: all banks idle; powerdown mode; CKE <= VIL MAX; tCK = tCK MIN 380 MAX 720 MAX 810 MAX 1080 MAX 1215 mA 1 IDD1 420 800 900 1160 1305 mA 1, 3 IDD2P 28 56 63 112 126 mA 2 Precharge Floating Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs changing once per clock cycle, VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs IDD2Q stable at >= VIH MIN or <= VIL MAX; VIN = VREF for DQ, DQS and DM. Active Power-Down Standby Current: one bank active; powerIDD3P down mode; CKE <= VIL MAX; tCK = tCK MIN;VIN = VREF for DQ, DQS and DM. IDD2F Active Standby Current: one bank active; active / precharge;CS >= VIH MIN; CKE >= VIH MIN; tRC = tRAS MAX; tCK = tCK MIN; DQ, DM, and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle 140 280 315 560 630 mA 2 88 176 198 352 396 mA 2 64 128 144 256 288 mA 2 IDD3N 200 360 405 720 810 mA 2 Operating Current: one bank active; Burst = 2; reads; continuous burst; address and control inputs changing once per clock cycle; IDD4R 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN; IOUT = 0mA Operating Current: one bank active; Burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN Auto-Refresh Current: tRC = tRFC MIN, distributed refresh Self-Refresh Current: CKE <= 0.2V; external clock on; tCK = tCK MIN Operating Current: four bank; four bank interleaving with BL=4; Refer to the following page for detailed test conditions. 440 760 855 1120 1260 mA 1, 3 IDD4W 480 840 945 1200 1350 mA 1 IDD5 IDD6 IDD7 680 10 880 1360 20 1680 1530 22,5 1890 1720 40 2040 1935 45 2295 mA mA mA 1 1, 3 1. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) n * IDDx[component] + n * IDD3N[component] for two bank modules (n: number of components per module bank) 2. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) 2 * n * IDDx[component] for two bank modules (n: number of components per module bank) 3. DQ I/O (IDDQ) currents are not included into calculations: module IDD values will be measured differently depending on load conditions 4. Test condition for maximum values: VDD = 2.7V ,Ta = 10C INFINEON Technologies 12 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Operating, Standby and Refresh Currents (PC2100, -7) Symbol Parameter/Condition 128MB x64 1bank -7 256MB x64 1bank -7 256MB x72 1bank -7 512MB x64 2bank -7 512MB x72 2bank -7 Unit Notes 4 MAX IDD0 Operating Current: one bank; active / precharge; tRC = tRC MIN; tCK = tCK MIN; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles Operating Current: one bank; active/read/precharge; Burst = 4; Refer to the following page for detailed test conditions. Precharge Power-Down Standby Current: all banks idle; powerdown mode; CKE <= VIL MAX; tCK = tCK MIN 420 MAX 800 MAX 900 MAX 1240 MAX 1395 mA 1 IDD1 460 880 990 1320 1485 mA 1, 3 IDD2P 32 64 72 128 144 mA 2 Precharge Floating Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs changing once per clock cycle, VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs IDD2Q stable at >= VIH MIN or <= VIL MAX; VIN = VREF for DQ, DQS and DM. Active Power-Down Standby Current: one bank active; powerIDD3P down mode; CKE <= VIL MAX; tCK = tCK MIN;VIN = VREF for DQ, DQS and DM. IDD2F Active Standby Current: one bank active; active / precharge;CS >= VIH MIN; CKE >= VIH MIN; tRC = tRAS MAX; tCK = tCK MIN; DQ, DM, and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle 160 320 360 640 720 mA 2 100 200 225 400 450 mA 2 72 144 162 288 324 mA 2 IDD3N 240 440 495 880 990 mA 2 Operating Current: one bank active; Burst = 2; reads; continuous burst; address and control inputs changing once per clock cycle; IDD4R 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN; IOUT = 0mA Operating Current: one bank active; Burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN Auto-Refresh Current: tRC = tRFC MIN, distributed refresh Self-Refresh Current: CKE <= 0.2V; external clock on; tCK = tCK MIN Operating Current: four bank; four bank interleaving with BL=4; Refer to the following page for detailed test conditions. 520 920 1035 1360 1530 mA 1, 3 IDD4W 560 1000 1125 1440 1620 mA 1 IDD5 IDD6 IDD7 720 10 940 1440 20 1800 1620 22,5 2025 1880 40 2240 2115 45 2520 mA mA mA 1 1, 3 1. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) n * IDDx[component] + n * IDD3N[component] for two bank modules (n: number of components per module bank) 2. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) 2 * n * IDDx[component] for two bank modules (n: number of components per module bank) 3. DQ I/O (IDDQ) currents are not included into calculations: module IDD values will be measured differently depending on load conditions 4. Test condition for maximum values: VDD = 2.7V ,Ta = 10C INFINEON Technologies 13 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Operating, Standby and Refresh Currents (PC2100, -7F) 256MB x72 1bank -7F 512MB x72 2bank -7F Notes 4 Symbol Parameter/Condition Unit MAX IDD0 Operating Current: one bank; active / precharge; tRC = tRC MIN; tCK = tCK MIN; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles Operating Current: one bank; active/read/precharge; Burst = 4; Refer to the following page for detailed test conditions. Precharge Power-Down Standby Current: all banks idle; power-down mode; CKE <= VIL MAX; tCK = tCK MIN Precharge Floating Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs changing once per clock cycle, VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs stable at >= VIH MIN or <= VIL MAX; VIN = VREF for DQ, DQS and DM. Active Power-Down Standby Current: one bank active; power-down mode; CKE <= VIL MAX; tCK = tCK MIN;VIN = VREF for DQ, DQS and DM. Active Standby Current: one bank active; active / precharge;CS >= VIH MIN; CKE >= VIH MIN; tRC = tRAS MAX; tCK = tCK MIN; DQ, DM, and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle Operating Current: one bank active; Burst = 2; reads; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN; IOUT = 0mA Operating Current: one bank active; Burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN Auto-Refresh Current: tRC = tRFC MIN, distributed refresh Self-Refresh Current: CKE <= 0.2V; external clock on; tCK = tCK MIN Operating Current: four bank; four bank interleaving with BL=4; Refer to the following page for detailed test conditions. 990 MAX 1485 mA 1 IDD1 1080 1575 mA 1, 3 IDD2P 72 144 mA 2 IDD2F 360 720 mA 2 IDD2Q 225 450 mA 2 IDD3P 162 324 mA 2 IDD3N 495 990 mA 2 IDD4R 1035 1530 mA 1, 3 IDD4W 1125 1620 mA 1 IDD5 IDD6 IDD7 1620 22,5 2025 2115 45 2520 mA mA mA 1 1, 3 1. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) n * IDDx[component] + n * IDD3N[component] for two bank modules (n: number of components per module bank) 2. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) 2 * n * IDDx[component] for two bank modules (n: number of components per module bank) 3. DQ I/O (IDDQ) currents are not included into calculations: module IDD values will be measured differently depending on load conditions 4. Test condition for maximum values: VDD = 2.7V ,Ta = 10C INFINEON Technologies 14 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Operating, Standby and Refresh Currents (PC2700, -6) 128MB x64 1bank -6 256MB x64 1bank -6 256MB x72 1bank -6 512MB x64 2bank -6 512MB x72 2bank -6 Notes 4 Symbol Parameter/Condition Unit MAX IDD0 Operating Current: one bank; active / precharge; tRC = tRC MIN; tCK = tCK MIN; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles Operating Current: one bank; active/read/precharge; BL 4; Refer to the following page for detailed test conditions. Precharge Power-Down Standby Current: all banks idle; powerdown mode; CKE <= VIL MAX; tCK = tCK MIN 460 MAX 880 MAX 990 MAX 1400 MAX 1575 mA 1 IDD1 500 960 1080 1480 1665 mA 1, 3 IDD2P 36 72 81 144 162 mA 2 Precharge Floating Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs changing once per clock cycle, VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control IDD2Q inputs stable at >= VIH MIN or <= VIL MAX; VIN = VREF for DQ, DQS and DM. Active Power-Down Standby Current: one bank active; powerdown mode; CKE <= VIL MAX; tCK = tCK MIN;VIN = VREF for IDD3P DQ, DQS and DM. IDD2F Active Standby Current: one bank active; active / precharge;CS >= VIH MIN; CKE >= VIH MIN; tRC = tRAS MAX; tCK = tCK MIN; DQ, DM, and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle 220 440 495 880 990 mA 2 112 224 252 448 504 mA 2 84 168 189 336 378 mA 2 IDD3N 280 520 585 1040 1170 mA 2 Operating Current: one bank active; Burst = 2; reads; continuous burst; address and control inputs changing once per clock cycle; IDD4R 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN; IOUT = 0mA Operating Current: one bank active; Burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN Auto-Refresh Current: tRC = tRFC MIN, distributed refresh Self-Refresh Current: CKE <= 0.2V; external clock on; tCK = tCK MIN Operating Current: four bank; four bank interleaving with BL=4; Refer to the following page for detailed test conditions. 640 1120 1260 1640 1845 mA 1, 3 IDD4W 660 1160 1305 1680 1890 mA 1 IDD5 IDD6 IDD7 760 10 1140 1520 20 2160 1710 22,5 2430 2040 40 2680 2295 45 3015 mA mA mA 1 1, 3 1. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) n * IDDx[component] + n * IDD3N[component] for two bank modules (n: number of components per module bank) 2. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) 2 * n * IDDx[component] for two bank modules (n: number of components per module bank) 3. DQ I/O (IDDQ) currents are not included into calculations: module IDD values will be measured differently depending on load conditions 4. Test condition for maximum values: VDD = 2.7V ,Ta = 10C INFINEON Technologies 15 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Electrical Characteristics & AC Timing for DDR-I components (for reference only) (0 C TA 70 C; VDDQ = 2.5V 0.2V; VDD = 2.5V 0.2V) DDR333 -6 Min tAC tDQSCK tCH tCL tHP tCK tCK tDH tDS tIPW tDIPW tHZ tLZ tDQSS tDQSQ tQHS tQH tDQSL,H tDSS tDSH tMRD tWPRES tWPST tWPRE tIS DQ output access time from CK/CK DQS output access time from CK/CK CK high-level width CK low-level width Clock Half Period CL = 2.5 Clock cycle time CL = 2.0 DQ and DM input hold time DQ and DM input setup time Control and Addr. input pulse width (each input) DQ and DM input pulse width (each input) Data-out high-impedence time from CK/CK Data-out low-impedence time from CK/CK Write command to 1st DQS latching transition DQS-DQ skew (for DQS & associated DQ signals) Data hold skew factor Data Output hold time from DQS DQS input low (high) pulse width (write cycle) DQS falling edge to CK setup time (write cycle) DQS falling edge hold time from CK (write cycle) Mode register set command cycle time Write preamble setup time Write postamble Write preamble Address and control input setup time Address and control input hold time Read preamble Read postamble Active to Precharge command Active to Active/Auto-refresh command period fast slew rate slow slew rate fast slew rate slow slew rate 0.9 0.40 42 60 0.75 7.5 0.45 0.45 2.2 1.75 - 0.7 - 0.7 0.75 + 0.7 + 0.7 1.25 + 0.4 + 0.55 - tHPtQHS 0.35 0.2 0.2 12 0 0.40 0.25 0.75 0.60 tHPtQHS 0.35 0.2 0.2 14 0 0.40 0.25 0.9 1.0 0.9 1.0 0.9 0.40 45 60 1.1 0.60 120,00 0 Symbol Parameter DDR266F -7F Min Max DDR266A -7 Min Max DDR200 -8 Min - 0.8 - 0.8 0.45 0.45 Max + 0.8 + 0.8 0.55 0.55 Unit ns ns tCK tCK ns ns ns ns ns ns ns Notes 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1, 10 1-4, 11 1-4, 5 1-4, 5 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4, 7 1-4, 6 1-4 Max + 0.7 + 0.7 0.55 0.55 - 0.7 - 0.7 0.45 0.45 - 0.75 + 0.75 - 0.75 + 0.75 - 0.75 + 0.75 - 0.75 + 0.75 0.45 0.45 0.55 0.55 0.45 0.45 0.55 0.55 min (tCL, tCH) 6 12 12 - - min (tCL, tCH) 7 7.5 0.5 0.5 2.2 1.75 12 12 min (tCL, tCH) 7 7.5 0.5 0.5 2.2 1.75 12 12 min (t CL, tCH) 8 10 0.6 0.6 2.5 2 - 0.8 - 0.8 0.75 + 0.8 + 0.8 1.25 + 0.6 + 1.0 tHPtQHS 0.35 0.2 0.2 16 0 12 12 - 0.75 + 0.75 - 0.75 + 0.75 - 0.75 + 0.75 - 0.75 + 0.75 0.75 1.25 + 0.5 + 0.75 tHPtQHS 0.35 0.2 0.2 14 0 0.60 0.40 0.25 0.9 1.0 0.9 1.0 0.9 0.40 45 65 1.1 0.60 120,00 0 ns ns tCK ns ns ns tCK tCK tCK ns ns 0.75 1.25 + 0.5 + 0.75 0.60 0.40 0.25 1.1 1.1 1.1 1.1 0.9 0.40 50 70 0.60 tCK tCK ns ns ns ns 2-4, 10,11 tIH tRPRE tRPST tRAS tRC 1.1 0.60 120,00 0 tCK tCK ns ns 1-4 1-4 1-4 1-4 INFINEON Technologies 16 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Electrical Characteristics & AC Timing for DDR-I components (for reference only) (0 C TA 70 C; VDDQ = 2.5V 0.2V; VDD = 2.5V 0.2V) DDR333 -6 Min tRFC tRCD tRP tRRD tWR tDAL tWTR tXSNR tXSRD tREFI Auto-refresh to Active/Auto-refresh command period Active to Read or Write delay Precharge command period Active bank A to Active bank B command Write recovery time Auto precharge write recovery + precharge time Internal write to read command delay Exit self-refresh to non-read command Exit self-refresh to read command Average Periodic Refresh Interval 1 75 200 7.8 1 75 200 7.8 72 18 18 12 15 Max DDR266F -7F Min 75 15 15 15 15 Max DDR266A -7 Min 75 20 20 15 15 (twr/tck) + (trp/tck) 1 75 200 7.8 1 80 200 7.8 Max DDR200 -8 Min 80 20 20 15 15 Max ns ns ns ns ns tCK tCK ns tCK s 1-4 1-4 1-4 1-4 1-4 1-4,9 1-4 1-4 1-4 1-4, 8 Symbol Parameter Unit Notes 1. Input slew rate >=1V/ns for DDR266 and = 1V/ns for DDR200. 2. The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross: the input reference level for signals other than CK/CK, is VREF. CK/CK slew rate are >= 1.0 V/ns. 3. Inputs are not recognized as valid until VREF stabilizes. 4. The Output timing reference level, as measured at the timing reference point indicated in AC Characteristics (Note 3) is VTT. 5. tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not referred to a specific voltage level, but specify when the device is no longer driving (HZ), or begins driving (LZ). 6. The maximum limit for this parameter is not a device limit. The device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. 7. The specific requirement is that DQS be valid (HIGH, LOW, or some point on a valid transition) on or before this CK edge. A valid transition is defined as monotonic and meeting the input slew rate specifications of the device. When no writes were previously in progress on the bus, DQS will be transitioning from Hi-Z to logic LOW. If a previous write was in progress, DQS could be HIGH, LOW, or transitioning from HIGH to LOW at this time, depending on tDQSS. 8. A maximum of eight Autorefresh commands can be posted to any given DDR SDRAM device. 9. For each of the terms, if not already an integer, round to the next highest integer. tCK is equal to the actual system clock cycle time. 10. These parameters guarantee device timing, but they are not necessarily tested on each device 11. Fast slew rate >= 1.0 V/ns , slow slew rate >= 0.5 V/ns and < 1V/ns for command/address and CK & CK slew rate >1.0 V/ns, measured between VOH(ac) and VOL(ac) INFINEON Technologies 17 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules SPD Codes for PC1600 Modules "-8" Byte# Description 128MB x64 1bank -8 HEX 80 08 07 0D 09 01 40 00 04 80 80 00 82 10 00 01 256MB x64 1bank -8 HEX 80 08 07 0D 0A 01 40 00 04 80 80 00 82 08 00 01 256MB x72 1bank -8 HEX 80 08 07 0D 0A 01 48 00 04 80 80 02 82 08 08 01 512MB x64 2bank -8 HEX 80 08 07 0D 0A 02 40 00 04 80 80 00 82 08 00 01 512MB x72 2bank -8 HEX 80 08 07 0D 0A 02 48 00 04 80 80 02 82 08 08 01 Number of SPD Bytes 128 Total Bytes in Serial PD 256 Memory Type DDR-SDRAM Number of Row Addresses 13 Number of Column Addresses 9 / 10 Number of DIMM Banks 1/2 Module Data Width x64 / x72 Module Data Width (cont'd) 0 Module Interface Levels SSTL_2.5 SDRAM Cycle Time at CL = 2.5 8 ns Access Time from Clock at CL = 2.5 0.8 ns DIMM Config non-ECC / ECC Refresh Rate/Type Self-Refresh, 7.8 ms SDRAM Width, Primary x16 / x8 Error Checking SDRAM Data Width na / x8 Minimum Clock Delay for Back-to-Back tccd = 1 CLK 15 Random Column Address 16 Burst Length Supported 2, 4 & 8 17 Number of SDRAM Banks 4 18 Supported CAS Latencies CAS latency = 2 & 2.5 19 CS Latencies CS latency = 0 20 WE Latencies Write latency = 1 21 SDRAM DIMM Module Attributes unbuffered 22 SDRAM Device Attributes: General - 23 Min. Clock Cycle Time at CAS Latency = 2 10.0 ns 24 Access Time from Clock for CL = 2 0.8 ns 25 Minimum Clock Cycle Time at CL = 1.5 not supported 26 Access Time from Clock at CL = 1.5 not supported 27 Minimum Row Precharge Time 20 ns 28 Minimum Row Act. to Row Act. Delay tRRD 15 ns 29 Minimum RAS to CAS Delay tRCD 20 ns 30 Minimum RAS Pulse Width tRAS 50 ns 31 Module Bank Density (per bank) 256MByte 32 Addr. and Command Setup Time 1.1 ns 33 Addr. and Command Hold Time 1.1 ns 34 Data Input Setup Time 0.6 ns 35 Data Input Hold Time 0.6 ns 36-40 Superset Information - 41 Minimum Core Cycle Time tRC 70 ns 42 Min. Auto Refresh Cmd Cycle Time tRFC 80 ns 43 Maximum Clock Cycle Time tck 12 ns 44 Max. DQS-DQ Skew tDQSQ 0.6 ns 45 X-Factor tQHS 1.0 ns 46-61 Superset Information 62 SPD Revision Revision 0.0 63 Checksum for Bytes 0 - 62 - 64 Manufacturers JEDEC ID Code - 65-71 Manufacturer - 72 Module Assembly Location - 73-90 Module Part Number - 91-92 Module Revision Code - 93-94 Module Manufacturing Date - 95-98 Module Serial Number - 99-127 - - 128-255 open for Customer use - 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 0E 0E 0E 0E 0E 04 04 04 04 04 0C 0C 0C 0C 0C 01 01 01 01 01 02 02 02 02 02 20 20 20 20 20 C0 C0 C0 C0 C0 A0 A0 A0 A0 A0 80 80 80 80 80 00 00 00 00 00 00 00 00 00 00 50 50 50 50 50 3C 3C 3C 3C 3C 50 50 50 50 50 32 32 32 32 32 20 40 40 40 40 B0 B0 B0 B0 B0 B0 B0 B0 B0 B0 60 60 60 60 60 60 60 60 60 60 00 00 00 00 00 46 46 46 46 46 50 50 50 50 50 30 30 30 30 30 3C 3C 3C 3C 3C A0 A0 A0 A0 A0 00 00 00 00 00 00 00 00 00 00 8E A7 B9 A8 BA C1 C1 C1 C1 C1 INFINEON INFINEON INFINEON INFINEON INFINEON INFINEON Technologies 18 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules SPD Codes for PC2100 Modules "-7" Byte# Description 128MB x64 1bank -7 HEX 80 08 07 0D 09 01 40 00 04 70 75 00 82 10 00 256MB x64 1bank -7 HEX 80 08 07 0D 0A 01 40 00 04 70 75 00 82 08 00 256MB x72 1bank -7 HEX 80 08 07 0D 0A 01 48 00 04 70 75 02 82 08 08 512MB x64 2bank -7 HEX 80 08 07 0D 0A 02 40 00 04 70 75 00 82 08 00 512MB x72 2bank -7 HEX 80 08 07 0D 0A 02 48 00 04 70 75 02 82 08 08 Number of SPD Bytes 128 Total Bytes in Serial PD 256 Memory Type DDR-SDRAM Number of Row Addresses 13 Number of Column Addresses 9 / 10 Number of DIMM Banks 1 /2 Module Data Width x64 / x72 Module Data Width (cont'd) 0 Module Interface Levels SSTL_2.5 SDRAM Cycle Time at CL = 2.5 7 ns Access Time from Clock at CL = 2.5 0.75 ns DIMM Config non-ECC / ECC Refresh Rate/Type Self-Refresh, 7.8 ms SDRAM Width, Primary x16 / x8 Error Checking SDRAM Data Width na / x8 Minimum Clock Delay for Back-to-Back 15 tccd = 1 CLK 01 01 01 01 01 Random Column Address 16 Burst Length Supported 2, 4 & 8 0E 0E 0E 0E 0E 17 Number of SDRAM Banks 4 04 04 04 04 04 18 Supported CAS Latencies CAS latency = 2 & 2.5 0C 0C 0C 0C 0C 19 CS Latencies CS latency = 0 01 01 01 01 01 20 WE Latencies Write latency = 1 02 02 02 02 02 21 SDRAM DIMM Module Attributes unbuffered 20 20 20 20 20 22 SDRAM Device Attributes: General - C0 C0 C0 C0 C0 23 Min. Clock Cycle Time at CAS Latency = 2 7.5 ns 75 75 75 75 75 24 Access Time from Clock for CL = 2 0.75 ns 75 75 75 75 75 25 Minimum Clock Cycle Time at CL = 1.5 not supported 00 00 00 00 00 26 Access Time from Clock at CL = 1.5 not supported 00 00 00 00 00 27 Minimum Row Precharge Time 20 ns 50 50 50 50 50 28 Minimum Row Act. to Row Act. Delay tRRD 15 ns 3C 3C 3C 3C 3C 29 Minimum RAS to CAS Delay tRCD 20 ns 50 50 50 50 50 30 Minimum RAS Pulse Width tRAS 45 ns 2D 2D 2D 2D 2D 31 Module Bank Density (per bank) 128MByte / 256MByte 20 40 40 40 40 32 Addr. and Command Setup Time 0.9 ns 90 90 90 90 90 33 Addr. and Command Hold Time 0.9 ns 90 90 90 90 90 34 Data Input Setup Time 0.5 ns 50 50 50 50 50 35 Data Input Hold Time 0.5 ns 50 50 50 50 50 36-40 Superset Information - 00 00 00 00 00 41 Minimum Core Cycle Time tRC 65 ns 41 41 41 41 41 42 Min. Auto Refresh Cmd Cycle Time tRFC 75 ns 4B 4B 4B 4B 4B 43 Maximum Clock Cycle Time tck 12 ns 30 30 30 30 30 44 Max. DQS-DQ Skew tDQSQ 0.5 ns 32 32 32 32 32 45 X-Factor tQHS 0.75 ns 75 75 75 75 75 46-61 Superset Information - 00 00 00 00 00 62 SPD Revision Revision 0.0 00 00 00 00 00 63 Checksum for Bytes 0 - 62 - 99 B2 C4 B3 C5 64 Manufacturers JEDEC ID Code - C1 C1 C1 C1 C1 65-71 Manufacturer - INFINEON INFINEON INFINEON INFINEON INFINEON 72 Module Assembly Location - 73-90 Module Part Number - 91-92 Module Revision Code - 93-94 Module Manufacturing Date - 95-98 Module Serial Number - 99-127 - - 128-255 open for Customer use - 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 INFINEON Technologies 19 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules SPD Codes for PC2100 Modules "-7F" Byte# Description 256MB x72 1bank -7 HEX 80 08 07 0D 0A 01 48 00 04 70 75 02 82 08 08 01 512MB x72 2bank -7 HEX 80 08 07 0D 0A 02 48 00 04 70 75 02 82 08 08 01 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36-40 41 42 43 44 45 46-61 62 63 64 65-71 72 73-90 91-92 93-94 95-98 99-127 128-255 Number of SPD Bytes Total Bytes in Serial PD Memory Type Number of Row Addresses Number of Column Addresses Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 2.5 Access Time from Clock at CL = 2.5 DIMM Config Refresh Rate/Type SDRAM Width, Primary Error Checking SDRAM Data Width Minimum Clock Delay for Back-to-Back Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General Min. Clock Cycle Time at CAS Latency = 2 Access Time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1.5 Access Time from Clock at CL = 1.5 Minimum Row Precharge Time Minimum Row Act. to Row Act. Delay tRRD Minimum RAS to CAS Delay tRCD Minimum RAS Pulse Width tRAS Module Bank Density (per bank) Addr. and Command Setup Time Addr. and Command Hold Time Data Input Setup Time Data Input Hold Time Superset Information Minimum Core Cycle Time tRC Min. Auto Refresh Cmd Cycle Time tRFC Maximum Clock Cycle Time tck Max. DQS-DQ Skew tDQSQ X-Factor tQHS Superset Information SPD Revision Checksum for Bytes 0 - 62 Manufacturers JEDEC ID Code Manufacturer Module Assembly Location Module Part Number Module Revision Code Module Manufacturing Date Module Serial Number - open for Customer use 128 256 DDR-SDRAM 13 9 / 10 1/2 x64 / x72 0 SSTL_2.5 7 ns 0.75 ns non-ECC / ECC Self-Refresh, 7.8 ms x16 / x8 na / x8 tccd = 1 CLK 2, 4 & 8 4 CAS latency = 2 & 2.5 CS latency = 0 Write latency = 1 unbuffered - 7.5 ns 0.75 ns not supported not supported 15 ns 15 ns 15 ns 45 ns 128MByte / 256MByte 0.9 ns 0.9 ns 0.5 ns 0.5 ns - 60 ns 75 ns 12 ns 0.5 ns 0.75 ns - Revision 0.0 - - - - - - - - - - 0E 0E 04 04 0C 0C 01 01 02 02 20 20 C0 C0 75 75 75 75 00 00 00 00 3C 3C 3C 3C 3C 3C 2D 2D 40 40 90 90 90 90 50 50 50 50 00 00 3C 3C 4B 4B 30 30 32 32 75 75 00 00 00 00 97 98 C1 C1 INFINEON INFINEON INFINEON Technologies 20 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules SPD Codes for PC2700 Modules "-6" Byte# Description 128MB x64 1bank -6 HEX 80 08 07 0D 09 01 40 00 04 60 70 00 82 10 00 256MB x64 1bank -6 HEX 80 08 07 0D 0A 01 40 00 04 60 70 00 82 08 00 256MB x72 1bank -6 HEX 80 08 07 0D 0A 01 48 00 04 60 70 02 82 08 08 512MB x64 2bank -6 HEX 80 08 07 0D 0A 02 40 00 04 60 70 00 82 08 00 512MB x72 2bank -6 HEX 80 08 07 0D 0A 02 48 00 04 60 70 02 82 08 08 Number of SPD Bytes 128 Total Bytes in Serial PD 256 Memory Type DDR-SDRAM Number of Row Addresses 13 Number of Column Addresses 9 / 10 Number of DIMM Banks 1/2 Module Data Width x64 / x72 Module Data Width (cont'd) 0 Module Interface Levels SSTL_2.5 SDRAM Cycle Time at CL = 2.5 6 ns Access Time from Clock at CL = 2.5 0.70 ns DIMM Config non-ECC / ECC Refresh Rate/Type Self-Refresh, 7.8 ms SDRAM Width, Primary x16 / x8 Error Checking SDRAM Data Width na / x8 Minimum Clock Delay for Back-to-Back 15 tccd = 1 CLK 01 01 01 01 01 Random Column Address 16 Burst Length Supported 2, 4 & 8 0E 0E 0E 0E 0E 17 Number of SDRAM Banks 4 04 04 04 04 04 18 Supported CAS Latencies CAS latency = 2 & 2.5 0C 0C 0C 0C 0C 19 CS Latencies CS latency = 0 01 01 01 01 01 20 WE Latencies Write latency = 1 02 02 02 02 02 21 SDRAM DIMM Module Attributes unbuffered 20 20 20 20 20 22 SDRAM Device Attributes: General - C0 C0 C0 C0 C0 23 Min. Clock Cycle Time at CAS Latency = 2 7.5 ns 75 75 75 75 75 24 Access Time from Clock for CL = 2 0.70 ns 70 70 70 70 70 25 Minimum Clock Cycle Time at CL = 1.5 not supported 00 00 00 00 00 26 Access Time from Clock at CL = 1.5 not supported 00 00 00 00 00 27 Minimum Row Precharge Time 18 ns 48 48 48 48 48 28 Minimum Row Act. to Row Act. Delay tRRD 12 ns 30 30 30 30 30 29 Minimum RAS to CAS Delay tRCD 18 ns 48 48 48 48 48 30 Minimum RAS Pulse Width tRAS 42 ns 2A 2A 2A 2A 2A 31 Module Bank Density (per bank) 128MByte / 256MByte 20 40 40 40 40 32 Addr. and Command Setup Time 0.75 ns 75 75 75 75 75 33 Addr. and Command Hold Time 0.75 ns 75 75 75 75 75 34 Data Input Setup Time 0.45 ns 45 45 45 45 45 35 Data Input Hold Time 0.45 ns 45 45 45 45 45 36-40 Superset Information - 00 00 00 00 00 41 Minimum Core Cycle Time tRC 60 ns 3C 3C 3C 3C 3C 42 Min. Auto Refresh Cmd Cycle Time tRFC 72 ns 48 48 48 48 48 43 Maximum Clock Cycle Time tck 12 ns 30 30 30 30 30 44 Max. DQS-DQ Skew tDQSQ 0.45 ns 2D 2D 2D 2D 2D 45 X-Factor tQHS 0.55 ns 55 55 55 55 55 46-61 Superset Information - 00 00 00 00 00 62 SPD Revision Revision 0.0 00 00 00 00 00 63 Checksum for Bytes 0 - 62 - E7 00 12 01 13 64 Manufacturers JEDEC ID Code - C1 C1 C1 C1 C1 65-71 Manufacturer - INFINEON INFINEON INFINEON INFINEON INFINEON 72 Module Assembly Location - 73-90 Module Part Number - 91-92 Module Revision Code - 93-94 Module Manufacturing Date - 95-98 Module Serial Number - 99-127 - - 128-255 open for Customer use - 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 INFINEON Technologies 21 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Package Outlines - Raw Card C (One Bank Modules) DDR-SDRAM DIMM Module Package 13 3 .3 5 + 0.15 2.7 m ax . Front View + 0.13 - 4 .0 *) 2.3 typ. 31.75 p in 1 6 4 .7 7 2.3 typ. 52 53 4 9 .5 3 92 1 .2 7 + 0.1 6 .62 Backside View p in 9 3 17.80 10.0 14 4 1 45 184 2.5D 3 *) o n E C C m od u le s o n ly 3 D e tail o f C o nta cts A 0.20 + 0.15 2.5 + 0.20 - D e ta il o f C o n ta c ts B 6 .35 0 .9 R 3.8 typ. 1 .8 2 .1 7 5 L-D IM -18 4-1 8 1 + 0.05 1.2 7 INFINEON Technologies 22 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Package Outlines -Raw Card A (One Bank Modules) DDR-SDRAM DIMM Module Package 13 3 .3 5 + 0.15 Front View + 0.13 - 2 .7 m a x. 4 .0 *) 2.3 typ. 31.75 p in 1 6 4 .7 7 2.3 typ. 52 53 4 9 .5 3 92 1 .2 7 + 0.1 6 .62 Backside View p in 9 3 17.80 10.0 14 4 1 45 184 2.5D 3 *) o n E C C m od u le s o n ly 3 D e tail o f C o nta cts A 0.20 + 0.15 2.5 + 0.20 - D e ta il o f C o n ta c ts B 6 .35 0 .9 R 3.8 typ. 1 .8 2 .1 7 5 L-D IM -1 84-29 1 + 0.05 1.2 7 INFINEON Technologies 23 2002-10-24 (rev. 0.94) HYS64/72D16x01/32x00/64x20GU-6/7/8-B Unbuffered DDR-I SDRAM-Modules Package Outlines - Raw Card B (Two Bank Modules) DDR-SDRAM DIMM Module Package two bank modules 1 3 3 .3 5 + 0.15 4 .0 m a x. Front View + 0.13 - 4 .0 *) 2.3 typ. 31.75 p in 1 6 4.7 7 2.3 typ. 52 53 4 9 .5 3 92 1 .27 + 0.1 6 .6 2 Backside View pin 9 3 17.80 10.0 144 145 184 2.5D *) 3 *) o n E C C m o du le s o n ly 3 D e ta il of C o n ta cts A 0.20 + 0.15 2.5 + 0.20 - D eta il o f C o n ta cts B 6 .3 5 0 .9 R 3.8 typ. 1 .8 2 .1 7 5 L-D IM -1 84-9 1 + 0.05 1 .2 7 INFINEON Technologies 24 2002-10-24 (rev. 0.94) |
Price & Availability of HYS72D32000GU-7-A |