Part Number Hot Search : 
LM320S 1803E LB261 MMBT2222 29220 MMBT2222 1N5937 15121452
Product Description
Full Text Search
 

To Download HCD332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V OCXO HCMOS Output Stratum 3e
Specifications
HCD332
Product
HCD332
Parameters
Frequency range: 5.0 ~ 50.0MHz (8.1920, 16.3840 & 19.440MHz std) Frequency stability: 1x10-9 / day after 30 days 1x10-7 / year max 1x10-8 per 5% change in VDD
36.10 (max) 27.20 (max)
Option Codes
Temperature stability: 3x10-8 over 0 to +70C Overall stability: 4.6x10-6 max (20yrs, all causes, as per Stratum 3e) Operating temperature range: 0 to +70C Other options from -40C Storage temperature range: -40 to +90C Output waveform: HCMOS / TTL compatible Frequency adjustment: 9.2x10-6 min, +0.5 to +3.9V (sufficient for 10 years ageing min) Stabilised +4.0V supply provided Supply voltage (VDD): +5.0V (0.25V) Power consumption: 2.0W max at switch on 1.1W typ when stabilised at 25C Warm up: 5x10-8 after 10mins at +25C Phase noise (@ 10.0MHz): < -100dBc/Hz @ 10Hz < -120dBc/Hz @ 100Hz < -135dBc/Hz @ 1kHz < -150dBc/Hz @ 10kHz < -150dBc/Hz @ 50kHz Shock: IEC 68-2-27 Test Ea 50G for 11ms
13.00 (max) 5.00 25.40 4 PIN 1 2 8.90 1 BOTTOM VIEW 5 2 3 4 5 CONNECTION Freq adjustment Ref voltage out Supply RF output Ground & case
0.80O
specify
3 8.90
Scale 1:1
Features

Stratum 3 & 3e compliant 5V supply Low height compact package Standard European IEC CO-08 pin-out Cost effective Custom options available
Vibration: IEC 68-2-06 Test Fc 10-55Hz, 1.5mm. 55-500Hz, 10G Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + frequency eg: HCD332 16.3840MHz HCD332 19.440MHz Option code X (eg HCD332/X) denotes a custom specification.
Tel: +44 1460 256 100
06 Mar 2000
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of HCD332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X