Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download GBU4B-E351 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU4A thru GBU4M
Vishay General Semiconductor
Glass Passivated Single-Phase Bridge Rectifier
FEATURES * UL recognition file number E54214 * Ideal for printed circuit boards * High surge current capability * High case dielectric strength of 1500 VRMS * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Case Style GBU
TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for monitor, TV, printer, switching mode power supply, adapter, audio equipment, and home appliances applications. PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max. 4.0 A 50 V to 1000 V 150 A 5 A 1.0 V 150 C
MECHANICAL DATA Case: GBU Epoxy meets UL 94 V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked on body Mounting Torque: 10 cm-kg (8.8 inches-lbs) max. Recommended Torque: 5.7 cm-kg (5 inches-lbs)
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC = 100 C TA = 40 C (2)
(1)
SYMBOL VRRM VRMS VDC IF(AV) IFSM I2t TJ, TSTG
GBU4A GBU4B GBU4D GBU4G GBU4J 50 35 50 100 70 100 200 140 200 400 280 400 4.0 3.0 150 93 - 55 to + 150 600 420 600
GBU4K GBU4M 800 560 800 1000 700 1000
UNIT V V V A A A 2s C
Peak forward surge current single sine-wave superimposed on rated load Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range Notes:
(1) Unit case mounted on 1.6 x 1.6 x 0.06" thick (4.0 x 4.0 x 0.15 cm) aluminum plate (2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length Document Number: 88614 Revision: 15-Dec-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1
GBU4A thru GBU4M
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward drop per diode Maximum DC reverse current at rated DC blocking voltage per diode Typical junction capacitance per diode TEST CONDITIONS SYMBOL 4.0 A VF GBU4A GBU4B GBU4D GBU4G 1.0 GBU4J GBU4K GBU4M UNIT V
TA = 25 C TA = 125 C
IR
5.0 500
A
4.0 A, 1 MHz
CJ
100
45
pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance Notes: (1) Unit case mounted on aluminum plate heatsink (2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length SYMBOL RJA RJC (1)
(2)
GBU4A
GBU4B
GBU4D
GBU4G 22 4.2
GBU4J
GBU4K
GBU4M
UNIT C/W
ORDERING INFORMATION
PREFERRED P/N GBU4J-E3/45 GBU4J-E3/51 UNIT WEIGHT (g) 3.565 3.565 PREFERRED PACKAGE CODE 45 51 BASE QUANTITY 20 250 DELIVERY MODE Tube Paper tray
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
4.0 150
Average Forward Output Current (A)
3.0
Peak Forward Surge Current (A)
Heatsink Mounting, TC 1.6 x 1.6 x 0.06" Thickness (4.0 x 4.0 x 0.15 cm) Al. Plate
TJ = TJ max. Single Sine-Wave
100
2.0
50
1.0
P.C.B. Mounting, TA 0.47 x 0.47" (12 x 12 mm) Copper Pads 0.375" (9.5 mm) Lead Length 60 Hz Resistive or Inductive Load 0 50 100 150
1.0 Cycle 0 1 10 100
0
Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88614 Revision: 15-Dec-08
GBU4A thru GBU4M
Vishay General Semiconductor
100
1000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10
Junction Capacitance (pF)
1 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle 0.1
100
50 - 400 V 600 - 1000 V 0.01 0.4 10 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Forward Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
1000
100 50 - 400 V 600 - 1000 V
100 TJ = 125 C 10
Transient Thermal Impedance (C/W)
80 100
Instantaneous Reverse Current (A)
10
1 TJ = 25 C 0.1
1
0.01 0 20 40 60
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Heating Time (s)
Figure 4. Typical Reverse Leakage Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Type GBU
0.880 (22.3) 0.860 (21.8) 0.125 (3.2) x 45 Chamfer 0.160 (4.1) 0.140 (3.5) 0.140 (3.56) 0.130 (3.30) 9 TYP.
0.020 R (TYP.) 0.310 (7.9) 0.290 (7.4)
0.740 (18.8) 0.720 (18.3) 0.080 (2.03) 0.060 (1.52) 5 TYP. 0.710 (18.0) 0.690 (17.5) 0.085 (2.16) 0.075 (1.90)
0.085 (2.16) 0.065 (1.65)
0.075 (1.9) R .
0.100 (2.54) 0.085 (2.16)
0.050 (1.27) 0.040 (1.02)
0.080 (2.03) 0.065 (1.65)
0.190 (4.83) 0.210 (5.33)
0.026 (0.66) 0.020 (0.51)
Polarity shown on front side of case, positive lead by beveled corner
Document Number: 88614 Revision: 15-Dec-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of GBU4B-E351

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X