Part Number Hot Search : 
TDA749 MCD410 R5F64 BR2020 T3000 0000X1 MC145 VG953
Product Description
Full Text Search
 

To Download CV3-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Transducer CV 3-2000
For the electronic measurement of voltages : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high voltage) and the secondary circuit (electronic circuit).
VPN =
1400 V
Electrical data
VPN VP VS KN RL CL VC IC Vd Ve Primary nominal r.m.s. voltage Primary voltage, measuring range Secondary analog voltage @ VP max Conversion ratio Load resistance Capacitive loading Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn R.m.s. voltage for partial discharge extinction @ 10 pC 1400 0 .. 2000 10 2000 V / 10 V 1 5 15 32 + VS / R L 6 2 V V V k nF V mA kV kV
Features
* Closed loop (compensated) voltage
transducer
* Insulated plastic case recognized
according to UL 94-V0
* Patent pending.
Advantages
* * * * * *
Excellent accuracy Very good linearity Low thermal drift Low response time High bandwidth High immunity to external interference * Low disturbance in common mode.
Accuracy - Dynamic performance data
Typ XG VO Overall accuracy @ VP max Offset voltage @ VP = 0 TA = 25C - 40C .. + 85C TA = 25C - 40C .. + 85C Max 0.2 0.6 5.0 13.0
% % mV mV s V/s kHz
tr Response time 1) @ 90 % of VP max dv/dt dv/dt accurately followed f Frequency bandwidth (- 1 dB) @ 25 % of VPN
0.4 900 DC .. 300
Applications
* AC variable speed drives and servo
motor drives
General data
TA TS P R1 m Ambient operating temperature Ambient storage temperature Total primary power loss Primary resistance Mass Standards 2) - 40 .. + 85 - 45 .. + 90 3.1 640 560 EN 50155 C C W k g
* Static converters for DC motor drives * Uninterruptible Power Supplies
(UPS)
* Power supplies for welding
applications
* Railway overhead line voltage
measurement.
Notes :
1) 2)
With a dv/dt of 900 V/s A list of corresponding tests is available 030129/8
LEM Components
www.lem.com
Dimensions CV 3-2000
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal Terminal Terminal Terminal + M 0 : : : : supply voltage + 15 V measure 0V supply voltage - 15 V
Connection
Red
Blue
Top view Mechanical characteristics
* General tolerance * Transducer fastening
Fastening torque max * Connection of primary * Connection of secondary * Fastening torque max 0.3 mm 3 holes 5.5 mm 3 M5 steel screws 4 Nm or 2.95 Lb. - Ft. M5 threaded studs M5 threaded studs 2.2 Nm or 1.62 Lb. -Ft.
Remarks
* VS is positive when VP is applied on terminal +HT. * CEM tested with a shielded secondary cable.
Shield connected to 0 V at both ends, or disconnected.
* This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of CV3-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X