Part Number Hot Search : 
LA8205 RG506 0CTFP MBR20 00095 SLE4436C C6312 74ALS1
Product Description
Full Text Search
 

To Download CSD1833D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
IS/ISO 9002 Lic# QSC/L- 000019.2
IS / IECQC 700000 IS / IECQC 750100
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSD1833 (9AW) TO220
MARKING : AS BELOW
Low Freq. Power AMP.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C) DESCRIPTION Collector -Base Voltage Collector -Emitter Voltage Emitter Base Voltage Collector Current (DC) Pulse* Collector Power Dissipation Ta 25degC Tc=25 deg C Junction Temperature Storage Temperature Range *Single Pulse Pw=100ms SYMBOL VCBO VCEO VEBO IC PC Tj Tstg VALUE 100 80 5 7 10 2 30 150 -55 to +150 UNIT V V V A A W W deg C deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION VCEO IC=1mA, IB=0 Collector Emitter Voltage VCBO IC=50uA, IE=0 Collector Base Voltage VEBO IE=50uA,IC=0 Emitter Base Voltage ICBO VCB=100V, IE=0 Collector Cut off Current ICEO VCE=80, IB=0 IEBO VBE=4V,IC=0 Emitter Cut off Current VCE(Sat)** IC=4A,IB=0,4A Collector Emitter Saturation Voltage VBE(Sat)** IC=4A,IB=0,4A Base Emitter Saturation Voltage hFE** IC=1A, VCE=5V DC Current Gain Dynamic Characteristics Transition Frequency ft Collector Output Capacitance Cob hFE CLASSIFICATION** MARKING **Pulse Test VCB=10V, IE=0 f=1MHz D : 60-120; E : 100-200, CSD 1833E VCE=5V,IC=50mA, f=5MHz
MIN 80 100 5 60
TYP -
MAX 10 1 10 1 1.5 320
UNIT V V V uA uA uA V V
-
5
-
MHz
-
150
-
pF
F: 160-320 CSD 1833F
CSD 1833D
Continental Device India Limited
Data Sheet
Page 1 of 3
TO-220 Plastic Package
C E
D IM A B C D E F G H J K L M N O M IN . M AX .
B H
F
N
L
O
12
3
D
J G M
All diminsions in mm.
14.42 16.51 9.63 10.67 3.56 4.83 -- 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 -- 0.56 12.70 14.73 2.80 4.07 2.03 2.92 -- 31.24 D EG 7
A K
O
4 PIN CONFIGURATION 1. 2. 3. 4. BASE COLLECTOR EMITTER COLLECTOR
1 2 3
End Pin 1.5 Label 536.00 13.74
TO-220 Tube Packing
DEVICE NAME Sr. QTY.
50 Pcs./Tube
6.87 Tube Thickness
AM M O PA CK SIZE
AM EN V IC D E Sr. . Q ty E
Label
92.0
53
75.
0 8 .0
20 Tubes/A m m o Pack 1000 pcs./A m m o Pack
0
Page 2 of 3
Continental Device India Limited
Data Sheet
32.85
AM EN VIC D E Sr. . Q ty
E
Packing Detail
PACKAGE TO-220 / FP STANDARD PACK Details Net Weight/Qty 200 pcs/polybag 396 gm/200 pcs 50 pcs/tube 120 gm/50 pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 1.0K 1.0K Size OUTER CARTON BOX Qty Gr Wt 16.0K 10.0K 36 kgs 29 kgs 17" x 15" x 13.5" 19" x 19" x 19"
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSD1833D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X