Part Number Hot Search : 
BJ120 RB060 SP50001 FQI12P10 A48P3616 MRF329 M4001 MP8676
Product Description
Full Text Search
 

To Download BSP29507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev 1.3
BSP295
SIPMOS Small-Signal-Transistor
Feature
Product Summary VDS RDS(on) ID 60 0.3 1.8
PG-SOT-223
4
* N-Channel * Enhancement mode * dv/dt rated
V
W
A
* Pb-free lead plating; RoHS compliant
3 2 1
VPS05163
Type BSP295
Package PG-SOT-223
Tape and Reel Information L6327: 1000 pcs/reel
Marking BSP295
Maximum Ratings, at Tj = 25 C, unless otherwise specified Parameter Continuous drain current
TA=25C TA=70C
Symbol ID
Value 1.8 1.44
Unit A
Pulsed drain current
TA=25C
I D puls dv/dt VGS Ptot T j , Tstg
7.2 6 20 Class 1 1.8 -55... +150 55/150/56 W C kV/s V
Reverse diode dv/dt
IS=1.8A, VDS=40V, di/dt=200A/s, Tjmax=150C
Gate source voltage ESD Sensitivity (HBM) as per MIL-STD 883 Power dissipation
TA=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2007-02-07
Rev 1.3 Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point SMD version, device on PCB:
@ min. footprint @ 6 cm 2 cooling area 1)
BSP295
Symbol min. RthJS RthJA -
Values typ. 15 80 48 max. 25 115 70
Unit
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
VGS=0, ID =250A
Symbol min. V(BR)DSS VGS(th) I DSS I GSS RDS(on) 60 0.8
Values typ. 1.1 max. 1.8
Unit
V
Gate threshold voltage, VGS = VDS
ID=400A
Zero gate voltage drain current
VDS=60V, VGS =0, Tj=25C VDS=60V, VGS =0, Tj=150C
A 8 1 0.1 50 10 nA
Gate-source leakage current
VGS=20V, VDS=0
Drain-source on-state resistance
VGS=10V, ID=1.8A VGS=4.5V, ID=1.8A
W
0.22 0.39 0.3 0.5
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2007-02-07
Rev 1.3 Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsed ISM Inverse diode forward voltage Reverse recovery time Reverse recovery charge VSD trr Qrr
VGS=0, IF = IS VR=25V, I F=lS , diF/dt=100A/s
BSP295
Symbol
Conditions min.
Values typ. 1.7 295 95 45 5.4 9.9 27 19 max. 368 118 67 8.1 15 41 28
Unit
gfs Ciss Coss Crss td(on) tr td(off) tf
VDS2*ID*RDS(on)max, ID=1.44A VGS=0, VDS=25V, f=1MHz
0.8 -
S pF
VDD=15V, VGS=4.5V, ID=1.44 A, RG=15W
ns
Q gs Q gd Qg
VDD =24V, ID =1.8A
-
0.9 5.6 14 3.1
1.1 8.4 17 3.8
nC
VDD =24V, ID =1.8A, VGS =0 to 10V
V(plateau) VDD =24V, ID = 1.8 A
V
IS
TA=25C
-
0.84 36 38
1.8 7.2 1.3 45 48
A
V ns nC
Page 3
2007-02-07
Rev 1.3 1 Power dissipation Ptot = f (TA)
1.9
BSP295
BSP295
2 Drain current ID = f (TA)
1.9
parameter: VGS 10 V
BSP295
W
1.6 1.4
A
1.6 1.4
P tot
1 0.8 0.6 0.4 0.2 0 0
ID
20 40 60 80 100 120
1.2
1.2 1 0.8 0.6 0.4 0.2 0 0
C
160
20
40
60
80
100
120
C
160
TA
TA
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TA = 25 C
10
1 BSP295 tp = 150.0s
4 Transient thermal impedance ZthJA = f (tp ) parameter : D = tp /T
10 2
BSP295
/ID
A
RD
o S(
=
n)
VD
S
K/W
1 ms
10 1
10
0
10 ms
Z thJA
10 0 D = 0.50 0.20
ID
-1
10
0.10 10 -1 DC single pulse 0.05 0.02 0.01
10 -2 0 10
10
1
V
10
2
10 -2 -5 -4 -3 -2 -1 0 1 2 10 10 10 10 10 10 10 10
s
10
4
VDS
Page 4
tp
2007-02-07
Rev 1.3 5 Typ. output characteristic ID = f (VDS) parameter: Tj = 25 C, VGS
3.6
BSP295
6 Typ. drain-source on resistance RDS(on) = f (ID) parameter: Tj = 25 C, VGS
1.8
A 5V 6V 7V 3 10V
2.7 2.4
4.2V
W
R DS(on)
5V 6V 1.4 7V 10V
1.2 1
3V 2.4V 2.8V
3.4V
3.8V 4.2V
3.8V
ID
2.1 1.8 1.5
3V 3.4V
0.8 0.6
1.2 0.9 0.6 0.3 0 0 0.5 1 1.5 2 2.5
2.4V 2.8V
0.4 0.2 0 0
3
3.5
4
V VDS
5
0.6
1.2
1.8
2.4
A ID
3.6
7 Typ. transfer characteristics parameter: Tj = 25 C
2.5
ID = f ( VGS ); VDS 2 x ID x RDS(on)max
8 Typ. forward transconductance gfs = f(ID) parameter: Tj = 25 C
2.5
A
S
1.5
gfs
0.5 1 1.5 2 2.5 3 4
ID
1.5
1
1
0.5
0.5
0 0
V VGS
0 0
0.6
1.2
1.8
2.4
V ID
3.6
Page 5
2007-02-07
Rev 1.3 9 Drain-source on-state resistance RDS(on) = f (Tj ) parameter : ID = 1.8 A, VGS = 10 V
0.75
BSP295
10 Typ. gate threshold voltage VGS(th) = f (Tj ) parameter: VGS = VDS ; ID = 1 mA
2.2
W
BSP295
V
98%
0.6
1.8
R DS(on)
0.55 0.5 0.45 0.4 0.35 0.3 98%
V GS(th)
1.6
typ.
1.4 1.2 1
2%
0.8 0.25 0.2 0.15 0.1 0.05 0 -60 -20 20 60 100
C
typ
0.6 0.4 0.2 180 0 -60 -20 20 60 100 160
Tj
C Tj
11 Typ. capacitances C = f (VDS) parameter: VGS =0, f=1 MHz, Tj = 25 C
10
3
12 Forward character. of reverse diode IF = f (VSD) parameter: Tj
10 1
BSP295
A
Ciss pF
10 0
C
10
2
Crss
IF
10 -1 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
V
Coss
10
1
0
5
10
15
20
30
10 -2 0
0.4
0.8
1.2
1.6
2
2.4 V
3
VDS
VSD
Page 6
2007-02-07
Rev 1.3 13 Typ. avalanche energy EAS = f (Tj)
60
BSP295
14 Typ. gate charge VGS = f (QG ); parameter: VDS , ID = 1.8 A pulsed, Tj = 25 C
16
V
BSP295
par.: ID = 3.9 A, VDD = 25 V, RGS = 25 W
mJ
12 40
V GS
E AS
10
30
8
6 20
0.2 VDS max
4
0.5 VDS max
10 2
0.8 VDS max
0 20
40
60
80
100
120
C
160
0 0
4
8
12
16
nC
24
Tj
QG
15 Drain-source breakdown voltage V(BR)DSS = f (Tj)
BSP295
60
V
V (BR)DSS
57 56 55 54 53 52 51 50 49 48 47 46 45 -60 -20 20 60 100
C
180
Tj
Page 7
2007-02-07
Rev 1.3
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
BSP295
Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2007-02-07


▲Up To Search▲   

 
Price & Availability of BSP29507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X