Part Number Hot Search : 
KBPC15 02205 S6X8TS1 PT28C020 EH4B1 MRF15 BD9536FV 0BZXC
Product Description
Full Text Search
 

To Download BSC022N03SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSC022N03S G
OptiMOSTM2 Power-Transistor
Features * Fast switching MOSFET for SMPS * Optimized technology for notebook DC/DC converters * Qualified according to JEDEC1 for target applications * Logic level / N-channel * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * Avalanche rated; dv/dt rated * Pb-free lead plating; RoHS compliant * Halogen-free according to IEC61249-2-21 Type BSC022N03S G Package PG-TDSON-8 Marking 22N03S
Product Summary V DS R DS(on),max ID 30 2.2 100 PG-TDSON-8 V m A
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C T A=25 C, R thJA=45 K/W 2) Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation I D,pulse E AS dv /dt V GS P tot T C=25 C T A=25 C, R thJA=45 K/W 2) Operating and storage temperature IEC climatic category; DIN IEC 68-1 Rev. 1.65 page 1 T j, T stg T C=25 C3) I D=50 A, R GS=25 I D=50 A, V DS=24 V, di /dt =200 A/s, T j,max=150 C Value 100 100 28 200 800 6 20 104 2.8 -55 ... 150 55/150/56 2009-10-22 C mJ kV/s V W Unit A
BSC022N03S G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC bottom top Thermal resistance, junction - ambient R thJA minimal footprint 6 cm2 cooling area2) 1.2 18 62 45 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=110 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=50 A V GS=10 V, I D=50 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=50 A 30 1.2 1.6 0.1 2 1 A V
70
10 10 2.6 1.8 0.6 140
100 100 3.3 2.2 S nA m
1) 2)
J-STD20 and JESD22
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. 3)
See figure 3
Rev. 1.65
page 2
2009-10-22
BSC022N03S G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.82 50 200 1 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=25 A, V GS=0 to 5 V 17 10 12 19 48 2.8 42 50 23 13 18 28 64 56 66 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=25 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 6230 2210 280 10.4 9 45 8 8290 2940 420 16 14 68 11 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
20
nC
4)
See figure 16 for gate charge parameter definition
Rev. 1.65
page 3
2009-10-22
BSC022N03S G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
120
120
100
100
80
80
P tot [W]
60
I D [A]
0 40 80 120 160
60
40
40
20
20
0
0 0 40 80 120 160
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
limited by on-state resistance
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
10 s
102
100 s
100
Z thJC [K/W]
0.5
I D [A]
1 ms 10 ms
0.2 0.1
101
10-1
0.05 0.02
DC
0.01 single pulse
100 10
-1
10-2 10
0
10
1
10
2
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.65
page 4
2009-10-22
BSC022N03S G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
200
10 V 4V 3.7 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
7
3V 3.2 V 3.4 V
6 160
4.5 V
5
R DS(on) [m]
120
3.4 V
4
3.7 V 4V 4.5 V
I D [A]
80
3
3.2 V
2 40
3V
10 V
2.8 V
1
0 0 1 2 3
0 0 50 100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
200
8 Typ. forward transconductance g fs=f(I D); T j=25 C
160
160 120
120
g fs [S]
80 40
150 C 25 C
I D [A]
80
40
0 0 1 2 3 4 5
0 0 50 100 150
V GS [V]
I D [A]
Rev. 1.65
page 5
2009-10-22
BSC022N03S G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=50 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
4 2.4
2 3
1100 A
1.6
R DS(on) [m]
98 %
2
V GS(th) [V]
110 A
typ
1.2
0.8 1 0.4
0 -60 -10 40 90 140 190
0 -60 -10 40 90 140 190
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
10000
103
Ciss 150 C Coss 25 C 25 C, 98% 150 C, 98%
10
2
C [pF]
103
1000
I F [A]
101
Crss
102
100
100 10 20 30 0 0.5 1 1.5 2
0
V DS [V]
V SD [V]
Rev. 1.65
page 6
2009-10-22
BSC022N03S G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=25 A pulsed parameter: V DD
12
15 V 25 C 100 C 6V 125 C 24 V
10
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 25 50 75 100
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
35
V GS
Qg
32
V BR(DSS) [V]
29
26
V g s(th)
23
Q g(th) Q gs
-60 -10 40 90 140 190
Q sw Q gd
Q g ate
20
T j [C]
Rev. 1.65
page 7
2009-10-22
BSC022N03S G
Package Outline P-TDSON-8: Outline PG-TDSON-8
Rev. 1.65
page 8
2009-10-22
BSC022N03S G
Package Outline P-TDSON-8: Tape
Dimensions in mm Rev. 1.65 page 9 2009-10-22
BSC022N03S G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please
contact the nearest Infineon Technologies Office (www.infineon.com).
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.65
page 10
2009-10-22


▲Up To Search▲   

 
Price & Availability of BSC022N03SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X