Part Number Hot Search : 
DL4753A FN2837 SR360 CT501 ST9216 M4B31 SD263 5251B
Product Description
Full Text Search
 

To Download BPC-817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
DATA SHEET
DEVICE NUMBERBPC-817
SHEET 1 DATE 2 3 4 5 6 CONTENTS
Original Released Features, Absolute , Applications, Maximum Ratings Format OF Sheets Dimensions Add Packaging
w w w . D 2002.11.17 S 1.0 1.0 1.0 1.041.0 . c o m ata heet U
2003.08.07 1.1 1.1 1.1 -
2003.09.08 2.0 2.0 2.0 2.0 2.0 2004.03.02 2.1 2.0 2.0 2.0 2.0 2004.10.25 2.1 - 2.1
2004.11.08 2.2 -
-
-
-
-
Features
BRIGHT LED ELECTRONICS CORP. 19 3 3F., No. 19, Ho Ping Road, Pan Chiao City, Taipei, Taiwan, R. O. C. Tel: 886-2-29591090 Fax: 886-2-29547006/29558809 www.brtled.com.
APPROVED
DRAWER
2004.11.08
2004.11.08
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPC-817
Features:
1. Current transfer ratio (CTR: MIN. 50% at IF=5mA, VCE=5V) 2. High input-output isolation voltage (VISO=5,000Vrms) 3. Response time (tr: TYP. 4s at VCE=2V, IC=2mA, RL=100 ) 4. UL approved (NO.E236324) 5. CSA approved (NO.218896) 6. VDE approved (NO.40007240) 7. TUV approved (NO.R50029014) 8.This product doesn't contain restriction substance, comply ROHS standard
Outline Dimensions
Description www..com
1. The BPC-817 series are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon phototransistor 2. The lead pitch is 2.54mm 1. Computer terminals. 2. System appliances, measuring instruments. 3. Registers, copiers, automatic vending machines. 4. Electric home appliances, such as fan heaters, etc. 5.Signal transmission between circuits of different potentials and impedances.
Applications:
NOTES *1. Year date code. *2. 2-digit work week. *3. Factory identification mark shall be marked. (TTaiwan, GChina) *4. Rank shall be or shall not be marked.
Absolute Maximum Ratings
Parameter
(Ta=25)
Symbol
IF VR P VCEO VECO IC PC Ptot Viso VIOTM VIORM Topr Tstg Tsol
Rating
50 6 70 70 6 50 150 200 5,000 6,000 630 -30 to + 100 -55 to + 125 260
Unit
mA V mW V mA mW mW Vrms V V
Forward Current INPUT Reverse Voltage Power Dissipation Collector-Emitter Voltage OUTPUT Emitter- Collector Voltage Collector Current Collector Power Dissipation Total Power Dissipation *1 Isolation Voltage Rated impulse isolation voltage Rated repetitive peak isolation voltage Operating Temperature Storage Temperature *2 Soldering Temperature
*1. AC For minute, R.H. =40~60% Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector and emitter on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave. *2. For 10 Seconds
Ver.2.2 Page 1 of 6
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPC-817
Electro-Optical Characteristics (Ta=25) Parameter
Forward Voltage INPUT Reverse Current Terminal Capacitance Collector Dark Current Collector-Emitter OUTPUT Breakdown Voltage Emitter-Collector Breakdown Voltage Collector Current *1 Current Transfer Ratio Collector-Emitter Saturation Voltage Isolation Resistance TRANSFER CHARACTERISTICS Floating Capacitance Cf fc tr tf
Symbol Conditions MIN. TYP. MAX Unit
VF IR Ct ICEO BVCEO BVECO Ic CTR VCE(sat) Riso IF=20mA VR=4V V=0, f=1KHz VCE=20V, IF=0 IC=0.1mA IF=0 IE=10A IF=0 IF=5mA VCE=5V IF=20mA IC= 1mA DC500V 40~60%R.H. V=0, f=1MHz VCE=5V, IC=2mA RL=100, -3dB VCE=2V, IC=2mA RL=100 --------35 6 2.5 50 --1.2 --30 ----------0.1 1.4 10 250 100 ----30 600 0.2 --1 V A pF nA V V mA % V pF
www..com
5x1010 1x1011 --0.6
Cut-Off Frequency
---
80
---
kHz
Response Time(Rise) Response Time(Fall)
-----
4 3
18 18
s s
*1 CTR= IC / IF x 100% RANK TABLE OF CURRENT TRANSFER RATIO(CTR) RANK MARK
L A B C D L or A or B or C or D
M i n . ( %)
50 80 130 200 300 50
M a x . ( %)
100 160 260 400 600 600
Notes: 1. Conditions: IF=5mA, VCE=5V, Ta=25.
Ver.2.0 Page 2 of 6
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPC-817
CHARACTERISTICS CURVES
www..com
Characteristics Curves
Ver.2.0 Page 3 of 6
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPC-817
www..com
Ver.2.0 Page 4 of 6
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPC-817
Reliability Test Classification Test Item
Operation Life High Temperature High Humidity Reverse Bias (H3TRB) High Temperature Reverse Bias (HTRB) High Temperature Storage Low Temperature Storage Autoclave
Reference Standard
MIL-STD-750:1026 MIL-STD-883:1005 JIS C 7021 :B-1 JIS C 7021 :B-11
Test Conditions
Connect with a power If=50mA Ta=Under room temperature Test time=1,000hrs Ta=+855, RH=85% PTR=VCE absolute max rating*80% Test time=1000hrs Ta=+1055 PTR=VCE absolute max rating Test time=1000hrs High Ta=+1255 Test time=1,000hrs Low Ta=-555 Test time=1,000hrs P=15PSIG, Ta=121 Humi. =100%RH, 48hrs 125 ~ 25 ~ -55 ~ 30min 5min 30min Test Time=20cycle 125 ~-55 20min 20min Test Time=20cycle Operation heating 260, within 101seconds. Operation heating 235, within 51seconds. 25 5min
Result
0/20
0/20
Endurance Test
JIS C 7021
:B- 8
0/20 0/20 0/20 0/20
www..com
MIL-STD-883:1008 JIS C 7021 :B-10 JIS-C-7021 :B-12
JESD 22-A102-B
MIL-STD-202:107D Temperature MIL-STD-750:1051 Cycling MIL-STD-883:1010 JIS C 7021 :A-4 MIL-STD-202:107D Environmental Thermal Shock MIL-STD-750:1051 Test MIL-STD-883:1011 MIL-STD-202:201A Solder Resistance MIL-STD-750:2031 JIS C 7021 :A-1 MIL-S-883:2003 Solder Ability JIS C 7021 :A-2
0/20
0/20
0/20 0/20
Judgment Criteria Of Failure For The Reliability Symbol
VF (V) Ir(uA) CTR(%) VCE(sat) BVCEO BVECO
Measuring conditions
If=50mA Vr=5V If=5mA, VCE=5V IF=20mA, IC= 1mA IC=0.1mA, IF=0 IE=10A, IF=0
Judgment criteria for failure
Over Ux1.0 Over Ux1.0 Shift>1.2 Over Ux1.0 Over Lx1.0 Over Lx1.0
Ver. 2.0 Page 5 of 6
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPC-817
Packaging Box Dimensions (Units: mm)
www..com
Packaging Tube Dimensions
12.00 8.20 0.60
BAUART GEPRUFT TUV Rheinland product Safety TYPE APPROVED
R
0. 50
Notes: 1100pcs per tubi,5Kpcs per box. 2All dimensions are in millimeters (inches).
3Specifications are subject to change without notice.
Ver. 2.1 Page 6 of 6
R
15.0[0.591]
5.00
5.50
9.20
11.00
V DE
4.30


▲Up To Search▲   

 
Price & Availability of BPC-817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X