Part Number Hot Search : 
HZS11A1 XR2100 AN8014S BR206 LC866428 UT134F 09081 B4250
Product Description
Full Text Search
 

To Download APD-480M021-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APD-480M021/-2
Vishay Dale
Plasma Panel Display Modules
480 Character Display with Drive Electronics, Controller and Parallel Interface
FEATURES
* 480 (12 x 40) alphanumeric characters (5 x 7 dot matrix) * Only + 5 and + 12 VDC required (- 2 option) * ASCII character set (optional character sets available) * Efficient Parallel Interface * Two Step Brightness Control * Wide viewing angle (150) * Rugged design/slim profile * Flicker free refresh * Editing functions * Panasonic/NEC/Babcock Compatible The APD-480M021 display module displays up to 480 alphanumeric 5 x 7 dot matrix characters arranged in 12 lines of 40 characters each. The module includes drive electronics, a controller consisting of refresh memory, character generator and control logic with ASCII input to enable the module to serve as a direct readout device for many applications including POS terminals, industrial controls, computer peripherals, measurement instruments, and office machines. (A serial interface version is available APD-480M021-1.)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0C to + 55C. Storage Temperature: - 55C to + 85C. Relative Humidity: 10 - 90% non-condensing. Mechanical Shock: 50G 1/2 sine wave, 11 msec duration. 5 shocks in each of six directions. Vibration: 0.018" [0.46] displacement amplitude from 10 to 50 Hz acceleration from 50 to 2000 Hz logarthmic sweep rate, along each side of the 3 major axes.
DIMENSIONS in inches [millimeters]
OPTICAL SPECIFICATIONS
Viewing Area: 7.56" [192.02] W x 3.74" [95.0] H. Number of Characters: 480. Character Size: 0.146" [3.708] W x 0.209" [5.309] H.
.250 [6.35]
10.866 [276.0] .880 [22.35] 10.315 [262.0] 5.472 [139.0]
Luminance: 60 foot lamberts.
.200 [5.08]
Color: Neon orange. Viewing Angle: 150 cone.
3.74 [95.0]
VIEWING AREA
5.512 [140.0] 5.905 [150.0]
STANDARD ELECTRICAL SPECIFICATIONS
DESCRIPTION Logic Supply Voltage MIN. 4.75 -- 180.0 -- 2.2 -- -- 11.4 -- TYP. 5.0 800 185.0 -- -- -- -- 12.0 0.7 MAX. 5.25 -- 190.0 105.0 5.0 0.8 - 0.4 12.6 2.5 UNITS V mA V mA V V mA V A
7.599 [193.0]
1.38 [35.05] M3 Threaded Standoff 6 Places
Logic Supply Current Panel Supply Voltage Panel Supply Current Logic One Voltage Logic Zero Voltage Logic Zero Input Current (APD-480M021-2) Panel Supply Voltage Panel Supply Current
1.772 [45.0] MAX.
J2 Power Connector
J1 Data Connector
www.vishay.com 2
Document Number: 37054 Revision 27-Nov-00
APD-480M021/-2
Vishay Dale
GENERAL DESCRIPTION
The APD-480M021 consists of a DC plasma panel display, drive circuitry, and controller. The interface is a basic 8 bit parallel ASCII interface with handshaking and some dedicated control lines. Vishay Dale's(R) patented open construction display technology assures a stable, flicker free screen. The controller maintains all the refresh memory, character generation and control logic. It supports back space, horizontal tab, line feed, vertical tab, clear, carriage return and escape through software instructions. Control commands available include reading cursor position and data, horizontal tab after reading data at cursor position, character insert, character delete, line insert, line delete and screen clear. Operating modes are "normal" (wrap-around) or vertical scroll. The cursor may be turned on, or off, or on with a 4 Hz blink rate. The EPROM based character generator is programmed with an ASCII character set, but is easily configured for any character set. The logic input is one 74LS type input with 4.75 kilohm to + 5 VDC. All input lines also have a 1000 F capacitor to ground.
PIN DESCRIPTION
PIN DESCRIPTION J1 DATA CONNECTOR 1 DATA BIT 0 3 DATA BIT 1 5 DATA BIT 2 7 DATA BIT 3 9 DATA BIT 4 11 DATA BIT 5 13 DATA BIT 6 15 DATA BIT 7 17 WR 19 US 21 RD 23 CLR 2, 26 GND 4 B/D 6 A0 12 CHK 24 BUSY 25 BL 8, 10, 14, 16, 18, 20, 22 Unused J2 POWER CONNECTOR 1 + 185 V (+ 12 with - 2 option) 2 GND (Power) 3 GND (Logic) 4 +5V WARNING: Wrong connections or reversal of the connector may cause permanent damage to the display and host interface.
INTERFACE SIGNAL DESCRIPTION
DB0-DB7 (Data Bus) - Tri-state bi-directional data bus to exchange data between display and host processor. CHK (Check Command) - If CHK is low, any character written will fill all positions on the screen. After CHK is low, momentarily pulling CLR low will start a self-test where all the characters in the character set are scrolled from right to left. WR (Write) - Enter data while WR is low. RD (Read) - Read data while RD is low. A0 (Address Bus) - Selects character control codes or control command. A0 = low enables writing data. US (Unit Select) - Read and Write commands will only influence display while US is low B/D (Brightness/Dim) - Brightness is reduced 50% when B/ D is low. BL (Blank Screen) - Screen blanked when BL is low, but the data and cursor are maintained. CLR (Clear Display) - Display memory is cleared and the cursor goes to the HOME position when CLR is low. BUSY (Busy Signal) - I/O is inhibited while BUSY is high. This output is driven from a 74LS06 open collector output and is not pulled up.
FUNCTION SUMMARY
CONTROL CODES Back Space Horizontal Tab Line Feed Vertical Tab Clear Carriage Return Read Cursor Position Read Data at Cursor Position Read Cursor Position Data, then Perform Horizontal Tab Character Insert Character Delete Line Insert Line Delete Screen Clear ESCAPE CONTROL CODES Alter Cursor Position Row Position Column Position HEX 08 09 0A 0B 0C 0D F0 F1 F2 F3 F4 F5 F6 FF 1B ## ##
ORDERING INFORMATION
DESCRIPTION PART NUMBER Display, Driver Electronics and Controller ..................................................................................................................... APD-480M021 Display, Driver Electronics, Controller with Built-in DC/DC Converter ....................................................................... APD-480M021-2 Parallel Data Connector Kit ................................................................................................................................................. 280105-01 Power Connector Kit ............................................................................................................................................................ 280108-05 Non-Glare Filter (amber circular polarized) - other filters available, contact factory ........................................................... 280109-11
Document Number: 37054 Revision 27-Nov-00
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of APD-480M021-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X