![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES 16 16 High Speed Nonblocking Switch Arrays AD8114; G = +1 AD8115; G = +2 Serial or Parallel Programming of Switch Array Serial Data Out Allows "Daisy Chaining" of Multiple 16 16s to Create Larger Switch Arrays High Impedance Output Disable Allows Connection of Multiple Devices Without Loading the Output Bus For Smaller Arrays See Our AD8108/AD8109 (8 8) or AD8110/AD8111 (16 8) Switch Arrays Complete Solution Buffered Inputs Programmable High Impedance Outputs 16 Output Amplifiers, AD8114 (G = +1), AD8115 (G = +2) Drives 150 Loads Excellent Video Performance 25 MHz, 0.1 dB Gain Flatness 0.05%/0.05 Differential Gain/Differential Phase Error (RL = 150 ) Excellent AC Performance -3 dB Bandwidth: 225 MHz Slew Rate: 375 V/ s Low Power of 700 mW (2.75 mW per Point) Low All Hostile Crosstalk of -70 dB @ 5 MHz Reset Pin Allows Disabling of All Outputs (Connected Through a Capacitor to Ground Provides "Power-On" Reset Capability) 100-Lead LQFP Package (14 mm 14 mm) APPLICATIONS Routing of High Speed Signals Including: Video (NTSC, PAL, S, SECAM, YUV, RGB) Compressed Video (MPEG, Wavelet) 3-Level Digital Video (HDB3) Datacomms Telecomms 16 Low Cost 225 MHz 16 Crosspoint Switches AD8114/AD8115* FUNCTIONAL BLOCK DIAGRAM SER/PAR D0 D1 D2 D3 D4 A0 A1 A2 A3 80-BIT SHIFT REGISTER WITH 5-BIT PARALLEL LOADING 80 PARALLEL LATCH 80 16 DECODE 5:16 DECODERS OUTPUT BUFFER G = +1, G = +2 16 SET INDIVIDUAL OR RESET ALL OUTPUTS TO "OFF" ENABLE/DISABLE CLK DATA IN UPDATE CE RESET DATA OUT AD8114/AD8115 256 SWITCH MATRIX 16 INPUTS 16 OUTPUTS The AD8114/AD8115 are high speed 16 x 16 video crosspoint switch matrices. They offer a -3 dB signal bandwidth greater than 200 MHz and channel switch times of less than 50 ns with 1% settling. With -70 dB of crosstalk and -90 dB isolation (@ 5 MHz), the AD8114/AD8115 are useful in many high speed applications. The differential gain and differential phase of better than 0.05% and 0.05 respectively, along with 0.1 dB flatness out to 25 MHz while driving a 75 back-terminated load, make the AD8114/AD8115 ideal for all types of signal switching. *Patent Pending. PRODUCT DESCRIPTION The AD8114 /AD8115 include 16 independent output buffers that can be placed into a high impedance state for paralleling crosspoint outputs so that off channels do not load the output bus. The AD8114 has a gain of +1, while the AD8115 offers a gain of +2. They operate on voltage supplies of 5 V while consuming only 70 mA of idle current. The channel switching is performed via a serial digital control (which can accommodate "daisy chaining" of several devices) or via a parallel control allowing updating of an individual output without reprogramming the entire array. The AD8114/AD8115 is packaged in 100-lead LQFP package and is available over the extended industrial temperature range of -40C to +85C. REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1998 AD8114/AD8115-SPECIFICATIONS (V = S 5 V, TA = +25 C, RL = 1 k Min 150/125 unless otherwise noted) Units MHz MHz MHz MHz ns ns V/s % % Degrees Degrees dB dB dB nV/Hz 0.08/0.6 % % % % % ppm/C M pF A V V mA 15 mV V/C V pF M A ns ns mV p-p mA mA mA mA mA V dB dB dB C C/W Parameter DYNAMIC PERFORMANCE -3 dB Bandwidth Gain Flatness Propagation Delay Settling Time Slew Rate NOISE/DISTORTION PERFORMANCE Differential Gain Error Differential Phase Error Crosstalk, All Hostile Off Isolation, Input-Output Input Voltage Noise DC PERFORMANCE Gain Error Conditions 200 mV p-p, RL = 150 2 V p-p, RL = 150 0.1 dB, 200 mV p-p, RL = 150 0.1 dB, 2 V p-p, RL = 150 2 V p-p, RL = 150 0.1%, 2 V Step, RL = 150 2 V Step, RL = 150 NTSC or PAL, RL = 1 k NTSC or PAL, RL = 150 NTSC or PAL, RL = 1 k NTSC or PAL, RL = 150 f = 5 MHz f = 10 MHz f = 10 MHz, RL = 150 , One Channel 0.01 MHz to 50 MHz No Load RL = 1 k RL = 150 No Load, Channel-Channel RL = 1 k, Channel-Channel AD8114 /AD8115 Typ Max 225/200 100/125 25/40 20/40 5 40 375/450 0.05 0.05 0.05 0.05 -70/-64 -60/-52 -90 16/18 0.05/0.2 0.05/0.2 0.2/0.35 0.01/0.5 0.01/0.5 0.75/1.5 0.2 10 5 1 3.3 3 65 3 10 3.5 5 10 2 60 50 20/30 70/80 27/30 70/80 27/30 16 4.5 to 5.5 80 66 46 -40 to +85 40 Gain Matching Gain Temperature Coefficient OUTPUT CHARACTERISTICS Output Impedance Output Disable Capacitance Output Leakage Current Output Voltage Range Voltage Range INPUT CHARACTERISTICS Input Offset Voltage Input Voltage Range Input Capacitance Input Resistance Input Bias Current SWITCHING CHARACTERISTICS Enable On Time Switching Time, 2 V Step Switching Transient (Glitch) POWER SUPPLIES Supply Current 0.04/1 DC, Enabled Disabled Disabled Disabled No Load IOUT = 20 mA Short Circuit Current Worst Case (All Configurations) Temperature Coefficient No Load Any Switch Configuration Per Output Selected 3.0 2.5 3/ 1.5 1 5 50% UPDATE to 1% Settling AVCC, Outputs Enabled, No Load AVCC, Outputs Disabled AVEE, Outputs Enabled, No Load AVEE, Outputs Disabled DVCC, Outputs Enabled, No Load DC f = 100 kHz f = 1 MHz Operating (Still Air) Operating (Still Air) 64 Supply Voltage Range PSRR OPERATING TEMPERATURE RANGE Temperature Range JA Specifications subject to change without notice. -2- REV. 0 AD8114/AD8115 TIMING CHARACTERISTICS (Serial) Parameter Serial Data Setup Time CLK Pulsewidth Serial Data Hold Time CLK Pulse Separation, Serial Mode CLK to UPDATE Delay UPDATE Pulsewidth CLK to DATA OUT Valid, Serial Mode Propagation Delay, UPDATE to Switch On or Off Data Load Time, CLK = 5 MHz, Serial Mode CLK, UPDATE Rise and Fall Times RESET Time Symbol t1 t2 t3 t4 t5 t6 t7 - - - - Min 20 100 20 100 0 50 200 50 16 100 200 Limit Typ Max Units ns ns ns ns ns ns ns ns s ns ns 1 CLK 0 1 DATA IN 0 1 = LATCHED UPDATE 0 = TRANSPARENT t2 t4 LOAD DATA INTO SERIAL REGISTER ON FALLING EDGE OUT7 (D3) OUT00 (D0) t1 t3 OUT7 (D4) t5 TRANSFER DATA FROM SERIAL REGISTER TO PARALLEL LATCHES DURING LOW LEVEL t6 t7 DATA OUT Figure 1. Timing Diagram, Serial Mode Table I. Logic Levels VIH RESET, SER/PAR CLK, DATA IN, CE, UPDATE 2.0 V min VIL RESET, SER/PAR CLK, DATA IN, CE, UPDATE 0.8 V max VOH VOL IIH RESET, SER/PAR CLK, DATA IN, CE, UPDATE 20 A max IIL RESET, SER/PAR CLK, DATA IN, CE, UPDATE -400 A min IOH IOL DATA OUT 2.7 V min DATA OUT 0.5 V max DATA OUT -400 A max DATA OUT 3.0 mA min REV. 0 -3- AD8114/AD8115 TIMING CHARACTERISTICS (Parallel) Limit Parameter Data Setup Time CLK Pulsewidth Data Hold Time CLK Pulse Separation CLK to UPDATE Delay UPDATE Pulsewidth Propagation Delay, UPDATE to Switch On or Off CLK, UPDATE Rise and Fall Times RESET Time Symbol t1 t2 t3 t4 t5 t6 - - - Min 20 100 20 100 0 50 50 100 200 Max Units ns ns ns ns ns ns ns ns ns t2 1 CLK 0 t4 t1 D0-D4 A0-A2 1 0 t3 t5 1 = LATCHED UPDATE 0 = TRANSPARENT t6 Figure 2. Timing Diagram, Parallel Mode Table II. Logic Levels VIH RESET, SER/PAR CLK, D0, D1, D2, D3, D4, A0, A1, A2, A3 CE, UPDATE 2.0 V min VIL VOH VOL IIH RESET, SER/PAR CLK, D0, D1, D2, D3, D4, A0, A1, A2, A3 CE, UPDATE 20 A max IIL RESET, SER/PAR CLK, D0, D1, D2, D3, D4, A0, A1, A2, A3 CE, UPDATE -400 A min IOH IOL RESET, SER/PAR CLK, D0, D1, D2, D3, D4, A0, A1, A2, A3 CE, UPDATE DATA OUT DATA OUT 0.8 V max 2.7 V min 0.5 V max DATA OUT DATA OUT -400 A max 3.0 mA min -4- REV. 0 AD8114/AD8115 ABSOLUTE MAXIMUM RATINGS 1 MAXIMUM POWER DISSIPATION Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12.0 V Internal Power Dissipation2 AD8114/AD8115 100-Lead Plastic LQFP (ST) . . . . 2.6 W Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves Storage Temperature Range . . . . . . . . . . . . -65C to +125C Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300C NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device in free air (T A = +25C): 100-lead plastic LQFP (ST): JA = 40C/W. The maximum power that can be safely dissipated by the AD8114/AD8115 is limited by the associated rise in junction temperature. The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition temperature of the plastic, approximately +150C. Temporarily exceeding this limit may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of +175C for an extended period can result in device failure. While the AD8114/AD8115 is internally short circuit protected, this may not be sufficient to guarantee that the maximum junction temperature (+150C) is not exceeded under all conditions. To ensure proper operation, it is necessary to observe the maximum power derating curves shown in Figure 3. 5.0 MAXIMUM POWER DISSIPATION - Watts TJ = +150 C 4.0 3.0 2.0 1.0 0 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 AMBIENT TEMPERATURE - C 80 90 Figure 3. Maximum Power Dissipation vs. Temperature ORDERING GUIDE Model AD8114AST AD8115AST AD8114-EB AD8115-EB Temperature Range -40C to +85C -40C to +85C Package Description 100-Lead Plastic LQFP (14 mm x 14 mm) 100-Lead Plastic LQFP (14 mm x 14 mm) Evaluation Board Evaluation Board Package Option ST-100 ST-100 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8114/AD8115 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE REV. 0 -5- AD8114/AD8115 Table III. Operation Truth Table CE 1 0 UPDATE X 1 CLK X f DATA IN X Data i DATA OUT X Data i-80 RESET X 1 SER/ PAR X 0 Operation/Comment No change in logic. The data on the serial DATA IN line is loaded into serial register. The first bit clocked into the serial register appears at DATA OUT 80 clocks later. The data on the parallel data lines, D0-D4, are loaded into the 80-bit serial shift register location addressed by A0-A3. Data in the 80-bit shift register transfers into the parallel latches that control the switch array. Latches are transparent. Asynchronous operation. All outputs are disabled. Remainder of logic is unchanged. 0 1 f X D0 . . . D4, A0 . . . A3 X NA in Parallel Mode X 1 1 0 0 1 X X X X X X 0 X PARALLEL DATA (OUTPUT ENABLE) SER/PAR D0 D1 D2 D3 D4 S D1 S D1 DQ CLK Q D0 DQ CLK S D1 Q D0 DQ CLK S D1 Q D0 DQ CLK S D1 Q DQ D0 CLK S D1 Q D0 DQ CLK S D1 Q DQ D0 CLK S D1 Q D0 DQ CLK S D1 Q D0 DQ CLK S D1 Q D0 DQ CLK S D1 Q D0 DQ CLK S D1 Q D0 DQ CLK DATA IN (SERIAL) Q D0 DATA OUT CLK CE UPDATE OUT0 EN OUTPUT ADDRESS OUT1 EN OUT2 EN OUT3 EN OUT4 EN OUT5 EN A0 A1 4 TO 16 DECODER A2 A3 OUT6 EN OUT7 EN OUT8 EN OUT9 EN OUT10 EN OUT11 EN OUT12 EN OUT13 EN OUT14 EN OUT15 EN LE D OUT0 B0 Q LE D OUT0 B1 Q LE D OUT0 B2 Q LE D OUT0 B3 Q LE D OUT0 EN CLR Q LE D OUT1 B0 Q LE D OUT14 EN CLR Q LE D OUT15 B0 Q LE D OUT15 B1 Q LE D OUT15 B2 Q LE D OUT15 B3 Q LE D OUT15 EN CLR Q RESET (OUTPUT ENABLE) DECODE 256 SWITCH MATRIX 16 OUTPUT ENABLE Figure 4. Logic Diagram -6- REV. 0 AD8114/AD8115 PIN FUNCTION DESCRIPTIONS Pin Name INxx DATA IN CLK DATA OUT UPDATE RESET CE SER/PAR OUTyy AGND DVCC DGND AVEE AVCC AVCCxx/yy AVEExx/yy A0 A1 A2 A3 D0 D1 D2 D3 D4 NC Pin Numbers 58, 60, 62, 64, 66, 68, 70, 72, 4, 6, 8, 10, 12, 14, 16, 18 96 97 98 95 100 99 94 53, 51, 49, 47, 45, 43, 41, 39, 37, 35, 33, 31, 29, 27, 25, 23 3, 5, 7, 9, 11, 13, 15, 17, 19, 57, 59, 61, 63, 65, 67, 69, 71, 73 1, 75 2, 74 20, 56 21, 55 54, 50, 46, 42, 38, 34, 30, 26, 22 52, 48, 44, 40, 36, 32, 28, 24 84 83 82 81 80 79 78 77 76 85-93 Pin Description Analog Inputs; xx = Channel Numbers 00 Through 15. Serial Data Input, TTL Compatible. Clock, TTL Compatible. Falling Edge Triggered. Serial Data Out, TTL Compatible. Enable (Transparent) "Low." Allows serial register to connect directly to switch matrix. Data latched when "High." Disable Outputs, Active "Low." Chip Enable, Enable "Low." Must be "low" to clock in and latch data. Selects Serial Data Mode, "Low" or Parallel Data Mode, "High." Must be connected. Analog Outputs yy = Channel Numbers 00 Through 15. Analog Ground for Inputs and Switch Matrix. Must be connected. +5 V for Digital Circuitry. Ground for Digital Circuitry. -5 V for Inputs and Switch Matrix. +5 V for Inputs and Switch Matrix. +5 V for Output Amplifier that is shared by Channel Numbers xx and yy. Must be connected. -5 V for Output Amplifier that is shared by Channel Numbers xx and yy. Must be connected. Parallel Data Input, TTL Compatible (Output Select LSB). Parallel Data Input, TTL Compatible (Output Select). Parallel Data Input, TTL Compatible (Output Select). Parallel Data Input, TTL Compatible (Output Select MSB). Parallel Data Input, TTL Compatible (Input Select LSB). Parallel Data Input, TTL Compatible (Input Select). Parallel Data Input, TTL Compatible (Input Select). Parallel Data Input, TTL Compatible (Input Select MSB). Parallel Data Input, TTL Compatible (Output Enable). No Connect. VCC ESD INPUT ESD VCC ESD OUTPUT ESD RESET VCC ESD 20k ESD AVEE AVEE DGND a. Analog Input b. Analog Output c. Reset Input VCC ESD INPUT ESD 2k VCC ESD OUTPUT ESD DGND DGND d. Logic Input e. Logic Output Figure 5. I/O Schematics REV. 0 -7- AD8114/AD8115 PIN CONFIGURATION 98 DATA OUT 97 CLK 100 RESET 99 CE 96 DATA IN 95 UPDATE 94 SER/PAR 86 NC 85 NC 93 NC 92 NC 88 NC 87 NC 89 NC 91 NC 90 NC 78 D2 77 D3 81 A3 80 D0 82 A2 79 D1 84 A0 83 A1 76 D4 DVCC DGND AGND IN08 AGND IN09 AGND IN10 AGND 1 2 3 4 5 6 7 8 9 PIN 1 IDENTIFIER 75 DVCC 74 DGND 73 AGND 72 IN07 71 AGND 70 IN06 69 AGND 68 IN05 67 AGND 66 IN04 65 AGND 64 IN03 63 AGND 62 IN02 61 AGND 60 IN01 59 AGND 58 IN00 57 AGND 56 AVEE 55 AVCC 54 AVCC00 53 OUT00 52 AVEE00/01 51 OUT01 OUT07 39 AVEE06/07 40 OUT06 41 AVCC05/06 42 OUT05 43 AVEE04/05 44 OUT04 45 AVCC03/04 46 OUT03 47 AVEE12/13 28 OUT12 29 AVCC11/12 30 OUT11 31 AVEE10/11 32 OUT10 33 AVCC09/10 34 AVEE02/03 48 OUT02 49 OUT13 27 OUT08 37 AVCC07/08 38 AVCC13/14 26 AVCC01/02 50 OUT09 35 AVEE08/09 36 IN11 10 AGND 11 IN12 12 AGND 13 IN13 14 AGND 15 IN14 16 AGND 17 IN15 18 AGND 19 AVEE 20 AVCC 21 AVCC15 22 OUT15 23 AVEE14/15 24 OUT14 25 AD8114/AD8115 TOP VIEW (Not to Scale) NC = NO CONNECT -8- REV. 0 Typical Performance Characteristics-AD8114/AD8115 1 GAIN 0 FLATNESS -1 -2 -3 2V p-p -4 -5 -6 -7 0.1 VO AS SHOWN RL = 150 -0.3 -0.4 -0.5 -0.6 1000 200mV p-p 0 -1 GAIN - dB 0.2 0.1 2 1 GAIN 0 200mV p-p 0.5 0.4 0.3 0.2 0.1 FLATNESS 0 VO AS SHOWN RL = 150 -0.1 200mV p-p 2V p-p -0.2 -0.3 2V p-p -0.4 1 10 FREQUENCY - MHz 100 -0.5 1000 -0.2 FLATNESS - dB GAIN - dB -0.1 -2 -3 -4 -5 -6 -7 -8 0.1 1 10 FREQUENCY - MHz 100 Figure 6. AD8114 Frequency Response; RL = 150 Figure 9. AD8115 Frequency Response; RL = 150 3 2 1 GAIN 0 FLATNESS GAIN - dB -1 -2 -3 -4 -5 -6 -7 0.1 1 10 FREQUENCY - MHz 100 VO AS SHOWN RL = 1k 200mV p-p 0.4 0.3 0.2 0.1 3 2 1 0 FLATNESS - dB GAIN 200mV p-p 0.5 0.4 0.3 0.2 0.1 FLATNESS 0 -0.1 VO AS SHOWN RL = 1k 200mV p-p 2V p-p -0.2 -0.3 2V p-p -0.4 1 10 FREQUENCY - MHz 100 -0.5 1000 GAIN - dB 0 -0.1 2V p-p -0.2 -0.3 -0.4 -0.5 -0.6 1000 -1 -2 -3 -4 -5 -6 -7 0.1 Figure 7. AD8114 Frequency Response; RL = 1 k Figure 10. AD8115 Frequency Response; RL = 1 k 4 3 2 1 VO = 200mV p-p RL AS SHOWN CL = 18pF RL = 1k 10 8 6 4 VO = 200mV p-p RL AS SHOWN CL = 18pF RL = 1k GAIN - dB -1 -2 -3 -4 -5 -6 0.1 1 10 GAIN - dB 0 RL = 150 2 0 -2 -4 -6 -8 RL = 150 100 1000 -10 0.1 1 10 FREQUENCY - MHz 100 1000 FREQUENCY - MHz Figure 8. AD8114 Frequency Response vs. Load Impedance Figure 11. AD8115 Frequency Response vs. Load Impedance REV. 0 -9- FLATNESS - dB FLATNESS - dB AD8114/AD8115 0 -10 -20 RL = 1k RT = 37.5 0 -10 -20 CROSSTALK - dB RL = 1k RT = 37.5 CROSSTALK - dB -30 -40 -50 -60 -70 -80 -90 ADJACENT ALL HOSTILE -30 -40 ALL HOSTILE -50 -60 -70 -80 -90 ADJACENT -100 0.1 1 10 FREQUENCY - MHz 100 1000 -100 0.1 1 10 FREQUENCY - MHz 100 1000 Figure 12. AD8114 Crosstalk vs. Frequency Figure 15. AD8115 Crosstalk vs. Frequency 0 -10 -20 DISTORTION - dBc 0 VO = 2V p-p RL = 150 -10 -20 VO = 2V p-p RL = 150 -30 -40 -50 -60 -70 -80 -90 3RD HARMONIC 2ND HARMONIC DISTORTION - dBc -30 -40 -50 -60 -70 -80 -90 2ND HARMONIC 3RD HARMONIC -100 1 10 FUNDAMENTAL FREQUENCY - MHz 50 -100 1 10 FUNDAMENTAL FREQUENCY - MHz 50 Figure 13. AD8114 Distortion vs. Frequency Figure 16. AD8115 Distortion vs. Frequency VO = 2V STEP RL = 150 VO = 2V STEP RL = 150 0.1%/DIV 0 5 10 15 20 25 5ns/DIV 30 35 40 45 0.1%/DIV 0 5 10 15 20 25 5ns/DIV 30 35 40 45 Figure 14. AD8114 Settling Time Figure 17. AD8115 Settling Time -10- REV. 0 AD8114/AD8115 1M 1M 100k INPUT IMPEDANCE - 100k INPUT IMPEDANCE - 1 10 FREQUENCY - MHz 100 500 10k 10k 1k 1k 100 0.1 100 0.1 1 10 FREQUENCY - MHz 100 500 Figure 18. AD8114 Input Impedance vs. Frequency Figure 21. AD8115 Input Impedance vs. Frequency 1000 1000 100 100 OUTPUT IMPEDANCE - 10 OUTPUT IMPEDANCE - 10 1 1 0.1 0.1 1 10 FREQUENCY - MHz 100 1000 0.1 0.1 1 10 FREQUENCY - MHz 100 1000 Figure 19. AD8114 Output Impedance, Enabled vs. Frequency Figure 22. AD8115 Output Impedance Enabled vs. Frequency 1M 1M 100k OUTPUT IMPEDANCE - 100k 10k OUTPUT IMPEDANCE - 10k 1k 1k 100 100 10 0.1 1 10 FREQUENCY - MHz 100 1000 10 0.1 1 10 FREQUENCY - MHz 100 1000 Figure 20. AD8114 Output Impedance, Disabled vs. Frequency Figure 23. AD8115 Output Impedance, Disabled vs. Frequency REV. 0 -11- AD8114/AD8115 -40 -50 -60 -40 -50 -60 OFF ISOLATION - dB -80 -90 -100 -110 -120 -130 -140 0.1 1 10 FREQUENCY - MHz 100 500 OFF ISOLATION - dB -70 -70 -80 -90 -100 -110 -120 -130 -140 0.1 1 10 FREQUENCY - MHz 100 500 Figure 24. AD8114 Off Isolation, Input-Output Figure 27. AD8115 Off Isolation, Input-Output -20 -30 -40 -50 -PSRR -60 +PSRR -70 -80 -90 -100 0.03 -20 -30 -40 +PSRR -50 -60 -70 -80 -90 -100 0.03 -PSRR PSRR - dB 0.1 1 FREQUENCY - MHz 10 PSRR - dB 0.1 1 FREQUENCY - MHz 10 Figure 25. AD8114 PSRR vs. Frequency Figure 28. AD8115 PSRR vs. Frequency 170 150 170 150 VOLTAGE NOISE - nV/ Hz 130 110 90 70 50 30 10 10 18nV/ Hz VOLTAGE NOISE - nV/ Hz 130 110 90 70 50 30 10 10 16nV/ Hz 100 1k 10k 100k 1M 10M 100 1k 10k 100k 1M 10M FREQUENCY - Hz FREQUENCY - Hz Figure 26. AD8114 Voltage Noise vs. Frequency Figure 29. AD8115 Voltage Noise vs. Frequency -12- REV. 0 AD8114/AD8115 0.15V 0.10V 0.05V 0V -0.05V -0.10V -0.15V VO = 200mV STEP RL = 150 0.15V 0.10V 0.05V 0V -0.05V -0.10V -0.15V VO = 200mV STEP RL = 150 50mV 25ns 50mV 25ns Figure 30. AD8114 Pulse Response, Small Signal Figure 33. AD8115 Pulse Response, Small Signal 1.5V 1.0V 0.5V 0V -0.5V -1.0V -1.5V VO = 2V STEP RL = 150 1.5V 1.0V 0.5V 0V -0.5V -1.0V -1.5V VO = 2V STEP RL = 150 500mV 25ns 500mV 20ns Figure 31. AD8114 Pulse Response, Large Signal Figure 34. AD8115 Pulse Response, Large Signal +5V +5V UPDATE 0V UPDATE 0V +2V INPUT 1 AT +1V +1V INPUT 0 AT -1V VOUT INPUT 1 AT +1V -0V -1V 10ns INPUT 0 AT -1V VOUT -0V -2V 10ns Figure 32. AD8114 Switching Time Figure 35. AD8115 Switching Time REV. 0 -13- AD8114/AD8115 5V UPDATE 0V 0V 5V UPDATE 0.05V 0V -0.05V 50ns 0.05V 0V -0.05V 50ns Figure 36. AD8114 Switching Transient (Glitch) Figure 39. AD8115 Switching Transient (Glitch) 260 240 220 200 180 240 220 200 180 160 FREQUENCY -10 -8 -6 -4 0 4 -2 2 OFFSET VOLTAGE - mV 6 8 10 FREQUENCY FREQUENCY 160 140 120 100 80 60 40 20 0 -12 140 120 100 80 60 40 20 0 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 18 OFFSET VOLTAGE - mV Figure 37. AD8114 Offset Voltage Distribution Figure 40. AD8115 Offset Voltage Distribution 44 40 36 32 FREQUENCY 44 40 36 32 28 24 20 16 12 8 4 28 24 20 16 12 8 4 0 -20 -16 -12 -8 -4 0 4 8 12 16 20 0 -12 -8 OFFSET VOLTAGE DRIFT - V/ C -4 0 4 8 OFFSET VOLTAGE DRIFT - 12 V/ C 16 20 Figure 38. AD8114 Offset Voltage Drift Distribution (-40C to +85C) Figure 41. AD8115 Offset Voltage Drift Distribution (-40C to +85C) -14- REV. 0 AD8114/AD8115 THEORY OF OPERATION The AD8114 (G = +1) and AD8115 (G = +2) are crosspoint arrays with 16 outputs, each of which can be connected to any one of 16 inputs. Organized by output row, 16 switchable transconductance stages are connected to each output buffer, in the form of a 16-to-1 multiplexer. Each of the 16 rows of transconductance stages are wired in parallel to the 16 input pins, for a total array of 256 transconductance stages. Decoding logic for each output selects one (or none) of the transconductance stages to drive the output stage. The transconductance stages are NPNinput differential pairs, sourcing current into the folded cascode output stage. The compensation network and emitter follower output buffer are in the output stage. Voltage feedback sets the gain, with the AD8114 being configured as a unity gain follower, and the AD8115 as a gain-of-two amplifier with a feedback network. This architecture provides drive for a reverse-terminated video load (150 ), with low differential gain and phase error for relatively low power consumption. Power consumption is further reduced by disabling outputs and transconductance stages that are not in use. The user will notice a small increase in input bias current as each transconductance stage is enabled. Features of the AD8114 and AD8115 simplify the construction of larger switch matrices. The unused outputs of both devices can be disabled to a high impedance state, allowing the outputs of multiple ICs to be bused together. In the case of the AD8115, a feedback isolation scheme is used so that the impedance of the gain-of-two feedback network does not load the output. Because no additional input buffering is necessary, high input resistance and low input capacitance are easily achieved without additional signal degradation. To control enable glitches, it is recommended that the disabled output voltage be maintained within its normal enabled voltage range ( 3.3 V). If necessary, the disabled output can be kept from drifting out of range by applying an output load resistor to ground. A flexible TTL-compatible logic interface simplifies the programming of the matrix. Both parallel and serial loading into a first rank of latches programs each output. A global latch simultaneously updates all outputs. A power-on reset pin is available to avoid bus conflicts by disabling all outputs. APPLICATIONS shift in when UPDATE is LOW, the transparent, asynchronous latches will allow the shifting data to reach the matrix. This will cause the matrix to try to update to every intermediate state as defined by the shifting data. The data at DATA IN is clocked in at every down edge of CLK. A total of 80 bits must be shifted in to complete the programming. For each of the 16 outputs, there are four bits (D0-D3) that determine the source of its input followed by one bit (D4) that determines the enabled state of the output. If D4 is LOW (output disabled), the four associated bits (D0-D3) do not matter, because no input will be switched to that output. The most-significant-output-address data is shifted in first, then following in sequence until the least-significant-output-address data is shifted in. At this point UPDATE can be taken LOW, which will cause the programming of the device according to the data that was just shifted in. The UPDATE registers are asynchronous and when UPDATE is LOW (and CE is LOW), they are transparent. If more than one AD8114/AD8115 device is to be serially programmed in a system, the DATA OUT signal from one device can be connected to the DATA IN of the next device to form a serial chain. All of the CLK, CE, UPDATE and SER/PAR pins should be connected in parallel and operated as described above. The serial data is input to the DATA IN pin of the first device of the chain, and it will ripple on through to the last. Therefore, the data for the last device in the chain should come at the beginning of the programming sequence. The length of the programming sequence will be 80 bits times the number of devices in the chain. Parallel Programming When using the parallel programming mode, it is not necessary to reprogram the entire device when making changes to the matrix. In fact, parallel programming allows the modification of a single output at a time. Since this takes only one CLK/ UPDATE cycle, significant time savings can be realized by using parallel programming. One important consideration in using parallel programming is that the RESET signal DOES NOT RESET ALL REGISTERS in the AD8114/AD8115. When taken low, the RESET signal will only set each output to the disabled state. This is helpful during power-up to ensure that two parallel outputs will not be active at the same time. After initial power-up, the internal registers in the device will generally have random data, even though the RESET signal has been asserted. If parallel programming is used to program one output, then that output will be properly programmed, but the rest of the device will have a random program state depending on the internal register content at power-up. Therefore, when using parallel programming, it is essential that ALL OUTPUTS BE PROGRAMMED TO A DESIRED STATE AFTER POWER-UP. This will ensure that the programming matrix is always in a known state. From then on, parallel programming can be used to modify a single output or more at a time. In similar fashion, if both CE and UPDATE are taken LOW after initial power-up, the random power-up data in the shift register will be programmed into the matrix. Therefore, in order to prevent the crosspoint from being programmed into an unknown state DO NOT APPLY LOW LOGIC LEVELS TO BOTH CE AND UPDATE AFTER POWER IS INITIALLY The AD8114/AD8115 have two options for changing the programming of the crosspoint matrix. In the first option a serial word of 80 bits can be provided that will update the entire matrix each time. The second option allows for changing a single output's programming via a parallel interface. The serial option requires fewer signals, but more time (clock cycles) for changing the programming, while the parallel programming technique requires more signals, but can change a single output at a time and requires fewer clock cycles to complete programming. Serial Programming The serial programming mode uses the device pins CE, CLK, DATA IN, UPDATE and SER/PAR. The first step is to assert a LOW on SER/PAR in order to enable the serial programming mode. CE for the chip must be LOW to allow data to be clocked into the device. The CE signal can be used to address an individual device when devices are connected in parallel. The UPDATE signal should be HIGH during the time that data is shifted into the device's serial port. Although the data will still REV. 0 -15- AD8114/AD8115 APPLIED. Programming the full shift register one time to a desired state, either by serial or parallel programming after initial power-up, will eliminate the possibility of programming the matrix to an unknown state. To change an output's programming via parallel programming, SER/PAR and UPDATE should be taken HIGH and CE should be taken LOW. The CLK signal should be in the HIGH state. The 4-bit address of the output to be programmed should be put on A0-A3. The first four data bits (D0-D3) should contain the information that identifies the input that gets programmed to the output that is addressed. The fourth data bit (D4) will determine the enabled state of the output. If D4 is LOW (output disabled) then the data on D0-D3 does not matter. After the desired address and data signals have been established, they can be latched into the shift register by a HIGH to LOW transition of the CLK signal. The matrix will not be programmed, however, until the UPDATE signal is taken low. It is thus possible to latch in new data for several or all of the outputs first via successive negative transitions of CLK while UPDATE is held high, and then have all the new data take effect when UPDATE goes LOW. This is the technique that should be used when programming the device for the first time after power-up when using parallel programming. POWER-ON RESET drive a video line. Its high output disabled impedance minimizes signal degradation when paralleling additional outputs. CREATING LARGER CROSSPOINT ARRAYS The AD8114/AD8115 are high density building blocks for creating crosspoint arrays of dimensions larger than 16 x 16. Various features, such as output disable, chip enable, and gainof-one and gain-of-two options, are useful for creating larger arrays. When required for customizing a crosspoint array size, they can be used with the AD8108 and AD8109, a pair (unity gain and gain-of-two) of 8 x 8 video crosspoint switches, or the AD8110 and AD8111, a pair (unity gain and gain-of-two) 16 x 8 video crosspoint switches. The first consideration in constructing a larger crosspoint is to determine the minimum number of devices are required. The 16 x 16 architecture of the AD8114/AD8115 contains 256 "points," which is a factor of 64 greater than a 4 x 1 crosspoint (or multiplexer). The PC board area, power consumption and design effort savings are readily apparent when compared to using these smaller devices. For a nonblocking crosspoint, the number of points required is the product of the number of inputs multiplied by the number of outputs. Nonblocking requires that the programming of a given input to one or more outputs does not restrict the availability of that input to be a source for any other outputs. Some nonblocking crosspoint architectures will require more than this minimum as calculated above. Also, there are blocking architectures that can be constructed with fewer devices than this minimum. These systems have connectivity available on a statistical basis that is determined when designing the overall system. The basic concept in constructing larger crosspoint arrays is to connect inputs in parallel in a horizontal direction and to "wire-OR" the outputs together in the vertical direction. The meaning of horizontal and vertical can best be understood by looking at a diagram. Figure 42 illustrates this concept for a 32 x 32 crosspoint array that uses four AD8114s or AD8115s. 16 16 RTERM 16 16 AD8114 OR AD8115 16 AD8114 OR AD8115 When powering up the AD8114/AD8115 it is usually desirable to have the outputs come up in the disabled state. The RESET pin, when taken LOW will cause all outputs to be in the disabled state. However, the RESET signal DOES NOT RESET ALL REGISTERS in the AD8114/AD8115 This is important when operating in the parallel programming mode. Please refer to that section for information about programming internal registers after power-up. Serial programming will program the entire matrix each time, so no special considerations apply. Since the data in the shift register is random after power-up, they should not be used to program the matrix or else the matrix can enter unknown states. To prevent this, DO NOT APPLY LOGIC LOW SIGNALS TO BOTH CE AND UPDATE INITIALLY AFTER POWER-UP. The shift register should first be loaded with the desired data, and then UPDATE can be taken LOW to program the device. The RESET pin has a 20 k pull-up resistor to DVDD that can be used to create a simple power-up reset circuit. A capacitor from RESET to ground will hold RESET LOW for some time while the rest of the device stabilizes. The LOW condition will cause all the outputs to be disabled. The capacitor will then charge through the pull-up resistor to the HIGH state, thus allowing full programming capability of the device. GAIN SELECTION IN 00-15 IN 16-31 16 16 RTERM AD8114 OR AD8115 16 16 AD8114 OR AD8115 16 The 16 x 16 crosspoints come in two versions, depending on the gain of the analog circuit paths that is desired. The AD8114 device is unity gain and can be used for analog logic switching and other applications where unity gain is desired. The AD8114 can also be used for the input and interior sections of larger crosspoint arrays where termination of output signals is not usually used. The AD8114 outputs have a very high impedance when their outputs are disabled. The AD8115 can be used for devices that will be used to drive a terminated cable with its outputs. This device has a built-in gain-of-two that eliminates the need for a gain-of-two buffer to Figure 42. 32 x 32 Crosspoint Array Using Four AD8114s or Four AD8115s The inputs are each uniquely assigned to each of the 32 inputs of the two devices and terminated appropriately. The outputs are wired-ORed together in pairs. The output from only one of a wire-ORed pair should be enabled at any given time. The device programming software must be properly written to cause this to happen. Using additional crosspoint devices in the design can lower the number of outputs that have to be wire-ORed together. Figure 43 shows a block diagram of a system using eight AD8114s and -16- REV. 0 AD8114/AD8115 (8 IN 00-15 16 RTERM 8 IN 16-31 16 RTERM 8 IN 32-47 16 RTERM 8 IN 48-63 16 RTERM 8 IN 64-79 16 RTERM 8 IN 80-95 16 RTERM 8 IN 96-111 16 RTERM 8 IN 112-127 16 RTERM 8 1k RANK 1 AD8114) 128:32 8 AD8114 8 AD8114 8 AD8114 8 RANK 2 32:16 NONBLOCKING (32:32 BLOCKING) 8 8 1k OUT 00-15 NONBLOCKING AD8114 8 AD8115 8 AD8114 8 8 1k 8 AD8115 8 AD8114 8 8 1k ADDITIONAL 16 OUTPUTS (SUBJECT TO BLOCKING) AD8114 8 AD8114 8 Figure 43. Nonblocking 128 x 16 Array (128 x 32 Blocking) two AD8115s to create a nonblocking, gain-of-two, 128 x 16 crosspoint that restricts the wire-ORing at the output to only four outputs. Additionally, by using the lower eight outputs from each of the two Rank 2 AD8115s, a blocking 128 x 32 crosspoint array can be realized. There are, however, some drawbacks to this technique. The offset voltages of the various cascaded devices will accumulate and the bandwidth limitations of the devices will compound. In addition, the extra devices will consume more current and take up more board space. Once again, the overall system design specifications will determine how to make the various tradeoffs. Multichannel Video that operates in noisy environments or where common-mode voltages are present between transmitting and receiving equipment. In such systems, the video signals are differential; there is a positive and negative (or inverted) version of the signals. These complementary signals are transmitted onto each of the two wires of the twisted pair, yielding a first order zero commonmode voltage. At the receive end, the signals are differentially received and converted back into a single-ended signal. When switching these differential signals, two channels are required in the switching element to handle the two differential signals that make up the video channel. Thus, one differential video channel is assigned to a pair of crosspoint channels, both input and output. For a single AD8114/AD8115, eight differential video channels can be assigned to the 16 inputs and 16 outputs. This will effectively form an 8 x 8 differential crosspoint switch. Programming such a device will require that inputs and outputs be programmed in pairs. This information can be deduced by inspection of the programming format of the AD8114/AD8115 and the requirements of the system. There are other analog video formats requiring more than one analog circuit per video channel. One two-circuit format that is commonly being used in systems such as satellite TV, digital cable boxes and higher quality VCRs, is called S-video or Y/C video. This format carries the brightness (luminance or Y) portion of the video signal on one channel and the color (chrominance, chroma or C) on a second channel. The excellent video specifications of the AD8114/AD8115 make them ideal candidates for creating composite video crosspoint switches. These can be made quite dense by taking advantage of the AD8114/AD8115's high level of integration and the fact that composite video requires only one crosspoint channel per system video channel. There are, however, other video formats that can be routed with the AD8114/AD8115 requiring more than one crosspoint channel per video channel. Some systems use twisted-pair wiring to carry video signals. These systems utilize differential signals and can lower costs because they use lower cost cables, connectors and termination methods. They also have the ability to lower crosstalk and reject common-mode signals, which can be important for equipment REV. 0 -17- AD8114/AD8115 Since S-video also uses two separate circuits for one video channel, creating a crosspoint system requires assigning one video channel to two crosspoint channels as in the case of a differential video system. Aside from the nature of the video format, other aspects of these two systems will be the same. There are yet other video formats using three channels to carry the video information. Video cameras produce RGB (red, green, blue) directly from the image sensors. RGB is also the usual format used by computers internally for graphics. RGB can also be converted to Y, R-Y, B-Y format, sometimes called YUV format. These three-circuit, video standards are referred to as component analog video. The component video standards require three crosspoint channels per video channel to handle the switching function. In a fashion similar to the two-circuit video formats, the inputs and outputs are assigned in groups of three and the appropriate logic programming is performed to route the video signals. CROSSTALK Areas of Crosstalk For a practical AD8114/AD8115 circuit, it is required that it be mounted to some sort of circuit board in order to connect it to power supplies and measurement equipment. Great care has been taken to create a characterization board (also available as an evaluation board) that adds minimum crosstalk to the intrinsic device. This, however, raises the issue that a system's crosstalk is a combination of the intrinsic crosstalk of the devices in addition to the circuit board to which they are mounted. It is important to try to separate these two areas of crosstalk when attempting to minimize its effect. In addition, crosstalk can occur among the inputs to a crosspoint and among the output. It can also occur from input to output. Techniques will be discussed for diagnosing which part of a system is contributing to crosstalk. Measuring Crosstalk Many systems, such as broadcast video, that handle numerous analog signal channels have strict requirements for keeping the various signals from influencing any of the others in the system. Crosstalk is the term used to describe the coupling of the signals of other nearby channels to a given channel. When there are many signals in close proximity in a system, as will undoubtedly be the case in a system that uses the AD8114/ AD8115, the crosstalk issues can be quite complex. A good understanding of the nature of crosstalk and some definition of terms is required in order to specify a system that uses one or more AD8114/AD8115s. Types of Crosstalk Crosstalk is measured by applying a signal to one or more channels and measuring the relative strength of that signal on a desired selected channel. The measurement is usually expressed as dB down from the magnitude of the test signal. The crosstalk is expressed by: |XT| = 20 log10 (Asel(s)/Atest(s)) where s = jw is the Laplace transform variable, Asel(s) is the amplitude of the crosstalk-induced signal in the selected channel and Atest(s) is the amplitude of the test signal. It can be seen that crosstalk is a function of frequency, but not a function of the magnitude of the test signal (to first order). In addition, the crosstalk signal will have a phase relative to the test signal associated with it. A network analyzer is most commonly used to measure crosstalk over a frequency range of interest. It can provide both magnitude and phase information about the crosstalk signal. As a crosspoint system or device grows larger, the number of theoretical crosstalk combinations and permutations can become extremely large. For example, in the case of the 16 x 16 matrix of the AD8114/AD8115, we can examine the number of crosstalk terms that can be considered for a single channel, say IN00 input. IN00 is programmed to connect to one of the AD8114/AD8115 outputs where the measurement can be made. First, we can measure the crosstalk terms associated with driving a test signal into each of the other 15 inputs one at a time, while applying no signal to IN00. We can then measure the crosstalk terms associated with driving a parallel test signal into all 15 other inputs taken two at a time in all possible combinations; and then three at a time, etc., until, finally, there is only one way to drive a test signal into all 15 other inputs in parallel. Each of these cases is legitimately different from the others and might yield a unique value depending on the resolution of the measurement system, but it is hardly practical to measure all these terms and then to specify them. In addition, this describes the crosstalk matrix for just one input channel. A similar crosstalk matrix can be proposed for every other input. In addition, if the possible combinations and permutations for connecting inputs to the other (not used for measurement) outputs are taken into consideration, the numbers rather quickly grow to astronomical proportions. If a larger crosspoint array of multiple AD8114/AD8115s is constructed, the numbers grow larger still. Obviously, some subset of all these cases must be selected to be used as a guide for a practical measure of crosstalk. One Crosstalk can be propagated by means of any of three methods. These fall into the categories of electric field, magnetic field and sharing of common impedances. This section will explain these effects. Every conductor can be both a radiator of electric fields and a receiver of electric fields. The electric field crosstalk mechanism occurs when the electric field created by the transmitter propagates across a stray capacitance (e.g., free space) and couples with the receiver and induces a voltage. This voltage is an unwanted crosstalk signal in any channel that receives it. Currents flowing in conductors create magnetic fields that circulate around the currents. These magnetic fields will then generate voltages in any other conductors whose paths they link. The undesired induced voltages in these other channels are crosstalk signals. The channels that crosstalk can be said to have a mutual inductance that couples signals from one channel to another. The power supplies, grounds and other signal return paths of a multichannel system are generally shared by the various channels. When a current from one channel flows in one of these paths, a voltage that is developed across the impedance becomes an input crosstalk signal for other channels that share the common impedance. All these sources of crosstalk are vector quantities, so the magnitudes cannot simply be added together to obtain the total crosstalk. In fact, there are conditions where driving additional circuits in parallel in a given configuration can actually reduce the crosstalk. -18- REV. 0 AD8114/AD8115 common method is to measure "all hostile" crosstalk. This term means that the crosstalk to the selected channel is measured while all other system channels are driven in parallel. In general, this will yield the worst crosstalk number, but this is not always the case due to the vector nature of the crosstalk signal. Other useful crosstalk measurements are those created by one nearest neighbor or by the two nearest neighbors on either side. These crosstalk measurements will generally be higher than those of more distant channels, so they can serve as a worst case measure for any other one-channel or two-channel crosstalk measurements. Input and Output Crosstalk reducing the coupling capacitance of the input circuits and lowering the output impedance of the drivers. If the input is driven from a 75 terminated cable, the input crosstalk can be reduced by buffering this signal with a low output impedance buffer. On the output side, the crosstalk can be reduced by driving a lighter load. Although the AD8114/AD8115 is specified with excellent differential gain and phase when driving a standard 150 video load, the crosstalk will be higher than the minimum obtainable due to the high output currents. These currents will induce crosstalk via the mutual inductance of the output pins and bond wires of the AD8114/AD8115. From a circuit standpoint, this output crosstalk mechanism looks like a transformer with a mutual inductance between the windings that drives a load resistor. For low frequencies, the magnitude of the crosstalk is given by: |XT| = 20 log10 (Mxy x s/RL) where Mxy is the mutual inductance of output X to output Y and RL is the load resistance on the measured output. This crosstalk mechanism can be minimized by keeping the mutual inductance low and increasing RL. The mutual inductance can be kept low by increasing the spacing of the conductors and minimizing their parallel length. PCB Layout The flexible programming capability of the AD8114/AD8115 can be used to diagnose whether crosstalk is occurring more on the input side or the output side. Some examples are illustrative. A given input channel (IN07 in the middle for this example) can be programmed to drive OUT07 (also in the middle). The input to IN07 is just terminated to ground (via 50 or 75 ) and no signal is applied. All the other inputs are driven in parallel with the same test signal (practically provided by a distribution amplifier), with all other outputs except OUT07 disabled. Since grounded IN07 is programmed to drive OUT07, no signal should be present. Any signal that is present can be attributed to the other 15 hostile input signals, because no other outputs are driven (they are all disabled). Thus, this method measures the all-hostile input contribution to crosstalk into IN07. Of course, the method can be used for other input channels and combinations of hostile inputs. For output crosstalk measurement, a single input channel is driven (IN00 for example) and all outputs other than a given output (IN07 in the middle) are programmed to connect to IN00. OUT07 is programmed to connect to IN15 (far away from IN00), which is terminated to ground. Thus OUT07 should not have a signal present since it is listening to a quiet input. Any signal measured at the OUT07 can be attributed to the output crosstalk of the other 16 hostile outputs. Again, this method can be modified to measure other channels and other crosspoint matrix combinations. Effect of Impedances on Crosstalk Extreme care must be exercised to minimize additional crosstalk generated by the system circuit board(s). The areas that must be carefully detailed are grounding, shielding, signal routing and supply bypassing. The packaging of the AD8114/AD8115 is designed to help keep the crosstalk to a minimum. Each input is separated from each other input by an analog ground pin. All of these AGNDs should be directly connected to the ground plane of the circuit board. These ground pins provide shielding, low impedance return paths and physical separation for the inputs. All of these help to reduce crosstalk. Each output is separated from its two neighboring outputs by an analog supply pin of one polarity or the other. Each of these analog supply pins provides power to the output stages of only the two nearest outputs. These supply pins provide shielding, physical separation and a low impedance supply for the outputs. Individual bypassing of each of these supply pins with a 0.01 F chip capacitor directly to the ground plane minimizes high frequency output crosstalk via the mechanism of sharing common impedances. Each output also has an on-chip compensation capacitor that is individually tied to the nearby analog ground pins AGND00 through AGND07. This technique reduces crosstalk by preventing the currents that flow in these paths from sharing a common impedance on the IC and in the package pins. These AGNDxx signals should all be connected directly to the ground plane. The input and output signals will have minimum crosstalk if they are located between ground planes on layers above and below, and separated by ground in between. Vias should be located as close to the IC as possible to carry the inputs and outputs to the inner layer. The only place the input and output signals surface is at the input termination resistors and the output series back-termination resistors. To the extent possible, these signals should also be separated as soon as they emerge from the IC package. -19- The input side crosstalk can be influenced by the output impedance of the sources that drive the inputs. The lower the impedance of the drive source, the lower the magnitude of the crosstalk. The dominant crosstalk mechanism on the input side is capacitive coupling. The high impedance inputs do not have significant current flow to create magnetically induced crosstalk. However, significant current can flow through the input termination resistors and the loops that drive them. Thus, the PC board on the input side can contribute to magnetically coupled crosstalk. From a circuit standpoint, the input crosstalk mechanism looks like a capacitor coupling to a resistive load. For low frequencies the magnitude of the crosstalk will be given by: |XT| = 20 log10 [(RS CM) x s] where RS is the source resistance, CM is the mutual capacitance between the test signal circuit and the selected circuit, and s is the Laplace transform variable. From the equation it can be observed that this crosstalk mechanism has a high-pass nature; it can be also minimized by REV. 0 AD8114/AD8115 DVCC DGND P1-1 + JUMPER + 0.1 F 10 F 0.1 F 10 F 58 INPUT 00 57,59 AGND 60 INPUT 01 61 AGND 62 INPUT 02 63 AGND 64 INPUT 03 65 AGND 66 INPUT 04 67 AGND 68 INPUT 05 69 AGND 70 INPUT 06 71 AGND 72 75 INPUT 08 75 INPUT 09 75 INPUT 10 75 INPUT 11 75 INPUT 12 75 INPUT 13 75 INPUT 14 75 INPUT 15 75 3,73 INPUT 07 AGND 0.1 F 10 F 1, 75 DVCC P1-2 NC P1-3 AVEE AGND AVCC P1-4 P1-5 P1-6 + NC P1-7 DVCC 0.01 F 21, 55 AVCC AVCC 0.01 F 20, 56 AVEE NO CONNECT: 85-93 AVCC OUTPUT 00 AVEE OUTPUT 01 INPUT 02 75 INPUT 03 75 INPUT 04 75 INPUT 05 75 INPUT 06 75 INPUT 07 AVCC OUTPUT 02 AVEE OUTPUT 03 AVCC OUTPUT 04 AVEE OUTPUT 05 AVCC OUTPUT 06 54 53 0.01 F 52 51 0.01 F 50 49 0.01 F 48 47 0.01 F 46 45 0.01 F 44 43 0.01 F 42 41 0.01 F 40 39 0.01 F 38 37 0.01 F 36 35 0.01 F 34 33 0.01 F 32 31 0.01 F 30 29 0.01 F 28 27 0.01 F 26 25 0.01 F 24 23 0.01 F AVEE 0.01 F AVCC 75 AVEE 75 AVCC 75 AVEE 75 AVCC 75 AVEE 75 AVCC 75 AVEE 75 AVCC 75 AVEE 75 AVCC 75 AVEE 75 AVCC 75 AVEE 75 AVCC 75 AVEE 75 OUTPUT 15 OUTPUT 14 OUTPUT 13 OUTPUT 12 OUTPUT 11 OUTPUT 10 OUTPUT 09 OUTPUT 08 OUTPUT 07 OUTPUT 06 OUTPUT 05 OUTPUT 04 OUTPUT 03 OUTPUT 02 OUTPUT 01 OUTPUT 00 INPUT 00 75 INPUT 01 75 4 INPUT 08 5 AGND 6 INPUT 09 7 AGND 8 INPUT 10 9 AGND 10 INPUT 11 11 AGND 12 INPUT 12 13 AGND 14 INPUT 13 15 AGND 16 INPUT 14 17 AGND 18 INPUT 15 19 AGND 98 DATA OUT AD8114/ AD8115 AVEE OUTPUT 07 AVCC OUTPUT 08 AVEE OUTPUT 09 AVCC OUTPUT 10 AVEE OUTPUT 11 AVCC OUTPUT 12 AVEE OUTPUT 13 AVCC OUTPUT 14 AVEE R 96 R DATA IN OUTPUT 15 RESET P2-5 UPDATE AVCC 22 DGND CE A0 A1 A2 A3 D0 D1 D2 D3 P2-2 P2-3 2,74 100 99 97 R C 95 84 83 82 81 80 79 78 77 76 R D4 P2-4 94 R33 20k DVCC P2-1 R P2-6 R R R R R R R R R R R P3-11 P3-12 P3-10 NOTE R = OPTIONAL 50 TERMINATOR RESISTORS C = OPTIONAL SMOOTHING CAPACITOR Figure 44. Evaluation Board Schematic P3-13 P3-14 P3-1 P3-2 P3-3 P3-4 P3-5 P3-6 P3-7 P3-8 P3-9 SER /PAR SERIAL MODE JUMP CLK -20- REV. 0 AD8114/AD8115 Figure 45. Component Side Silkscreen Figure 46. Board Layout (Component Side) REV. 0 -21- AD8114/AD8115 Figure 47. Board Layout (Signal Layer) Figure 48. Board Layout (Ground Plane) -22- REV. 0 AD8114/AD8115 Figure 49. Board Layout (Circuit Side) Figure 50. Circuit Side Silkscreen REV. 0 -23- AD8114/AD8115 Optimized for video applications, all signal inputs and outputs are terminated with 75 resistors. Stripline techniques are used to achieve a characteristic impedance on the signal input and output lines, also of 75 . Figure 51 shows a cross-section of one of the input or output tracks along with the arrangement of the PCB layers. It should be noted that unused regions of the four layers are filled up with ground planes. As a result, the input and output traces, in addition to having controlled impedances, are well shielded. w = 0.008" (0.2mm) TOP LAYER b = 0.0514" (1.3mm) a = 0.008" (0.2mm) t = 0.00135" (0.0343mm) SIGNAL LAYER h = 0.025" (0.63mm) POWER LAYER The board has 32 BNC type connectors: 16 inputs and 16 outputs. The connectors are arranged in a crescent around the device. As can be seen from Figure 47, this results in all 16 input signal traces and all 16 signal output traces having the same length. This is useful in tests such as All-Hostile Crosstalk where the phase relationship and delay between signals needs to be maintained from input to output. The three power supply pins AVCC, DVCC and AVEE should be connected to good quality, low noise, 5 V supplies. Where the same 5 V power supplies are used for analog and digital, separate cables should be run for the power supply to the evaluation board's analog and digital power supply pins. As a general rule, each power supply pin (or group of adjacent power supply pins) should be locally decoupled with a 0.01 F capacitor. If there is a space constraint, it is more important to decouple analog power supply pins before digital power supply pins. A 0.1 F capacitor, located reasonably close to the pins, can be used to decouple a number of power supply pins. Finally a 10 F capacitor should be used to decouple power supplies as they come onto the board. BOTTOM LAYER Figure 51. Cross Section of Input and Output Traces RESET CLK CE UPDATE DATA IN MOLEX 0.100" CENTER CRIMP TERMINAL HOUSING 1 D-SUB 25 PIN (MALE) 14 1 6 DGND MOLEX D-SUB-25 TERMINAL HOUSING 2 3 1 3 4 4 5 5 2 6 25 6 EVALUATION BOARD SIGNAL CE RESET UPDATE DATA IN CLK DGND PC 25 13 Figure 52. Evaluation Board-PC Connection Cable -24- REV. 0 AD8114/AD8115 Controlling the Evaluation Board from a PC The evaluation board includes Windows(R)-based control software and a custom cable that connects the board's digital interface to the printer port of the PC. The wiring of this cable is shown in Figure 52. The software requires Windows 3.1 or later to operate. To install the software, insert the disk labeled "Disk #1 of 2" in the PC and run the file called SETUP.EXE. Additional installation instructions will be given on-screen. Before beginning installation, it is important to terminate any other Windows applications that are running. When you launch the crosspoint control software, you will be asked to select the printer port you are using. Most modern PCs have only one printer port, usually called LPT1. However some laptop computers use the PRN port. Figure 53 shows the main screen of the control software in its initial reset state (all outputs off). Using the mouse, any input can be connected with one or more outputs by simply clicking on the appropriate radio buttons in the 16 x 16 on-screen array. Each time a button is clicked on, the software automatically sends and latches the required 80-bit data stream to the evaluation board. An output can be turned off by clicking the appropriate button in the Off column. To turn off all outputs, click on RESET. While the computer software only supports serial programming via a PC's parallel port and the provided cable, the evaluation board has a connector that can be used for parallel programming. The SER/PAR signal should be at a logic high to use parallel programming. There is no cable nor software provided with the evaluation board for parallel programming. These are left to the user to provide. The software offers volatile and nonvolatile storage of configurations. For volatile storage, up to two configurations can be stored and recalled using the Memory 1 and Memory 2 Buffers. These function in a fashion identical to the memory on a pocket calculator. For nonvolatile storage of a configuration, the Save Setup and Load Setup functions can be used. This stores the configuration as a data file on disk. Overshoot on PC Printer Ports' Data Lines The data lines on some printer ports have excessive overshoot. Overshoot on the pin that is used as the serial clock (Pin 6 on the D-Sub-25 connector) can cause communication problems. This overshoot can be eliminated by connecting a capacitor from the CLK line on the evaluation board to ground. A pad has been provided on the circuit-side (C33) of the evaluation board to allow this capacitor to be soldered into place. Depending upon the overshoot from the printer port, this capacitor may need to be as large as 0.01 F. AD8114/AD8115 Parallel Port Selection Figure 53. Screen Display and Control Software Windows is a registered trademark of Microsoft Corporation. REV. 0 -25- AD8114/AD8115 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 100-Lead Plastic Thin Quad Flatpack (LQFP) (ST-100) 0.630 (16.00) SQ 0.551 (14.00) SQ 100 1 76 75 0.030 (0.75) 0.024 (0.60) 0.018 (0.45) SEATING PLANE TOP VIEW (PINS DOWN) STANDOFF 0.003 (0.08) MAX 0.006 (0.15) 0.002 (0.05) 25 26 50 51 0.057 (1.45) 0.055 (1.40) 0.053 (1.35) 7 3.5 0 0.008 (0.20) 0.004 (0.09) 0.020 (0.50) BSC 0.011 (0.27) 0.009 (0.22) 0.007 (0.17) CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED -26- REV. 0 PRINTED IN U.S.A. C3411-4-10/98 0.063 (1.60) MAX |
Price & Availability of AD8115-EB
![]() |