Part Number Hot Search : 
HS819 AP2201 AN2471 02000 CS840 IR2103S 2N5358 HA5013IP
Product Description
Full Text Search
 

To Download AD569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Guaranteed 16-Bit Monotonicity Monolithic BiMOS II Construction 0.01% Typical Nonlinearity 8- and 16-Bit Bus Compatibility 3 s Settling to 16 Bits Low Drift Low Power Low Noise APPLICATIONS Robotics Closed-Loop Positioning High-Resolution ADCs Microprocessor-Based Process Control MIL-STD-883 Compliant Versions Available
16-Bit Monotonic Voltage Output D/A Converter AD569
FUNCTIONAL BLOCK DIAGRAM
PRODUCT DESCRIPTION
The AD569 is a monolithic 16-bit digital-to-analog converter (DAC) manufactured in Analog Devices' BiMOS II process. BiMOS II allows the fabrication of low power CMOS logic functions on the same chip as high precision bipolar linear circuitry. The AD569 chip includes two resistor strings, selector switches decoding logic, buffer amplifiers, and double-buffered input latches. The AD569's voltage-segmented architecture insures 16-bit monotonicity over time and temperature. Integral nonlinearity is maintained at 0.01%, while differential nonlinearity is 0.0004%. The on-chip, high-speed buffer amplifiers provide a voltage output settling time of 3 s to within 0.001% for a full-scale step. The reference input voltage which determines the output range can be either unipolar or bipolar. Nominal reference range is 5 V and separate reference force and sense connections are provided for high accuracy applications. The AD569 can operate with an ac reference in multiplying applications. Data may be loaded into the AD569's input latches from 8- and 16-bit buses. The double-buffered structure simplifies 8-bit bus interfacing and allows multiple DACs to be loaded asynchronously and updated simultaneously. Four TTL/LSTTL/5 V CMOS-compatible signals control the latches: CS, LBE, HBE, and LDAC The AD569 is available in five grades: J and K versions are specified from 0C to +70C and are packaged in a 28-pin plastic DIP and 28-pin PLCC package; AD and BD versions are specified from -25C to +85C and are packaged in a 28-pin ceramic DIP. The SD version, also in a 28-pin ceramic DIP, is specified from -55C to +125C. REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PRODUCT HIGHLIGHTS
1. Monotonicity to 16 bits is insured by the AD569's voltagesegmented architecture. 2. The output range is ratiometric to an external reference or ac signal. Gain error and gain drift of the AD569 are negligible. 3. The AD569's versatile data input structure allows loading from 8- and 16-bit buses. 4. The on-chip output buffer amplifier can supply 5 V into a 1 k load, and can drive capacitive loads of up to 1000 pF. 5. Kelvin connections to the reference inputs preserve the gain and offset accuracy of the transfer function in the presence of wiring resistances and ground currents. 6. The AD569 is available in versions compliant with MIL-STD883. Refer to the Analog Devices Military Products Databook or current AD569/883B data sheet for detailed specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD569-SPECIFICATIONS otherwise noted.)
Model Parameter RESOLUTION LOGIC INPUTS VIH(Logic "l") VIL (Logic "0") IIH (VIH = 5.5 V) IIL (VIL = 0 V) TRANSFER FUNCTION CHARACTERISTICS Integral Nonlinearity TMIN to TMAX Differential Nonlinearity TMIN to TMAX Unipolar Offset2 TMIN to TMAX Bipolar Offset2 TMIN to TMAX Full Scale Error2 TMIN to TMAX Bipolar Zero2 TMIN to TMAX REFERENCE INPUT +VREF Range3 -VREF Range Resistance OUTPUT CHARACTERISTICS Voltage Capacitive Load Resistive Load Short Circuit Current POWER SUPPLIES Voltage +VS -VS Current +IS -IS Power Supply Sensitivity5 +10.8 V +VS +13.2 V -10.8 V -VS -13.2 V TEMPERATURE RANGE Specified JN, KN, JP, KP AD, BD SD Storage JN, KN, JP, KP AD, BD, SD -5 -5 15 -5 1 10 Min AD569JN/JP/AD Typ Max 16 2.0 0 5.5 0.8 10 10 2.0 0
(TA = +25 C, +VS = +12 V, -VS = -12 V, +VREF = +5 V, -VREF = -5 V, unless
AD569KN/KP/BD Min Typ Max 16 5.5 0.8 10 10 2.0 0 AD569SD Typ
Min
Max 16 5.5 0.8 10 10
Units Bits Volts Volts A A
0.02 0.02 1/2 1/2
0.04 0.04 1 1 500 750 500 750 350 750 0.04 0.04 +5 +5 25 +5 1000 -5 -5 15 -5 1
0.01 0.020 1/4 1/2
0.024 0.024 1/2 1 350 450 350 450 350 750 0.024 0.024 +5 +5 25 +5 1000 -5 -5 15 -5 1 10
0.04 0.04 1 1 500 750 500 750 350 750 0.04 0.04 +5 +5 25 +5 1000
% FSR1 % FSR LSB LSB V V V V V V % FSR % FSR Volts Volts k4 Volts pF k mA
20
20
20
10
+10.8 -10.8
+12 -12 +9 -9 0.5 1
+13.2 -13.2 +13 -13 2 3
+10.8 -10.8
+12 -12 +9 -9 0.5 1
+13.2 -13.2 +13 -13 2 3
+10.8 -10.8
+12 -12 +9 -9 0.5 1
+13.2 -13.2 +13 -13 2 3
Volts Volts mA mA ppm/% ppm/%
0 -25 -65 -65
+70 +85 +150 +150
0 -25 -65 -65
+70 +85 -55 +150 +150 +125
C C C C C
-65
+150
NOTES 1 FSR stands for Full-Scale Range, and is 10 V for a -5 V to +5 V span. 2 Refer to Definitions section. 3 For operation with supplies other than 12 V, refer to the Power Supply and Reference Voltage Range Section. 4 Measured between +V REF Force and -V REF Force. 5 Sensitivity of Full-Scale Error due to changes in +V S and sensitivity of Offset to changes in -V S. Specifications subject to change without notice. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
-2-
REV. A
AD569 AC PERFORMANCE CHARACTERISTICS
These characteristics are included for Design Guidance Only and are not subject to test. +VS = +12 V; -VS = -12 V; +VREF = +5 V; -VREF = -5 V excepts where stated.
Parameter Output Voltage Settling (Time to 0.001% FS For FS Step) Digital-to-Analog Glitch Impulse Multiplying Feedthrough Output Noise Voltage Density (1 kHz-1 MHz) Limit 5 3 6 4 500 Units s max s typ s max s typ nV-sec typ Test Conditions/Comments No Load Applied (DAC output measured from falling edge of LDAC.) VOUT Load = 1 k, CLOAD = 1000 pF. (DAC output measured from falling edge of LDAC. ) Measured with VREF = 0 V. DAC registers alternatively loaded with input codes of 8000H and 0FFFH (worst-case transition). Load = 1 k. +VREF = 1 V rms 10 kHz sine wave, -VREF = 0 V Measured between VOUT and -VREF
-100 40
dB max nV/ Hz typ
TIMING CHARACTERISTICS
Parameter Case A tWC tSC tHC Case B tWB tSB tHB tSCS tHCS tWD Case C tWB tSB tHB tSCS tHCS 120 60 20 70 80 20 120 10 120 120 80 20 120 10 ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min Limit Units
(+VS = +12 V, -VS = -12 V, VIH = 2.4 V, VIL = 0.4 V,TMIN to TMAX)
Test Conditions/Comments 150 ns Pulse on HBE, LBE, and LDAC THS = 140 ns min, THH = 10 ns min CS Pulse Width CS Data Setup Time CS Data Hold Time None HBE, LBE Pulse Width HBE, LBE Data Setup Time HBE, LBE Data Hold Time CS Setup Time CS Hold Time LDAC Pulse Width None Figure 2a. AD569 Timing Diagram - Case B HBE, LBE Pulse Width HBE, LBE Data Setup Time HBE, LBE Data Hold Time CS Setup Time CS Hold Time
Figure 1. AD569 Timing Diagram - Case A
Figure 2b. AD569 Timing Diagram - Case C
REV. A
-3-
AD569
ABSOLUTE MAXIMUM RATINGS*
(TA = +25C unless otherwise noted)
+VS (Pin 1) to GND (Pin 18) . . . . . . . . . . . . . . +18 V, -0.3 V -VS (Pin 28) to GND (Pin 18) . . . . . . . . . . . . . . -18 V, +0.3 V +VS (Pin 1) to -VS (Pin 28) . . . . . . . . . . . . . . . +26.4 V, -0.3 V Digital Inputs (Pins 4-14, 19-27) to GND (Pin 18) . . . . . . . . . +VS, -0.3 V +VREF Force (Pin 3) to +VREF Sense (Pin 2) . . . . . . . . 16.5 V -VREF Force (Pin 15) to -VREF Sense (Pin 16) . . . . . . . 16.5 V VREF Force (Pins 3, 15) to GND (Pin 18) . . . . . . . . . . . . . VS VREF Sense (Pins 2, 16) to GND (Pin 18) . . . . . . . . . . . . . VS VOUT (Pin 17) . . . . . . . . . . . . . . . . . . Indefinite Short to GND . . . . . . . . . . . . . . . . . . . . . . . . Momentary Short to +VS, -VS
Power Dissipation (Any Package) . . . . . . . . . . . . . . . 1000 mW Operating Temperature Range Commercial Plastic (JN, KN, JP, KP Versions) 0C to +70C Industrial Ceramic (AD, BD Versions) . . . . -25C to +85C Extended Ceramic (SD Versions) . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 10 secs) . . . . . . . +300C
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD SENSITIVITY
The AD569 features input protection circuitry consisting of large "distributed" diodes and polysilicon series resistors to dissipate both high-energy discharges (Human Body Model) and fast, low-energy pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the AD569 has been classified as a Category A device. Proper ESD precautions are strongly recommended to avoid functional damage or performance degradation. Charges as high as 4000 volts readily accumulate on the human body and test equipment and discharge without detection. Unused devices must be stored in conductive foam or shunts, and the foam should be discharged to the destination socket before devices are removed. For further information on ESD precautions, refer to Analog Devices' ESD Prevention Manual.
WARNING!
ESD SENSITIVE DEVICE
PIN DESIGNATIONS
ORDERING GUIDE
Model1 AD569JN AD569JP AD569KN AD569KP AD569AD AD569BD AD569SD
Integral Nonlinearity +25 C TMIN-TMAX 0.04% 0.04% 0.024% 0.024% 0.04% 0.024% 0.04% 0.04% 0.04% 0.024% 0.024% 0.04% 0.024% 0.04%
Differential Nonlinearity +25 C TMIN-TMAX 1 LSB 1 LSB 1/2 LSB 1/2 LSB 1 LSB 1/2 LSB 1 LSB 1 LSB 1 LSB 1 LSB 1 LSB 1 LSB 1 LSB 1 LSB
Temperature Range 0C to +70C 0C to +70C 0C to +70C 0C to +70C -25C to +85C -25C to +85C -55C to +125C
Package Option2 N-28 P-28A N-28 P-28A D-28 D-28 D-28
NOTES 1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current AD569/883B data sheet. 2 D = Ceramic DIP; N = Plastic DIP; P = Plastic Leaded Chip Carrier.
-4-
REV. A
AD569
FUNCTIONAL DESCRIPTION
The AD569 consists of two resistor strings, each of which is divided into 256 equal segments (see Figure 3). The 8 MSBs of the digital input word select one of the 256 segments on the first string. The taps at the top and bottom of the selected segment are connected to the inputs of the two buffer amplifiers A1 and A2. These amplifiers exhibit extremely high CMRR and low bias current, and thus accurately preserve the voltages at the top and bottom of the segment. The buffered voltages from the segment endpoints are applied across the second resistor string, where the 8LSBs of the digital input word select one of the 256 taps. Output amplifier A3 buffers this voltage and delivers it to the output. Buffer amplifiers A1 and A2 leap-frog up the first string to preserve monotonicity at the segment boundaries. For example, when increasing the digital code from 00FFH to 0100H, (the first segment boundary), A1 remains connected to the same tap on the first resistor, while A2 jumps over it and is connected to the tap which becomes the top of the next segment. This design guarantees monotonicity even if the amplifiers have offset voltages. In fact, amplifier offset only contributes to integral linearity error.
CAUTION
Figure 3. AD569 Block Diagram
It is generally considered good engineering practice to avoid inserting integrated circuits into powered-up sockets. This guideline is especially important with the AD569. An empty, powered-up socket configures external buffer amplifiers in an open-loop mode, forcing their outputs to be at the positive or
negative rail. This condition may result in a large current surge between the reference force and sense terminals. This current surge may permanently damage the AD569.
ANALOG CIRCUIT DETAILS
Definitions
LINEARITY ERROR: Analog Devices defines linearity error as the maximum deviation of the actual, adjusted DAC output from the ideal output (a straight line drawn from 0 to FS-1LSB) for any bit combination. The AD569's linearity is primarily limited by resistor uniformity in the first divider (upper byte of 16-bit input). The plot in Figure 4 shows the AD569's typical linearity error across the entire output range to be within 0.01% of full scale. At 25C the maximum linearity error for the AD569JN, AD and SD grades is specified to be 0.04%, and 0.024% for the KN and BD versions.
MONOTONICITY: A DAC is monotonic if the output either increases or remains constant for increasing digital inputs. All versions of the AD569 are monotonic over their full operating temperature range. DIFFERENTIAL NONLINEARITY: DNL is the measure of the change in the analog output, normalized to full scale, associated: with a 1 LSB change in the digital input code. Monotonic behavior requires that the differential linearity error be less than 1 LSB over the temperature range of interest. For example, for a 5 V output range, a change of 1 LSB in digital input code should result in a 152 V change in the analog output (1 LSB = 10 V/65,536). If the change is actually 38 V, however, the differential linearity error would be -114 V, or -3/4 LSB. By leapfrogging the buffer amplifier taps on the first divider, a typical AD569 keeps DNL within 38 V ( 1/4 LSB) around each of the 256 segment boundaries defined by the upper byte of the input word (see Figure 5). Within the second divider, DNL also typically remains less than 38 V as shown in Figure 6. Since the second divider is independent of absolute voltage, DNL is the same within the rest of the 256 segments. OFFSET ERROR: The difference between the actual analog output and the ideal output (-VREF), with the inputs loaded with all zeros is called the offset error. For the AD569, Unipolar Offset is specified with 0 V applied to -VREF and Bipolar Offset is specified with -5 V applied to -VREF. Either offset is trimmed by adjusting the voltage applied to the -VREF terminals. BIPOLAR ZERO ERROR: The deviation of the analog output from the ideal half-scale output of 0.0000 V when the inputs are loaded with 8000H is called the Bipolar Zero Error. For the AD569, it is specified with 5 V applied to the reference terminals. -5-
Figure 4. Typical Linearity
REV. A
AD569
Glitches can be due to either time skews between the input bits or charge injection from the internal switches. Glitch Impulse for the AD569 is mainly due to charge injection, and is measured with the reference connections tied to ground. It is specified as the area of the glitch in nV-secs. TOTAL ERROR: The worst-case Total Error is the sum of the fixed full-scale and offset errors and the linearity error. The AD569 is specified for operation with 12 volt power supplies. With 10% power supply tolerances, the maximum reference voltage range is 5 volts. Reference voltages up to 6 volts can be used but linearity will degrade if the supplies approach their lower limits of 10.8 volts (12 volts - 10%).
Figure 5. Typical DNL at Segment Boundary Transitions
POWER SUPPLY AND REFERENCE VOLTAGE RANGES
If 12 volt power supplies are unavailable in the system, several alternative schemes may be used to obtain the needed supply voltages. For example, in a system with 15 V supplies, a single Zener diode can be used to reduce one of the supplies to 9 volts with the remaining one left at 15 volts. Figure 7a illustrates this scheme. A 1N753A or equivalent diode is an appropriate choice for the task. Asymmetrical power supplies can be used since the AD569's output is referenced to -VREF only and thus floats relative to logic ground (GND, Pin 18). Assuming a worst-case 1.5 volt tolerance on both supplies (10% of 15 volts), the maximum reference voltage ranges would be +6 and -2 volts for +VS = +15 V and VS = -9 V, and +2 to -8 volts for +VS = 9 V and -VS = -15 V . Alternately, two 3 V Zener diodes or voltage regulators can be used to drop each 15 volt supply to 12 volts, respectively. In Figure 7b, 1N746A diodes are a good choice for this task.
a. Segment 1
A third method may be used if both 15 volt and 5 volt supplies are available. Figure 7c shows this approach. A combination of +VS = +15 V and -VS = -5 V can support a reference range of 0 to 6 volts, while supplies of +VS = +5 V and -VS = -15 V can support a reference range of 0 to -8 volts. Again, 10% power supply tolerances are assumed. NOTE: Operation with +VS = +5 V alters the input latches' operating conditions causing minimum write pulse widths to extend to 1 s or more. Control signals CS, HBE, LBE, and LDAC should, therefore, be tied low to render the latches transparent. No timing problems exist with operation at +VS = 9 V and -VS = -15 V. However, 10% tolerances on these supplies generate a worst-case condition at -VS = -16.5 V and +VS = +7.5 V (assuming +VS is derived from a +15 V supply). Under these conditions, write pulse widths can stretch to 200 ns with similar degradation of data setup and hold times. However, 0.75 V tolerances ( 5%) yield minimal effects on digital timing with write pulse widths remaining below 100 ns. Finally, Figure 7d illustrates the use of the combination of an AD588 and AD569 in a system with 15 volt supplies. As shown, the AD588 is connected to provide 5 V to the reference inputs of the AD569. It is doing double-duty by simultaneously regulating the supply voltages for the AD569 through the use of the level shifting Zeners and transistors. This scheme utilizes the capability of the outputs of the AD588 to source as well as sink current. Two other benefits are realized by using this approach. The first is that the AD569 is no longer directly connected to the system power supplies. Output sensitivity to variations in those supplies is, therefore, eliminated. The second -6- REV. A
b. Segment 256 Figure 6. Typical DNL Within Segments
MULTIPLYING FEEDTHROUGH ERROR: This is the error due to capacitive feedthrough from the reference to the output with the input registers loaded with all zeroes. FULL-SCALE ERROR: The AD569's voltage dividing architecture gives rise to a fixed full-scale error which is independent of the reference voltage. This error is trimmed by adjusting the voltage applied to the +VREF terminals. DIGITAL-TO-ANALOG GLITCH IMPULSE: The charge injected into the analog output when a new input is latched into the DAC register gives rise to the Digital-to-Analog Glitch Impulse.
AD569
benefit is that, should a Zener diode fail (a short circuit would be the most likely failure), the supply voltage decreases. This differs from the situation where the diode is used as a series regulator. In that case, a failure would place the unregulated supply voltage on the AD569 terminal.
ANALOG CIRCUIT CONNECTIONS
The AD569 is intended for use in applications where high resolution and stability are critical. Designed as a multiplying D/A converter, the AD569 may be used with a fixed dc reference or an ac reference. VREF may be any voltage or combination of voltages at +VFORCE and -VFORCE that remain within the bounds set for reference voltages as discussed in the power supply range section. Since the AD569 is a multiplying D/A converter, its output voltage, VOUT, is proportional to the product of the digital input word and the voltage at the reference terminal. The transfer function is VOUT = D*VREF where D is the fractional binary value of the digital word applied to the converter using offset-binary coding. Therefore, the output will range from -VREF for a digital input code of all zeros (0000H) to +VREF for an input code of all ones (FFFFH). For applications where absolute accuracy is not critical, the simple reference connection in Figure 8 can be used. Using only the reference force inputs, this configuration maintains linearity and 16-bit monotonicity, but introduces small, fixed offset and gain errors. These errors are due to the voltage drops across resistors RA and RB shown in Figure 9. With a 10 V reference voltage, the gain and offset errors will range from 80 mV to 100 mV. Resistors RA and RB were included in the first resistor string to avoid degraded linearity due to uneven current densities at the string's endpoints. Similarly, linearity would degrade if the reference voltage were connected across the reference sense terminals. Note that the resistance between the force and sense terminals cannot be measured with an ohmmeter; the layout of the thin-film resistor string adds approximately 4 k of resistance (RS) at the sense tap.
a. Zener Regulates Negative Supply
b. Diodes Regulate Both Supplies
c. Use of 15 V and 5 V Supplies
Figure 8. Simple Reference Connection
d. AD588 Produces References and Supply Voltages Figure 7. Power Supply Options
For those applications in which precision references and high accuracy are critical, buffer amplifiers are used at +VREF and -VREF as shown in Figure 10 to force the voltage across resistors R1 to R256. This insures that any errors induced by currents flowing through the resistances of the package pins, bond wires, aluminum interconnections, as well as RA and RB are minimized. Suitable amplifiers are the AD517, AD OP07, AD OP27, or the dual amplifier, the AD712. Errors will arise, however, as the buffer amplifiers' bias currents flow through RS (4 k). If the bias currents produce such errors, resistance can be inserted at the noninverting terminal (RBC) of the buffer amplifiers to compensate for the errors. -7-
REV. A
AD569
Figure 9. MSB Resistor Divider
Figure 10. Reference Buffer Amplifier Connections
Figures 11, 12, and 13 show reference configurations for various output ranges. As shown in Figure 11, the pin-programmable AD588 can be connected to provides tracking 5 V outputs with 1-3ppm/C temperature stability. Buffer amplifiers are included for direct connection to the AD569. The optional gain and balance adjust trimmers allow bipolar offset and full-scale errors to be nulled. In Figure 12, the low-cost AD586 provides
+5 V reference. A dual op amp, the AD712, buffers the reference input terminals preserving the absolute accuracy of the AD569. The optional noise-reduction capacitor and gain adjust trimmer allow further elimination of errors. The lowcost AD584 offers 2.5 V, 5 V, 7.5 V, and 10 V options and can be connected for 5 V tracking outputs as shown in Figure 13. Again, an AD712 is used to buffer the reference input terminals.
Figure 11. Ultralow Drift 5 V Tracking Reference
Figure 12. Low-Cost 5 V Reference
-8-
REV. A
AD569
Figure 13. Low-Cost 5 V Tracking Reference
MULTIPLYING PERFORMANCE
Figure 14 illustrates the gain and phase characteristics of the AD569 when operated in the multiplying mode. Full-power bandwidth is shown in Figure 14a and the corresponding phase shift is shown in Figure 14b. Performance is plotted for both a full-scale input of FFFFH and an input of 8080H. An input represents worst-case conditions because it places the buffer taps at
the midpoints of both dividers. Figure 15 illustrates the AD569's ability to resolve 16-bits (where 1 LSB is 96 dB below full scale) while keeping the noise floor below -130 dB with an ac reference of 1 V rms at 200 Hz. Multiplying feedthrough is due to capacitive coupling between the reference inputs and the output. As shown in Figure 16,
a. Bandwidth a. Time Domain
b. Phase Shift Figure 14. Full Power Multiplying Performance
b. Frequency Domain Figure 15. Multiplying Mode Performance (Input Code 0001H)
REV. A
-9-
AD569
under worst-case conditions (hex input code 0000), feedthrough remains below -100 dB at ac reference frequencies up to 10 kHz.
DIGITAL CIRCUIT CONNECTIONS
The AD569's truth table appears in Table I. The High Byte Enable (HBE) and Low Byte Enable (LBE) inputs load the upper and lower bytes of the 16-bit input when Chip Select (CS) is valid (low). A similar strobe to Load DAC (LDAC) loads the 16-bit input into the DAC register and completes the DAC update. The DAC register can either be loaded with a separate write cycle or synchronously with either of the 8-bit registers in the first rank. A simultaneous update of several AD569s can be achieved by controlling their LDAC inputs with a single control signal.
Table I. AD569 Truth Table
Figure 16. Multiplying Feedthrough
BYPASSING AND GROUNDING RULES
CS 1 X 0 0 0 0
HBE X 1 0 1 1 0
LBE X 1 1 0 1 0
LDAC X 1 1 1 0 0
OPERATION No Operation No Operation Enable 8 MSBs of First Rank Enable 8 LSBs of First Rank Enable 16-Bit DAC Register All Latches Transparent
It is generally considered good engineering practice to use bypass capacitors on the device supply voltage pins and to insert small valued resistors in the supply lines to provide a measure of decoupling between various circuits in a system. For the AD569, bypass capacitors of at least 4.7 F and series resistors of 10 are recommended. The supply voltage pins should be decoupled to Pin 18.
NOISE
In high-resolution systems, noise is often the limiting factor. A 16-bit DAC with a 10 volt span has an LSB size of 152 V (-96 dB). Therefore, the noise floor must remain below this level in the frequency ranges of interest. The AD569's noise spectral density is shown in Figures 17 and 18. The lowband noise spectrum in Figure 17 shows the 1/f corner frequency at 1.2 kHz and Figure 18 shows the wideband noise to be below 40 nV/ Hz.
All four control inputs latches are level-triggered and active low. When the DAC register is loaded directly from a bus, the data at the digital inputs will be reflected in the output any time CS, LDAC, LBE and HBE are low. Should this not be the desired case, bring LDAC (or HBE or LBE) high before changing the data. Alternately, use a second write cycle to transfer the data to the DAC register or delay the write strobe pulse until the appropriate data is valid. Be sure to observe the appropriate data setup and hold times (see Timing Characteristics). Whenever possible, the write strobe signal should be applied to HBE and LBE with the AD569's decoded address applied to CS. A minimum pulse width of 60 ns at HBE and LBE allows the AD569 to interface to the fastest microprocessors. Actually, data can be latched with narrower pulses, but the data setup and hold times must be lengthened.
16-Bit Microprocessor Interfaces
Figure 17. Lowband Noise Spectrum
Since 16-bit microprocessors supply the AD569's complete 16bit input in one write cycle, the DAC register is often unnecessary. If so, it should be made transparent by grounding LDAC. The DAC's decoded address should be applied to CS, with the write strobe applied to HBE and LBE as shown in the 68000 interface in Figure 19.
Figure 18. Wideband Noise Spectrum
Figure 19. AD569/68000 Interface
-10-
REV. A
AD569
plest method involves applying the two addresses directly to HBE and LBE and strobing the data using CS as shown in Figure 20a. However, the minimum pulse width on CS is 70 ns with a minimum data setup time of 60 ns. If operation with a shorter pulse width is required, the base address should be applied to CS with an address line gated with the strobe signal to supply the HBE and LBE inputs (see Figure 20b). However, since the write pulse sees a propagation delay, the data still must remain valid at least 20 ns after the rising edge of the delayed write pulse.
OUTPUT SETTLING
a. Simple Interface
The AD569's output buffer amplifier typically settles to within 0.001% FS of its final value in 3 s for a 10 V step. Figure 21 shows settling for negative and positive full-scale steps with no load applied. Capable of sourcing or sinking 5 mA, the output buffer can also drive loads of 1 k and 1000 pF without loss of stability. Typical settling to 0.001% under these worst-case conditions is 4 s, and is guaranteed to be a maximum of 6 s. The plots of Figure 21 were generated using the settling test procedure developed specifically for the AD569.
b. Fast Interface Figure 20. 8-Bit Microprocessor Interface
8-Bit Microprocessor Interfaces Subranging 16-Bit ADC
Since 8-bit microprocessors require two write cycles to provide the AD569's 16-bit input, the DAC register must be utilized. It is most often loaded as the second byte enters the first rank of latches. This synchronous load method, shown in Figure 20, requires LDAC to be tied to either LBE or HBE, depending upon the byte loading sequence. In either case, the propagation delay through the first rank gives rise to longer timing requirements as shown in Figure 2. If the DAC register (LDAC) is controlled separately using a third write cycle, the minimum write pulse on LDAC is 70 ns, as shown in Figure 1. Two basic methods exist for interfacing the AD569 to an 8-bit microprocessor's address and control buses. In either case, at least one address line is needed to differentiate between the upper and lower bytes of the first rank (HBE and LBE). The sim-
The subranging ADC shown in Figure 22 completes a conversion in less than 20 s, including the sample-hold amplifier's sample time. The sample-hold amplifier is allocated 5 s to settle to 16 bits. Before the first flash, the analog input signal is routed through the AD630 at a gain of +1. The lower AD7820 quantizes the signal to the 8-bit level within 1.4 s, and the 8-bit result is routed to the AD569 via a digital latch which holds the 8-bit word for the AD569 and the output logic. The AD569's reference polarity is reversed so that a full-scale output is -5 V and zero scale is 0 V, thereby subtracting an 8-bit approximation from the original sampled signal. The residue from the analog subtraction is then quantized by the second 8bit flash conversion to recover the 8 LSBs. Even though only the AD569's upper 8 MSBs are used, the AD569's accuracy defines the A/D converter's overall accuracy. Any errors are directly reflected in the output.
a. Turn-On Settling Figure 21. Full-Scale Output Settling
b. Turn-Off Settling
REV. A
-11-
AD569
Preceding the second flash, the residue signal must be amplified by a factor of 256. The OP37 provides a gain of 25.6 and the AD630 provides another gain of 10. In this case, the AD630 acts as a gain element as well as a channel control switch. The second flash conversion yields a 9-bit word. This provides one extra bit of overlap for digital correction of any errors that occurred in the first flash. The correction bit is digitally added to the first flash before the entire 16-bit output is strobed into the output register.
C949a-12-8/87
Figure 22. 16-Bit Subranging ADC
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Pin Ceramic DIP (D)
28-Pin Plastic DIP (N)
28-Pin Plastic Leaded Chip Carrier (P)
-12-
REV. A
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X