Part Number Hot Search : 
1E104 NB638DL C6N13 250NH2G N2646 UM5109 18160 1303H
Product Description
Full Text Search
 

To Download 503Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Unity Opto Technology Co., Ltd.
MVL-503G MVL-503Y MVL-503HR MVL-503DR MVL-503UR
Description
The MVL-503xx series package are T-1 3/4 (5mm) standard color transparent plastic lens package. The Hi-EFF red (HR) and yellow LED chips are made with Gallium Arsenide Phosphide on Gallium Phosphide diode. The green LED chip is made with Gallium Phosphide on Gallium Phosphide diode. The red (DR) chip is made with Aluminum Gallium Arsenide on Gallium Arsenide diode. The red (UR) chip is made with Aluminum Gallium Arsenide on Aluminum Gallium Arsenide diode.
Package Dimensions
5.05 (.200)
Unit: mm ( inches )
5.47 (.215) 7.62 (.300) 5.90 (.230) 1.00 (.040) FLAT DENOTES CATHODE
0.50 TYP. (.020)
25.40 MIN. (1.000)
Applications
l
Popular T-1 3/4 (5mm) diameter package l I.C. compatible / Low current requirement l Low power consumption l General purpose leads l Reliable and rugged
1.00MIN. (.040) 2.54 (.100) A C
Absolute Maximum Tatings
Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle 0.1ms pulse width) Continuous Forward Current Derating Linear From 25oC Reverse Voltage Operating Temperature Range Storage Temperature Range
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Symbol Pad Ipf Iaf VR Topr Tstg
Maximum Rating
GREEN YELLOW HR DR/UR
Unit mW A mA/oC mA V
100 120 30 0.4 5
60 80 20 0.25 5
100 120 30 0.4 5 o -55 C to + 100oC -55oC to + 100oC
100 120 40 0.5 5
Lead Soldering Temperature (1.6mm from body) for 3 seconds at 260oC
P1
Optical -Electrical Characteristics
Part No. : MVL-503G
Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 20 Typ . 65 2.1 565 30 16 @TA=25oC Max . Unit . mcd 2.8 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.8 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.8 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.4 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.4 V 100 A nm nm deg
Part No. : MVL-503Y
Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 20 Typ . 60 2.1 585 35 16
Part No. : MVL-503HR
Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 25 Typ . 70 2.0 640 40 16
Part No. : MVL-503DR
Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 240 Typ . 1000 1.8 660 20 16
Part No. : MVL-503UR
Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 400 Typ . 1500 1.8 660 20 16
P2
Typical Optical-Electrical Characteristic Curves
1 Relative Luminous Intensity
GY HR DR/UR
50
DR/UR HR Y G
Forward Current IF(mA) 500 550 600 650 700 750
40 30 20 10 0 0.8 1.2 1.6 2.0 2.4 2.8
0.5
0
Wavelength (nm) Fig 1. RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH 50 40 30 20 10 0 0 20 40 60 80 100
DR/UR G/HR Y
Forward Voltage (V) Fig 2. FORWARD CURRENT VS. FORWARD VOLTAGE
5.0
Relative Luminous Intensity
Forward Current IF (mA)
4.0 3.0 2.0 1.0 0.0 0 10 20 30 40 50
Ambient Temperature (oC) Fig 3. FORWARD CURRENT VS. AMBIENT TEMPERATURE 10 Relative Luminous Intensity Relative Luminous Intensity
Forward Current IF (mA) Fig 4. RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT 0o 10o 20o 30o 40o 1.0 0.9 0.8 50o 60o 70o 80o 90o 0.5 0.3 0.1 0.2 0.4 0.6
1
0.1 -30 -20 -10 0 10 20 30 40 50 60 70 Ambient Temperature (oC) Fig 5. RELATIVE LUMINOUS INTENSITY VS. AMBIENT TEMPERATURE
Fig 6. RADIATION DIAGRAM
P3


▲Up To Search▲   

 
Price & Availability of 503Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X