Part Number Hot Search : 
L1029 B1015 SI210706 AM7201 09081 RA23097 2MC06010 UMA78
Product Description
Full Text Search
 

To Download 2SK3018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Guilin Strong Micro-Electronics Co.,Ltd.
2SK3018 SOT-23 (SOT-23 Field Effect Transistors)
N-Channel Enhancement-Mode MOS FETs
N MOS
MAXIMUM MAXIMUM
RATINGS Symbol BVDSS VGS IDR IDRM Max 35 +20 100 400 Unit V V mA mA
Characteristic Drain-Source Voltage - Gate- Source Voltage - Drain Current (continuous) - Drain Current (pulsed) -
THERMAL THERMAL CHARACTERISTICS Characteristic Total Device Dissipation TA=25 25 Derate above25 25 Thermal Resistance Junction to Ambient Junction and Storage Temperature Symbol PD Max 200 1.8 RJA TJ,Tstg 417 Unit mW mW/ /W
150,-55to+150

Guilin Strong Micro-Electronics Co.,Ltd.
2SK3018
DEVICE DEVICE
MARKING
2SK3018=KN 2SK3018= ELECTRICAL ELECTRICAL CHARACTERISTICS
(TA=25 unless otherwise noted 25)
Characteristic Drain-Source Breakdown Voltage -(ID =10uA ,VGS=0V) Gate Threshold Voltage (ID =100uA ,VGS= VDS) Drain-Source On Voltage -(ID=50mA ,VGS=5V) (ID =400mA ,VGS=10V) Diode Forward Voltage Drop (ISD=200mA ,VGS=0V) Zero Gate Voltage Drain Current (VGS=0V, VDS= BVDSS) (VGS=0V, VDS=0.8BVDSS, TA=125) Gate Body Leakage (VGS=+20V, VDS=0V) Static Drain-Source On-State Resistance (ID=50mA ,VGS=4.5V) (ID=400mA ,VGS=10V) Input Capacitance (VGS=0V, VDS=25V,f=1MHz) Common Source Output Capacitance (VGS=0V, VDS=25V,f=1MHz) Turn-ON Time (VDS=30V, ID=200mA, RGEN=25) Turn-OFF Time (VDS=30V, ID=200mA, RGEN=25) Reverse Recovery Time (ISD=800mA, VGS=0V) 1. FR-5=1.0x0.75x0.062in. 2. Alumina=0.4x0.3x0.024in.99.5%alumina. 3. Pulse Width<300s; Duty Cycle<2.0%.
Symbol BVDSS VGS(th) VDS(ON) VSD IDSS IGSS RDS(ON) CISS COSS t(on) t(off) trr
Min 35 0.8 -- -- -- -- -- -- -- -- -- --
Typ -- -- -- -- -- -- -- -- -- -- -- 400
Max -- 2 0.375 3.75 1.5 1 500 +100 8 7.5 50 25 20 40 --
Unit V V V V
uA
nA
pF pF ns ns ns

Guilin Strong Micro-Electronics Co.,Ltd.
2SK3018
DIMENSION DIMENSION


▲Up To Search▲   

 
Price & Availability of 2SK3018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X