Part Number Hot Search : 
WCB30C2 5KP90A LF411C 136945 Y7C43 Y97031 64A61TC DSP56603
Product Description
Full Text Search
 

To Download 1507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1507
10-TAP SIP DELAY LINE TD/TR = 5 (SERIES 1507)
FEATURES
* * * * * * 10 taps of equal delay increment Very narrow device (SIP package) Stackable for PC board economy Low profile Epoxy encapsulated Meets or exceeds MIL-D-23859C
data 3 (R) delay devices, inc.
PACKAGES
1507-xxz xx = Delay (TD) z = Impedance Code
1 2 3 4 5 6 7 8 9 10 11 12 13 14
GND NC IN T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 GND
FUNCTIONAL DESCRIPTION
The 1507-series device is a fixed, single-input, ten-output, passive delay line. The signal input (IN) is reproduced at the outputs (T1-T10) in equal increments. The delay from IN to T10 (TD) is given by the device dash number. The characteristic impedance of the line is given by the letter code that follows the dash number (See Table). The rise time (TR) of the line is 10% of TD, and the 3dB bandwidth is given by 3.5 / TD.
PIN DESCRIPTIONS
IN Signal Input T1-T10 Tap Outputs GND Ground
SERIES SPECIFICATIONS
* * * * * Dielectric breakdown: Distortion @ output: Operating temperature: Storage temperature: Temperature coefficient: 50 Vdc 10% max. -55C to +125C -55C to +125C 100 PPM/C
DASH NUMBER SPECIFICATIONS
Part Number 1507-20A 1507-40A 1507-50A 1507-100A 1507-150A 1507-200A 1507-20B 1507-50B 1507-100B 1507-200B 1507-250B 1507-20C 1507-50C 1507-100C 1507-200C 1507-50G 1507-100G 1507-200G 1507-300G 1507-500G TD (ns) 20.0 2.0 40.0 2.0 50.0 2.5 100 5.0 150 7.5 200 10.0 20.0 2.0 50.0 2.5 100 5.0 200 10.0 250 13.0 20.0 2.0 50.0 2.5 100 5.0 200 13.0 50.0 2.5 100 5.0 200 10.0 300 15.0 500 25.0 Delay per Tap (ns) 2.0 0.4 4.0 1.0 5.0 1.5 10.0 2.0 15.0 2.0 20.0 3.0 2.0 0.4 5.0 1.5 10.0 2.0 20.0 3.0 25.0 4.0 2.0 0.4 5.0 1.5 10.0 2.0 20.0 3.0 5.0 1.5 10.0 2.0 20.0 3.0 30.0 4.0 50.0 5.0 TR (ns) 4.0 8.0 9.0 18.0 28.0 38.0 4.0 9.0 18.0 38.0 48.0 4.0 9.0 18.0 38.0 9.0 18.0 38.0 58.0 98.0 Impedance () 50 50 50 50 50 50 100 100 100 100 100 200 200 200 200 500 500 500 500 500 RDC () 1.0 1.5 1.5 2.0 3.0 4.0 1.5 2.0 4.0 6.0 7.0 3.0 4.5 6.0 9.0 6.0 10.0 30.0 30.0 55.0
T1 T2 T3 T4 T5 T6 T7 T8 T9
IN GND
T10 GND
Functional Diagram
1
2
3
4
5
6
7
8
9
10 11 12 13 14
.200 MAX.
1.455 TYP. .020 TYP.
.250 MAX.
.020 TYP. 1.300 TYP.
.100 TYP.
.100 MIN. .010 TYP.
Package Dimensions
(c) 1997 Data Delay Devices
Doc #97025
2/6/97
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
1507
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT: Ambient Temperature: Input Pulse: 25 C 3 C High = 3.0V typical Low = 0.0V typical Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured at 10% and 90% levels) Pulse Width (TD <= 75ns): PWIN = 100ns Period (TD <= 75ns): PERIN = 1000ns Pulse Width (TD > 75ns): PWIN = 2 x TD Period (TD > 75ns): PERIN = 10 x TD
o o
OUTPUT: Rload: Cload: Threshold:
10M 10pf 50% (Rising & Falling)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
PERIN PWIN TRISE INPUT SIGNAL
90% 50% 10%
TFALL VIH
90% 50% 10%
VIL TFALL
TRISE TRISE OUTPUT SIGNAL
90% 50% 10%
TFALL VOH
90% 50% 10%
VOL
Timing Diagram For Testing
OUT PULSE GENERATOR TRIG
RIN
IN
50
DEVICE UNDER TEST (DUT)
T1 T2 T3 T4 T5 T6 T7 T8 T9 T10
IN TRIG OSCILLOSCOPE
ROUT RIN = ROUT = ZLINE
Test Setup
Doc #97025
2/6/97
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2


▲Up To Search▲   

 
Price & Availability of 1507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X