Part Number Hot Search : 
FL77904 40288 CH162 74HC08 2SK2981 NPIS105A IRFPC40 ADS944
Product Description
Full Text Search
 

To Download 1503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1503/1503J
MECHANICALLY VARIABLE DELAY LINE (SERIES 1503 & 1503J)
FEATURES
* * * * * * * * Ideal for "Set and Forget" applications Multi-turn adjustment screw (1503: 40 turns, 1503J: 60 turns) Stackable for PC board economy 20mil x 10mil flat leads (1503) #20 gauge leads (1503J) Resolution: As low as 0.12ns Dielectric breakdown: 50 Vdc Temperature coefficient: 100 PPM/C
GND
data 3 (R) delay devices, inc.
PACKAGES
TAP
1503
IN OUT
1503J
1503-xxz 1503J-xxz xx = Max Delay (TD) z = Impedance Code
GND IN
OUT TAP
FUNCTIONAL DESCRIPTION
PIN DESCRIPTIONS
The 1503- and 1503J-series devices are mechanically variable, passive delay IN Signal Input lines. The signal input (IN) is reproduced at the tap output (TAP), shifted by an TAP Variable Output amount which can be adjusted between 0 and TD, where TD is the device dash OUT Fixed Output number. The fixed output (OUT) reproduces the input, delayed by TD, and must GND Ground be terminated to match the characteristic impedance of the line, which is given by the letter code that follows the dash number (See Table). The tap output is unbuffered. The 3dB bandwidth of the line is given by 3.5 / TR, where TR is the rise time of the line (See Table).
SERIES SPECIFICATIONS
TAP IN GND OUT
DASH NUMBER SPECIFICATIONS
Part Number 1503-15A 1503-25A 1503-30A 1503-40A 1503-50A 1503-60A 1503-80A 1503-100A 1503-15B 1503-30B 1503-50B 1503-60B 1503-80B 1503-100B 1503-120B 1503-140B 1503-160B 1503-200B 1503-30C 1503-60C 1503-100C 1503-20D 1503-20E 1503-30F 1503-25G 1503-40H 1503J-150A 1503J-250B 1503J-130C 1503J-30D 1503J-30E 1503J-40F 1503J-35G 1503J-60H Max Dly (ns) 15 25 30 40 50 60 80 100 15 30 50 60 80 100 120 140 160 200 30 60 100 20 20 30 25 40 150 250 130 30 30 40 35 60 TR (ns) 3 5 6 8 10 12 16 20 3 6 10 12 16 20 24 28 32 40 6 12 20 4 4 6 5 8 22 38 20 5 5 6 6 9 Imped () 50 50 50 50 50 50 50 50 100 100 100 100 100 100 100 100 100 100 200 200 200 250 300 350 400 500 50 100 200 250 300 350 400 500 RDC () 0.7 0.8 1.0 1.5 1.7 2.0 3.0 3.5 1.0 2.0 3.0 4.0 5.0 14.0 8.0 14.0 10.0 14.0 4.0 9.5 14.0 5.0 5.0 8.0 8.0 12.0 5.0 21.0 21.0 7.0 7.0 10.0 10.0 18.0
Functional Diagram
2 GND
4 TAP
.500
IN 1 OUT 3
1.310 MAX.
.170
.312
.187
.020 .020 .375 .010
.100
.150
1.000
.150
.100
.300
.100
Package Dimensions - 1503
(c) 2001 Data Delay Devices
Doc #01011
11/2/01
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
1503/1503J SERIES SPECIFICATIONS (Cont'd)
.300 MAX.
.125
1.750 MAX.
.187 .565 MAX.
G IN OUT TAP
.100
.032 .750
.062
.062
.200
1.200
.200
Package Dimensions - 1503J
Doc #01011
11/2/01
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2
1503/1503J
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT: Ambient Temperature: Input Pulse: 25 C 3 C High = 3.0V typical Low = 0.0V typical Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured at 10% and 90% levels) Pulse Width (TD <= 75ns): PWIN = 100ns Period (TD <= 75ns): PERIN = 1000ns Pulse Width (TD > 75ns): PWIN = 2 x TD Period (TD > 75ns): PERIN = 10 x TD
o o
OUTPUT: Rload: Cload: Threshold:
10M 10pf 50% (Rising & Falling)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
PERIN PWIN TRISE INPUT SIGNAL
90% 50% 10%
TFALL VIH
90% 50% 10%
VIL DFALL
DRISE TRISE OUTPUT SIGNAL
90% 50% 10%
TFALL VOH
90% 50% 10%
VOL
Timing Diagram For Testing
TAP OUT PULSE GENERATOR TRIG
RIN
IN
DEVICE UNDER TEST (DUT)
OUT
IN TRIG OSCILLOSCOPE
50
RIN = ROUT = ZLINE
ROUT
Test Setup
Doc #01011
11/2/01
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
3


▲Up To Search▲   

 
Price & Availability of 1503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X