Part Number Hot Search : 
100J2 C1304 100J2 G4PC40 10401 04PC20I 04PC20I 80SQ045
Product Description
Full Text Search
 

To Download 14-44-2920 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0014442920 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 26, 0.76m (30") Gold (Au), 20 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-70400 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only LR19980 E29179 EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Agency Certification
CSA UL
General
Product Family Series Comments Component Type Glow-Wire Compliant Overview Product Name Ribbon Cable / Wire Trap Connectors 70475 Terminals Preloaded Housing No cgrid__sl_products SLTM
Physical
Circuits (Loaded) Durability (mating cycles max) Entry Angle Flammability Lock to Mating Part Number of Rows PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 20 50 Vertical 94V-0 None 1 None Tube 0.100 In 2.54 mm No Yes N/A -40C to +105C 1.35mm (.053") max. 26 Discrete Wire, Ribbon Cable
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 70475Series Mates With 70004 Interim Clip (Single Row), 70013 Interim Clip (Dual Row) Use With 7307 Tinned 28AWG, 7767 Topcoat 28AWG, 24241 Tinned 26AWG, 8996 Topcoat 26AWG, 24226 Tinned 24AWG, 8997 Topcoat 24AWG, 24369 High Flex 26AWG, 24389 High Flex 24AWG
Electrical
Current - Maximum per Contact Voltage - Maximum 1.8A 250V
Material Info Reference - Drawing Numbers
Product Specification PS-70400
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 14-44-2920

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X