|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1091QM Series Non-Relampable LED Indicator Lights DESCRIPTION AND FEATURES O.630 Solid-state indicator lights complete with built-in current-limiting resistor and rectifier diode. Mounting: Will snap-fit into O.500/.505 hole in panels .020/.100 thick. Push-on speednut SN0461 also available. Mounting hole pattern on page SP2. Terminals: Quick-connect, tinned beass. Lens: Polycarbonate 1.070 .380 Anode(+): Marked above terminal Bezel: Polished stainless steel. For black finish add "X" after the series letter(s). .187 T E R MINALS O.500 MAX. All dimensions in inches. Housing: White Nylon Lens C olor R ed G reen Y ellow Internal R es is tor (ohms ) S olid S tate Model No. (12V ) 1091QM1-12V 1091QM5-12V 1091QM7-12V 390 Lens C olor Model No. (24V ) 1091QM1-24V 1091QM5-24V 1091QM7-24V 1000 R ed G reen Y ellow Incorporates LE D * 4304H1 4304H 5 4304H7 * Also incorporates 1N4004 (400 P.I.V.) rectifier diode. To use 24V model: Beyond 32VAC add 30 ohms per volt; beyond 24 VDC add 50 ohms per volt. Use 1/2W resistor up to 50V; 1W resistor for 50V to 70V; 2W resistor for 75V to 125V. Do not use beyond 125V. V oltage Table Nominal 12V 24V V AC 10 to 20 22 to 32 V DC 6 to 13.5 12 to 24 America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack, NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product 1091QM Series Non-Relampable |
Price & Availability of 1091QM5-12V |