Part Number Hot Search : 
8069X CNY30X MJ411 51414 2SC2073 FX469J EMK32 DSB3A20
Product Description
Full Text Search
 

To Download 0910090016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0910090016 Active
junction_box_io_connectors Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, with Fuse
Product Specification PS-99020-0076 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Headers 91009 Wire-to-Board with Fuse|Clinch|Direct Grounding|Gateway Pin junction_box_io_connectors Junction Box image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 36 36 Spade 36 Black 30 No No No None Yes Brass, Phosphor Bronze Tin, Tin-Lead Tin, Tin-Lead Nylon 7 Right Angle 0.125 In 3.20 mm Yes Yes 0.062 In 1.60 mm Tray 0.148 In, 0.197 In 3.75 mm, 5.00 mm 120 3 120 3 Yes Fully No Yes -40C to +85C Through Hole
Search Parts in this Series 91009Series
Electrical
Current - Maximum per Contact Voltage - Maximum
10A 12V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0076 SD-91009-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0910090016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X