Part Number Hot Search : 
WNM2025 11017 74F540PC PE6033 IFN422 20112 ES3210 N120C
Product Description
Full Text Search
 

To Download 0399700111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0399700111 Active
10.16mm (.400") BeauTM EurostyleTM Fixed Mount PCB Terminal Block, High Power 60A, 11 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type Terminal Blocks 39970 Wire-to-Board One Piece EurostyleTMFixed Mount Euro Block
Physical
Circuits (Loaded) Circuits (maximum) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 11 11 Horizontal 94V-0 None Brass, Copper Tin Tin 1 Vertical 0.160 In 4.06 mm None No 0.400 In 10.16 mm 0.400 In 10.16 mm 150 3.8 150 3.8 N/A Fully No No 130C Through Hole 10, 12, 14, 16, 18, 8 0.75 - 10.0
Search Parts in this Series 39970Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 60A 300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number 970511
Reference - Drawing Numbers
Sales Drawing SD-39970-003
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0399700111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X