|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0190700110 Active InsulKrimpTM Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/2", Length 39.90mm (1.571"), Mylar Tape Carrier Documents: Drawing (PDF) Product Specification PS-19902-009 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19070 Yes N/A InsulKrimpTM Ring Physical Barrel Type Color - Resin Flammability Insulation Material - Plating Mating Packaging Type Stud Size Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-2 PVC Tin Adhesive Tape on Reel 1/2" (M12) 6.40mm (.250") max. 10, 12 0.40 - 0.60 Material Info Old Part Number C-201-12XT Search Parts in this Series 19070Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # ATP Tooling Kits 0192880503 used with Molex Air Tape Press. ATP100 and 300 Series or Molex Mylar Tape Applicator. Mini-MacTM 0638858200 Applicator Perishable Tooling 0190270135 Spacers for tape product Reference - Drawing Numbers Product Specification Sales Drawing PS-19902-009 CCD20101 This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0190700110 |