Part Number Hot Search : 
UF1008 X9221AWS JC216C 74LS123 CD1031CS 20VSPBF HN1V0 HN1V0
Product Description
Full Text Search
 

To Download ZL10321GAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Obsolescence Notice
This product is obsolete. This information is available for your convenience only. For more information on Zarlink's obsolete products and replacement product lists, please visit
http://products.zarlink.com/obsolete_products/
ZL10320/1 Digital Television PVR-on-a-Chip Processor
Data Sheet Features
* * * * * * * * * * * * * * * * * Single Chip solution for Digital Terrestrial Personal Video Recorder (PVR) Products Supports Simultaneous 'Pause & Resume' and 2nd-channel recording PVR controller providing bitstream multiplexing, PID filtering and record/playback control. Dual on-chip DVB-T COFDM demodulators with Forward Error Correction. IDE interface MPEG-2 Audio & Video decoder PowerPC 405TM CPU Core with 16k/16k cache, Memory manager and Virtual memory system Dual SDRAM controller 6 Video DACs on-chip, for Composite (CVBS) or Component (RGB, YPrPb) Analog Video Twin PAL/NTSC DENCs I2S Digital Audio Input I2S and S/PDIF Digital Audio outputs DVB-CI Common Interface (CI) control and bitstream interfaces Conditional Access (CA) DVB-descrambler Smart Card Interface Inputs for external MPEG-2 Transport Streams, allowing support for external demodulators (e.g. Cable TV, Satellite TV) External Modem support interface Ordering Information ZL10320/GAC ZL10321/GAC 388 ball EPBGA 388 ball EPBGA
May 2003
0C to +70C * * * * * * * * Infrared & UART interface Linux-based Software Development Kit (SDK) Low Power (<1.4W Typical, in full operation) Low Application Component Count Small Footprint applications Supports MacrovisionTM Copy Protection (ZL10321 only; Macrovision license holders only) Dolby Digital Decoding - (ZL10321 only; Dolby Digital* license holders only - *awaiting certification) Ideal solution for UK Freeview services
Applications
* * * * DVB-T based PVR products DVB-T/PVR combo products Dual Channel decoder products iDTV/PVR combo products
Bitstream O/P /Second Bitstream I/P Smart Card
ZL10320 / ZL10321 DTV-SOC
ADC A /De-mod /JTAG AGC A
ADC De-mux JTAG INA
Audio Decoder
Stereo Audio 2 I S DAC S/PDIF
SW
SW COFDM A Demodulator & FEC PVR Controller Descrambler System DeMultiplex
ADC B /De-mod AGC B Flash IDE CI Control Smart Card CODEC/modem 2 IC UART/IRDA BIT I/O
INB
Video Decoder COFDM B Demodulator & FEC Video Scaler / Blender
AUX Bus
Cached PowerPC 405 Sub System
R
Comp
Peripherals
Video Video DENCs /DACs Boot ROM SDRAM Controller SDRAM Controller
YPrPb / RGB
Analog Video
Power Management
SDRAM 1 BUS
SDRAM 0 BUS
Figure 1 - ZL10320 and ZL10321 Block Diagram
1
ZL10320/1
Description
Data Sheet
The ZL10320 is a DVB-T PVR-on-a-Chip solution which enables the rapid development of cost effective and feature-rich DVB-T based Personal Video Recorders (PVR). To achieve this, Zarlink has integrated two DVB-T compliant COFDM demodulators, an MPEG-2 audio/video decoder, a PVR controller and a full suite of set-top box/iDTV interfaces together with a high performance CPU into a single System-on-a-Chip (SoC) solution. The ZL10320's PVR Controller can sustain the simultaneous transfer of three MPEG-2 Transport Streams with a hard disk drive, permitting, for example, simultaneous recording of two TV Channels and playing-back a third; essentially three VCRs in a box. The key capability of PVR technology is the ability to live-pause and time-shift live broadcast television, where a recorded stream can be played back before its recording has completed. The ZL10320 supports this function, and in addition allows the simultaneous recording of a second digital channel. This is made possible by high-performance on-chip DMA controllers, which transfer bitstreams between the PVR Controller, SDRAM and IDE Hard Disk(s) efficiently, with minimum CPU overhead. PVR functionality places considerable demand on the software environment, which necessitates that such systems are based on robust multitasking operating systems, supporting virtual memory and memory management. Linux, with its wide range of capabilities is ideally suited for such applications. Consequently the ZL10320 uses the highperformance PowerPC 405 RISC processor, which fully supports the requirements of the Linux Operating System. The ZL10320 is able to share a common Linux Code base at the device driver, middleware and application layers with the entry-level ZL10310/ZL10311 solutions, which are also available from Zarlink Semiconductor. Also available is the ZL10321 DVB-T PVR-on-a-Chip, which additionally offers Dolby Digital1 multi-channel audio decoding, and MacrovisionTM Copy Protection for applications requiring Dolby Audio and Pay TV services.
Device Interfaces
The following peripheral interfaces are available to the user. Apart from possible level translation and connector buffering, no external devices are required to support any of the interfaces. * * * * * * * * * * * * * * * * * * * * * Dual 10-bit inputs that may be configured for separate ADC inputs or a single multiplexed ADC input Inputs from external video ADCs also act as external MPEG-2 transport stream inputs Dual AGC (PWM) outputs for two terrestrial tuners Serial control ports for two digital terrestrial tuners Serial control ports for external demodulator devices (e.g Satellite Demodulator) Common interface control and bitstream interfaces for an external descrambler Normal PC (PCMCIA) memory module interface for local software updates Shared 64 Mbit SDRAM interface for all decoders and PowerPC 405TM Dual SDRAM interface to support advanced multi-channel recording functions Static memory interface for Flash and external peripherals IDE/ATAPI interface supporting up to 2 IDE/ATAPI devices External DMA channel and interrupts Six analog video outputs give full flexibility on RGB, Y PrPb, and Composite (CVBS) signals (with and without OSD) I2S input port from external Digital Stereo source Three I2S ports to external audio DACs for main, surround, and centre channels Dolby surround sound control signals Sony/Philips Digital InterFace (S/PDIF) Full RS232 interface to an external modem or a 4 wire interface to a Codec IRDA interface or an additional asynchronous serial interface Synchronous serial interface for EEPROM, etc. Two Smart card Interfaces (one instead of a Common Interface)
1. The ZL10321 device is awaiting Dolby Certification
2
Zarlink Semiconductor Inc.
Data Sheet
* * * General purpose I2C interface General purpose timer for Infrared (IR) decoding General purpose individual bit I/Os
ZL10320/1
If not required in a particular system, any of the peripheral interfaces can be replaced by individual I/O bits from internal general purpose registers. These can then be used for additional purpose, such as interfacing to switches and displays.
Typical Applications
Free-to-Air Terrestrial PVR Receiver Figure 2 on page 3 shows a typical Free-to-Air DVB-T compatible Terrestrial DTV PVR receiver block diagram employing a ZL10320 device. In its minimal configuration, the ZL10320 requires two 64Mbit SDRAM devices, an audio DAC, a Flash ROM, two Terrestrial Tuner Blocks (Zarlink can provide reference designs for modular tuners and 'tuner-on-motherboard' solutions), a dual multiplexed 10-bit analog to digital converter and an IDE Hard Disk Drive. The compelling capability of PVR technology is the ability to live-pause and time-shift live broadcast television, where a recorded stream can be played back before its recording has completed. The ZL10320 extends this capability by additionally offering the ability to simultaneously 'Pause-Resume' on one TV channel whilst recording a second TV channel.
Terrestrial Aerial
Remote Control
External Peripherals 20.48MHz Crystal Oscillator InfraRed Sensor Error COFDM Clock CLK 27IN
27MHz VCXO Serial EEPROM
Tranceivers
IDE Device 2
IDE Device 1 (HDD)
IRDA AGC AGCA Tuner A Control
Aux Bus
FLASH
Zarlink Terrestrial Tuner - 1
RF Loop Through
Control 36.17MHz IF
36.17MHz IF
Dual Mux'd 10-bit ADC
INB ADCCLK (20.48MHz) Tuner B Control AGCB UART
ZL10320 DTV-SoC
Digital Audio S/PDIF IS
D A C 2
SDRAM 0 Bus
SDRAM (16MByte)
SDRAM 1 Bus
SDRAM (16MByte)
Zarlink Terrestrial Tuner - 2
Control AGC Serial Link
Analog Video
DENC 2 DENC 1
RGB or YPrPb Composite Video (CVBS)
L R
Analog Audio - Stereo
with ReModulator
Analog Audio - Mono Analog Video - CVBS
+
Digital Audio - S/PDIF Greyed-out items are optional in this application
RF Loop Through (for 2nd TV or VCR)
Figure 2 - Block diagram of a typical ZL10320 based Free-to-Air DVB-T PVR receiver
Zarlink Semiconductor Inc.
3
ZL10320/1
Data Sheet
The Terrestrial Tuner sections perform an independent down conversion of the received DVB-T signal from the Antenna, to an IF frequency in the range of 30MHz to 57MHz, dependent on television system (typically 36.17MHz Center Frequency, with 4MHz span). The analogue IF is then converted to the digital domain, with a 10-bit ADC, clocked at 20.48MHz and the resulting Digital output is centered on 15.69MHz. This Digital signal is applied to the ZL10320 via the ADC_IN[9:0] input pins, in the form of a 10-bit parallel signal. The ZL10320 converts the digitized IF from a Terrestrial TV Tuner into an MPEG-2 Transport Stream, which can be optionally de-scrambled (if CA scrambling is used by the broadcaster), and de-multiplexed into separate Packetised Elementary Streams (PES), which are routed to the MPEG Audio and Video decoders, and SI data to the PowerPC 405TM subsystem. The PVR controller block contains an additional 64 level PID filter for the efficient selection of the desired programme for recording. Decoded Video can then be mixed and optionally scaled with On-Screen Display (OSD) Graphics generated by the DTV application software. The resultant combination of video and graphics are then routed to the PAL/NTSC Digital ENCoders (DENCs) for display on the TV via the on-chip 10-bit video DACs. The Video DACs can then produce Analog Video in either Composite Video (CVBS), or Component Video (RGB or YPrPb). Decoded Audio is output directly from the audio decoder sub-system to the I2S (Inter IC Sound) and S/PDIF (Sony/Philips Digital InterFace) outputs. The Decoded Audio and Video from the ZL10320 can either be provided via standard Analogue Video and Audio connections to a Television Monitor, or can be used to provide the inputs to a UHF re modulator to provide a UHF Analogue Television signal to connect to a standard analogue TV. Free-to-Air Dual-Standard Terrestrial and Satellite PVR Receiver The ZL10320 can be used to implement multi-standard DVB receiver with the addition of external demodulator devices. Figure 3 on page 5 shows the block diagram of an example application of a dual-standard dual-channel selectable Satellite and Terrestrial PVR receiver. Zarlink Semiconductor's Satellite Tuner technology allows for the DVB-S and DSS Satellite television standards to be received. With the advent of Free-to-view satellite services in some countries, this concept has potential applications in regions where some TV services are available only on one or other standard (Terrestrial or Satellite) but not both.
4
Zarlink Semiconductor Inc.
Data Sheet
Satellite Dish Remote Control
LNB 2
AGC Error QPSK Control IRDA I2C0 Control Bus 36.17MHz IF
10-bit ADC
LNB 1
Serial EEPROM
InfraRed Sensor External Peripherals
20.48MHz Crystal Oscillator 27MHz VCXO
Terrestrial Aerial
COFDM Clock CLK 27IN
Zarlink Satellite Tuner - 1
Zarlink MT312 Satellite QPSK Demodulator
IDE Device 2
Tranceivers
IDE Device 1 (HDD) INA AGCA Tuner A Control ADCCLK
(20.48MHz)
RF Loop Through
Zarlink Terrestrial Tuner - 1
AGC Control
Aux Bus
FLASH
AGC QPSK Control
Figure 3 - Block Diagram of a Dual-Standard ZL10320 based Free-to-Air Terrestrial and Satellite PVR receiver
Zarlink Satellite Tuner - 2
I2C0 Control Bus 36.17MHz IF
10-bit ADC
Zarlink Semiconductor Inc.
Zarlink MT312 Satellite QPSK Demodulator
INB AGCB AGC Control
ZL10320 DTV-SoC
SDRAM 0 Bus
SDRAM (<128Mb)
SDRAM 1 Bus
SDRAM (<128Mb)
Zarlink Terrestrial Tuner - 2
Digital Audio Tuner B Control ADCCLK (20.48MHz) UART S/PDIF I2S
Analog Video
DENC 2 DENC 1
RGB or YPrPb Composite Video (CVBS)
L D A C R
Serial Link
Analog Audio - Stereo
with ReModulator
Analog Audio - Mono Analog Video - CVBS
+
Digital Audio - S/PDIF = Tri-state Buffer, used to select/deselect input options. Other Greyed-out items are optional in this application
ZL10320/1
RF Loop Through (for 2nd TV or VCR)
5
ZL10320/1
Standards Compliant
* * * * ETSI EN300-744 (DVB-T) MPEG-2 Video & Audio Dolby Digital for Multi-channel audio (ZL103211) MacrovisionTM for copy protection support (ZL10321)
Data Sheet
Complementary Products
* * * * * * SL2610 single conversion tuner SL2001 up-down converter SL2009 IF AGC amp SL2150 antenna amplifier and power splitter SL1935 zero IF L-band tuner MT312 DVB-S QPSK demodulator
Customer Support
The ZL10320/321 devices are supported by Zarlink's network of in-house applications engineers and software design partners.
DVB(R) is a registered trademark of the DVB Project IBM(R), the IBM Logo, PowerPC(R) and PowerPC405TM are trademarks of International Business Machines Corporation. Dolby is a trademark of Dolby Laboratories. Supply of this implementation of Dolby Technology does not convey a license or imply a right under any patent, or any other Industrial or Intellectual Property Right of Dolby Laboratories, to use this implementation in any finished end-user or ready-to-use final product. It is hereby notified that a license for such use is required from Dolby Laboratories. This device is protected by US patent numbers 4631603, 4577216 and 4819098 and other intellectual property rights. Use of the Macrovision anticopy process in the device is licensed by Macrovision for non-commercial, home and limited exhibition use only. Reverse engineering or disassembly is prohibited. A valid Macrovision license must be in effect between the purchaser of the ZL10321 IC and Macrovision Corporation. Additional per-chip royalties may be required and are payable by the purchaser to Macrovision.
6
Zarlink Semiconductor Inc.
1 2
-
-
1
-
I
c Zarlink Semiconductor 2002 All rights reserved.
Package Code Previous package codes
ISSUE ACN DATE APPRD.
1 213807 25Nov02
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL10321GAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X