![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com Spice Model X150UFG Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage (Vf) 25C Volts mA 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impedance J -L Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF 55C(1) 100C(2) 25C 100C Volts X150UFG mAmps mAmps A A L=.000 L=.125 L=.250 C/W C/W C/W 15000 50 25 1.0 20 22. 0 100 3.0 0.5 100 5 12 21.5 2 .170(4.3) MAX. .350(8.89) MAX. 1.30(33.02) 1.00(25.4) .030 .003 (.77 .08) IS N T RS TT C J0 VJ M EG X TI KF AF FC BV IBV Reverse leakage current Emission coefficient Temperature Diode series resistance Transit time Zero-bias junction capacitance Bulk junction potential Grading coefficient Energy-band gap Temperature coefficient Flicker-noise coefficient Flicker-noise exponent Coefficient for capacitance Diode breakdown voltage Diode breakdown current 2.50E-07 46 25 8 100 1.23 19.17 0.5 1.11 3 0 1 0.5 18000 100 Amp s C Ohm nS pF Volts Volts Volts uAmps Voltage Multipliers, Inc. 8711 W. Roosevelt Ave. Visalia, CA 93291 Tel (559) 651-1402 Fax (559) 651-0740 www.voltagemultipliers.com |
Price & Availability of X150UFG
![]() |