Part Number Hot Search : 
MT111 B1151 B1151 MC3328 MSP3441G ASOF3S3P NE71383B 4BYP680
Product Description
Full Text Search
 

To Download SJ-820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRYSTAL CLOCK OSCILLATORS
ECL
Data Sheet 0012N Rev. E
SJ-820 Series
Description
The SJ-820 Series of quartz crystal oscillators provide F 100k series compatible signals in a ceramic SMD package. Systems designers may now specify space-saving, cost-effective packaged ECL oscillators to meet their timing requirements.
Features
www..com * User specified
* Wide frequency range-18.0MHz to 250.0MHz tolerance available * Will withstand vapor phase temperatures of 253C for 4 minutes maximum * Space-saving alternative to discrete component oscillators * High shock resistance, to 3000g * Metal lid electrically connected to ground to reduce EMI Electrical Connection Pin 1 2 3 4 Connection N.C. VCC /Ground Output VEE -4.5V
* Low Jitter * F 100k series compatible output on Pin 8 * High Q Crystal actively tuned oscillator circuit * Power supply decoupling internal * No internal PLL avoids cascading PLL problems * High frequencies due to proprietary design * Gold plated leads - Solder dipped leads available upon request
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
SJ-820 Series ECL Continued
Data Sheet 0012N Rev. E
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter Frequency Duty Cycle Logic 0 (2) Logic 1(2) Rise & Fall Time Jitter, RMS(3) Frequency Stability (1) Symbol Conditions Min --------18.0MHz 45/55% ----@ VCC-1.29V VOL ----VCC-1.81V VOH ----VCC 1.025V tr,tf 20-80%VO with 50 ohm load to VCC-2V ----------------dF/F Overall conditions including: -100ppm voltage, calibration, temp., 10 yr aging, shock, vibration Typical ----------------1.0 ns --------Max 250.0MHz 55/45% VCC-1.60V VCC-0.88V 1.5 ns 5 psec +100ppm
General Characteristics
www..com
Parameter Supply Voltage Supply Current Output current Operating temperature Storage temperature Power Dissipation Lead temperature Load Start-up time
Conditions Min -----4.8V 50 ohm termination 0.0 mA To 2.00V below VCC IO Low level Output Current 0.0 mA -----0C TA TS -----55C --------PD TL Soldering, 10 sec. ----50 Ohm to VCC-2V or Thevenin Equivalent, Bias Required --------tS
Symbol VEE IEE
Typical -4.5V ------------------------2 ms
Max -4.2V 80 mA 50.0 mA 70C 125C 384 mW 300C 10 ms
Environmental and Mechanical Characteristics
Mechanical Shock Thermal Shock Vibration Soldering Condition Hermetic Seal ESD Sensitivity Per MIL-STD-202, Method 213, Condition E Per MIL-STD-833, Method 1011, Condition A 0.060" double amplitude 10 Hz to 55 Hz, 35g's 55Hz to 2000 Hz 300C for 10 seconds Leak rate less than 1 x 10 -8 atm.cc/sec of helium Human Body Model per ON Semiconductor 10kH series ECL: 500V min.
Footnotes: 1) Standard frequency stability (20,25,50ppm & others available) 2) VOL, VOH, referenced to ground (VCC) with VEE = -4.5V 3) Jitter performance is frequency dependent. Please contact factory for full characterization.
Creating a Part Number SJ - A82X - FREQ Package Code SJ 4 J Lead SMD Tolerance/Performance 0 100ppm 0-70C 1 50ppm 0-70C 7 25ppm 0-70C 9 Customer Specific A 20ppm 0-70C B 50ppm -40 to +85C C 100ppm -40 to +85C
Input Voltage Code Specification A 3.3V 5V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com


▲Up To Search▲   

 
Price & Availability of SJ-820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X