Part Number Hot Search : 
PST7042M 2DSBA 651BMLF 330M2 AST163 N5333 FR151 TXC101
Product Description
Full Text Search
 

To Download MMPZ5221BPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT ZENER
SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 91V
MMPZ5221BPT
THRU
MMPZ5270BPT
FEATURE
* * * * * * High temperature soldering type. ESD rating of class 3(>16 kV) per human body model. Silicon planar zener diodes. Silcon-oxide passivated junction. Low temperature coefficient voltage 225 mW Rating on FR-4 or FR-5 Board
(1)
SC-76/SOD-323
Cathode Band
(2)
MECHANICAL
* * * * Voild-free, Transfer-molded, Thermosetting plastic case SC-76/SOD-323 Packaging. Cathode indicated by polarity band. Mounting position: Any.
0.25~0.4
1.15~1.4
1.6~1.8
0.6~1.0 0.1Max. 0.08~0.177 0.25~0.45 2.3~2.7
CIRCUIT
(2)
(1)
Dimensions in millimeters
SC-76/SOD-323
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Zener Current ( see Table "Characteristics" ) Max. Steady State Power Dissipation Max. Operating Temperature Range Storage Temperature Range @TA=25oC SYMBOL PD TJ TSTG VALUE 225 -65 to +150 -65 to +150 UNITS mW
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Thermal Resistance Junction to Ambient Max. Instantaneous Forward Voltage at IF= 10mA SYMBOL R
JA
MIN. -
TYP. -
MAX. 550 0.9
UNITS
o
C/W
VF
Volts 2003-01
NOTES : 1. The JEDEC type numbers listd have a standaerd tolerance on the normal zener voltage of +10%, Suffix B=+5%. 2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10% of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve to eliminate unstable units. 3. Valid provided that electrodes at distance of 10mm from case are kept ambient temperature. 4. Measured under thermal equilibrium and DC test conditions. 5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration.
ELECTRICAL CHARACTERISTICS ( MMPZ5221BPT THRU MMPZ5270BPT )
Zener voltage VZ (V) @ IZT TYPE Min Volts
MMPZ5221BPT MMPZ5222BPT MMPZ5223BPT MMPZ5224BPT MMPZ5225BPT MMPZ5226BPT MMPZ5227BPT MMPZ5228BPT MMPZ5229BPT MMPZ5230BPT MMPZ5231BPT MMPZ5232BPT MMPZ5233BPT MMPZ5234BPT MMPZ5235BPT MMPZ5236BPT MMPZ5237BPT MMPZ5238BPT MMPZ5239BPT MMPZ5240BPT MMPZ5241BPT MMPZ5242BPT MMPZ5243BPT MMPZ5244BPT MMPZ5245BPT MMPZ5246BPT MMPZ5247BPT MMPZ5248BPT MMPZ5249BPT MMPZ5250BPT MMPZ5251BPT MMPZ5252BPT MMPZ5253BPT MMPZ5254BPT MMPZ5255BPT MMPZ5256BPT MMPZ5257BPT
Test current Max Volts 2.520 2.625 2.835 2.940 3.150 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.300 6.510 7.140 7.875 8.610 9.135 9.555 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Zener impedance
Nom Volts 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33
ZZT at IZT () 100 100 100 100 95 95 90 90 88 70 50 25 25 10 8 7 7 7 10 15 18 22 25 25 32 36 36 42 42 48 55 62 62 70 44 78 88
ZZK () 1800 1800 1900 1900 2000 2200 2300 2400 2500 2200 2050 1800 1800 1300 750 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700
at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Type Maximum reverse leakage current temperature regulator coefficient current at at o IR at VR TA= 25 C TA= 50oC o (uA) (V) VZ (%/ C) IZM (mA) 100 100 75 75 50 25 15 10 5 3 2 5 5 1 1 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 1 1.5 2 3 3 4 5.2 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 14 16 17 18 19 21 21 23 25 -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 -0.055 +0.030 +0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 85 82 76 73 68 62 57 52 48 44 40 36 34 33 30 27 25 23 22 20 18 17 16 14 13 12.5 12.1 11.2 10.8 10.3 9.4 8.6 7.6 7.5 7.3 6.8 6.2
2.280 2.375 2.565 2.660 2.850 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.700 5.890 6.460 7.125 7.790 8.265 8.645 9.500 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35
ELECTRICAL CHARACTERISTICS ( MMPZ5221BPT THRU MMPZ5270BPT )
Zener voltage VZ (V) @ IZT TYPE Min Volts
MMPZ5258BPT MMPZ5259BPT MMPZ5260BPT MMPZ5261BPT MMPZ5262BPT MMPZ5263BPT MMPZ5264BPT MMPZ5265BPT MMPZ5266BPT MMPZ5267BPT MMPZ5268BPT MMPZ5269BPT MMPZ5270BPT
Test current Max Volts 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 IZT (mA) 5 5 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4
Maximum Zener impedance
Nom Volts 36 39 43 47 51 56 60 62 68 75 82 87 91
ZZT at IZT () 95 130 93 105 125 150 170 185 230 270 330 370 400
ZZK () 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300
at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Type Maximum reverse leakage current temperature regulator coefficient current at at o IR at VR TA= 25 C TA= 50oC o (uA) (V) VZ (%/ C) IZM (mA) 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 27 30 33 36 39 43 46 47 52 56 62 68 69 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 +0.098 +0.099 +0.099 5.8 5.4 4.9 4.5 4.2 3.8 3.5 -
34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45
RATING CHARACTERISTIC CURVES ( MMPZ5221BPT THRU MMPZ5270BPT )
FIG. 1 - TEMPERATURE COEFFICIENTS) (TEMPERATURE RANGE 55oC TO +150oC)
8 7 6 5 4 3 2 1 0 -1 -2 -3
VZ @ IZT TYPICAL TC VALUES FOR MMPZ5221BPT SERIES
COEFFICIENT (mV/ oC)
COEFFICIENT (mV/ oC)
FIG. 2 - TEMPERATURE COEFFICIENTS) (TEMPERATURE RANGE 55oC TO +150oC)
100
TYICAL TC VALUES FOR MMPZ5221BPT SERIES
VZ @ IZT
10
VZ,TEMPERATURE
VZ,TEMPERATURE
2
3
4
5
6
7
8
9
10
11
12
1
10
100
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
FIG. 3 - EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
1000 1000
FIG. 4 - TYPICAL FORWARD VOLTAGE
ZZT DYNAMIC IMPEDANCE(
IZ= 1mA
100
5mA
IF,FORWARD CURRENT (mA)
TJ=25oC IZ(AC)=0.1IZ(DC) f=1KHZ
)
75V (MMPZ5267BPT) 91V (MMPZ5270BPT) 100
20mA
10
10
150oC
75oC
25oC
0o C
1
1
10
100
1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VZ NOMINAL ZENER VOLTAGE ( V )
VF FORWARD VOLTARGE ( V )
RATING CHARACTERISTIC CURVES ( MMPZ5221BPT THRU MMPZ5270BPT )
FIG. 5 - TYPICAL CAPACITANCE
1000
TA=25oC 0 V BIAS 1 V BIAS
FIG. 6 - TYPICAL LEAKAGE CURRENT
1000
IR,LEAKAGE CURRENT (uA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60
25oC -55oC 150oC
C, CAPACITANCE (pF)
100
BIAS AT 50% OF VZ NOM
10
1
1
10
100
70
80
90
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
FIG. 7 - ZENER VOLTAGE VERSUS ZENER CURRENT (VZ UP TO 12V)
100
TA=25oC
FIG. 8 - ZENER VOLTAGE VERSUS ZENER CURRENT (12V TO 91V)
100
TA=25oC
IZ ZENER CURRENT (mA)
10
IZ,ZENER CURRENT
0 2 4 6 8 10 12
10
1
1
0.1
0.1
0.01
0.01
10
30
50
70
90
VZ ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )


▲Up To Search▲   

 
Price & Availability of MMPZ5221BPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X