Part Number Hot Search : 
ATMEGA SF08S60F MPC17C ZMM5235 3KP70A MT70003 D100L AX102412
Product Description
Full Text Search
 

To Download MC33981BPNAR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Advance Information
Document Number: MC33981 Rev. 6.0, 5/2007
Single High-Side Switch (4.0 m), PWM clock up to 60kHz
The 33981 is a high-frequency, self-protected 4.0 m RDS(ON) highside switch used to replace electromechanical relays, fuses, and discrete devices in power management applications. The 33981 can be controlled by Pulse-Width Modulation (PWM) with a frequency up to 60 kHz. It is designed for harsh environments, and it includes self-recovery features. The 33981 is suitable for loads with high in-rush current, as well as motors and all types of resistive and inductive loads. The 33981 is packaged in a 12 x 12 non-leaded power-enhanced Power QFN package with exposed tabs. Features * Single 4.0 m RDS(ON) Maximum High-Side Switch * PWM Capability up to 60 kHz with Duty Cycle from 5% to 100% * Very Low Standby Current * Slew Rate Control with External Capacitor * Overcurrent and Overtemperature Protection, Undervoltage Shutdown and Fault Reporting * Reverse Battery Protection * Gate Drive Signal for External Low-Side N-Channel MOSFET with Protection Features * Output Current Monitoring * Temperature Feedback * Pb-Free Packaging Designated by Suffix Code PNA
33981B
HIGH-SIDE SWITCH
SCALE 1:1 PNA (Pb-Free Suffix)
98ARL10521D 16-PIN PQFN (12 X 12)
Bottom View
ORDERING INFORMATION
Device MC33981BPNA/R2 Temperature Range (TA) - 40C to 125C Package 16 PQFN
VDD VDD
VPWR
33981
CONF
I/O I/O
VPWR CBOOT OUT DLS
FS INLS EN INHS TEMP CSNS
MCU
I/O I/O A/D A/D
M GLS OCLS SR GND
Figure 1. 33981 Simplified Application Diagram
* This document contains certain information on a new product. Specifications and information herein are subject to change without notice.
(c) Freescale Semiconductor, Inc., 2007. All rights reserved.
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
VPWR
Undervoltage Detection
TEMP
Temperature Feedback
Bootstrap Supply
CBOOT
SR FS EN INHS INLS
Logic Current Protection
Gate Driver Slew Rate Control
OUT
OUT Current Recopy Overtemperature Detection
5.0 V RDWN ICONF IDWN CrossConduction 5.0 V
Low-Side Gate Driver and Protection
GLS DLS
CONF
IOCLS
GND
CSNS
OCLS
Figure 2. 33981 Simplified Internal Block Diagram
33981
2
Analog Integrated Circuit Device Data Freescale Semiconductor
PIN CONNECTIONS
PIN CONNECTIONS
Package Transparent Top View
CSNS TEMP EN INHS FS INLS CONF OCLS DLS GLS SR CBOOT 4 5 6 7 8 9
Table 1. PIN DEFINITIONS Descriptions of the pins listed in the table below can be found in the Functional Description section located on page 12.
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15, 16 Pin Name CSNS TEMP EN INHS FS INLS CONF OCLS DLS GLS SR CBOOT GND VPWR OUT Pin Function Reports Reports Input Input Reports Input Input Input Input Output Input Input Ground Input Output Formal Name Output Current Monitoring Temperature Feedback Enable (Active High) Serial Input High Side Fault Status (Active Low) Serial Input Low Side Configuration Input Low-Side Overload Drain Low Side Low-Side Gate Slew Rate Control Bootstrap Capacitor Ground Positive Power Supply Output Definition This pin is used to generate a ground-referenced voltage for the microcontroller (MCU) to monitor output current. This pin is used by the MCU to monitor board temperature. This pin is used to place the device in a low-current sleep mode. This input pin is used to control the output of the device. This pin monitors fault conditions and is active LOW. This pin is used to control an external low-side N-channel MOSFET. This input manages MOSFET N-channel cross-conduction. This pin sets the VDS protection level of the external low-side MOSFET. This pin is the drain of the external low-side N-channel MOSFET. This output pin drives the gate of the external low-side N-channel MOSFET. This pin controls the output slew rate. This pin provides the high-pulse current to drive the device. This is the ground pin of the device. This pin is the source input of operational power for the device. These pins provide a protected high-side power output to the load connected to the device.
10 11 12 GND 13 VPWR 14 15 OUT
16 OUT
Figure 3. Pin Connections
2 3
1 33981
Analog Integrated Circuit Device Data Freescale Semiconductor
3
ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings All voltages are with respect to ground unless otherwise noted.
Rating ELECTRICAL RATINGS Power Supply Voltage Steady-State Input/Output Pins Voltage (1) INHS, INLS, CONF, CSNS, FS, TEMP, EN VOUT 41.0 -5.0
(2)
Symbol
Value
Unit
VPWR -16 to 41 - 0.3 to 7.0
V
V
Output Voltage Positive Negative Continuous Output Current CSNS Input Clamp Current EN Input Clamp Current SR Voltage CBOOT Voltage OCLS Voltage Low-Side Gate Voltage Low-Side Drain Voltage ESD Voltage
(3)
V
IOUT ICL(CSNS) ICL(EN) VSR CBOOT VOCLS VGLS VDLS VESD
40.0 15.0 2.5 - 0.3 to 54.0 - 0.3 to 54.0 - 5.0 to 7.0 - 0.3 to 15.0 - 5.0 to 41.0 2000 750 500
A mA mA V V V V V V
Human Body Model (HBM) Charge Device Model (CDM) Corner Pins (1, 12, 15, 16) All Other Pins (2-11, 13-14) THERMAL RATINGS Operating Temperature Ambient Junction Storage Temperature Thermal Resistance
(4)
C
TA TJ
- 40 to 125 - 40 to 150 - 55 to 150 1.0 20.0 245 C
TSTG RJC RJA
(5)
C C/W
Junction to Power Die Case Junction to Ambient Peak Pin Reflow Temperature During Solder Mounting
TSOLDER
Notes 1. Exceeding voltage limits on INHS, INLS, CONF, CSNS, FS, TEMP, and EN pins may cause a malfunction or permanent damage to the device. 2. Continuous high-side output rating as long as maximum junction temperature is not exceeded. Calculation of maximum output current using package thermal resistance is required. 3. ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ) and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF). 4. 5. Device mounted on a 2s2p test board per JEDEC JESD51-2. pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause malfunction or permanent damage to the device.
33981
4
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics Characteristics noted under conditions 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER INPUT (VPWR) Battery Supply Voltage Range Fully Operational Extended (6) VPWR Supply Current INHS = 1 and OUT Open INLS = 0 VPWR Supply Current INHS = INLS = 0, EN = 5.0 V, OUT Connected to GND Sleep State Supply Current (VPWR < 14 V, EN = 0 V, OUT Connected to GND) TA = 25C TA = 125C Undervoltage Shutdown Undervoltage Hysteresis POWER OUTPUT (IOUT, VPWR) Output Drain-to-Source ON Resistance (IOUT = 20 A, TA = 25C) VPWR = 6.0 V VPWR = 9.0 V VPWR = 13.0 V Output Drain-to-Source ON Resistance (IOUT = 20 A, TA = 150C) VPWR = 6.0 V VPWR = 9.0 V VPWR = 13.0 V Output Source-to-Drain ON Resistance (IOUT = -20 A, TA = 25C)(7) VPWR = - 12 V Output Overcurrent Detection Level 9.0 V < VPWR < 16 V Current Sense Ratio 9.0 V < VPWR < 16 V, CSNS < 4.5 V Current Sense Ratio (CSR) Accuracy 9.0 V < VPWR < 16 V, CSNS < 4.5 V Output Current 5.0 A 15 A, 20 A and 30 A Current Sense Voltage Clamp I CSNS = 15 mA VCL(CSNS) 4.5 6.0 7.0 -20 -15 - - 20 15 V CSR_ACC CSR - 1/20000 - % I OCH 75 100 125 - RSD(ON) - - 8.0 A RDS(ON)150 - - - - - - 10.2 8.5 6.8 m RDS(ON)25 - - - - - - 6.0 5.0 4.0 m m VPWR(UV) VPWR(UVHYS) - - 2.0 0.05 - - 4.0 0.15 5.0 50.0 4.5 0.3 V V IPWR(SLEEP) IPWR(SBY) - 10.0 12.0 A mA IPWR(ON) - 10.0 12.0 VPWR 6.0 4.5 - - 27.0 27.0 mA V Symbol Min Typ Max Unit
Notes 6. OUT can be commanded fully on, PWM is available at room. Low Side Gate driver is available. Protections and Diagnosis are not available. Min/max parameters are not guaranteed. 7. Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
5
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics (continued) Characteristics noted under conditions 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER OUTPUT (VPWR) (continued) Overtemperature Shutdown Overtemperature Shutdown Hysteresis
(8)
Symbol
Min
Typ
Max
Unit
TSD TSDHYS
160 5.0
175 -
190 20
C
C
V
LOW SIDE GATE DRIVER (VPWR, VGLS, VOCLS) Low-Side Gate Voltage VPWR = 6.0 V VPWR = 9.0 V VPWR = 13 V VPWR = 27 V Low-Side Gate Sinked Current VGLS = 2 V, VPWR = 13 V Low-Side Gate Sourced Current VGLS = 2 V, VPWR = 13 V Low-Side Overload Detection Level versus Low-Side Drain Voltage VOCLS - VDLS, (VOCLS 4.0 ) CONTROL INTERFACE (CONF, INHS, INLS, EN, OCLS) Input Logic High Voltage (CONF, INHS, INLS) Input Logic Low Voltage (CONF, INHS, INLS) Input Logic Voltage Hysteresis (CONF, INHS, INLS) Input Logic Active Pulldown Current (INHS, INLS) Enable Pull-down Resistor (EN) Enable Voltage Threshold (EN) Input Clamp Voltage (EN) IEN < 2.5 mA Input Forward Voltage (EN) Input Active Pullup Current (OCLS) Input Active Pullup Current (CONF) FS Tri-State Capacitance (8) FS Low-State Output Voltage IFS = -1.6 mA Temperature Feedback TA = 25C for VPWR = 14 V Temperature Feedback Derating (8) DTFEED
VTFEED
VGLS 5.0 8.0 12.0 12.0 I GLSNEG - I GLSPOS - VDS_LS -50 - +50 100 - 100 - 5.4 8.4 12.4 12.4 6.0 9.0 13.0 13.0
mA
mA
mV
VIH VIL VINHYS IDWN RDWN VEN VCLEN
3.3 - 100 5.0 100
- - 600 10 200 2.5
- 1.0 1200 20 400
V V mV A k V V
7.0 VF(EN) IOCLS p I CONF CFS VFSL - -2.0 50 5.0 -
- - 100 10 -
14 -0.3 200 20 20 V A A pF V
0.2
0.4 V
3.35 -8.5
3.45 -8.9
3.55 -9.3 mV/C
Notes 8. Parameter is guaranteed by process monitoring but is not production tested.
33981
6
Analog Integrated Circuit Device Data Freescale Semiconductor
DYNAMIC ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics Characteristics noted under conditions 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic CONTROL INTERFACE AND POWER OUTPUT TIMING (CBOOT, VPWR) Charge Blanking Time (CBOOT) (10) Output Rising Slew Rate VPWR = 13 V, from 10% to 90% of VOUT, SR Capacitor = 4.7 nF, RL= 5.0 Output Falling Slew Rate VPWR = 13 V, from 90% to 10% of VOUT, SR Capacitor = 4.7 nF, RL= 5.0 Output Turn-ON Delay Time
(11)
Symbol
Min
Typ
Max
Unit
t ON
SRR
10
25
50
s V/s
8.0 SRF 8.0
16
35 V/s
16
35 ns
t DLYON
200 400 700
VPWR = 13 V, SR Capacitor = 4.7 nF Output Turn-OFF Delay Time (12) VPWR = 13 V, SR Capacitor = 4.7 nF Input Switching Frequency (9) Output PWM ratio @ 60kHz
(13)
t DLYOFF
500 f PWM R PWM - 5.0 1000 20 1500 60 95
ns
kHz % s
Time to Reset Fault Diagnosis (over load on high side or external low side) Output Over Current Detection Time
t RSTDIAG
100 200 10 400 20
t OCH
1.0
s
Notes 9. The MC33981 can work down (~100Hz). The fault management reset can not be guaranteed with PWM frequency lower than 5kHz (INHS=0 during 200us typ) 10. Values for CBOOT=100nF. Refer to the paragraph entitled Sleep Mode on page 13. Parameter is guaranteed by design and not production tested. 11. Turn-ON delay time measured from rising edge of INHS that turns the output ON to VOUT = 0.5 V with RL= 5.0 resistive load. 12. 13. Turn-OFF delay time measured from falling edge of INHS that turns the output OFF to VOUT = VPWR -0.5 V with RL= 5.0 resistive load. The ratio is measured at Vout = 50% VPWR without SR capacitor. The device is capable of 100% duty cycle.
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
7
TIMING DIAGRAMS STATIC ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
INHS 5.0 V
0.0 V Vout VPWR - 0.5 V 0.5 V RPWM 50%VPWR
t DLY(ON)
Vout 90% Vout 10% Vout
t DLY(OFF)
SR R
SR F
Figure 4. Time Delays Functional Diagrams
EN
FS
t ON After
5.0 V
CONF
INHS
INLS
OUT
GLS
Figure 5. Normal Mode, Cross-Conduction Management
33981
8
Analog Integrated Circuit Device Data Freescale Semiconductor
TIMING DIAGRAMS STATIC ELECTRICAL CHARACTERISTICS
EN
FS CONF
t ON After
0.0 V
INHS
High Side ON
High Side OFF
INLS
OUT
GLS
Figure 6. Normal Mode, Independent High Side and Low Side
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
9
ELECTRICAL PERFORMANCE CURVES STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
7.0 6.0
RDS(ON) (m) RdsON (mOhm)
5.0 4.0 3.0 2.0 1.0 0.0 -50 0 50 100 150 200
Temperature (C) Temperature (C)
Figure 7. Typical RDS(ON) vs. Temperature at VPWR = 13 V
10.0 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0 4.5 6.0 9.0 12.0 12.5
VPWR (V) Vpwr(V) Figure 8. Typical Sleep State Supply Current vs. VPWR at 150C
IIpwr(sleep)(A) PWR(SLEEP) (A)
13.0
14.0
17.0
21.0
1600
Vout Rise Time (ns)
1400 1200 1000 800 600 400 200 0 0 2.0 4.0 6.0 8.0 10
SR Capacitor (nF)
Figure 9. VOUT Rise Time vs. SR Capacitor From 10% to 90% of VOUT at 25C and VPWR = 13 V
33981
10
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL PERFORMANCE CURVES STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
1600 Vout Fall Time (ns) 1400 1200 1000 800 600 400 200 0
0 2.0 4.0 6.0 8.0 10 SR Capacitor (nF)
Figure 10. VOUT Fall Time vs. SR Capacitor From 10% to 90% of VOUT at 25C and VPWR = 13 V
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
11
FUNCTIONAL DESCRIPTION INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33981 is a high-frequency self-protected silicon 4.0 m RDS(ON) high-side switch used to replace electromechanical relays, fuses, and discrete devices in power management applications. The 33981 can be controlled by pulse-width modulation (PWM) with a frequency up to 60 kHz. It is designed for harsh environments, and it includes self-recovery features. The 33981 is suitable for loads with high inrush current, as well as motors and all types of resistive and inductive loads. A dedicated parallel input is available for an external low-side control with protection features and cross-conduction management.
FUNCTIONAL PIN DESCRIPTIONS OUTPUT CURRENT MONITORING (CSNS)
This pin is used to output a current proportional to the highside OUT current and is used externally to generate a ground-referenced voltage for the microcontroller (MCU) to monitor OUT current. MOSFETs are controlled independently. When CONF is at VDD 5.0 V, the two MOSFETs cannot be on at the same time.
LOW-SIDE OVERLOAD (OCLS)
This pin sets the VDS protection level of the external lowside MOSFET. This pin has an active internal pullup current source. It must be connected to an external resistor.
TEMPERATURE FEEDBACK (TEMP)
This pin reports an analog value proportional to the temperature of the GND flag (pin 13). It is used by the MCU to monitor board temperature.
DRAIN LOW SIDE (DLS)
This pin is the drain of the external low-side N-channel MOSFET. Its monitoring allows protection features: low side short protection and VPWR short protection.
ENABLE [ACTIVE HIGH] (EN)
This is an input used to place the device in a low current sleep mode. This pin has an active passive internal pulldown.
LOW-SIDE GATE (GLS)
This pin is an output used to drive the gate of the external low-side N-channel MOSFET.
INPUT HIGH SIDE (INHS)
The input pin is used to directly control the OUT. This input has an active internal pulldown current source and requires CMOS logic levels.
SLEW RATE CONTROL (SR)
A capacitor connected between this pin and ground is used to control the output slew rate.
FAULT STATUS (FS)
This pin is an open drain-configured output requiring an external pullup resistor to VDD (5.0 V) for fault reporting. When a device fault condition is detected, this pin is active LOW.
BOOTSTRAP CAPACITOR (CBOOT)
A capacitor connected between this pin and OUT is used to switch the OUT in PWM mode.
GROUND (GND) INPUT LOW SIDE (INLS)
This input pin is used to directly control an external lowside N-channel MOSFET and has an active internal pulldown current source and requires CMOS logic levels. It can be controlled independently of the INHS depending of CONF pin. This pin is the ground for the logic and analog circuitry of the device.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the source input of operational power for the device. The VPWR pin is a backside surface mount tab of the package.
CONFIGURATION INPUT (CONF)
This input pin is used to manage the cross-conduction between the internal high-side N-channel MOSFET and the external low-side N-channel MOSFET. The pin has an active internal pullup current source. When CONF is at 0 V, the two
OUTPUT (OUT)
Protected high-side power output to the load. Output pins must be connected in parallel for operation.
33981
12
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
The 33981 has 2 operating modes: Sleep and Normal depending on EN input.
NORMAL MODE
The 33981 will go to the normal operating mode when the EN pin is logic [1]. The INHS and INLS commands will be disabled t ON after the EN transitions to logic [1] to enable the charge of the bootstrap capacitor.
SLEEP MODE
Sleep mode is the state of the 33981 when the EN is logic [0]. In this mode, OUT, the gate driver for the external MOSFET, and all unused internal circuitry are off to minimize current draw. Table 5. Operating Modes
Condition Sleep Normal Normal Normal Normal Normal CONF INHS x L L L L H x H L L H PWM INLS x H L H L H OUT x H L L H PWM GLS x H L H L PWM_bar FS H H H H H H
EN L H H H H H
Comments Device is in Sleep mode. The OUT and low-side gate are OFF. Normal mode. High side and low side are controlled independently. The high side and the low side are both on. Normal mode. High side and low side are controlled independently. The high side and the low side are both off. Normal mode. Half-bridge configuration. The high side is off and the low side is on. Normal mode. Half-bridge configuration. The high side is on and the low side is off. Normal mode. Cross-conduction management is activated. Half-bridge configuration.
H = High level L = Low level x = Don't care PWM_bar = Opposite of pulse-width modulation signal.
PROTECTION AND DIAGNOSTIC FEATURES UNDERVOLTAGE
The 33981 incorporates undervoltage protection. In case of VPWROVERCURRENT FAULT ON HIGH SIDE OVERTEMPERATURE FAULT
The 33981 incorporates over temperature detection and shutdown circuitry on OUT. Overtemperature detection also protects the low-side gate driver (GLS pin). Overtemperature detection occurs when OUT is in the ON or OFF state and GLS is at high or low level. For OUT, an over temperature fault condition results in OUT turning OFF until the temperature falls below TSD. This cycle will continue indefinitely until the offending load is removed. Figure 12, page 16 and Figure 18, page 20 show an over temperature on OUT. An over temperature fault on the low-side gate drive results in OUT turning OFF and the GLS going to 0 V until the temperature falls below TSD. This cycle will continue until the The OUT pin has an overcurrent high-detection level called I OCH for maximum device protection. If at any time the current reaches this level, OUT will stay OFF and the CSNS pin will go to 0 V. The OUT pin is reset (and the fault is delatched) by a logic [0] at the INHS pin for at least t RST(diag). When INHS goes to 0 V, CSNS goes to 5.0 V. In Figure 16, page 19, the OUT pin is short-circuited to 0 V. When the current reaches I OCH , OUT is turned OFF within t OCH owing to internal logic circuit.
OVERLOAD FAULT ON LOW SIDE
This fault detection is active when INLS is logic [1]. Lowside overload protection does not measure the current directly but rather its effects on the low-side MOSFET. When
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
13
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
VDLS > VOCLS, the GLS pin goes to 0 V and the OCLS internal current source is disconnected and OCLS goes to 0 V. The GLS pin and the OCLS pin are reset (and the fault is delatched) by a logic [0] at the INLS pin for at least t RST(diag). Figure 13, page 17 and Figure 14, page 18 illustrate the behavior in case of overload on Low Side Gate driver. When connected to an external resistor, the OCLS pin with its internal current source sets the VOCLS level. By changing the external resistance, the protection level can be adjusted depending on low-side characteristics. A 33k resistor gives a VDS level of 3.3 V typical. This protection circuitry measures the voltage between the drain of the low side (DLS pin) and the 33981 ground (GND pin). For this reason it is key that the low-side source, the 33981 ground, and the external resistance ground connection are connected together in order to prevent false error detection due to ground shifts. The maximum OCLS voltage being 4.0V, a resistor bridge on DLS must be used to detect a higher voltage across the low side.
HIGH-SIDE GATE DRIVER
The high-side gate driver switches the bootstrap capacitor voltage to the gate of the MOSFET. The driver circuit has a low-impedance drive to ensure that the MOSFET remains OFF in the presence of fast falling dV/dt transients on the OUT pin. This bootstrap capacitor connected between the power supply and the CBOOT pin provides the high pulse current to drive the device. The voltage across this capacitor is limited to about 13 V typical. An external capacitor connected between pins SR and GND is used to control the slew rate at the OUT pin. Figure 9, page 10 and Figure 10, page 11 give Vout rise and fall time versus different SR capacitors.
LOW-SIDE GATE DRIVER
The low-side control circuitry is PWM capable. It can drive a standard MOSFET with an RDS(ON) as low as 10.0 m at a frequency up to 60 kHz. The VGS is internally clamped at 12 V typically to protect the gate of the MOSFET. The GLS pin is protected against short by a local over temperature sensor.
CONFIGURATION
The CONF pin manages the cross-conduction between the internal MOSFET and the external low-side MOSFET. With the CONF pin at 0 V, the two MOSFETs can be independently controlled. A load can be placed between the high side and the low side. With the CONF pin at 5.0 V, the two MOSFETs cannot be on at the same time. They are in half-bridge configuration as shown in the simplified application diagram on page 1. If INHS and INLS are at 5.0 V at the same time, INHS has priority and OUT will be at VPWR. If INHS changes from 5.0 V to 0 V with INLS at 5.0 V, GLS will go to high state as soon as the VGS of the internal MOSFET is lower than 2.0 V typically. A half-bridge application could consist in sending PWM signal to the INHS pin and 5.0 V to the INLS pin with the CONF pin at 5.0 V. Figure 20, page 22, illustrates the simplified application diagram on page 1 with a DC motor and external low side. The CONF and INLS pins are at 5.0 V. When INHS is at 5.0 V, current is flowing in the motor. When INHS goes to 0 V, the load current recirculates in the external low side.
THERMAL FEEDBACK
The 33981 has an analog feedback output (TEMP pin) that provides a value in inverse proportion to the temperature of the GND flag (pin 13). The controlling microcontroller can "read" the temperature proportional voltage with its analogto- digital converter (ADC). This can be used to provide realtime monitoring of the PC board temperature to optimize the motor speed and to protect the whole electronic system. TEMP pin value is VTFEED with a negative temperature coefficient of DTFEED.
REVERSE BATTERY
The 33981 survives the application of reverse battery voltage as low as -16 V. Under these conditions, the output's gate is enhanced to decrease device power dissipation. No additional passive components are required. The 33981 survives these conditions until the maximum junction rating is reached. In the case of reverse battery in a half-bridge application, a direct current passes through the external freewheeling diode and the internal high-side. As Figure 11 shows, it is essential to protect this power line. The proposed solution is an external N-channel low-side with its gate tied to battery voltage through a resistor. A high-side in the VPWR line could be another solution.
BOOTSTRAP SUPPLY
Bootstrap supply provides current to charge the bootstrap capacitor through the VPWR pin. A short time is required after the application of power to the device to charge the bootstrap capacitor. A typical value for this capacitor is 100 nF. An internal charge pump allows continuous MOSFET drive. When the device is in the sleep mode, this bootstrap supply is off to minimize current consumption.
33981
14
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
GROUND (GND) DISCONNECT PROTECTION
VDD VPWR
33981
MCU No current GND OUT
If the DC motor module ground is disconnected from load ground, the device protects itself and safely turns OFF the output regardless of the output state at the time of disconnection. A 10k resistor needs to be added between the EN pin and the rest of the circuitry in order to ensure the device turns off in case of ground disconnect and to prevent exceeding this pin's maximum ratings.
FAULT REPORTING
VPWR
10.0 k
Diode
M
This 33981 indicates the faults below as they occur by driving the FS pin to logic [0]: * Overtemperature fault * Overcurrent fault on OUT * Overload fault on the external low-side MOSFET The FS pin will return to logic [1] when the over temperature fault condition is removed. The two other faults are latched.
Figure 11. Reverse Battery Protection Table 6. Functional Truth Table in Fault Mode
Conditions Overtemperature on OUT CONF INHS x x INLS x OUT L GLS H FS L EN H TEMP CSNS OCLS L x x Comments The 33981 is currently in fault mode. The OUT is OFF. TEMP at 0 V indicates this fault. Once the fault is removed 33981 recovers its normal mode. The 33981 is currently in fault mode. The OUT is OFF and GLS is at 0 V. TEMP at 0 V indicates this fault. Once the fault is removed 33981 recovers its normal mode. The 33981 is currently in fault mode. The OUT is OFF. It is reset by a logic [0] at INHS for at least t RST(diag). When INHS goes to 0 V, CSNS goes to 5.0 V. The 33981 is currently in fault mode. GLS is at 0 V and OCLS internal current source is off. The external resistance connected between OCLS and GND pin will pull OCLS pin to 0 V. The fault is reset by a logic [0] at INLS for at least t RST(diag).
Overtemperature on GLS
x
x
x
L
L
L
H
L
x
x
Overcurrent on OUT
x
H
L
L
x
L
H
x
L
x
Overload on External LowSide MOSFET
L
L
H
x
L
L
H
x
x
L
H = High level L = Low level x = Don't care
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
15
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
EN
5.0 V
CONF
5.0 V
INHS
INLS
OUT
0.0 V
GLS
FS
5.0 V 0.0 V 0.0 V
5.0 V
TEMP
0.0 V
TSD Temperature OUT Hysteresis TSD Hysteresis
Thermal Shutdown on OUT
High Side ON
Thermal Shutdown on OUT
High Side OFF
Figure 12. Overtemperature on Output
33981
16
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
5.0 V
EN
5.0 V
INLS
0.0 V
t RST(diag)
GLS
0.0 VLow Side OFF
5.0 V
FS
0.0 V
OCLS
0.0 V
VDS_LS
VDS_LS = VOCLS
Case 1: Overload Removed
Overload on Low Side
Figure 13. Overload on Low-Side Gate Drive, Case 1
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
17
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
5.0 V
EN
INLS
0.0 V
t RST(diag)
GLS
0.0 V Low Side OFF
FS
0.0 V
OCLS
0.0 V
VDS_LS
VDS_LS = VOCLS
Case 2: Low Side Still Overloaded
Overload on Low Side
Figure 14. Overload on Low-Side Gate Drive, Case 2
33981
18
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
5.0 V
EN
INHS
0.0 V
t RST(diag)
OUT
0.0 V 5.0 V
FS
0.0 V VCL (CSNS)
CSNS
0.0 V
IOCH Fault Removed IOUT Overcurrent on High Side
Figure 15. Overcurrent on Output
Figure 16. High-Side Overcurrent
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
19
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
Current in Motor
Recirculation in Low Side
Figure 17. Cross-Conduction with Low Side Overtemperature
INHS
TEMP
OUT IOUT
Figure 18. Overtemperature on OUT
33981
20
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSTIC FEATURES
Figure 19. Maximum Operating Frequency for SR Capacitor of 4.7 nF
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
21
TYPICAL APPLICATIONS INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
Figure 20 shows a typical application for the 33981. A brush DC motor is connected to the output. A low-side gate driver is used for the freewheeling phase. Typical values for external capacitors and resistors are given.
.
VPWR VDD VDD VPWR 330 F 100 nF
33981 Voltage regulator
SR 1.0 k 2.2 nF 10 k I/O I/O I/O 10 k 10 k 10 k VPWR CBOOT CONF
100 nF OUT DLS
FS
INLS EN INHS TEMP CSNS 1.0 k OCLS 33 k
MCU
I/O A/D A/D
GLS GND
M
Figure 20. 33981 Typical Application Diagram
EMC AND EMI RECOMMENDATIONS INTRODUCTION
This section relates the EMC capability for 33981, High Frequency High-Current High-Side Switch. This device is a self-protected silicon switch used to replace electromechanical relays, fuses, and discrete circuits in power management applications. This section presents the key features of the device and its targeted applications. The automotive standard to measure conducted and radiated emissions is provided. Concrete measurements on the 33981 and improvements to reduce electromagnetic emission are described. the output and, therefore, reduce electromagnetic perturbations. In standard configuration, the motor current recirculation is handled by an external freewheeling diode. To reduce global power dissipation, the freewheeling diode can be replaced by an external discrete MOSFET in low-side configuration. The IC integrates a gate driver that controls and protects this external MOSFET in the event of short circuit to battery. The product manages the cross conduction between the internal high side and the external low side when used in a half bridge configuration. The two MOSFETs can be controlled independently when the CONF pin is at 0 V. To eliminates fuses, the device is self-protected from severe short-circuits (100 A typical) with an innovative overcurrent strategy. The 33981 has a current feedback for real-time monitoring of the load current through an MCU analog/digital converter to facilitate closed-loop operation for motor speed control. The 33981 has an analog thermal feedback that can be used by the MCU to monitor PC board temperature to optimize the motor control and to protect the entire electronic system. Therefore, an over temperature shutdown feature protects the IC against high overload condition.
DEVICE FEATURES
This 33981 is a 4.0 m self-protected, high-side switch digitally controlled from a microcontroller (MCU) with extended diagnostics, able to drive DC motors up to 60 kHz. A bootstrap architecture has been used to provide fast transient gate voltage in order to reach 4.0 m RDS(ON) maximum at room temperature. In parallel, a charge pump is implemented to offer continuous on-state capability. This dual current supply of the high-side MOSFET allows a duty cycle from 5% to 100%. An external capacitor connected between pins SR and GND is used to control the slew rate at
33981
22
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS EMC AND EMI RECOMMENDATIONS
Figure 21 illustrates the typical application diagram.
measurement method to measure both conducted and radiated emission.
CONDUCTED EMISSION MEASUREMENT
Conducted emission is the emission produced by the device on the battery cable. The test bench is described by CISPR25 (see Figure 23, Test Bench for Conducted Emission, on page 23). The Line Impedance Stabilization Network (LISN), also called Artificial Network (AN), in a given frequency range (150 kHz to 108 MHz) provides a specified load impedance for the measurement of disturbance voltages and isolates the equipment under test (EUT) from the supply in that frequency range. Figure 21. Typical Application Diagram
APPLICATION
Engine cooling, air conditioning, and fuel pump are the targeted automotive applications for the 33981. Conventional solutions are designed with discrete components that are not optimized in terms of component board size, protection, and diagnostics. The 33981 is the right candidate to develop lighter and more compact units. DC motor speed adjustment allows optimization of energy consumption by reducing supply voltage, hence the mean voltage, applied to the motor. The commonly used control technique is pulse wide modulation (PWM) where the average voltage is proportional to the duty cycle. Most applications require a PWM frequency of at least 20 kHz to avoid audible noise. Figure 22 illustrates typical waveforms when switching the 33981 at 20 kHz with a duty cycle of 80%. The output voltage (OUT) and current in the motor (IMOTOR) waveforms are represented.
Contact to Ground Plane
+ 200 0 200mm
Supply
Power Supply
+ -
LISN Out EUT
Ground
BF Generator Electrical to Optical Converter
Load
Non-Conductive Material
High Side Driver Signal
Coaxial Cable 12V Power Supply Ground Plane in Copper
Spectrum Analyzer
Figure 23. Test Bench for Conducted Emission The EUT must operate under typical loading and other conditions just as it must in the vehicle so maximum emission state occurs. These operating conditions must be clearly defined in the test plan to ensure that both supplier and customer are performing identical tests. For the testing described in this application note, the out pin of the 33981 was connected to an inductive load (0.47 + 1.0 mH) switching at 20 kHz with a duty cycle of 80%. The output current was 17 A continuous. The ground return of the EUT to the chassis must be as short as possible. The power supply is 13.5 V.
OUT Imotor (10A/div)
MC33981 OFF MC33981 ON
RADIATED EMISSION MEASUREMENT
The radiated emission measurement consists of measuring the electromagnetic radiation produced by the equipment under test. CISPR 25 gives the schematic test bench described in Figure 24, Test Bench for Radiated Emission, on page 24. To measure radiated emission over all frequency ranges, several antenna types must be used: * 0.15 MHz to 30 MHz: 1.0 m vertical monopole in vertical polarization. * 30 MHz to 200 MHz: a biconical antenna used in vertical and horizontal polarization. * 200 MHz to 1,000 MHz: a log-periodic antenna used in vertical and horizontal polarization.
33981
Figure 22. Current and Voltage waveforms
HOW TO MEASURE ELECTROMAGNETIC EMISSION ACCORDING TO THE CISPR25
One EMC standard in the automotive world (at system level) is the CISPR25, edited by the International Electrotechnical Commission. This standard describes the
Analog Integrated Circuit Device Data Freescale Semiconductor
23
TYPICAL APPLICATIONS EMC AND EMI RECOMMENDATIONS
No SR capacitor is used. Therefore, the obtained switching times are the maximum values. A capacitor of 1000 mF is connected between VPWR and GND.
Out
GND
33981
Key 1 2 3 EUT (grounded locally if required in test plan) Test harness Load simulator (placement and ground connection) Power supply (location optional) Artificial Network (AN) Ground plane (bonded to shielded enclosure) Low relative permittivity support ( 1.4) 8 - Biconical antenna
VPWR
Figure 25. 33981 Initial Configuration
CONDUCTED MEASUREMENTS
- 10 High quality doubleshielded coaxial cable (50 ) 11 Bulkhead connector 12 Measuring instrument 13 RF absorber material 14 Stimulation and monitoring system
Power Supply LISN Measurement Point for Conducted Emission EUT
TEST SETUP
To perform a conducted emission measurement in accordance with the CISPR 25 standard, the test bench in Figure 26, Conducted Emission Test Setup, on page 24 was developed.
4 5 6 7
Figure 24. Test Bench for Radiated Emission
EMC RESULTS AND IMPROVEMENTS
The 33981 OUT is connected to an inductive load (0.47 + 1.0 mH) switching at 20 kHz with duty = 80%. The current in the load was 17 A continuous.
Non-Conductive Material Load (1.0 mH + 0.47 )
Optical PWM Signal
BOARD SETUP
The initial configuration of our 33981 board is represented in Figure 25. Figure 26. Conducted Emission Test Setup
EFFECTS OF SOME PARAMETERS
The conducted emissions level rise with the duty cycle. When the duty increases the di/dt on the VPWR line is higher. The device has to deliver more current and provide more energy. Figure 27 describes the effect of duty cycle increase on the VPWR current waveform. The conducted emission level rises with the output frequency. This is due to the increasing number of commutations.
33981
24
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS EMC AND EMI RECOMMENDATIONS
di/dt
I(t) on VBAT
Duty Cycle Increase
di/dt
RC Out Filter C2
t
RC In Filter
PI Filter
Figure 27. VPWR Current
HOW TO REDUCE ELECTROMAGNETIC EMISSION
By adjusting the slew rate of the device during turn ON and turn OFF with SR capacitor, the electromagnetic emissions can be reduced. Conductive emission tests were performed (taking care of the board filtering and routing that have a big impact on EMC performances). An optimized solution was found by adding the following external components to the initial board: * PI filter on the VPWR: 2 x 3 mF and 3.5 uH * RC IN filter between VPWR and GND: a 2.0 resistor in series with a 100 nF capacitor * RC Out filter between OUT and GND: a 4.7 resistor in series with a 100 nF capacitor * Capacitor C1 of 10 nF between VPWR and GND * Capacitor C2 of 10 nF between OUT and GND * Capacitor C3 of 10 nF between OUT and VPWR * Capacitor SR of 3.3 nF
C3
C1 SR
Figure 29. Enhanced Board The chart in Figure 30 shows the spectrum of the enhanced board and the initial board. The improvement is appreciatively 15 dB to 20 dB in the all frequency range. The enhanced board is now in accordance with the Class 3 limits of the CISPR25 standard for conducted emission.
C3 = 10 nF RC In Filter OUT 100 nF 100 nF C1 = 10 nF C2 = 10 nF Inductive Load RC Out Filter
VBAT
PI filter 3.5 H
33981 33891
3000 F 2
SR 3.3 nF
GND
Figure 28. 33981 with Filter The EMC enhanced board with adapted value filter is represented in Figure 29, Enhanced Board, on page 25.
Free Wheel Diode
4.7
Figure 30. Conducted Emission Spectrum for 33981
RADIATED MEASUREMENTS
This test was performed in order to evaluate the characteristic of the device relating to radiated emission. Measurements have been done in accordance with the
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
25
TYPICAL APPLICATIONS POWER DISSIPATION
CISPR 25 standard as shown in Figure 31. The tested board was the EMC enhanced board.
1.5 m Length of Cable
The results of these measurements are represented in Figure 32. The enhanced board is in accordance with the Class 3 limits of the CISPR25 standard for radiated emission.
Anechoic Chamber
CISPR Class 3 Limits
LISN and Inductive Load
33981 Emission
EUT
1 m Vertical Monopole Antenna
Figure 32. Radiated Emission Spectrum for 33981 Figure 31. Radiated Emission Test Set Up
CONCLUSION
This document explains how to measure conducted and radiated emission in accordance with the automotive CISPR25 standard. Measurements were performed on the 33981 in real application conditions when driving an inductive load. An optimized filtering solution was put in place to have the tested system in accordance with the Class 3 limits. The same method can be used with other PC boards.
POWER DISSIPATION INTRODUCTION
This section relates to the power dissipation capability for 33981, High Frequency High-Current High-Side Switch. This device is a self-protected silicon switch used to replace electromechanical relays, fuses, and discrete circuits in power management applications. This section presents the key features of the device and its targeted applications. The theoretical calculations for power dissipation and die junction temperatures are determined in this document for inductive loads. A concrete example with DC motor driven by the 33981 is analyzed in section DC Motor 200 W. between pins SR and GND is used to control the slew rate at the output and, therefore, reduce electromagnetic perturbations. In standard configuration, the motor current recirculation is handled by an external freewheeling diode. To reduce global power dissipation, the freewheeling diode can be replaced by an external discrete MOSFET in low-side configuration. The IC integrates a gate driver that controls and protects this external MOSFET in the event of short circuit to battery. The product manages the cross conduction between the internal high side and the external low side when used in a half bridge configuration. The two MOSFETs can be controlled independently when the CONF pin is at 0 V. To eliminates fuses, the device is self-protected from severe short-circuits (100 A typical) with an innovative overcurrent strategy. The 33981 has a current feedback for real-time monitoring of the load current through an MCU analog/digital converter to facilitate closed-loop operation for motor speed control. The 33981 has an analog thermal feedback that can be used by the MCU to monitor PC board temperature to optimize the motor control and to protect the entire electronic system. Therefore, an over temperature shutdown feature protects the IC against high overload condition.
DEVICE FEATURES
This 33981 is a 4.0 m self-protected, high-side switch digitally controlled from a microcontroller (MCU) with extended diagnostics, able to drive DC motors up to 60 kHz. A bootstrap architecture has been used to provide fast transient gate voltage in order to reach 4.0 m RDS(ON) maximum at room temperature. In parallel, a charge pump is implemented to offer continuous on-state capability. This dual current supply of the high-side MOSFET allows a duty cycle from 5% to 100%. An external capacitor connected
33981
26
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS POWER DISSIPATION
Figure 33 illustrates the typical application diagram.
POWER DISSIPATION
The 33981 power dissipation is the sum of two kinds of losses: * On-State losses when device is fully ON, * Switching losses when the device switches ON and OFF. The analysis that follows assumes an inductive load and assumes that the current is constant in the load. The case being considered in this paper is inductive load and the hypothesis is that the current is constant in the load.
ON-STATE LOSSES
Figure 33. Typical Application Diagram The mean on-state loss periods in the 33981 can be calculated as follows: Pon_state = a * RDS(ON) * IOUT2 where `a' is the duty cycle. The critical parameter is the on resistance (RDS(ON)) that increases with temperature. The 33981 has a maximum RDS(ON) at 25C of 4.0 m and its deviation with temperature is only 1.7 as shown in Figure 35.
7 6
RDSON (mOhm)
APPLICATION
Engine cooling, air conditioning, and fuel pump are the targeted automotive applications for the 33981. Conventional solutions are designed with discrete components that are not optimized in terms of component board size, protection, and diagnostics. The 33981 is the right candidate to develop lighter and more compact units. The adjustment of the DC motor speed allows optimizing of energy consumption. It is realized by chopping the supply voltage, hence the mean voltage, applied to the motor. The commonly used control technique is pulse wide modulation (PWM) where the average voltage is proportional to the duty cycle. Most applications require a PWM frequency of at least 20 kHz to avoid audible noise. Figure 34 illustrates typical waveforms when switching the 33981 at 20 kHz with a duty cycle of 80%. The output voltage (OUT) and current in the motor (IMOTOR) waveforms are represented.
5 4 3 2 1 0 -50 0 50 100 150 200 Temperature (C)
Figure 35. RDS(ON) vs. Temperature
SWITCHING LOSSES
OUT Imotor (10A/div)
The mean switching losses in the 33981 can be calculated as follows: Pswitching = (tON . FREQ . VPWR . IOUT ) / 2 + (tOFF . FREQ . VPWR . IOUT ) / 2 where tON/tOFF is the turn on/off time. The switching time is a critical parameter. The 33981 provides adjustable slew rates through an external capacitor (SR) that slow down the rise and fall times to reduce the electromagnetic emissions. However, this adjustment will have an impact on power dissipation. Figure 36 gives the positive (SRR) and negative (SRF) slew rate versus different values of SR. This is illustrated in Figure 37.
MC33981 OFF MC33981 ON
Figure 34. Current and Voltage waveforms
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
27
TYPICAL APPLICATIONS POWER DISSIPATION
120 100 SRr(V/s) 80 60 40 20 0 4.5 6 9 Vbat 14 27 0 1 2.2 3.3 4.7 6.8
the freewheeling diode can be replaced by an external lowside discrete MOSFET. The power dissipation during the recirculation phase is calculated as follows for the diode and the low-side MOSFET respectively: Pdiode = (1-a) . VF . IOUT where `a' is the duty cycle Pmosfet_ls = (1-a) . RDS(ON)_ls . IOUT2 where RDS(ON)_ls is the on resistance of the low side.
APPLICATIONS EXAMPLES
90 80 70 60 50 40 30 20 10 0 4.5 6 9 Vbat 14 27
EXCEL TOOL
0 1 2.2 3.3 4.7 6.8
An excel tool has been created with all the above formulas to calculate the dissipated power and the junction temperature knowing the application conditions. An example of the interface is given in Figure 38. The parameters to enter concern the load, the high-side device, the recirculation, and the board. They are VPWR, DC current in the load (Imax for 100% of duty cycle), PWM frequency, 33981 RDS(ON) at 150C, SR capacitor, low-side RDS(ON) at 150C, ambient temperature, and thermal impedance.
SRf(V/s)
Figure 36. Positive and Negative Slew Rate vs. SR Capacitor
INPUTS
Vpwr Load Imax Frequency RDSON @150C SR Capacitor
12 V 20 A 20 KHz
6.8 mOhm
High Side Device (HS)
0 nF
Low Side Characteristics
Recirculation
RDSON @150C Rthja
20 mOhm 15C/W 85C
Figure 37. OUT switching vs. SR Capacitor
Board T ambiant
JUNCTION TEMPERATURE
The junction temperature of the 33981 can be calculated knowing the power dissipation and the thermal characteristics of the PC board with this formula: TJ = TA + (Pon_state + Pswitching). RTHJA where TJ is the junction temperature, TA the ambient temperature, and RTHJA the thermal impedance junction to ambient.
Figure 38. Excel Tool The calculations are done with the maximum RDS(ON) for the 33981 and the low side. The current is also considered constant in the load. The model taken for the VF of the diode is (0.4 + 0.01 . IOUT) Volts. The listed conditions in Figure 38 are the ones chosen for the entire document.
RECIRCULATION PHASE
In standard configuration, the motor current recirculation is handled by an external freewheeling diode. With the 33981,
33981
28
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS POWER DISSIPATION
DC MOTOR 200 W
A concrete example is the 33981. A 200 W DC motor, a frequency of 20 kHz, and an ambient temperature of 85C are chosen. The 33981 is evaluated using the following board. The thermal impedance of the board is in the range of 15C/W.
INFLUENCE OF SR CAPACITOR
The SR capacitor value has an impact on these switching losses. Figure 41 illustrates the percentage of the switching losses versus the total power dissipation for the same load conditions as Figure 38. The higher the SR capacitor value, the higher the switching losses. They can be more than 50% of the total power dissipation in the 33981 with a 4.7 nF capacitor and is a basic applications trade-off. A compromise should be found between the power dissipation and the electromagnetic capability (EMC) performance.
6
P switch in g Pon
5
Power Dissipation (W)
4
3
2
1
0
Figure 39. 33981 Evaluation Board
0
2 .2
3 .3
4 .7
C s r (n F )
POWER DISSIPATION
Figure 40 illustrates the power dissipation in the 33981. The conditions are listed in Figure 38. Maximum power dissipation of 3.1 W is obtained with a duty of 95%.
MC33981 Power Dissipation
3.5 Pon_state P switching 3.0 Ptotal
Figure 41. Power Switching vs. SR Capacitor
RECIRCULATION PHASE
Figure 42 illustrates the power dissipation for the two recirculation approaches, diode or low-side MOSFET. The power dissipation gain for the entire system when using the low side instead of the diode can reach up to 1.5 W with a duty cycle of 50%.
Total Board Power Dissipation
4.5 4.0
MC33981 Power Dissipation (W)
2.5
Power Dissipation (W)
2.0
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 Power HS Power Diode Power Total Board with Diode Power LS Power Total Board with LS
1.5
1.0
0.5
0 0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle (%)
Ratio PWM %
Figure 40. Power Dissipation (Pon and Pswitching) vs. Duty Cycle
Figure 42. Total Board Power Dissipation
JUNCTION TEMPERATURE
The junction temperature of the 33981 versus duty cycle for the condition listed in Figure 38, is given in Figure 43. The maximum obtained junction temperature is 132C with a duty
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
29
TYPICAL APPLICATIONS POWER DISSIPATION
cycle of 95%. This value is far from the 150C maximum guaranteed junction.
140.00 120.00 Junction Temperature (C)
CONCLUSION
Knowing the application conditions, this document explained how to calculate power dissipation during on-state and switching phases and the junction temperature for the 33981 when controlling a DC motor. A concrete example with a 200 W DC motor was given in section DC Motor 200 W. The same principle can be used for other DC motor and other environmental conditions.
100.00 80.00 60.00 40.00
20.00 0.00 0 10 20 30 40 50 Duty cycle (%) 60 70 80 90 100
Figure 43. Junction Temperature vs. Duty Cycle
33981
30
Analog Integrated Circuit Device Data Freescale Semiconductor
PACKAGING SOLDERING INFORMATION
PACKAGING
SOLDERING INFORMATION
The 33981 is not designed for immersion soldering. The maximum peak temperature during the soldering process should not exceed 245oC. Pin soldering limit is for 10 seconds maximum duration. Exceeding these limits may cause malfunction or permanent damage to the device.
PACKAGING DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using "98ARL10521D".
PNA SUFFIX 16-PIN PQFN PLASTIC PACKAGE 98ARL10521D ISSUE C
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
31
PACKAGING PACKAGING DIMENSIONS
PNA SUFFIX 16-PIN PQFN PLASTIC PACKAGE 98ARL10521D ISSUE C
33981
32
Analog Integrated Circuit Device Data Freescale Semiconductor
ADDITIONAL DOCUMENTATION THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0) INTRODUCTION
This thermal addendum is provided as a supplement to the 33981 technical datasheet. The addendum provides thermal performance information that may be critical in the design and development of system applications. All electrical, application, and packaging information is provided in the datasheet. 16-PIN PQFN
33981
PACKAGING AND THERMAL CONSIDERATIONS
This package is a dual die package. There are two heat sources in the package independently heating with P1 and P2. This results in two junction temperatures, TJ1 and TJ2, and a thermal resistance matrix with RJAmn. For m, n = 1, RJA11 is the thermal resistance from Junction 1 to the reference temperature while only heat source 1 is heating with P1. For m = 1, n = 2, RJA12 is the thermal resistance from Junction 1 to the reference temperature while heat source 2 is heating with P2. This applies to RJ21 and RJ22, respectively.
PNA SUFFIX 98ARL10521D 16-PIN PQFN 12 MM X 12 MM
TJ1 TJ2
=
RJA11 RJA12 RJA21 RJA22
.
P1 P2
Note For package dimensions, refer to the 33981 device datasheet.
The stated values are solely for a thermal performance comparison of one package to another in a standardized environment. This methodology is not meant to and will not predict the performance of a package in an application-specific environment. Stated values were obtained by measurement and simulation according to the standards listed below.
STANDARDS
Table 7. Thermal Performance Comparison
1 = Power Chip, 2 = Logic Chip [C/W] Thermal Resistance JAmn (1), (2) JBmn
(2), (3)
m = 1, n=1 22 7.0 62 <1.0
m = 1, n = 2 m = 2, n = 1 18 4.0 48 0.0
m = 2, n=2 41 27 81 1.0 0.2 mm spacing between PCB pads Note: Recommended via diameter is 0.5 mm. PTH (plated through hole) via must be plugged / filled with epoxy or solder mask in order to minimize void formation and to avoid any solder wicking into the via. 0.2 mm spacing between PCB pads
JAmn (1), (4) JCmn
(5)
Notes 1. Per JEDEC JESD51-2 at natural convection, still air condition. 2. 2s2p thermal test board per JEDEC JESD51-7and JESD51-5. 3. Per JEDEC JESD51-8, with the board temperature on the center trace near the power outputs. 4. Single layer thermal test board per JEDEC JESD51-3 and JESD51-5. 5. Thermal resistance between the die junction and the exposed pad, "infinite" heat sink attached to exposed pad.
Figure 44. Surface mount for power PQFN with exposed pads
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
33
ADDITIONAL DOCUMENTATION THERMAL ADDENDUM (REV 2.0)
Transparent Top View CSNS TEMP EN INHS FS INLS CONF OCLS DLS GLS SR CBOOT 4 5 6 7 8 9
Device on Thermal Test Board Material: Single layer printed circuit board FR4, 1.6 mm thickness Cu traces, 0.07 mm thickness 80 mm x 100 mm board area, including edge connector for thermal testing Cu heat-spreading areas on board surface Natural convection, still air Table 8. Thermal Resistance Performance
1 = Power Chip, 2 = Logic Chip (C/W) Thermal Resistance JAmn Area A (mm2) 0 300 600 m = 1, n=1 66 47 43 m = 1, n = 2 m = 2, n = 1 51 37 34 m = 2, n=2 84 73 70
10 11 12 GND 13 VPWR 14 15 OUT
16 OUT
33981 Pin Connections 16-Pin PQFN 0.90 mm Pitch 12.0 mm x 12.0 mm Body with exposed pads Figure 45. Thermal Test Board
2 3
1
A
Outline:
Area A: Ambient Conditions:
RJA is the thermal resistance between die junction and ambient air. This device is a dual die package. Index m indicates the die that is heated. Index n refers to the number of the die where the junction temperature is sensed.
33981
34
Analog Integrated Circuit Device Data Freescale Semiconductor
ADDITIONAL DOCUMENTATION THERMAL ADDENDUM (REV 2.0)
90 80 70 60 50 40 30 20 10 0
Thermal Resistance [C/W]
x
RJA11 RJA22 RJA12 = RJA21
0
Heat spreading area A [mm]
300
600
Figure 46. Device on Thermal Test Board RJA
100
Thermal Resistance [C/W]
10
1
x
RJA11 RJA22 RJA12 = RJA21
0.1 1.00E-03
1.00E-02
1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
Figure 47. Transient Thermal Resistance RJA, 1W Step response,Device on Thermal Test Board Area A = 600 (mm2)
33981
Analog Integrated Circuit Device Data Freescale Semiconductor
35
REVISION HISTORY
REVISION HISTORY
REVISION 3.0
DATE 1/2006
DESCRIPTION OF CHANGES
4.0 5.0
3/2006 7/2006
* * * * * * * * *
*
6.0
5/2007
* * * * *
Implemented Revision History page Made content updates and changes Converted to Freescale format Added Thermal Addendum Made minor content changes to pages 6 and 7. Updated to Product Preview status Changed Part Number from PC33981PNA to MC33981BPNA (page 1) Changed Electrical Characteristics, Maximum Ratings, Table 2, Maximum Ratings, Electrical Ratings, OCLS Voltage, from "-5.0 to 5.0" to "-5.0 to 7.0" (page 4). Changed Electrical Characteristics, Static Electrical Characteristics, Table 3, Static Electrical Characteristics, Low Side Gate Driver (VPWR, VGLS, VOCLS), Low-Side Overload Detection Level versus Low-Side Drain Voltage Minimum, from "-75" to "-50" and Maximum from "+75" to "+50" (page 6). Changed Electrical Characteristics, Dynamic Electrical Characteristics, Table 4, Dynamic Electrical Characteristics, Control Interface and Power Output Timing (CBOOT, VPWR), Input Switching Frequency, Minimum from "20" to "-" and Typical from "-" to "20" (page 7). Updated to Advanced status Changed CSNS Input Clamp Current in MAXIMUM RATINGS Changed Figure 11, Reverse Battery Protection Removed unnecessary line in Figure 14, Overload on Low-Side Gate Drive, Case 2 Corrected label in Figure 28, 33981 with Filter
33981
36
Analog Integrated Circuit Device Data Freescale Semiconductor
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc., 2007. All rights reserved.
MC33981 Rev. 6.0 5/2007


▲Up To Search▲   

 
Price & Availability of MC33981BPNAR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X