Part Number Hot Search : 
0K022 ADJ11012 1020C MTDA28A2 ET724 124100 MLD571 74LCX
Product Description
Full Text Search
 

To Download MC3392T-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC3392/D
Low Side Protected Switch
The MC3392 is a low side protected switch designed for use in harsh automotive applications which require the capability of handling high voltages attributed to load and field dump transients, in addition to reverse and double battery conditions. The three terminal TO-220 is intended to replace power Darlington transistors in new and existing switching applications when taking into account the CMOS input levels required by the MC3392. It offers improved functionality and ruggedness over power Darlingtons while retaining the same package and pin configuration, and can be used as a replacement in many applications using the industry standard TIP100/101 NPN power Darlington transistor. The five-terminal TO-220 has the added feature of having a Fault output (active low) which will indicate the existence of an over temperature, over-voltage or current limit condition, including an output short to ground. When driving a moderate load, the MC3392 performs as an extremely high gain, low saturation Darlington transistor having CMOS input levels. The primary advantage of the MC3392 over a Darlington transistor is the additional protection afforded the device and load when driving difficult or faulty loads. This device incorporates unique internal current limit and thermal protection circuitry to safeguard itself and the associated load from catastrophic failure. The MC3392 is available in a three and five-lead TO-220 package; the five-lead having the added diagnostic feature. The full featured MC3392 is also available in a 16 pin wide body SOIC plastic power package. * Designed for Automotive Applications
MC3392
LOW SIDE PROTECTED SWITCH
SEMICONDUCTOR TECHNICAL DATA
Pin 1. Input 2. Output 3. Ground
1 2 3
(Heatsink surface connected to Pin 3)
T SUFFIX PLASTIC PACKAGE CASE 221A (TO-220)
* * * * * * * *
Can Be Used as a Replacement for TIP100/101 NPN Power Darlingtons Drives Inductive Loads without External Clamp Circuitry Withstands Negative and Positive Transient Voltages Low ON Voltage CMOS Logic Compatible Input Over Current, Overvoltage, and Thermal Protection Extended Operating Temperature Range Fault Output
1 5
T-1 SUFFIX PLASTIC PACKAGE CASE 314D (TO-220)
Pin 1. 2. 3. 4. 5.
Input Fault Ground NC Output
Simplified Block Diagram
16 1
Vin
CMOS Input
Fast Turnoff
Vout Over Voltage Detect
DW SUFFIX PLASTIC PACKAGE CASE 751G SOP(8+8)L
Pin 1. 2. 3. 4. 5. 6. 7. 8. 9-16.
NC NC NC Output Input Fault NC NC Ground
Thermal Shutdown
Current Limit Fault Device
ORDERING INFORMATION
Operating Temperature Range Package Plastic Power TA = - 40 to +125C Plastic Power SOP(8+8)L
Rev 0
MC3392T Gnd MC3392T-1 MC3392DW
(c) Motorola, Inc. 1996
MOTOROLA ANALOG IC DEVICE DATA
1
MC3392
MAXIMUM RATINGS
Rating Input Voltage Range Output Transient Breakdown Voltage - Forward Output Transient Breakdown Voltage - Reverse Short Circuit Current Output Avalanche Energy (Note 1) Minimum ESD Voltage Capability (Note 2) Operating Junction Temperature Internally Limited (Note 3) Storage Temperature Operating Ambient Temperature Range Thermal Resistance (Notes 4, 5) TO-220: Junction-to-Ambient Junction-to-Case SOP: Junction-to-Ambient Junction-to-Case Symbol Vin VBF VBR ISC Emax ESD TJ Tstg TA RJA RJC RJA RJC Value - 0.5 to + 6.5 + 60 - 80 2.2 60 2000 150 - 65 to +150 - 40 to +125 Unit V V A mJ V C C C C/W 62.5 2.5 118 59
NOTES: 1. Capability for both positive and negative repetitive transient pulses. 2. ESD testing performed in accordance with Human Body Model (CZap = 100 pF, RZap = 1500 ). 3. This device incorporates internal circuit techniques which do not allow the internal junction temperature to reach destructive temperatures. 4. The thermal resistance case is considered to be a point located near the center of the tab and plastic body of the TO-220 or a point on one of the heatsink leads (Pins 9 to 16) of the SOP. 5. The SOP thermal information is based on simulation data.
ELECTRICAL CHARACTERISTICS (Limit values are noted under conditions: - 40C TA +125C. Typical denotes calculated mean
value derived from 25C parametric data, unless otherwise noted.) Characteristics Input Control Current Vin = 1.0 V Vin = 4.0 V Vin = 5.0 V Input Voltage High (On) Input Voltage Low (Off) Output Leakage Current +VS = 28 V, RL = 0 Output Short Circuit Current +VS = 14 V, RL = 0 Output On Voltage (Vin = 4.0 V, Note 6) IO = 400 mA IO = 800 mA Output Clamp Voltage IO = 100 mA Reverse Leakage Current Vout = -13 V Fault Output Sink Saturation (ISink = 100 A, Vin = 5.0 V) Fault Output Off-State Leakage (VDS = 5.0 V) Turn-On Time 10% to 90% of IO (400 mA Nominal) Turn-Off Time 90% to 10% of IO (400 mA Nominal) Propagation Delay Time Input to Output (Turn-On/Turn-Off, 50%)
NOTE: 6. IO is defined as the output sink current.
Figure 3
Symbol Iin
Min - - -
Typ 0.2 230 260 2.0 2.0 1.3 1.3 0.95 1.1 70 -10 0.3 0.6 3.3 9.7 3.0
Max 10 350 500 - 1.0 100
Unit A
7 4 5 6
VIH VIL IL
4.0 - -
V A A
ISC 1.0 VOL - - 1.1 1.8 2.2
V
8 9 10
VOC 60 IBR - VDS(sat) IDS(leak) - - - - 30 0.4 100 20 25 10 80
V mA V A A
11 12 -
tr tf - td -
2
MOTOROLA ANALOG IC DEVICE DATA
MC3392
PIN FUNCTION DESCRIPTION
Pin Number Name Vin Vout Gnd Fault 3-Pin 1 2 3 - 5-Pin 1 5 3 2 16-Pin 5 4 9 to 16 6 Description CMOS compatible input. Pins 1, 2, 3, 7, 8 no connection on 751G. Output to load and battery, protected by a 60 V clamp against inductive load transients. Ground connection. Fault output pulled low when the IC is operating in a fault state. The open drain output requires a pull-up resistor for normal operation.
Figure 1. Representative Block Diagram
+VS L O A D Vin CMOS Input Fast Turnoff Over Voltage Detect Q4 60V Thermal Shutdown Current Limit Q5 7.2V Fault + 5.0k - 5.0V Vout Q3
7.2V
25A
Q2
Gnd
Definition of Currents and Voltages. Positive current flow is defined as conventional current flow into the device. Negative current flow is defined as current flow out of the device. All voltages are referenced to ground. Both currents and voltages are specified as absolute (i.e., -10 V is greater than -1.0 V).
MOTOROLA ANALOG IC DEVICE DATA
3
MC3392
Figure 2. Fault Output Timing Diagram
Vin
VOC 45 V Vout <16 V
ISC IO 200 mA
Fault tff
Inductive Load Clamp (OFF state)
Output Over Voltage or Shorted Load
(Normal Operation)
Inductive Load
Incandescent Load
Current Limiting
Shorted Load
Figure 3. Input Control Current versus Input Voltage
300 I in , INPUT CONTROL CURRENT ( A) 250 200 150 100 50 0 Iin TA = 125C I L , OUTPUT LEAKAGE CURRENT ( A) 3.5 3.0 2.5 2.0 1.5 1.0 Iin TA = 25C
Figure 4. Output Leakage Current versus Temperature
Iin TA = - 40C
+VS = 28 V 0.5 0 - 50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) 200
0
1.0
2.0 3.0 Vin, INPUT VOLTAGE (V)
4.0
5.0
4
MOTOROLA ANALOG IC DEVICE DATA
Shorted Load Induced Thermal Limit
MC3392
Figure 5. Output Short Circuit Current versus Temperature
ISC , OUTPUT SHORT CIRCUIT CURRENT (A) 1.6 VOn, OUTPUT ON VOLTAGE (V) 1.5 1.4 1.3 1.2 1.1 1.0 - 50 +VS = 14 V RL = 0 1.4 1.3 IO = 800 mA 1.2 1.1 Vin = 4.0 V 1.0 0.9 IO = 400 mA 0.8 - 50 0 50 100 TA, OPERATING AMBIENT TEMPERATURE (C) 150
Figure 6. Output On Voltage versus Temperature
0 50 100 TA, OPERATING AMBIENT TEMPERATURE (C)
150
Figure 7. Input Voltage versus Temperature
VIH , VIL , INPUT VOLTAGE HIGH AND LOW (V) 5.0 VOC , OUTPUT CLAMP VOLTAGE (V) 4.0 3.0 VIH 2.0 VIL 1.0 0 - 50 +VS = 5.0 V 75 74 73 72 71 70 69 68 - 50
Figure 8. Output Clamp Voltage versus Temperature
IO = 100 mA
0
50
100
150
0
50
100
150
TA, OPERATING AMBIENT TEMPERATURE (C)
TA, OPERATING AMBIENT TEMPERATURE (C)
Figure 9. Reverse Breakdown Voltage versus Temperature
V BR , REVERSE BREAKDOWN VOLTAGE (V) - 93 - 94 - 95 - 96 - 97 IO = 20 mA - 98 - 99 - 50 2.5 V DS(sat) , OUTPUT SATURATION (V) Transient Breakdown Pulse Width = 1.0 ms 2.0 1.5 1.0
Figure 10. Fault Output Saturation versus Sink Current
Vin = 5.0 V Vin = 5.0 V Vin = 5.0 V Vin = 4.0 V TA = 125C TA = 25C TA = - 40C TA = 25C Vin = 6.0 V TA = 25C
Vout = (short fault) 0.5 0 0 2.0 4.0 6.0 8.0 ISink, SINK CURRENT (mA) 10 12
0 50 100 TA, OPERATING AMBIENT TEMPERATURE (C)
150
MOTOROLA ANALOG IC DEVICE DATA
5
MC3392
Figure 11. Turn-On Waveform
IO
Figure 12. Turn-Off Waveform
IO
760 mA
Vout +VS = 14 V RL = 17 TA = 25C
14 V Vout +VS = 14 V RL = 17 TA = 25C 4.0 V 1.0 V Vin
Figure 13. Output Current versus Supply Voltage
1.5 1.25 1.0 0.75 0.5 0.25 0 0 10 20 30 40 +VS, SUPPLY VOLTAGE (V) 50 60 Infinite Heatsink L max , MAXIMUM LOAD INDUCTANCE (H) I O , OUTPUT CURRENT (A) Vin = 4.0 V RL = 0 TA = 25C No Heatsink 0.5
Figure 14. Maximum Load Inductance versus Output Current
Emax = 60 mJ 0.4
0.3 0.2 0.1 0 0.2 Safe Operating Region
External Clamp Needed
0.4
0.6
0.8 1.0 1.2 IO, OUTPUT CURRENT (A)
1.4
1.6
TECHNICAL DISCUSSION
Introduction The MC3392 is a low side protected switch incorporating many features making it ideal for use in harsh automotive applications. The protection circuitry of the MC3392 protects not only itself but also the associated load from destructive voltage transients attributed to load and field dump, as well as reverse and double battery conditions found in automotive applications. The MC3392 is unique in that the protection circuitry is internal and does not require additional external protection components for its operation. This makes the device very cost effective because its application utilizes few external components, thus reducing cost and space requirements needed for the system. The MC3392 is extremely effective when used to drive solenoids, as well as incandescent lamp loads. The following description of the device's operation is in reference to the functional blocks of the Representative Block Diagram shown in Figure 1. CMOS Input The input of the MC3392 is CMOS compatible. Input control performs as true logic. When the input (Vin) is less than 1.0 V the MC3392 switch is in a high impedance or OFF state. When Vin is greater than 4.0 V, is in a low impedance or ON state. The switching threshold of the input is approximately 2.0 V and is graphed in Figure 7. With the input at 4.0 V, the input sink current will be approximately 250 A. In the ON state, the internal protection circuitry is activated and all of the protection features are available for use. In the OFF state, however, it is important to note that none of the protection features are available, with the exception of the internal inductive load clamp. The input pin is afforded a minimum of 2000 V ESD protection (Human Body Model) by virtue of the 7.2 V zener diode.
6
MOTOROLA ANALOG IC DEVICE DATA
MC3392
Over Temperature Shutdown Internal Thermal Shutdown Circuitry is provided to protect the MC3392 in the event the Operating Junction Temperature (TJ) exceeds 150C. Typically, Thermal Shutdown will occur at 160 to 170C. The thermal shutdown sense element is embedded within the output PNP (Q4) in order to afford very fast thermal coupling of Q4 to the sense element. Any rise in temperature due to the ambient is translated directly to Q4 and the sense element. If the junction temperature rises excessively above 150C, the Thermal Shutdown circuit will turn ON, quickly pulling the gate of Q2 to ground, which pulls the base of Q4 to ground, turning it OFF. In addition, the Thermal Shutdown circuit simultaneously turns Q5 ON and with a suitable pull-up resistor at the Fault pin reports the presence of a fault (logic low). The output PNP will remain OFF until the junction temperature decreases to within the operating range at which time Thermal Shutdown turns OFF, ceasing to hold the gate of Q2 low, turning Q4 back ON. This process will repeat as long as the thermal over load exists. This mode of operation is a nondestructive safety feature of the device and will correct itself real time when the cause of over temperature is removed. A continued over temperature condition will thermally Pulse Width Modulate (PWM) the output and Fault and may be incorrectly interpreted as an oscillating load if one does not consider the simultaneous performance of the Fault pin. Current Limit The MC3392 protects itself against Vout to +VS hard shorts as well as any over current conditions by reducing the magnitude of output current (IO) to that of the short circuit current limit value (ISC). When the output current monitored by Q3 tries to exceed ISC, the Current Limit circuit lowers the gate voltage of Q2, lowering the base of Q4, causing the load current through Q4 to diminish. Simultaneously, when the load current exceeds ISC, Q5 will turn ON reporting a fault condition. If the output current is allowed to remain excessively high for the degree of heatsinking incorporated, and the junction temperature of the device is allowed to heat beyond 150C, the Thermal Shutdown circuit will activate and the output will thermally PWM. Again, these modes of operation are safety features of the MC3392 and are not destructive. Overvoltage Detect This circuitry protects the MC3392 from Vout voltages in excess of 16 V by lowering the output current to a nondestructive value. With increasing Vout voltage (16 V < Vout < 45 V) the load current is reduced to below that of ISC and produces a fold back current effect. As Vout increases in excess of 16 V, the output current decreases linearly until Vout exceeds 45 V. With an infinite heatsink and Vout > 45 V, IO will be less than 100 mA. For the other extreme, no heatsink and Vout > 45 V, IO can be expected to be less than about 400 mA. This behavior of IO in relation to Vout is shown in Figure 13. For the infinite heatsink case, the output current initially increases with increased voltage until Vout exceeds 16 V, thereafter the behavior is expressed as, IO = ISC [1-(Vout -16 V) / 30 V] Beyond 45 V, IO is limited to less than 100 mA. Anytime the Overvoltage Detect circuit is activated, the gate of Q5 is pulled low causing Q5 to turn ON to report the fault at the Fault pin. Inductive Load Clamp The MC3392 has an internal inductive load clamp for protection against flyback voltages imposed on the output pin in excess of 70 V. The incorporated zener clamp can quickly dissipate up to 60 milli-Joules of inductive flyback energy. Figure 14 shows the maximum inductive load versus load current that the clamp can handle safely. As an example (using Figure 14), if operating the MC3392 to drive a 0.33 H inductor, the maximum load current should be adjusted to 600 mA or less. If the load current is too high for the inductor used, some series resistance can be added to the load to limit the current. If this is not possible, an external clamp must be used to facilitate handling the higher energy. When using an external clamp, the external clamp voltage must be less than 60 V so as to override the internal clamp. The output clamp offers protection for the output when the MC3392 is in the OFF state. During the ON state, other protection features (Overvoltage, Current, and Temperature) are available to protect the output. Fault Logic The Fault is comprised of an internal open drain FET requiring an external pull-up resistor. Typically, a 5.0 k pull-up resistor to a +5.0 V supply is satisfactory. The Fault pin is afforded a minimum of 2000 V ESD protection (Human Body Model) by virtue of the 7.2 V zener diode. The Fault will report a fault (logic low state) whenever the MC3392 experiences a fault condition. Conditions producing a fault are: IO > 1.3 A (over current/shorted load); TJ > 150C (over temperature); and Vout > 16 V (overvoltage). If the device goes into Thermal Shutdown, caused by environmental overheating (not resulting from another fault condition), the Fault and Vout will thermally PWM as the MC3392 repeatedly heats to shut off, cools, and again turns on. If a current limit fault causes the device to go into Thermal Shutdown, the output will oscillate while the Fault remains pulled low. There is no thermal hysteresis designed in to control the PWM effect and this fault mode of operation is not destructive. Fast Turn-Off This circuitry enhances the MC3392 turn-off performance. Whenever Vin goes to a logic low state, Vout is held in an OFF state for approximately 15 s. During fast turn-off, less than 30 mA of current is allowed to flow producing an abrupt turn-off. This turn-off characteristic can be seen in Figure 12, a photograph of the typical turn-off waveform.
MOTOROLA ANALOG IC DEVICE DATA
7
MC3392
APPLICATIONS INFORMATION
Solenoid Driver The MC3392 can be used to drive a variety of solenoid applications similar to that of Figure 15. For example; driving a solenoid having an inductance of 73.8 mH and a resistance of 95 from a 12 V supply will cause 240 mA of sink current to flow with the MC3392 in the ON state. The resulting current value is within the normal load current operating region and will not produce a fault. Load current is paramount in any design using the MC3392 and must be less than ISC for acceptable operation. If the load current is greater than ISC, a current limit fault state will exist. Operation in this state is not destructive as the device will turn off if the Junction Temperature (TJ) rises above 150C. When the Junction Temperature cools below 150C the device will again turn-on, with a repeat of the cycle. Careful design to acceptable load current limits should be insured for satisfactory operation of an application.
Figure 15. Solenoid Driver
Vin
CMOS Input
Fast Turnoff Over Voltage Detect
Vout
Solenoid
+ - 5.0V
+ - Thermal Shutdown 12V
Current Limit Fault
1.0k + - 5.0V
MC3392
Gnd
8
MOTOROLA ANALOG IC DEVICE DATA
MC3392
Instrument Panel Lamp Dimmer Control The MC3392 can be used to control the dimming function associated with instrument panel lamps. The brightness of incandescent lamps can be varied by pulse width modulating the input of the MC3392. The modulating signal for the MC3392 can be obtained directly from a microprocessor or, as in Figure 16, from an MC1455 timer. The MC1455 timer is configured as a free-running clock having both frequency and duty cycle control. The typical timer frequency is approximately 80 Hz when the frequency potentiometer is adjusted to 1.0 k. This frequency was chosen so as to avoid any perceptible lamp flicker. The duty cycle potentiometer controls the duty cycle over a range of approximately 3.0% to 97%; When at 3.0% duty cycle, the lamps are essentially off; When at 97% duty cycle, the lamps are essentially full lit. Six incandescent lamps are shown in this application drawing 720 mA total current. Similar applications can be used to drive a variety of lamp loads. The total load current is the primary factor of consideration when driving lamp loads. The total value of IO must be less than ISC. Another convenient aspect of this application is the LED. The LED can be used to denote the existence of a system fault (overvoltage, current limiting, or thermal shutdown).
Figure 16. Instrument Panel Lamp Dimmer Control
1 2 0.01F 3 4 MC1455
8 7 6 5
+ 1.0k - 5.0V
1N4001
1.0k
Frequency 1N4001
1.0M Duty Cycle CMOS Input Vin
Fast Turnoff Over Voltage Detect
Vout
+ - 12V
Instrument Panel Lamps Thermal Shutdown
Current Limit Fault
1.0k + - 5.0V
Gnd
MOTOROLA ANALOG IC DEVICE DATA
9
MC3392
OUTLINE DIMENSIONS
T SUFFIX PLASTIC PACKAGE CASE 221A-06 (TO-220) ISSUE Y
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
-T- B
4
SEATING PLANE
F T S
C
Q
123
A U K
H Z L V G D N R J
T-1 SUFFIX PLASTIC PACKAGE CASE 314D-03 (TO-220) ISSUE D
-T- -Q- U A L
12345
SEATING PLANE
C B E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION D DOES NOT INCLUDE INTERCONNECT BAR (DAMBAR) PROTRUSION. DIMENSION D INCLUDING PROTRUSION SHALL NOT EXCEED 10.92 (0.043) MAXIMUM. INCHES MIN MAX 0.572 0.613 0.390 0.415 0.170 0.180 0.025 0.038 0.048 0.055 0.067 BSC 0.087 0.112 0.015 0.025 1.020 1.065 0.320 0.365 0.140 0.153 0.105 0.117 0.543 0.582 MILLIMETERS MIN MAX 14.529 15.570 9.906 10.541 4.318 4.572 0.635 0.965 1.219 1.397 1.702 BSC 2.210 2.845 0.381 0.635 25.908 27.051 8.128 9.271 3.556 3.886 2.667 2.972 13.792 14.783
K S
G D
5 PL
J H
M
DIM A B C D E G H J K L Q U S
0.356 (0.014)
M
TQ
10
MOTOROLA ANALOG IC DEVICE DATA
MC3392
OUTLINE DIMENSIONS
-A-
16 9
DW SUFFIX PLASTIC PACKAGE CASE 751G-02 SOP(8+8)L ISSUE A -B-
8X
P 0.010 (0.25)
M
B
M
1
8
16X
D
M
J TA
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 10.15 10.45 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.400 0.411 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
0.010 (0.25)
B
S
F R X 45 _ C -T-
14X
G
K
SEATING PLANE
M
DIM A B C D F G J K M P R
MOTOROLA ANALOG IC DEVICE DATA
11
MC3392
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
12
MOTOROLA ANALOG IC DEVICE DATA MC3392/D
*MC3392/D*


▲Up To Search▲   

 
Price & Availability of MC3392T-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X