Part Number Hot Search : 
1SMB26CA RS0206 TS120 DM700 S1C63408 EL4452CS 03953 TMJ9904
Product Description
Full Text Search
 

To Download MB89174APF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS07-12518-8E
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89170/170A/170L Series
MB89173/P173/174A/P175A/PV170A MB89173L/174L
s DESCRIPTION
The MB89170/170A/170L series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers contain a great variety of peripheral functions such as timers, a serial interface, a DTMF generator, and external interrupts, making it suitable for circuit control such as required in telephones. *: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
* F2MC-8L family CPU core * Maximum memory space: 64 Kbytes * Minimum execution time/interrupt processing time MB89170 series: 1.1 s/10 s (at 3.58 MHz oscillation) MB89170A/170L series: 0.6 s/5.4 s (at 7.16 MHz oscillation) * Dual-clock control system (MB89170/170A series only) * I/O ports: max. 37 ports * 21-bit timebase counter * Watch prescaler (MB89170/170A series only) * Watchdog timer * 8/16-bit timer/counter: 1 channel
(Continued)
s PACKAGE
48-pin Plastic QFP 48-pin Ceramic MQFP
(FPT-48P-M16)
(MQP-48C-P01)
MB89170/170A/170L Series
(Continued) * 8-bit serial I/O: 1 channel * DTMF generator (MB89170/170A series only) Selectable oscillation frequency (MB89170A series only) * External interrupt 1: 3 channels Three channels are independent and capable of using for wake-up from low-power consumption modes (with an edge detection function). * External interrupt 2 (wake-up): 8 channels Eight channels are independent and capable of using for wake-up from low-power consumption modes (with an "L" level detection function). * Low-power consumption modes(stop mode, sleep mode, watch mode, and subclock mode) * CMOS technology
2
MB89170/170A/170L Series
s PRODUCT LINEUP
Part number Item
MB89173 Mass-produced product (mask ROM product) 8 K x 8 bits (internal mask ROM)
MB89P173
MB89174A
MB89P175A
MB89PV170A
Classification
One-time PROM Mass-produced product product (EPROM product) (mask ROM product) 8 K x 8 bits 12 K x 8 bits (internal PROM, (internal mask to be programmed ROM) with generalpurpose EPROM programmer) 136 8 bits 1 to 3 bytes 1, 8, 16 bits
One-time PROM Piggyback/ evaluation product (EPROM product) product (for evaluation and development) 16 K x 8 bits (internal PROM, to be programmed with generalpurpose EPROM programmer) 32 K x 8 bits (external ROM)
ROM size
RAM size CPU functions
384 x 8 bits The number of instructions: Instruction bit length: Instruction length: Data bit length: Minimum execution time: 1.1 to 17.6 s at 3.58 MHz, 61 s at 32.768 kHz Interrupt processing time: 10 to 160 s at 3.58 MHz, 562.5 s at 32.768 kHz
512 x 8 bits
1 K x 8 bits
Minimum instruction execution time: 0.6 to 9.6 s at 7.16 MHz, 61 s at 32.768 kHz Interrupt processing time: 5.4 to 86.4 s at 7.16 MHz, 562.5 s at 32.768 kHz 5 8 24 (16 ports also serve as peripherals.) 37
Ports
Output ports (N-ch open-drain): Output ports (CMOS): I/O ports (CMOS): Total:
8/16-bit timer/ counter 8-bit serial I/O
8 bits x 2 ch or 16 bits x 1 ch, capable of rectangular wave output One clock selectable from four operation clocks (one external shift clock, three internal shift clocks: 2.2 s, 35.2 s, 563.2 s; when operating at 3.58 MHz) 8 bits LSB/MSB first selectable One clock selectable from four transfer clocks (one external shift clock, three internal shift clocks: 2.2 s, 8.8 s, 35.2 s; when operating at 3.58 MHz) All ITU-T (the old name: CCITT) tones selectable as output Fixed to oscillation frequency(3.58 MHz) All ITU-T (the old name: CCITT) tones selectable as output Selectable oscillation frequency(3.58 MHz or 7.16 MHz)
DTMF generator
External interrupt 1
3 independent channels (selectable edge, interrupt vector, source flag) Rising/falling/both edges selectable Used also for wake-up from the watch/stop/sleep mode. (Edge detection is also permitted in the watch/stop mode.) 8 independent channels ("L" level interrupt) Used also for wake-up from the watch/stop/sleep mode. (Edge detection is also permitted in the watch/stop mode.) Sleep mode, stop mode, watch mode, and subclock mode CMOS 2.2 V to 6.0 V 2.7 V to 6.0 V 2.2 V to 6.0 V 2.7 V to 6.0 V MBM27C256A -20TVM
External interrupt 2 (wake-up) Standby mode Process Operating voltage* EPROM for use
* : Varies with conditions such as the operating frequency and the assurance range for the DTMF generator.(See "s Electrical Characteristics.")
3
MB89170/170A/170L Series
Part number Item
MB89173L Mass-produced product (mask ROM product) 8 K x 8 bits (internal mask ROM) 384 x 8 bits The number of instructions: Instruction bit length: Instruction length: Data bit length: 136 8 bits 1 to 3 bytes 1, 8, 16 bits
MB89P174L
Classification ROM size RAM size CPU functions
12 K x 8 bits (internal mask ROM) 512 x 8 bits
Minimum instruction execution time: Interrupt processing time: Ports Output ports (N-ch open-drain): Output ports (CMOS): I/O ports (CMOS): Total:
0.6 to 9.6 s at 7.16 MHz, 5.4 to 86.4 s at 7.16 MHz,
5 8 24 (16 ports also serve as peripherals.) 37
8/16-bit timer/ counter 8-bit serial I/O
8 bits x 2 ch or 16 bits x 1 ch, capable of rectangular wave output One clock selectable from four operation clocks (one external shift clock, three internal shift clocks: 2.2 s, 35.2 s, 563.2 s; when operating at 3.58 MHz) 8 bits LSB/MSB first selectable One clock selectable from four transfer clocks (one external shift clock, three internal shift clocks: 2.2 s, 8.8 s, 35.2 s; when operating at 3.58 MHz) 3 independent channels (selectable edge, interrupt vector, source flag) Rising/falling/both edges selectable Used also for wake-up from the stop/sleep mode. (Edge detection is also permitted in the stop mode.) 8 independent channels ("L" level interrupt) Used also for wake-up from the stop/sleep mode. (Edge detection is also permitted in the stop mode.) Sleep mode, stop mode CMOS 2.2 V to 6.0 V
DTMF generator External interrupt 1
External interrupt 2 (wake-up) Standby mode Process Operating voltage* EPROM for use
* : Varies with conditions such as the operating frequency and the assurance range for the DTMF generator.(See "s ELECTRICAL CHARACTERISTICS.")
4
MB89170/170A/170L Series
s PACKAGE AND CORRESPONDING PRODUCTS
MB89173 MB89P173 MB89174A MB89P175A MB89173L MB89174L x
Package
MB89PV170A
FPT-48P-M16 MQP-48C-P01 : Available
x
x : Not available
Note: For more information about each package, see "s Package Dimensions."
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
2. Current Consumption
In the case of the MB89PV170A, added is the current consumed by the EPROM which is connected to the top socket.
3. Mask Options
Functions that can be selected as options and how to designate these options vary with the product. Before using options, check "s Mask Options." Take particular care on the following points: * Pull-up resistor option cannot be set for P40 to P44 on the MB89P175A. * Each option is fixed on the MB89PV170A.
5
MB89170/170A/170L Series
s PIN ASSIGNMENT
(Top view) P40 P41 P42 P43 P44 VSS P30/SCK P31/SO P32/SI P33/EC P34/TO/INT0 P35/INT1 DTMF RST MOD0 MOD1 X0 X1 VCC X0A X1A P27 P26 P25 1 2 3 4 5 6 MB89170/170A series 7 8 9 10 11 12 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
6
P24 P23 P22 P21 P20 P17 VSS P16 P15 P14 P13 P12
13 14 15 16 17 18 19 20 21 22 23 24
N.C. RST MOD0 MOD1 X0 X1 VCC N.C. N.C. P27 P26 P25
1 2 3 4 5 6 7 8 9 10 11 12
48 47 46 45 44 43 42 41 40 39 38 37
P40 P41 P42 P43 P44 VSS P30/SCK P31/SO P32/SI P33/EC P34/TO/INT0 P35/INT1
P24 P23 P22 P21 P20 P17 VSS P16 P15 P14 P13 P12
13 14 15 16 17 18 19 20 21 22 23 24
P36/INT2 P37/BZ P00/INT20 P01/INT21 P02/INT22 P03/INT23 P04/INT24 P05/INT25 P06/INT26 P07/INT27 P10 P11
(FPT-48P-M16)
(TOP VIEW)
MB89170L series
36 35 34 33 32 31 30 29 28 27 26 25
P36/INT2 P37/BZ P00/INT20 P01/INT21 P02/INT22 P03/INT23 P04/INT24 P05/INT25 P06/INT26 P07/INT27 P10 P11
(FPT-48P-M16)
MB89170/170A/170L Series
(Top view) P40 P41 P42 P43 P44 VSS P30/SCK P31/SO P32/SI P33/EC P34/TO/INT0 P35/INT1 DTMF RST MOD0 MOD1 X0 X1 VCC X0A X1A P27 P26 P25 1 2 3 4 5 6 7 8 9 10 11 12 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
69 70 71 72 73 74 75 76
60 59 58 57 56 55 54 53
* Pin assignment on package top (MB89PV170A only) Pin no. 49 50 51 52 53 54 55 56 Pin name VPP A12 A7 A6 A5 A4 A3 N.C. Pin no. 57 58 59 60 61 62 63 64 Pin name N.C. A2 A1 A0 O1 O2 O3 VSS Pin no. 65 66 67 68 69 70 71 72 Pin name O4 O5 O6 O7 O8 CE A10 N.C. Pin no. 73 74 75 76 77 78 79 80 Pin name OE N.C. A11 A9 A8 A13 A14 VCC
N.C.: Internally connected. Do not use.
P24 P23 P22 P21 P20 P17 VSS P16 P15 P14 P13 P12
13 14 15 16 17 18 19 20 21 22 23 24
P36/INT2 P37/BZ P00/INT20 P01/INT21 P02/INT22 P03/INT23 P04/INT24 P05/INT25 P06/INT26 P07/INT27 P10 P11
(MQP-48C-P01)
77 78 79 80 49 50 51 52
68 67 66 65 64 63 62 61
7
MB89170/170A/170L Series
s PIN DESCRIPTION
Pin no. QFP*1 MQFP*2 5 6 8 9 3 4 2 X0 X1 X0A X1A MOD0 MOD1 RST D C Operation mode selecting pins Connect directly to VCC or VSS. Reset I/O pin This pin is of an N-ch open-drain output type with pull-up resistor and of hysteresis input type. "L" is output from this pin by an internal reset source (optional function). The internal circuit is initialized by the input of "L". General-purpose I/O ports Also serve as an external interrupt 2 input (wake-up function). External interrupt input is a hysteresis input. General-purpose I/O ports General-purpose output ports General-purpose I/O port Also serves as the clock I/O for the 8-bit serial I/O. This port is of hysteresis input type. General-purpose I/O port Also serves as the data output for the 8-bit serial I/O. This port is of hysteresis input type. General-purpose I/O port Also serves as the data input for the 8-bit serial I/O. This port is of hysteresis input type. General-purpose I/O port Also serves as an external clock input for a 8-bit timer/ counter. This port is of hysteresis input type. General-purpose I/O port Also serves as the overflow output for the 8-bit timer/counter and an external interrupt 1 input. This port is of hysteresis input type. General-purpose I/O ports Also serve as an external interrupt 1 input. These ports are of hysteresis input type. B Subclock oscillation pins (32.768 kHz) Pin name Circuit type A Function Main clock crystal oscillator pins
34 to 27
P00/INT20 to P07/INT27
E
26 to 20, 18 P10 to P17 17 to 10 42 P20 to P27 P30/SCK
F H G
41
P31/SO
G
40
P32/SI
G
39
P33/EC
G
38
P34/TO/INT0
G
36, 37
P36/INT2, P35/INT1
G
*1: FPT-48P-M16 *2: MQP-48C-P01 Notes:
(Continued)
On the MB89170L series, DTMF pin (Pin No.:1), X0A pin (Pin No.:8) and X1A pin (Pin No.:9) are N.C. pins. Please connect them with GND.
8
MB89170/170A/170L Series
(Continued) Pin no.
QFP*1 MQFP*2 35 Pin name P37/BZ Circuit type G Function General-purpose I/O port Also serves as a buzzer output. This port is of hysteresis input type. N-ch open-drain output ports DTMF signal output pin Power supply pin Power supply (GND) pin
48 to 44 1 7 19, 43
P40 to P44 DTMF VCC VSS
I J -- --
*1: FPT-48P-M16 *2: MQP-48C-P01 Notes: On the MB89170L series, DTMF pin (Pin No.:1), X0A pin (Pin No.:8) and X1A pin (Pin No.:9) are N.C. pins.
9
MB89170/170A/170L Series
* External EPROM pins (the MB89PV170A only) Pin no. MQFP* 49 50 51 52 53 54 55 58 59 60 61 62 63 64 65 66 67 68 69 70 71 73 75 76 77 78 79 80 56 57 72 74 VPP A12 A7 A6 A5 A4 A3 A2 A1 A0 O1 O2 O3 VSS O4 O5 O6 O7 O8 CE A10 OE A11 A9 A8 A13 A14 VCC N.C. Pin name I/O O O "H" level output pin Address output pins Function
I
Data input pins
O I
Power supply (GND) pin Data input pins
O O O O
ROM chip enable pin Outputs "H" during standby. Address output pin ROM output enable pin Outputs "L" at all times. Address output pins
O --
EPROM power supply pin Internally connected pin Be sure to leave them open.
* : MQP-48C-P01
10
MB89170/170A/170L Series
s I/O CIRCUIT TYPE
Type Circuit
X1
Remarks
A
Main clock * Oscillation feedback resistor of approximately 1 M/5 V
X0
Standby control signal
B
X1A X0A
Subclock * Oscillation feedback resistor of approximately 4.5 M/5 V * When single clock mode is selected, the switch is open.
Standby control signal
C
D
R P-ch
* Output pull-up resistor (P-ch) of approximately 50 k/5 V * Hysteresis input
N-ch
E
R P-ch P-ch
* CMOS output * CMOS input * Hysteresis input
N-ch Port Resource
* Pull-up resistor optional
(Continued)
11
MB89170/170A/170L Series
(Continued)
Type Circuit Remarks
F
R P-ch P-ch
* CMOS output * CMOS input
N-ch
* Pull-up resistor optional G
R P-ch P-ch
* CMOS output * Hysteresis input
N-ch
* Pull-up resistor optional H
P-ch
* CMOS output
N-ch
I
R P-ch
* N-ch open-drain output
N-ch
* Pull-up resistor optional J * DTMF analog output
OPAMP
12
MB89170/170A/170L Series
s HANDLING DEVICES
1. Preventing Latchup
Latchup may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins other than medium- and high-voltage pins or if higher than the voltage which shows on "1. Absolute Maximum Ratings" in "s Electrical Characteristics" is applied between VCC to VSS. When latchup occurs, power supply current increases rapidly and might thermally damaged elements. When using, take great care not to exceed the absolute maximum ratings.
2. Treatment of Unused Input Pins
Leaving unused input pins open could cause malfunctions. They should be connected to a pull-up or pull-down registor.
3. Treatment of N.C. Pins
Be sure to leave (internally connected) N.C. pins open.
4. Power Supply Voltage Fluctuations
Although operating is assured within the rated range of VCC power supply voltage, a rapid fluctuation of the voltage could cause malfunctions, even if it occurs within the rated range. Stabilizing voltage supplied to the IC is therefore important. As stabilization guidelines, it is recommended to control power so that VCC ripple fluctuations (P-P value) will be less than 10% of the standard VCC value at the commercial frequency (50 to 60 Hz) and the transient fluctuation rate will be less than 0.1 V/ms at the time of a momentary fluctuation such as when power is switched.
5. Precautions when Using an External Clock
When an external clock is used, oscillation stabilization time is required even for power-on reset (optional) and wake-up from stop mode.
6. Turning on the supply voltage (only for the MB89P175A)
Power on sharply up to the option enabling voltage (2 V) within 13 clock cycles after starting of oscillation.
13
MB89170/170A/170L Series
s PROGRAMMING TO THE EPROM ON THE MB89P173 AND MB89P175A
The MB89P173 is an OTPROM (one-time PROM) versions of the MB89170/170L series, and the MB89P175A is of the MB89170A/170L series.
1. Features
* 8-Kbyte (MB89P173), 16-Kbyte (MB89P175A) PROM on chip * Options can be set using the EPROM programmer (MB89P175A only). * Equivalency to the MBM27C256A in EPROM mode (when programmed with the EPROM programmer)
2. Memory Space
Memory space in each mode such as 8-Kbyte PROM,16-Kbyte PROM and option area is diagrammed below.
MB89P173 Address 0000 H I/O 0080 H RAM 0200 H Not available 8000 H 0000 H Single chip EPROM mode (Corresponding addresses on the EPROM programmer)
MB89P175A Address 0000 H I/O 0080 H RAM 0280 H Not available 8000 H Not available BFF0 H Vacancy (Read value FF H) Not available BFF6 H Not available C000 H 4000 H 3FF6 H Vacancy (Read value FF H) 3FF0 H Option area 0000 H Vacancy (Read value FF H) Single chip EPROM mode (Corresponding addresses on the EPROM programmer)
Not available
E000 H PROM 8 KB FFFF H
6000 H EPROM 8 KB 7FFF H FFFF H
PROM 16 KB
EPROM 16 KB
7FFF H
14
MB89170/170A/170L Series
3. Programming to the EPROM
In EPROM mode, the MB89P173 and MB89P175A functions equivalent to the MBM27C256A. This allows the PROM to be programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by using the dedicated socket adapter. * Programming procedure (MB89P173) (1) Set the EPROM programmer for the MBM27C256A. (2) Load program data into the EPROM programmer at 6000H to 7FFFH (note that addresses E000H to 0FFFFH while operating as a single chip correspond to 6000H to 7FFFH in EPROM mode). (3) Program the data to the EPROM with the EPROM programmer. * Programming procedure (MB89P175A) (1) Set the EPROM programmer for the MBM27C256A. (2) Load program data into the EPROM programmer at 4000H to 7FFFH (note that addresses C000H to 0FFFFH while operating as a single chip assign to 4000H to 7FFFH in EPROM mode). Load option data into addresses 3FF0H to 3FF6H of the EPROM programmer. (For information about each corresponding option, see "7. Setting OTPROM Options (MB89P175A Only).") (3) Program the data to the EPROM with the EPROM programmer.
4. Recommended Screening Conditions
High-temperature aging is recommended as the pre-assembly screening procedure for a product with a blanked OTPROM microcomputer program.
Program, verify
Aging + 150C, 48 Hrs.
Data verification
Assembly
5. Programming Yield
Due to its nature, bit programming test can't be conducted as Fujitsu delivery test. For this reason, a programming yield of 100% cannot be assured at all times.
6. EPROM Programmer Socket Adapter
Part number MB89P175A Package QFP-48P Compatible socket adapter Sun Hayato Co., Ltd. ROM-48QF-28DP-8L
Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403 FAX (81)-3-5396-9106
15
MB89170/170A/170L Series
7. Setting OTPROM Options (MB89P175A Only)
The programming procedure is the same as that for the PROM. Options can be set by programming values at the addresses shown on the memory map. The relationship between bits and options is shown on the following bit map: * OTPROM option bit map Addre ss Bit 7 Vacancy Bit 6 Vacancy Bit 5 Vacancy Bit 4 Bit 3 Reset pin output 1: Yes 0: No P03 Pull-up 1: Yes 0: No P13 Pull-up 1: Yes 0: No P33 Pull-up 1: Yes 0: No Vacancy Bit 2 Power-on reset 1: Yes 0: No P02 Pull-up 1: Yes 0: No P12 Pull-up 1: Yes 0: No P32 Pull-up 1: Yes 0: No Vacancy Bit 1 Bit 0
Clock mode select 3FF0H Readable Readable Readable 1: 1 clock and writable and writable and writable 0: 2 clocks P07 Pull-up 3FF1H 1: Yes 0: No P17 Pull-up 3FF2H 1: Yes 0: No P37 Pull-up 3FF3H 1: Yes 0: No Vacancy 3FF4H P06 Pull-up 1: Yes 0: No P16 Pull-up 1: Yes 0: No P36 Pull-up 1: Yes 0: No Vacancy P05 Pull-up 1: Yes 0: No P15 Pull-up 1: Yes 0: No P35 Pull-up 1: Yes 0: No Vacancy P04 Pull-up 1: Yes 0: No P14 Pull-up 1: Yes 0: No P34 Pull-up 1: Yes 0: No Vacancy
Oscillation stabilization time 00 23/FCH 01 212/FCH P01 Pull-up 1: Yes 0: No P11 Pull-up 1: Yes 0: No P31 Pull-up 1: Yes 0: No Vacancy 10 216/FCH 11 218/FCH P00 Pull-up 1: Yes 0: No P10 Pull-up 1: Yes 0: No P30 Pull-up 1: Yes 0: No Vacancy
Readable Readable Readable Readable Readable Readable Readable Readable and writable and writable and writable and writable and writable and writable and writable and writable Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy
3FF5H
Readable Readable Readable Readable Readable Readable Readable Readable and writable and writable and writable and writable and writable and writable and writable and writable Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy
3FF6H
Readable Readable Readable Readable Readable Readable Readable Readable and writable and writable and writable and writable and writable and writable and writable and writable
Note: Each bit is set to `1' as the initialized value, therefore the pull-up option is selected.
16
MB89170/170A/170L Series
s PROGRAMMING TO THE EPROM WITH PIGGYBACK/EVALUATION DEVICE
1. EPROM for Use
MBM27C256A-20TVM
2. Programming Socket Adapter
To program to the EPROM using an EPROM programmer, use the socket adapter (manufacturer: Sun Hayato Co., Ltd.) listed below. Package LCC-32(Square) Socket adapter part number ROM-32LC-28DP-S
Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403 FAX (81)-3-5396-9106
3. Memory Space
Memory space in each mode, such as 32-Kbyte EPROM, is diagrammed below.
Address
Single chip
Corresponding address on the EPROM programmer
0000 H I/O 0080 H RAM 0480 H Not available 8000 H 0000 H
PROM 32 KB
EPROM 32 KB
FFFF H
7FFF H
4. Programming to the EPROM
(1) Set the EPROM programmer for the MBM27C256A. (2) Load program data into the EPROM programmer at 0000H to 7FFFH. (3) Program with the EPROM programmer.
17
MB89170/170A/170L Series
s BLOCK DIAGRAM
1. MB89170/170A series
X0 X1
Main clock oscillator Clock controller
Timebase timer
Watch prescalar X0A X1A Subclock oscillator
RST
Reset circuit
CMOS I/O port 16-bit timer/counter
CMOS I/O ports Internal bus 8 P00/INT20 to P07/INT27 8 P10 to P17 Port 0 and Port 1
8-bit timer/counter
P34/TO/INT0
External interrupt 2 (wake-up)
8-bit timer/counter Port 3
P33/EC
8-bit serial I/O
P30/SCK P32/SI P31/SO
Port 2
P35/INT1 External interrupt 1 P36/INT2 Buzzer output CMOS output port P37/BZ
8 P20 to P27
N-ch open-drain output port RAM Port 4 5 P40 to P44
F2MC-8L CPU
ROM
DTMF generator
DTMF
The other pins MOD1, MOD0, VCC, VSS x 2
18
MB89170/170A/170L Series
2. MB89170L series
X0 X1
Main clock oscillator Clock controller
Timebase timer
Reset circuit (Watch dog timer)
RST
CMOS I/O port 16-bit timer/counter
CMOS I/O ports Internal bus 8 P00/INT20 to P07/INT27 8 P10 to P17 Port 0 and Port 1
8-bit timer/counter
P34/TO/INT0
External interrupt 2 (wake-up)
8-bit timer/counter Port 3
P33/EC
8-bit serial I/O
P30/SCK P32/SI P31/SO
Port 2
P35/INT1 External interrupt 1 P36/INT2 Buzzer output CMOS output port P37/BZ
8 P20 to P27
N-ch open-drain output port RAM Port 4 5 P40 to P44
F2MC-8L CPU
ROM
The other pins MOD1, MOD0, VCC, VSS x 2, N.C. x 2
19
MB89170/170A/170L Series
s CPU CORE
1. Memory Space
The microcontrollers of the MB89170/170A/170L series offer 64 Kbytes of memory for storing all of I/O, data, and program areas. The I/O area is allocated from the lowest address. The data area is allocated immediately above the I/O area. The data area can be divided into register, stack, and direct areas according to the application. The program area is allocated from exactly the opposite end of I/O area, that is, near the highest address. The tables of interrupt reset vectors and vector call instructions are allocated from the highest address within the program area. The memory space of the MB89170/170A/170L series is structured as illustrated below. Memory Space
MB89174A MB89174L
0000 H I/O 0080 H RAM 1 KB 0100 H Register 0200 H 0200 H 0280 H 0480 H Not available 8000 H Not available Not available Not available 0100 H Register 0200 H 0280 H RAM 512 B 0100 H Register 0200 H 0080 H RAM 512 B 0100 H Register I/O 0080 H RAM 384 B 0000 H I/O
MB89PV170A
0000 H I/O 0080 H 0000 H
MB89P175A
MB89P173 MB89173L MB89173
C000 H External ROM 32 KB ROM 16 KB ROM 12 KB FFFF H FFFF H FFFF H FFFF H D000 H E000 H ROM 8 KB
20
MB89170/170A/170L Series
2. Registers
The F2MC-8L family has two types of registers; dedicated hardware registers in the CPU and general-purpose memory registers. The following dedicated registers are provided:
Program counter (PC): Accumulator (A): Temporary accumulator (T): Index register (IX): Extra pointer (EP) : Stack pointer (SP) : Progam status (PS) :
A 16-bit register for indicating the instruction storage positions A 16-bit temporary register for arithmetic operations, etc. When the instruction is an 8-bit data processing instruction, the lower byte is used. A 16-bit register which is used for arithmetic operations with the accumulator When the instruction is an 8-bit data processing instruction, the lower byte is used. A 16-bit register for index modification A 16-bit pointer for indicating a memory address A 16-bit pointer for indicating a stack area A 16-bit register for storing a register pointer, a condition code
16 bits PC A T IX EP SP PS : Program counter : Accumulator
Initial value FFFDH Indeterminate
: Temporary accumulator Indeterminate : Index register : Extra pointer : Stack pointer : Program status Indeterminate Indeterminate Indeterminate I-flag = 0, IL1, 0 = 11 The other bit values are indeterminate.
The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and the lower 8 bits for use as a condition code register (CCR). (See the diagram below.)
Structure of the Program Status Register
15 PS
14
13 RP
12
11
10
9
8
7 H
6 I
5
4
3 N
2 Z
1 V
0 C
Vacancy Vacancy Vacancy
IL1, 0
RP
CCR
21
MB89170/170A/170L Series
The RP indicates the address of the register bank currently in use. The relationship between the pointer contents and the actual address is based on the conversion rule illustrated below. Rule for Conversion of Actual Addresses of the General-purpose Register Area
RP
Lower OP codes b1 b0
"0" "0" "0" "0" "0" "0" "0" "1" R4 R3 R2 R1 R0 b2
Generated addresses A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
The CCR consists of bits indicating the results of arithmetic operations and the contents of transfer data, and bits for control of CPU operations at the time of an interrupt. H-flag: Set to `1' when a carry or a borrow from bit 3 to bit 4 occurs as a result of arithmetic operation. Cleared to `0' otherwise. This flag is for decimal adjustment instructions. I-flag: IL1, 0: Interrupt is enabled when this flag is set to `1'. Interrupt is disabled when the flag is cleared to `0'. Cleared to `0' at the reset. Indicates the level of the interrupt currently allowed. Processes an interrupt only if its request level is higher than the value indicated by this bit.
IL1 0 0 1 1
IL0 0 1 0 1
Interrupt level 1 2 3
High-low High
Low
N-flag: Set to `1' if the MSB becomes `1' as the result of an arithmetic operation. Cleared to `0' otherwise. Z-flag: V-flag: Set to `1' when an arithmetic operation results in `0'. Cleared to `0' otherwise. Set to `1' if the complement on 2 overflows as a result of an arithmetic operation. Cleared to `0' if the overflow does not occur.
C-flag: Set to `1' when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. Cleared to `0' otherwise. Set to the shift-out value in the case of a shift instruction.
22
MB89170/170A/170L Series
The following general-purpose registers are provided: General-purpose register: An 8-bit register for storing data The general-purpose registers are of 8 bits and located in the register banks of the memory. One bank contains eight registers and up to a total of 32 banks can be used on the MB89170/170A/170L series . The bank currently in use is indicated by the register bank pointer(RP). Register Bank Configuraiton
This address = 0100 H + 8 x (RP) R0 R1 R2 R3 R4 R5 R6 R7 } 32 banks Memory area
23
MB89170/170A/170L Series
s I/O MAP
1. MB89170/170A series
Address 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) T2CR T1CR T2DR T1DR SMR SDR (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) SYCC STBC WDTC TBTC WPCR PDR3 DDR3 PDR4 BZCR Read/write (R/W) (W) (R/W) (W) (R/W) Register name PDR0 DDR0 PDR1 DDR1 PDR2 Register description Port 0 data register Port 0 data direction register Port 1 data register Port 1 data direction register Port 2 data register Vacancy Vacancy System clock control register Standby control register Watchdog control register Timebase timer control register Watch prescaler control register Port 3 data register Port 3 data direction register Port 4 data register Buzzer register Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Timer 2 control register Timer 1 control register Timer 2 data register Timer 1 data register Serial mode register Serial data register Vacancy Vacancy
(Continued)
24
MB89170/170A/170L Series
(Continued)
Address 20H 21H 22H 23H 24H 25H to 31H 32H 33H 34H to 7BH 7CH 7DH 7EH 7FH * R/W: Readable and writable R: Read only W: Write only Note: Do not use vacancies. (W) (W) (W) ILR1 ILR2 ILR3 (R/W) (R/W) EIE2 EIF2 (R/W) (R/W) EIC1 EIC2 Read/write * (R/W) (R/W) Register name DTMC DTMD Register description DTMF control register DTMF data register Vacancy External interrupt control register 1 External interrupt control register 2 Vacancy External interrupt 2 enable register External interrupt 2 flag register Vacancy Interrupt level setting register 1 Interrupt level setting register 2 Interrupt level setting register 3 Vacancy
25
MB89170/170A/170L Series
2. MB89170L series
Address 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) T2CR T1CR T2DR T1DR SMR SDR (R/W) (R/W) (R/W) (R/W) PDR3 DDR3 PDR4 BZCR (R/W) (R/W) (R/W) (R/W) SYCC STBC WDTC TBTC Read/write (R/W) (W) (R/W) (W) (R/W) Register name PDR0 DDR0 PDR1 DDR1 PDR2 Register description Port 0 data register Port 0 data direction register Port 1 data register Port 1 data direction register Port 2 data register Vacancy Vacancy System clock control register Standby control register Watchdog control register Timebase timer control register Vacancy Port 3 data register Port 3 data direction register Port 4 data register Buzzer register Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Vacancy Timer 2 control register Timer 1 control register Timer 2 data register Timer 1 data register Serial mode register Serial data register Vacancy Vacancy
(Continued)
26
MB89170/170A/170L Series
(Continued)
Address 20H 21H 22H 23H 24H 25H to 31H 32H 33H 34H to 7BH 7CH 7DH 7EH 7FH * R/W: Readable and writable R: Read only W: Write only Note: Do not use vacancies. As for MB89170L series, WPCR register(0BH), DTMC register(20H) and DTMD register(21H) become Vacancy. (W) (W) (W) ILR1 ILR2 ILR3 (R/W) (R/W) EIE2 EIF2 (R/W) (R/W) EIC1 EIC2 Read/write * Register name Vacancy Vacancy Vacancy External interrupt control register 1 External interrupt control register 2 Vacancy External interrupt 2 enable register External interrupt 2 flag register Vacancy Interrupt level setting register 1 Interrupt level setting register 2 Interrupt level setting register 3 Vacancy Register description
27
MB89170/170A/170L Series
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
(VSS = 0.0 V) Parameter Power supply voltage Symbol VCC VI Input voltage Value Min. VSS - 0.3 VSS - 0.3 VSS - 0.3 VI2 VSS - 0.3 VO Output voltage VSS - 0.3 VSS - 0.3 VO2 VSS - 0.3 "L" level maximum output current "L" level average output current "L" level total maximum output current "L" level total average output current "H" level maximum output current "H" level average output current "H" level total maximum output current "H" level total average output current Power consumption Operating temperature Storage temperature IOL IOLAV IOL IOLAV IOH IOHAV IOH IOHAV PD TA Tstg -40 -55 VSS + 7.0 10 4 100 20 -10 -2 -25 -10 200 +85 +150 V mA mA mA mA mA mA mA mA mW C C Average value (operating current x operating rate) Average value (operating current x operating rate) Average value (operating current x operating rate) Average value (operating current x operating rate) VSS + 7.0 VCC + 0.3 VCC + 0.3 V V V Max. VSS + 7.0 VCC + 0.3 VCC + 0.3 Unit V V V Except P40 to P44 P40 to P44 (with pull-up option) P40 to P44 (without pull-up option) Except P40 to P44 P40 to P44 (with pull-up option) P40 to P44 (without pull-up option) Remarks
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
28
MB89170/170A/170L Series
2. Recommended Operating Conditions
(VSS = 0.0 V) Parameter Symbol Value Min. 2.2* Power supply voltage VCC 2.7* 1.5 Operating temperature TA -40 Max. 6.0* 6.0* 6.0 +85 Unit V V V C Remarks Normal operation assurance range* MB89174A/173/174L/173L Normal operation assurance range* MB89PV170A/P175A/P173 Retains the RAM state in the stop mode
* : These values vary with the operating frequency, instruction cycle, and the assurance range for the DTMF generator. See Figure 1 and "(7) Electrical Characteristics of DTMF Generator" in "4. AC characteristics."
Figure 1 Operating Voltage vs. Main Clock Operating Frequency(MB89170/170A series)
6
5 Operating assurance range Assurance range for DTMF generator
4 Operating voltage (V)
3
2
1
1.0 2.0 3.0 4.0 5.0 6.0 Main clock operating frequency (at an instruction cycle of 4/FCH) (MHz)
7.0
8.0
4.0 2.0 1.33 1.0 Minimum execution time (instruction cycle) (s)
0.8
0.67
0.57
0.5
Note: The shaded area is assured only for the MB89170A series.
29
MB89170/170A/170L Series
Figure 2 Operating Voltage vs. Main Clock Operating Frequency(MB89170L series)
6
5 Operating assurance range
4 Operating voltage (V)
3
2
1
1.0 2.0 3.0 4.0 5.0 6.0 Main clock operating frequency (at an instruction cycle of 4/FCH) (MHz)
7.0
8.0
4.0 2.0 1.33 1.0 Minimum execution time (instruction cycle) (s)
0.8
0.67
0.57
0.5
Figure 1 and figure 2 indicates the operating frequency of the external oscillator at an instruction cycle of 4/FCH. Since the operating voltage range is dependent on the instruction cycle, see minimum execution time if the operating speed is switched using a gear. WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand.
30
MB89170/170A/170L Series
3. DC Characteristics
(VCC = 5.0 V, AVSS = VSS = 0.0 V, TA = -40C to +85C) Value Condition Unit Remarks Min. Typ. Max. 0.7 VCC VCC + 0.3 VCC + 0.3 0.3 VCC V
Parameter
Symbol VIH
Pin name P00 to P07, P10 to P17 RST, MOD0, MOD1, P30 to P37, INT20 to INT27 P00 to P07, PI0 to PI7 RST, MOD0, MOD1, P30 to P37, INT20 to INT27 P40 to P44 P00 to P07, P10 to P17, P20 to P27, P30 to P37 P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P44 RST P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P44, MOD0, MOD1 P00 to P07, P10 to P17, P30 to P37, P40 to P44, RST
"H" level input voltage
VIHS
0.8 VCC VSS - 0.3 VSS - 0.3 VSS - 0.3 IOH = -2.0 mA 2.4
V
VIL "L" level input voltage
V
VILS
0.2 VCC VSS + 6.0
V
Open-drain output VD pin applied voltage "H" level output voltage VOH
V
V
"L" level output voltage
VOL1
IOL = 1.8 mA


0.4
V
VOL2 Input leakage current (Hi-z output leakage current)
IOL = 4.0 mA
0.6
V
ILI1
0.0 V < VI < VCC
5
A
Without pullup resistor
Pull-up resistance RPULL
VI = 0.0 V
25
50
100
k
With pull-up resistor
(Continued)
31
MB89170/170A/170L Series
(Continued)
Parameter Symbol Pin name (VCC = 5.0 V, AVSS = VSS = 0.0 V, TA = -40C to +85C) Value Condition Unit Remarks Min. Typ. Max. VCC = 5.0 V FCH = 3.58 MHz * Main clock operation mode * Highest gear speed VCC = 5.0 V FCH = 3.58 MHz * Main clock sleep mode * Highest gear speed VCC = 3.0 V FCL = 32.768 kHz VCC * Subclock (when DTMF is sleep not operating) mode TA = +25C * Subclock stop mode * Main clock stop mode in single clock system VCC = 3.0 V FCL = 32.768 kHz * Subclock operation mode VCC = 3.0 V * Watch mode VCC = 5.0 V FCH = 3.58 MHz * Main clock VCC (when DTMF is operation operating) mode * Highest gear speed Other than VCC, f = 1 MHz VSS -- 3.5 8 MB89173/ mA 174A/173L/ 174L mA MB89P173/ P175A
ICC
--
6.5
10
ICCS1
--
2
5
mA
ICCS2
--
25
50
A
Power supply voltage* ICCH
--
--
1
A
--
50
100
A
MB89173/ 174A MB89P173/ P175A
ICSB
--
1
3
mA
ICCT
-- --
-- 5.5
15 10
A mA MB89173/ 174A MB89P173/ P175A
ID
--
8.5
13
mA
Input capacitance CIN
--
10
--
pF
* : The power supply current is measured at the external clock.
32
MB89170/170A/170L Series
4. AC Characteristics
(1) Reset Timing (VCC = 5.0 V10%, VSS = 0.0 V, TA = -40C to +85C) Value Condition Unit Remarks Min. Max. -- 48 tHCYL -- ns
Parameter RST "L" pulse width
Symbol tZLZH
tZLZH
RST
0.2 VCC
0.2 VCC
(2) Power-on Reset (VSS = 0.0 V, TA = -40C to +85C) Parameter Power supply rising time Power supply cut-off time Symbol tR tOFF Condition -- Value Min. -- 1 Max. 50 -- Unit ms ms Remarks Power-on reset function only Due to repeated operations
Note: Make sure that power supply rises within the oscillation stabilization time selected. If power supply voltage needs to be varied in the course of operation, a smooth voltage rise is recommended.
tR 2.0 V VCC 0.2 V
tOFF
0.2 V
0.2 V
33
MB89170/170A/170L Series
(3) Clock Timing (VSS = 0.0 V, TA = -40C to +85C) Parameter Symbol Pin name Condition Value Min. 1 Clock frequency FCH X0, X1 1 FCL X0A, X1A -- 280 Clock cycle time tHCYL X0, X1 -- -- 32.768 -- 7.16 -- 1000 MHz kHz ns Typ. -- Max. 3.58 Unit MHz Remarks MB89173/ P173 MB89174A/ P175A/ PV170A/ 173L/174L Subclock MB89173/ P173 MB89174A/ P175A/ PV170A/ 173L/174L Subclock External clock External clock External clock
140 -- 20 -- --
-- 30.5 -- 15.2 --
1000 -- -- -- 10
ns s ns s ns
tLCYL Input clock pulse width Input clock rising/ falling time PWH PWL PWHL PWLL tCR tCF
X0A, X1A X0 X0A X0, X0A
* Main Clock Timing Condition
tHCYL PWH tCR tCF 0.8 VCC 0.2 VCC 0.2 VCC 0.8 VCC 0.2 VCC PWL
X0
* Main Clock Configurations
When a crystal or ceramic resonator is used
When an external clock is used
X0
X1
X0
X1
Open
34
MB89170/170A/170L Series
* Subclock Timing Condition
tLCYL PWHL tCR tCF 0.8 VCC 0.2 VCC 0.2 VCC 0.8 VCC 0.2 VCC PWLL
X0A
* Subclock Configurations
When a crystal or ceramic resonator is used
When an external clock is used
When a single clock option is used
X0A
X1A
X0A
X1A
X0A
X1A
Open
(4) Instruction Cycle Parameter Symbol Value (typical) 4/FCH, 8/FCH, 16/FCH, 64/FCH Instruction cycle (minimum execution time) tinst 2/FCL s Unit s Remarks (4/FC) tinst = 1.1 s when operating at FC = 3.58 MHz tinst = 61.036 s when operating at FCL = 32.768 kHz (MB89170/170A series only)
35
MB89170/170A/170L Series
(5) Recommend Resonator Manufacturers * Sample Application of Piezoelectric Resonator (FAR Family) (MB89170 series only)
X0
X1 FAR*1
C1*2
C2*2 *1: Fujitsu Acoustic Resonator
FAR part number (built-in capacitor type) FAR-C4 A-03580- 01
Frequency (MHz) 3.58
Initial deviation of FAR frequency (TA = +25C) 0.5%
Temperature characteristics of FAR frequency (TA = -20C+60C) 0.5%
Loading capacitors*2 Built-in
Inquiry: FUJITSU LIMITED
(6) Serial I/O Timing (VCC = +5.0 V10%, VSS= 0.0 V, TA = -40C to +85C) Parameter Serial clock cycle time SCK SO time Valid SI SCK SCK valid SI hold time Serial clock "H" pulse width Serial clock "L" pulse width SCK SO time Valid SI SCK SCK valid SI hold time Symbol tSCYC tSLOV tIVSH tSHIX tSHSL tSLSH tSLOV tIVSH tSHIX Pin SCK SCK, SO SI, SCK SCK, SI SCK SCK, SO SI, SCK SCK, SI External shift clock mode Internal shift clock mode Condition Value Min. 2 tinst* -200 0.5 tinst* 0.5 tinst* 1 tinst* 1 tinst* 0 0.5 tinst* 0.5 tinst* Max. -- 200 -- -- -- -- 200 -- -- Unit s ns s s s s ns s s Remarks
* : For information on tinst, see "(4) Instruction Cycle."
36
MB89170/170A/170L Series
* Internal Shift Clock Mode
tSCYC
SCK
2.4 V 0.8 V 0.8 V
tSLOV 2.4 V
SO
0.8 V tIVSH 0.8 VCC tSHIX 0.8 VCC 0.2 VCC
SI
0.2 VCC
* External Shift Clock Mode
tSLSH tSHSL 0.8 VCC 0.2 VCC 0.2 VCC 0.8 VCC
SCK
tSLOV 2.4 V
SO
0.8 V tIVSH 0.8 VCC tSHIX 0.8 VCC 0.2 VCC
SI
0.2 VCC
37
MB89170/170A/170L Series
(7) Peripheral Input Timing (VCC = +5.0 V10%, VSS = 0.0 V, TA = -40C to +85C) Value Pin name Unit Remarks Min. Max. EC, INT0 to INT2, INT20 to INT27 2 tinst* 2 tinst* -- -- s s
Parameter Peripheral input "H" pulse width 1 Peripheral input "L" pulse width 1
Symbol tILIH1 tIHIL1
* : For information on tinst, see "(4) Instruction Cycle."
tIHIL1
tILIH1
EC INT0 to INT2 INT20 to INT27
0.8 VCC 0.2 VCC 0.2 VCC
0.8 VCC
(8) Electrical Characteristics of DTMF Generator (VSS = 0.0 V, FCH = 3.579545 MHz, TA = -30C to + 60C) Value Unit Remarks Min. Typ. Max. 3.0 Operating voltage range -- -- VCC = 4.5 V to 6.0 V VCC = 3.0 V to 4.5 V Output load requirements RO VCC = 2.4 V to 6 V VCC = 2.7 V to 6 V DTMF output offset voltage (at signal output) DTMF output amplitude (COL single tone) DTMF output amplitude (ROW single tone) -- VMOF VCC = 5.0 V -- 0.6 -- V 2.4 -- V 30 -- -- k 2.4 2.7 30 200 -- -- -- -- -- 6.0 6.0 6.0 -- -- V V V k k MB89P173 MB89173/174A MB89P175A Defined when the DTMF pin is connected to a pulldown resistor for the MB89P173. Defined when the DTMF pin is connected to a pulldown resistor for the MB89173/174A MB89P175A When the DTMF pin is open for MB89P173. When the DTMF pin is open for the MB89173/ 174A/P175A.
Parameter
Symbol
Condition
VMFOC
VCC = 5.0 V
450
530
600
mVP-P
VMFOR
VCC = 5.0 V
350
420
480
mVP-P
When DTMF pin is open.
Difference between RMF COL and ROW levels 38
--
1.6
2.0
2.4
dB
MB89170/170A/170L Series
s EXAMPLE CHARACTERISTICS
(1) "L" Level Output Voltage
VOL vs. IOL
VOL (V) 1.1 1.0 TA = +25C 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 123 VCC = 2.5 V VCC = 2.2 V VCC = 3.0 V VCC - VOH (V) 1.1 1.0 TA = +25C 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.0 -0.5 -1.0
(2) "H" Level Output Voltage
VCC - VOH vs. IOH
VCC = 2.2 V VCC = 2.5 V
VCC = 4.0 V VCC = 5.0 V VCC = 6.0 V
VCC = 3.0 V VCC = 4.0 V VCC = 5.0 V VCC = 6.0 V
456 IOL (mA)
7
8
9
10
-1.5 -2.0 IOH (mA)
-2.5
-3.0
(3) "H" Level Input Voltage/"L"ow Level Input Voltage (CMOS Input)
VIN vs. VCC
VIN (V) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0.00 TA = +25C
(4) "H" Level Input Voltage/"L" Level Input Voltage (Hysteresis Input)
VIN (V) 5.0 4.5 TA = +25C 4.0 VIHS 3.5 3.0 2.5 2.0 VILS 1.5 1.0 0.5 0 0.00 1.00 2.00 3.00 4.00 5.00 6.00 7.00 VCC (V)
VIHS :
VIN vs. VCC
1.00
2.00
3.00 4.00 VCC (V)
5.00
6.00
7.00
VILS :
Threshold when input voltage in hysteresis characteristics is set to "H" level Threshold when input voltage in hysteresis characteristics is set to "L" level
39
MB89170/170A/170L Series
(5) Power Supply Current
I CC vs. V CC
I CC (mA) 6 F CH = 3.58 MHz 5 T A = +25C Divide-by-4 (I CC) 4 3 2 1 0 1 2 3 4 V CC (V) 5 6 7 Divide-by-8 Divide-by-16 Divide-by-64 4 3 2 1 0 1 2 3 4 V CC (V) 5 6 7
I D vs. V CC
I D (mA) 6 F CH = 3.58 MHz 5 T A = +25C Divide-by-4 (I D)
Divide-by-8 Divide-by-16 Divide-by-64
(6) Pull-up Resistance
RPULL vs. VCC
RPULL (k) 1000 TA = +25C 300
100 50
10 0 1 2 3 4 5 6 7 VCC (V)
40
MB89170/170A/170L Series
s INSTRUCTIONS (136 INSTRUCTIONS)
Execution instructions can be divided into the following four groups: * * * * Transfer Arithmetic operation Branch Others
Table 1 lists symbols used for notation of instructions. Table 1 Symbol dir off ext #vct #d8 #d16 dir: b rel @ A AH AL T TH TL IX EP PC SP PS dr CCR RP Ri x (x) (( x )) Direct address (8 bits) Offset (8 bits) Extended address (16 bits) Vector table number (3 bits) Immediate data (8 bits) Immediate data (16 bits) Bit direct address (8:3 bits) Branch relative address (8 bits) Register indirect (Example: @A, @IX, @EP) Accumulator A (Whether its length is 8 or 16 bits is determined by the instruction in use.) Upper 8 bits of accumulator A (8 bits) Lower 8 bits of accumulator A (8 bits) Temporary accumulator T (Whether its length is 8 or 16 bits is determined by the instruction in use.) Upper 8 bits of temporary accumulator T (8 bits) Lower 8 bits of temporary accumulator T (8 bits) Index register IX (16 bits) Extra pointer EP (16 bits) Program counter PC (16 bits) Stack pointer SP (16 bits) Program status PS (16 bits) Accumulator A or index register IX (16 bits) Condition code register CCR (8 bits) Register bank pointer RP (5 bits) General-purpose register Ri (8 bits, i = 0 to 7) Indicates that the very x is the immediate data. (Whether its length is 8 or 16 bits is determined by the instruction in use.) Indicates that the contents of x is the target of accessing. (Whether its length is 8 or 16 bits is determined by the instruction in use.) The address indicated by the contents of x is the target of accessing. (Whether its length is 8 or 16 bits is determined by the instruction in use.) 41 Instruction Symbols Meaning
MB89170/170A/170L Series
Columns indicate the following: Mnemonic: ~: #: Operation: TL, TH, AH: Assembler notation of an instruction The number of instructions The number of bytes Operation of an instruction A content change when each of the TL, TH, and AH instructions is executed. Symbols in the column indicate the following: * "-" indicates no change. * dH is the 8 upper bits of operation description data. * AL and AH must become the contents of AL and AH prior to the instruction executed. * 00 becomes 00. N, Z, V, C: OP code: An instruction of which the corresponding flag will change. If + is written in this column, the relevant instruction will change its corresponding flag. Code of an instruction. If an instruction is more than one code, it is written according to the following rule: Example: 48 to 4F This indicates 48, 49, ... 4F.
42
MB89170/170A/170L Series
Table 2 Mnemonic MOV dir,A MOV @IX +off,A MOV ext,A MOV @EP ,A MOV Ri,A MOV A,#d8 MOV A,dir MOV A,@IX +off MOV A,ext MOV A,@A MOV A,@EP MOV A,Ri MOV dir,#d8 MOV @IX +off,#d8 MOV @EP ,#d8 MOV Ri,#d8 MOVW dir,A MOVW @IX +off,A MOVW ext,A MOVW @EP ,A MOVW EP ,A MOVW A,#d16 MOVW A,dir MOVW A,@IX +off MOVW A,ext MOVW A,@A MOVW A,@EP MOVW A,EP MOVW EP ,#d16 MOVW IX,A MOVW A,IX MOVW SP ,A MOVW A,SP MOV @A,T MOVW @A,T MOVW IX,#d16 MOVW A,PS MOVW PS,A MOVW SP ,#d16 SWAP SETB dir: b CLRB dir: b XCH A,T XCHW A,T XCHW A,EP XCHW A,IX XCHW A,SP MOVW A,PC ~ 3 4 4 3 3 2 3 4 4 3 3 3 4 5 4 4 4 5 5 4 2 3 4 5 5 4 4 2 3 2 2 2 2 3 4 3 2 2 3 2 4 4 2 3 3 3 3 2 # 2 2 3 1 1 2 2 2 3 1 1 1 3 3 2 2 2 2 3 1 1 3 2 2 3 1 1 1 3 1 1 1 1 1 1 3 1 1 3 1 2 2 1 1 1 1 1 1 Transfer Instructions (48 instructions) Operation (dir) (A) ( (IX) +off ) (A) (ext) (A) ( (EP) ) (A) (Ri) (A) (A) d8 (A) (dir) (A) ( (IX) +off) (A) (ext) (A) ( (A) ) (A) ( (EP) ) (A) (Ri) (dir) d8 ( (IX) +off ) d8 ( (EP) ) d8 (Ri) d8 (dir) (AH),(dir + 1) (AL) ( (IX) +off) (AH), ( (IX) +off + 1) (AL) (ext) (AH), (ext + 1) (AL) ( (EP) ) (AH),( (EP) + 1) (AL) (EP) (A) (A) d16 (AH) (dir), (AL) (dir + 1) (AH) ( (IX) +off), (AL) ( (IX) +off + 1) (AH) (ext), (AL) (ext + 1) (AH) ( (A) ), (AL) ( (A) ) + 1) (AH) ( (EP) ), (AL) ( (EP) + 1) (A) (EP) (EP) d16 (IX) (A) (A) (IX) (SP) (A) (A) (SP) ( (A) ) (T) ( (A) ) (TH),( (A) + 1) (TL) (IX) d16 (A) (PS) (PS) (A) (SP) d16 (AH) (AL) (dir): b 1 (dir): b 0 (AL) (TL) (A) (T) (A) (EP) (A) (IX) (A) (SP) (A) (PC) TL - - - - - AL AL AL AL AL AL AL - - - - - - - - - AL AL AL AL AL AL - - - - - - - - - - - - - - - AL AL - - - - TH - - - - - - - - - - - - - - - - - - - - - AH AH AH AH AH AH - - - - - - - - - - - - - - - - AH - - - - AH - - - - - - - - - - - - - - - - - - - - - dH dH dH dH dH dH dH - - dH - dH - - - dH - - AL - - - dH dH dH dH dH NZVC ---- ---- ---- ---- ---- ++-- ++-- ++-- ++-- ++-- ++-- ++-- ---- ---- ---- ---- ---- ---- ---- ---- ---- ++-- ++-- ++-- ++-- ++-- ++-- ---- ---- ---- ---- ---- ---- ---- ---- ---- ---- ++++ ---- ---- ---- ---- ---- ---- ---- ---- ---- ---- OP code 45 46 61 47 48 to 4F 04 05 06 60 92 07 08 to 0F 85 86 87 88 to 8F D5 D6 D4 D7 E3 E4 C5 C6 C4 93 C7 F3 E7 E2 F2 E1 F1 82 83 E6 70 71 E5 10 A8 to AF A0 to A7 42 43 F7 F6 F5 F0
Notes: * During byte transfer to A, T A is restricted to low bytes. * Operands in more than one operand instruction must be stored in the order in which their mnemonics are written. (Reverse arrangement of F2MC-8 family)
43
MB89170/170A/170L Series
Table 3 Mnemonic ADDC A,Ri ADDC A,#d8 ADDC A,dir ADDC A,@IX +off ADDC A,@EP ADDCW A ADDC A SUBC A,Ri SUBC A,#d8 SUBC A,dir SUBC A,@IX +off SUBC A,@EP SUBCW A SUBC A INC Ri INCW EP INCW IX INCW A DEC Ri DECW EP DECW IX DECW A MULU A DIVU A ANDW A ORW A XORW A CMP A CMPW A RORC A ROLC A CMP A,#d8 CMP A,dir CMP A,@EP CMP A,@IX +off CMP A,Ri DAA DAS XOR A XOR A,#d8 XOR A,dir XOR A,@EP XOR A,@IX +off XOR A,Ri AND A AND A,#d8 AND A,dir ~ 3 2 3 4 3 3 2 3 2 3 4 3 3 2 4 3 3 3 4 3 3 3 19 21 3 3 3 2 3 2 2 2 3 3 4 3 2 2 2 2 3 3 4 3 2 2 3 # 1 2 2 2 1 1 1 1 2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 1 2 1 1 1 1 2 2 1 2 1 1 2 2 Arithmetic Operation Instructions (62 instructions) Operation (A) (A) + (Ri) + C (A) (A) + d8 + C (A) (A) + (dir) + C (A) (A) + ( (IX) +off) + C (A) (A) + ( (EP) ) + C (A) (A) + (T) + C (AL) (AL) + (TL) + C (A) (A) - (Ri) - C (A) (A) - d8 - C (A) (A) - (dir) - C (A) (A) - ( (IX) +off) - C (A) (A) - ( (EP) ) - C (A) (T) - (A) - C (AL) (TL) - (AL) - C (Ri) (Ri) + 1 (EP) (EP) + 1 (IX) (IX) + 1 (A) (A) + 1 (Ri) (Ri) - 1 (EP) (EP) - 1 (IX) (IX) - 1 (A) (A) - 1 (A) (AL) x (TL) (A) (T) / (AL),MOD (T) (A) (A) (T) (A) (A) (T) (A) (A) (T) (TL) - (AL) (T) - (A) CA C A (A) - d8 (A) - (dir) (A) - ( (EP) ) (A) - ( (IX) +off) (A) - (Ri) Decimal adjust for addition Decimal adjust for subtraction (A) (AL) (TL) (A) (AL) d8 (A) (AL) (dir) (A) (AL) ( (EP) ) (A) (AL) ( (IX) +off) (A) (AL) (Ri) (A) (AL) (TL) (A) (AL) d8 (A) (AL) (dir) TL - - - - - - - - - - - - - - - - - - - - - - - dL - - - - - - - - - - - - - - - - - - - - - - - TH - - - - - - - - - - - - - - - - - - - - - - - 00 - - - - - - - - - - - - - - - - - - - - - - - AH - - - - - dH - - - - - - dH - - - - dH - - - dH dH 00 dH dH dH - - - - - - - - - - - - - - - - - - - - NZVC ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ +++- ---- ---- ++-- +++- ---- ---- ++-- ---- ---- ++R- ++R- ++R- ++++ ++++ ++-+ ++-+ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- OP code 28 to 2F 24 25 26 27 23 22 38 to 3F 34 35 36 37 33 32 C8 to CF C3 C2 C0 D8 to DF D3 D2 D0 01 11 63 73 53 12 13 03 02 14 15 17 16 18 to 1F 84 94 52 54 55 57 56 58 to 5F 62 64 65
(Continued)
44
MB89170/170A/170L Series
(Continued)
Mnemonic AND A,@EP AND A,@IX +off AND A,Ri OR A OR A,#d8 OR A,dir OR A,@EP OR A,@IX +off OR A,Ri CMP dir,#d8 CMP @EP ,#d8 CMP @IX +off,#d8 CMP Ri,#d8 INCW SP DECW SP ~ 3 4 3 2 2 3 3 4 3 5 4 5 4 3 3 # 1 2 1 1 2 2 1 2 1 3 2 3 2 1 1 Operation (A) (AL) ( (EP) ) (A) (AL) ( (IX) +off) (A) (AL) (Ri) (A) (AL) (TL) (A) (AL) d8 (A) (AL) (dir) (A) (AL) ( (EP) ) (A) (AL) ( (IX) +off) (A) (AL) (Ri) (dir) - d8 ( (EP) ) - d8 ( (IX) + off) - d8 (Ri) - d8 (SP) (SP) + 1 (SP) (SP) - 1 Table 4 Mnemonic BZ/BEQ rel BNZ/BNE rel BC/BLO rel BNC/BHS rel BN rel BP rel BLT rel BGE rel BBC dir: b,rel BBS dir: b,rel JMP @A JMP ext CALLV #vct CALL ext XCHW A,PC RET RETI ~ 3 3 3 3 3 3 3 3 5 5 2 3 6 6 3 4 6 # 2 2 2 2 2 2 2 2 3 3 1 3 1 3 1 1 1 TL - - - - - - - - - - - - - - - TH - - - - - - - - - - - - - - - AH - - - - - - - - - - - - - - - NZVC ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++++ ++++ ++++ ++++ ---- ---- OP code 67 66 68 to 6F 72 74 75 77 76 78 to 7F 95 97 96 98 to 9F C1 D1
Branch Instructions (17 instructions) Operation TL - - - - - - - - - - - - - - - - - TH - - - - - - - - - - - - - - - - - AH - - - - - - - - - - - - - - dH - - NZVC ---- ---- ---- ---- ---- ---- ---- ---- -+-- -+-- ---- ---- ---- ---- ---- ---- Restore OP code FD FC F9 F8 FB FA FF FE B0 to B7 B8 to BF E0 21 E8 to EF 31 F4 20 30
If Z = 1 then PC PC + rel If Z = 0 then PC PC + rel If C = 1 then PC PC + rel If C = 0 then PC PC + rel If N = 1 then PC PC + rel If N = 0 then PC PC + rel If V N = 1 then PC PC + rel If V N = 0 then PC PC + reI If (dir: b) = 0 then PC PC + rel If (dir: b) = 1 then PC PC + rel (PC) (A) (PC) ext Vector call Subroutine call (PC) (A),(A) (PC) + 1 Return from subrountine Return form interrupt Table 5
Other Instructions (9 instructions) Operation TL - - - - - - - - - TH - - - - - - - - - AH - dH - - - - - - - NZVC ---- ---- ---- ---- ---- ---R ---S ---- ---- OP code 40 50 41 51 00 81 91 80 90
Mnemonic PUSHW A POPW A PUSHW IX POPW IX NOP CLRC SETC CLRI SETI
~ 4 4 4 4 1 1 1 1 1
# 1 1 1 1 1 1 1 1 1
45
46
3 RETI PUSHW POPW MOV MOVW CLRI A A A,ext A,PS SETC SETI CLRB BBC INCW DECW JMP MOVW dir: 0 dir: 0,rel A A @A A,PC 4 5 6 7 8 9 A B C D E F CLRB BBC INCW DECW MOVW MOVW dir: 1 dir: 1,rel SP SP SP ,A A,SP SUBC A A A, T A A A XCH XOR AND OR
H
L
0
1
2
0
NOP
SWAP
RET
1
MULU
DIVU
A
A
JMP CALL PUSHW POPW MOV MOVW CLRC addr16 addr16 IX IX ext,A PS,A
2
ROLC
CMP
ADDC
s INSTRUCTION MAP
A
A
MOV MOV CLRB BBC INCW DECW MOVW MOVW @A,T A,@A dir: 2 dir: 2,rel IX IX IX,A A,IX
3
RORC
CMPW
A XOR AND OR DAA A,#d8 A,#d8 A,#d8 DAS
A
ADDCW SUBCW XCHW XORW ANDW ORW MOVW MOVW CLRB BBC INCW DECW MOVW MOVW A A A, T A A A @A,T A,@A dir: 3 dir: 3,rel EP EP EP ,A A,EP CLRB BBC MOVW MOVW MOVW XCHW dir: 4 dir: 4,rel A,ext ext,A A,#d16 A,PC
4
MOV CMP ADDC SUBC A,#d8 A,#d8 A,#d8 A,#d8
5
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP CLRB BBC MOVW MOVW MOVW XCHW A,dir A,dir A,dir A,dir dir,A A,dir A,dir A,dir dir,#d8 dir,#d8 dir: 5 dir: 5,rel A,dir dir,A SP ,#d16 A,SP
6
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP CLRB BBC MOVW MOVW MOVW XCHW A,@IX +d A,@IX +d A,@IX +d A,@IX +d @IX +d,A A,@IX +d A,@IX +d A,@IX +d @IX +d,#d8 @IX +d,#d8 dir: 6 dir: 6,rel A,@IX +d @IX +d,A IX,#d16 A,IX
MB89170/170A/170L Series
7
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP CLRB BBC MOVW MOVW MOVW XCHW A,@EP A,@EP A,@EP A,@EP @EP ,A A,@EP A,@EP A,@EP @EP ,#d8 @EP ,#d8 dir: 7 dir: 7,rel A,@EP @EP ,A EP ,#d16 A,EP DEC R0 DEC R1 DEC R2 DEC R3 DEC R4 DEC R5 DEC R6 DEC R7 R7 R6 R5 R4 R3 R2 R1 R0 CALLV BNC #0 rel CALLV BC #1 CALLV BP #2 CALLV BN #3
8
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R0 A,R0 A,R0 A,R0 R0,A A,R0 A,R0 A,R0 R0,#d8 R0,#d8 dir: 0 dir: 0,rel
9
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R1 A,R1 A,R1 A,R1 R1,A A,R1 A,R1 A,R1 R1,#d8 R1,#d8 dir: 1 dir: 1,rel
rel
A
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R2 A,R2 A,R2 A,R2 R2,A A,R2 A,R2 A,R2 R2,#d8 R2,#d8 dir: 2 dir: 2,rel
rel
B
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R3 A,R3 A,R3 A,R3 R3,A A,R3 A,R3 A,R3 R3,#d8 R3,#d8 dir: 3 dir: 3,rel
rel CALLV BNZ #4 rel CALLV BZ #5
C
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R4 A,R4 A,R4 A,R4 R4,A A,R4 A,R4 A,R4 R4,#d8 R4,#d8 dir: 4 dir: 4,rel
D
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R5 A,R5 A,R5 A,R5 R5,A A,R5 A,R5 A,R5 R5,#d8 R5,#d8 dir: 5 dir: 5,rel
rel CALLV BGE #6 rel CALLV BLT #7
E
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R6 A,R6 A,R6 A,R6 R6,A A,R6 A,R6 A,R6 R6,#d8 R6,#d8 dir: 6 dir: 6,rel
F
MOV CMP ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R7 A,R7 A,R7 A,R7 R7,A A,R7 A,R7 A,R7 R7,#d8 R7,#d8 dir: 7 dir: 7,rel
rel
MB89170/170A/170L Series
s MASK OPTIONS
Part number No. Specifying procedure MB89173L MB89174L MB89P173 MB89173 MB89174A MB89P173-201 MB89P175A MB89PV170A Standard option product Set with EPROM programmer Setting not possible
Specify when Specify when ordering ordering masking masking
1
Pull-up resistors * P00 to P07, P10 to P17 * P30 to P37, P40 to P44
Can be selected per pin
Can be selected per pin
Can be set per pin (However, All ports P40 to P44 Fixed to no pullare available up resistor only for no pull-up resistor.) Fixed to no Setting power-on reset possible option
All ports Fixed to no pull-up resistor option
2
Power-on reset * Power-on reset provided * No power-on reset Selection of oscillation stabilization time initial value (when operating at FCH = 3.58 MHz) 3: 218/FCH (approx. 73.2 ms) 2: 216/FCH (approx. 18.3 ms) 1: 212/FCH (approx. 1.1 ms) 0: 23/FCH (approx. 0 ms) Reset pin output * Reset output enabled * Reset output disabled Clock mode selection * Dual-clock mode * Single-clock mode
Selectable
Selectable
Fixed to power-on reset option
3
Selectable
Selectable
Fixed to 216/FCH
Setting possible
Fixed to 218/ FCH
4
Selectable Fixed to single-clock mode
Selectable
Fixed to reset output option Fixed to dualclock mode
Setting possible Setting possible
Fixed to reset output option Fixed to dualclock mode
5
Selectable
Note: Reset is input asynchronized with the internal clock whether power-on reset is provided or not.
s ORDERING INFORMATION
Part number MB89173PF MB89174APF MB89P173PF MB89P175APF MB89173LPF MB89174LPF MB89PV170ACF Package Remarks
48-pin Plastic QFP (FPT-48P-M16)
48-pin Ceramic MQFP (MQP-48C-P01)
47
MB89170/170A/170L Series
s PACKAGE DIMENSION
48-pin Plastic QFP (FPT-48P-M16)
17.200.40 SQ (.677.016) +0.30 12.00 -0.10 SQ .472 -.004
+.012
36
25
2.70(.106)MAX (Mounting height) 0.05(.002)MIN (STAND OFF)
37
24
Details of "A" part 0.15(.006) 8.80 (.346) REF
13.600.40 (.535.016)
0.20(.008) 0.15(.006)MAX 0.50(.020)MAX
INDEX
48
"A"
13
Details of "B" part
LEAD No.
1
12
0.15 -0.01 0.300.06 (.012.002) "B" 0.16(.006)
M
+0.05 +.002
0.80(.0315)TYP
.006 -.0004 1.800.30 (.071.012)
0~10
0.15(.006)
C
1994 FUJITSU LIMITED F48026S-1C-1
Dimensions in mm (inches)
48
MB89170/170A/170L Series
48-pin Ceramic MQFP (MQP-48C-P01)
PIN No.1 INDEX
17.20(.677)TYP 15.000.25 (.591.010) 14.820.35 (.583.014) 1.50(.059)TYP 1.00(.040)TYP 8.80(.346)REF 0.800.22 (.0315.0087) PIN No.1 INDEX
1.020.13 (.040.005)
10.92 -0.0 .430 -0
+0.13 +.005
7.14(.281) 8.71(.343) TYP TYP
PAD No.1 INDEX 0.30(.012)TYP 4.50(.177)TYP 1.10 -0.25 .043 -.010
+0.45 +.018
0.400.08 (.016.003)
0.60(.024)TYP
8.50(.335)MAX
0.150.05 (.006.002)
C
1994 FUJITSU LIMITED M48001SC-4-2
Dimensions in mm (inches)
49
MB89170/170A/170L Series
FUJITSU LIMITED
For further information please contact:
Japan FUJITSU LIMITED Corporate Global Business Support Division Electronic Devices KAWASAKI PLANT, 4-1-1, Kamikodanaka Nakahara-ku, Kawasaki-shi Kanagawa 211-8588, Japan Tel: 81(44) 754-3763 Fax: 81(44) 754-3329
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. FUJITSU semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU sales representatives before such use. The company will not be responsible for damages arising from such use without prior approval. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan.
http://www.fujitsu.co.jp/
North and South America FUJITSU MICROELECTRONICS, INC. Semiconductor Division 3545 North First Street San Jose, CA 95134-1804, USA Tel: (408) 922-9000 Fax: (408) 922-9179 Customer Response Center Mon. - Fri.: 7 am - 5 pm (PST) Tel: (800) 866-8608 Fax: (408) 922-9179
http://www.fujitsumicro.com/
Europe FUJITSU MICROELECTRONICS EUROPE GmbH Am Siebenstein 6-10 D-63303 Dreieich-Buchschlag Germany Tel: (06103) 690-0 Fax: (06103) 690-122
http://www.fujitsu-ede.com/
Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE LTD #05-08, 151 Lorong Chuan New Tech Park Singapore 556741 Tel: (65) 281-0770 Fax: (65) 281-0220
http://www.fmap.com.sg/
F9910 (c) FUJITSU LIMITED Printed in Japan


▲Up To Search▲   

 
Price & Availability of MB89174APF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X