Part Number Hot Search : 
5C100 LT1057 RS804 RD35471K TFDU5103 LVC2G34 CS51311 KM68512B
Product Description
Full Text Search
 

To Download LPY530AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LPY530AL
MEMS motion sensor: dual axis pitch and yaw 300/s analog gyroscope
Preliminary data
Features

2.7 V to 3.6 V single supply operation Very extended operating temperature range (-40C to +85C) High stability overtemperature Absolute analog rate output Two separate outputs for each axis (1x and 4x amplified) Integrated low-pass filters Low power consumption Embedded power-down Embedded self-test High shock and vibration survivability ECOPACK(R) RoHS and "Green" compliant (see Section 5) The LPY530AL has a full scale of 300 /s and is capable of detecting rates with a -3 dB bandwidth up to 140 Hz. The gyroscope is the combination of one actuator and one accelerometer integrated in a single micromachined structure. It includes a sensing element composed by single driving mass, kept in continuos oscillating movement and able to react when an angular rate is applied based on the Coriolis principle. A CMOS IC provides the measured angular rate to the external world through an analog output voltage, allowing high level of integration and production trimming to better match sensing element characteristics. ST gyroscope family leverages on robust and mature manufacturing process already used for the production of micromachined accelerometers. ST is already in the field with several hundreds million sensors with excellent acceptance from the market in terms of quality, reliability and performance. LPY530AL is provided in plastic land grid array (LGA) package. Several years ago ST pioneered successfully the usage of this package for accelerometers. Today ST has the widest manufacturing capability and strongest expertise in the world for production of sensor in plastic LGA package.
Package LGA-16 (5x5x1.5) LGA-16 (5x5x1.5) Packing Tray Tape and reel
LGA-16L (5x5x1.5mm)
Applications

Pointing devices, remote and game controllers Motion control with user interface GPS navigation systems Industrial and robotics
Description
The LPY530AL is a low-power two-axis micromachined gyroscope able to measure angular rate along pitch and yaw axes. It provides excellent temperature stability and high resolution over extended operating temperature range (-40C to +85C). Table 1. Device summary
Temperature range (C) -40 to +85 -40 to +85
Order code LPY530AL LPY530ALTR
July 2009
Doc ID 15807 Rev 2
1/12
www.st.com 12
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Contents
LPY530AL
Contents
1 Block diagram and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Mechanical and electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 2.2 2.3 Mechanical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Terminology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.1 3.2 3.3 3.4 Sensitivity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Zero-rate level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Self-test . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 High pass filter reset (HP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4
Application hints . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.1 4.2 Output response vs. rotation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Soldering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5 6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
2/12
Doc ID 15807 Rev 2
LPY530AL
Block diagram and pin description
1
Block diagram and pin description
Figure 1. Block diagram
+
x
+
CHARGE AMPLIFIER
DEMODULATOR SWITCHED CAPACITOR LOW-PASS FILTER Optional LP/HP Filter Not amplified filtered output X GAIN 4x 4xOUTX (amplified)
-
X/Z DRIVING MASS
GAIN 4x Feedback loop
4xOUTZ (amplified)
+
z
+
CHARGE AMPLIFIER SWITCHED CAPACITOR LOW-PASS FILTER DEMODULATOR Optional LP/HP Filter
Not amplified filtered output Z
-
REFERENCE
TRIMMING CIRCUITS
CLOCK
PHASE GENERATOR
1.1
Pin description
Figure 2. Pin connection
Res
+
z
HP PD
14 13
Res
16 1
GND FILTVDD VCONT FILTIN X
+
(TOP VIEW) DIRECTION OF THE DETECTABLE ANGULAR RATES
x
ST FILTIN Z FILTOUT Z/ OUT Z
9 8
4xOUTZ Vref
Vdd
5 6
4xOUTX
FILTOUT X/ OUT X
(BOTTOM VIEW)
Doc ID 15807 Rev 2
3/12
Block diagram and pin description
LPY530AL
Table 2.
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14,15 16
Pin description
Pin name GND FILTVDD VCONT OUTX 4xINX 4xOUTX Vref 4xOUTZ 4xINZ OUTZ ST PD HP Res Vdd 0V supply voltage PLL filter connection pin #2 PLL filter connection pin #1 Not amplified output Input of 4x amplifier X rate signal output voltage (amplified) Reference voltage Z rate signal output voltage (amplified) Input of 4x amplifier Not amplified output Self-test (logic 0: normal mode; logic 1: self-test) Power-down (logic 0: normal mode; logic 1: power-down mode) High pass filter reset (logic 0: normal operation mode; logic1: external high pass filter is reset) Reserved. Connect to Vdd Power supply Analog function
4/12
Doc ID 15807 Rev 2
LPY530AL
Mechanical and electrical specifications
2
2.1
Table 3.
Symbol FSA FS SoA So SoDr Voff Vref OffDr NL BW Rn Top
Mechanical and electrical specifications
Mechanical characteristics
Mechanical characteristics @ Vdd = 3 V, T = 25 C unless otherwise noted(1)
Parameter Measurement range Sensitivity(3) Sensitivity change vs temperature Zero-rate level(3) Reference voltage Zero-rate level change Delta from 25C Vs temperature Non linearity Bandwidth
(4)
Test condition 4x OUT (amplified) OUT (not amplified) 4x OUT (amplified) OUT (not amplified) Delta from 25C
Min.
Typ.(2) 300 1200 3.33 0.83 0.037 1.23 1.23 0.05 1 140 0.035
Max.
Unit /s /s mV/ /s mV/ /s %/C V V /s/C % FS Hz /s /
Best fit straight line
Rate noise density Operating temperature range -40
Hz
+85
C
1. The product is factory calibrated at 3 V. The operational power supply range is specified in Table 4. 2. Typical specifications are not guaranteed 3. Sensitivity and Zero-rate Offset are not ratiometric to supply voltage 4. The product is capable of measuring angular rates extending from DC to the selected BW.
Doc ID 15807 Rev 2
5/12
Mechanical and electrical specifications
LPY530AL
2.2
Table 4.
Symbol Vdd Idd IddPdn
Electrical characteristics
Electrical characteristics @ Vdd =3 V, T=25 C unless otherwise noted(1)
Parameter Supply voltage Supply current Supply current in power-down mode Self-test input Logic 1 level Logic 0 level 0.8*Vdd 0 0.8*Vdd -40 Vdd 0.2*Vdd V Logic 1 level Top Operating temperature range Vdd +85 C PD pin connected to GND PD pin connected to Vdd Logic 0 level VST 0 Test condition Min. 2.7 Typ.(2) 3 6.8 1 5 0.2*Vdd V Max. 3.6 Unit V mA A
VPD
Power-down input
1. The product is factory calibrated at 3 V 2. Typical specifications are not guaranteed
2.3
Absolute maximum ratings
Stresses above those listed as "absolute maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 5.
Symbol Vdd Vin A TSTG ESD Supply voltage Input voltage on any control pin (PD, ST) Acceleration) Storage temperature range Electrostatic discharge protection
Absolute maximum ratings
Ratings Maximum value -0.3 to 6 -0.3 to Vdd +0.3 3000 g for 0.5 ms 10000 g for 0.1 ms -40 to +125 2 (HBM) C kV Unit V V
This is a mechanical shock sensitive device, improper handling can cause permanent damage to the part This is an ESD sensitive device, improper handling can cause permanent damage to the part
6/12
Doc ID 15807 Rev 2
LPY530AL
Terminology
3
3.1
Terminology
Sensitivity
An angular rate gyroscope is a device that produces a positive-going output voltage for counterclockwise rotation around the sensible axis considered. Sensitivity describes the gain of the sensor and can be determined by applying a defined angular velocity to it. This value changes very little over temperature and time.
3.2
Zero-rate level
Zero-rate level describes the actual output signal if there is no angular rate present. Zerorate level of precise MEMS sensors is, to some extent, a result of stress to the sensor and therefore zero-rate level can slightly change after mounting the sensor onto a printed circuit board or after exposing it to extensive mechanical stress. This value changes very little over temperature and time.
3.3
Self-test
Self-test allows testing the mechanical and electrical part of the sensor, allowing the seismic mass to be moved by means of an electrostatic test-force. The Self-test function is off when the ST pin is connected to GND. When the ST pin is tied to Vdd, an actuation force is applied to the sensor, emulating a definite Coriolis force. In this case the sensor output will exhibit a voltage change in its DC level which is also dependent on the supply voltage. When ST is active, the device output level is given by the algebraic sum of the signals produced by the velocity acting on the sensor and by the electrostatic test-force. If the output signals change within the amplitude specified in Table 3, then the mechanical element is working properly and the parameters of the interface chip are within the defined specification.
3.4
High pass filter reset (HP)
LPY530AL provides the possibility to reset the optional external high pass filter by applying high logic value to HP pad. This procedure ensures faster response expecially during overload conditions. Moreover, this operation is suggested each time the device is powered.
Doc ID 15807 Rev 2
7/12
Application hints
LPY530AL
4
Application hints
Figure 3. LPY530AL electrical connections and external components values
+ z
10nF 10kOhm
C2
GND 470nF GND Vdd
+
x
R1
C1
100 nF
10 F
(TOP VIEW) DIRECTION OF THE DETECTABLE ANGULAR RATES
GND
1
16
14 13
HP PD
Not amplified filtered output X
LPY530AL (Top View)
R2 C2 GND R1 Vref 4xOUTX 4xOUTZ Vref C1
ST
Not amplified filtered output Z
5
6
8
9
C1 R1 Vref
R2 C2 GND
Recomended Optional Low-pass filter High-pass filter Typical values: R1 = 1MOhm C1 = 4.7 uF R2 = 33kOhm C2 = 2.2nF to 2.2uF
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 F Aluminum) should be placed as near as possible to the device (common design practice). The LPY530AL allows band limiting the output rate response through the use of an external low pass filter (suggested) and/or high pass filter (optional) in addition to the embedded low pass filter (ft = 140 Hz). 4xOUTX and 4xOUTZ are respectively OUTX and OUTZ amplified outputs lines, internally buffered to ensure low output impedance. If external high pass or low pass filtering is not applied it is mandatory to short-circuit respectively pad 4 to pad 5 and pad 9 to pad 10 when amplified outputs are used. When only not-amplified output are used (OUTX/Z), it is suggested to set pads 5 and 9 to fixed reference voltage (Vref). When high pass filter is applied to not amplified output (OUTx), it is recommended to buffer the line before entering ADC for performance optimization. The LPY530AL IC includes a PLL (phase locked loop) circuit to synchronize driving and sensing interfaces. Capacitors and resistors must be added at FILTVDD and VCONT pins (as shown in Figure 3) to implement a low-pass filter.
8/12
Doc ID 15807 Rev 2
LPY530AL
Application hints
4.1
Output response vs. rotation
Figure 4. Output response vs. rotation +
z
+
z
+
x
+
Positive rotations as indicated by arrows increase output value over Zero rate level:
x
Steady State position: 4xOUTX = 4xOUTZ = 1.23V OUTX = OUTZ = 1.23V
+300/sec --> 4xOUTX, 4xOUTZ = 1.23V + SoA*300 = 2.23V +300/sec --> OUTX, OUTZ = 1.23V + So*300 = 1.48V
4.2
Soldering information
The LGA package is compliant with the ECOPACK(R), RoHS and "Green" standard. It is qualified for soldering heat resistance according to JEDEC J-STD-020C. Leave "pin 1 indicator" unconnected during soldering. Land pattern and soldering recommendations are available at www.st.com
Doc ID 15807 Rev 2
9/12
Package information
LPY530AL
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK(R) is an ST trademark. Figure 5. LGA-16: mechanical data and package dimensions
A1 A2 A3 C D1 E1 L L1 M M1 M2 N N1 T1 T2 R S h k j
1.46
1.5
1.6 1.33
0.057
0.059
0.063 0.052
0.16
0.2 0.3
0.24
0.006
0.008 0.012
0.009
4.85 4.85
5 5 0.8 3.2 1.6
5.15 5.15
0.191 0.191
0.197 0.197 0.031 0.126 0.062
0.203 0.203
2.15
2.175 1.625 2.175 2.4 0.8
2.20
0.085
0.086 0.064 0.086 0.094 0.031
0.087
LGA-16 (5x5x1.5mm) Land Grid Array Package
0.021 0.063
0.475 1.2
0.5
0.525 1.6
0.019 0.047
0.020
0.1 0.15 0.05 0.1
0.004 0.006 0.002 0.004
7887555A
10/12
Doc ID 15807 Rev 2
LPY530AL
Revision history
6
Revision history
Table 6.
Date 04-Jun-2009 06-Jul-2009
Document revision history
Revision 1 2 Initial release Small text changes to improve readability. Updated Table 4 Changes
Doc ID 15807 Rev 2
11/12
LPY530AL
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12
Doc ID 15807 Rev 2


▲Up To Search▲   

 
Price & Availability of LPY530AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X