Part Number Hot Search : 
OP4008B CY14B 408RT4FI IBAADS 1N387907 TP3D227 TDA1386 TA7698
Product Description
Full Text Search
 

To Download LBN09613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
96MHz SAW Filter 24MHz Bandwidth
Part Number: LBN09613
www.sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter Single-ended operation Ceramic Surface Mount Package Small size RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 1 dB Bandwidth 20 dB Bandwidth Passband Variation Absolute Delay 10-68.4MHz Ultimate Rejection @76.8MHz 123.6-162.8MHz 168-1000MHz Material Temperature coefficient Substrate Material Ambient Temperature DC Voltage Input Power ESD Class Package Size Notes: 1. 2. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. This is the optimum impedance in order to achieve the performance show. KHz/C C V dBm dB
Unit
MHz dB MHz MHz dB usec
Minimum
95.7 24 45 40 50 35
Typical
96 9.8 24.58 29.2 0.5 0.58 48 43 51 45 -7.87 128LN 25 0 1A
Maximum
96.3 15 30 1 -
10
SMD7.0*5.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09613 2010-09-08 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
96MHz SAW Filter 24MHz Bandwidth
Part Number: LBN09613
www.sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1 L2
L1=220nH L2=180nH
OUTPUT 50 C1
Notes - Component values may change depending on board layout.
INPUT 50
C1=68pF Source/Load Impedance=50 ohm
Package Dimension
7.000.15 8 9 7 6 5.000.15 5
Pad Configuration: Input: 9 Output: 4 Ground: All Others
10
SIPAT LBN09613 XXYYZZ
1 2 3
4
1.500.15
Marking Configuration: 1) *: Pad Number 1 Index 2) SIPAT: Manufacturer Name 3) LBN09613: Part Number 4) XXYY: Date(Year/month)
0.60 1 10 2 3
1.00
4 2.54
0.80
5) ZZ: Identified Code
9 8 7 6
5
1.27
Package: SMD7.0*5.0
Unit: mm
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09613 2010-09-08 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
96MHz SAW Filter 24MHz Bandwidth
Part Number: LBN09613
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Response
Type Performance 0.1611 -9.8389 -19.8389
-9.3389 -8.3389
Passband Response
Type Performance
-8.8389
-29.8389 Magnitude(dB)
A m plitude ripple(dB )
-39.8389 -49.8389 -59.8389 -69.8389
-9.8389
-10.3389
-10.8389
-11.3389
-79.8389 -89.8389 -99.8389
-11.8389
50
60
70
80
90 100 110 Frequency(MHz)
120
130
140
70
75
80
85
90
95 Frequency(MHz)
100
105
110
115
120
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f012MHz)
Type Performance 700
Phase Linearity(f012MHz)
Type Performance 20
15
650
10
600
X: 96 Y: 584.5 X: 84 Y: 585.5
5
X: 84 Y: -1.071
X: 96 Y: 1.394 X: 108 Y: -1.962
G roup Delay T im e(ns )
550
Degree(deg)
115
X: 108 Y: 556.8
0
-5
500
-10
-15
450
-20
-25
400 80 85 90 95 Frequency(MHz) 100 105 110
80
85
90
95 Frequency(MHz)
100
105
110
115
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: MHz/Div
Vertical: 5deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
0.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09613 2010-09-08 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN09613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X