|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bothhand USA "LAN-MATE" SERIES email:sales@bothhandusa.com tel: 978-887-8050 SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS P/N:LA1S109N-D34 LF Page : 1/2 Feature l l l l l l RJ-45 needs to be matched FCC standard Isolation @ 60Hz : Input to output:1500Vrms. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J. Recommended panel Part Number D3 4 Standard LED Forward*V(Max) YELLOW& GREEN 2.6V GREEN 2.6V (TYP) 2.2V 2.1V *with a forward current of 20mA Electrical Specifications @ 25C Part Number TX LA1S109N-D34 LF 1CT:1CT Turns Ratio (5%) RX 1CT:1CT OCL (uH Min) @ 100KHz/0.1V with 8mA DC Bias 350 0.3-30MHz -40 Cross talk (dB Min) 30-60MHz -35 60-100MHz -30 1500 HI-POT (Vrms) Continue Part Number LA1S109N-D34 LF Insertion Loss (dB Max) 1-100MHz -1.0 1-30MHz -16 Return Loss (dB Min) @ Load 100[ 30-40MHz 40-50MHz 50-80MHz -13.5 -11.5 -10 1-30MHz -30 CMR (dB Min) 30-60MHz -25 60-125MHz -20 Schematic 462 Boston St, Topsfield, MA 01983 http://www.bothhandUSA.com email:sales@bothhandusa.com A1(08/02) tel: 978-887-8050 fax: 978-887-5434 Bothhand USA "LAN-MATE" SERIES email:sales@bothhandusa.com tel: 978-887-8050 SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS P/N:LA1S109N-D34 LF Mechanical Page : 2/2 1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability : Thermoplastic (UL 94V-0), Black Housing : Brass, 20u" inches thick Nickel : Phosphor bronze with selective gold plating : 0.4x0.4mm, Phosphor bronze with solder Plated : 750 Mating cycles Min. PCB Layout Mounting Hole(Top View) 462 Boston St, Topsfield, MA 01983 http://www.bothhandUSA.com email:sales@bothhandusa.com A1(08/02) tel: 978-887-8050 fax: 978-887-5434 |
Price & Availability of LA1S109N-D34LF |