Part Number Hot Search : 
1N938B 56163 BU189 BU400 F4002 LVG25030 CMD4A RURG306
Product Description
Full Text Search
 

To Download IXFP12N50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PolarTM Power MOSFET HiperFETTM
N-Channel Enhancement Mode Avalanche Rated
IXFA12N50P IXFP12N50P
VDSS ID25
RDS(on)
= 500V = 12A 500m
Symbol VDSS VDGR VGSS VGSM ID25 IDM IA EAS dV/dt PD TJ TJM Tstg TL TSOLD Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C, RGS = 1M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, VDD VDSS, TJ 150C TC = 25C
Maximum Ratings 500 500 30 40 12 30 12 600 20 200 -55 ... +150 150 -55 ... +150 V V V V A A A mJ V/ns W C C C C C Nm/lb.in. g g
TO-263 (IXFA)
G
S (TAB)
TO-220 (IXFP)
G
DS
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6mm (0.062) from case for 10s Plastic body for 10s Mounting torque TO-263 TO-220 (TO-220)
300 260 1.13 / 10 2.5 3.0
Features International standard packages Unclamped Inductive Switching (UIS) rated Low package inductance - easy to drive and to protect Advantages Easy to mount Space savings High power density
Symbol Test Conditions (TJ = 25C, unless otherwise specified) BVDSS VGS(th) IGSS IDSS RDS(on) VGS = 0V, ID = 250A VDS = VGS, ID = 1mA VGS = 30V, VDS = 0V VDS = VDSS VGS = 0V TJ = 125C
Characteristic Values Min. Typ. Max. 500 3.0 5.5 V V
100 nA 5 250 A A
VGS = 10V, ID = 0.5 * ID25, Note 1
500 m
(c) 2008 IXYS CORPORATION, All rights reserved
DS99436F(04/08)
IXFA12N50P IXFP12N50P
Symbol Test Conditions (TJ = 25C, unless otherwise specified) gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCS VDS = 20V, ID = 0.5 * ID25, Note 1 VGS = 0V, VDS = 25V, f = 1MHz Resistive Switching Times VGS = 10V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 50 (External) Characteristic Values Min. Typ. Max. 7.5 13 1830 182 16 22 27 65 20 29 11 10 0.50 S pF pF pF ns ns ns ns nC nC nC 0.62 C/W C/W
Pins: 1 - Gate 2 - Drain
TO-220 (IXFP) Outline
VGS= 10V, VDS = 0.5 * VDSS, ID = 0.5 * ID25
(TO-220)
Source-Drain Diode Symbol IS ISM VSD trr QRM IRM Test Conditions VGS = 0V
Characteristic Values (TJ = 25C, unless otherwise specified) Min. Typ. Max. 12 A 48 A 1.5 V 2.8 18.2 300 ns C A TO-263 (IXFA) Outline
Repetitive, pulse width limited by TJM IF = IS, VGS = 0V, Note 1 IF = 6A, -di/dt = 150A/s, VR = 100V, VGS = 0V
Note 1: Pulse test, t 300 s; duty cycle, d 2%.
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered 4,835,592 by one or moreof the following U.S. patents: 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,381,025 5,486,715 6,162,665 6,259,123 B1 6,306,728 B1 6,404,065 B1 6,534,343 6,583,505 6,683,344 6,727,585 7,005,734 B2 6,710,405 B2 6,759,692 7,063,975 B2 6,710,463 6,771,478 B2 7,071,537 7,157,338B2
IXFA12N50P IXFP12N50P
Fig. 1. Output Characteristics @ 25C
12 VGS = 10V 10 8 6 4 2 6V 0 0 1 2 3 4 5 6 7 30 27 24 21 7V VGS = 10V 8V
Fig. 2. Extended Output Characteristics @ 25C
I D - Amperes
I D - Amperes
18 15 12 9 6 3 0
0 3 6 9 12 15 18 21 24 27 30
7V
6V
V D S - Volts Fig. 3. Output Characteristics @ 125C
12 VGS = 10V 10 8 6 4 2 5V 0 0 2 4 6 8 10 12 6V 7V 2.6 2.4 2.2 VGS = 1 0V
V D S - Volts Fig. 4. RDS(on) Normalized to I D = 6A Value vs. Junction Temperature
R D S ( o n ) - Normalized
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 -25 0 25 50 75 100 125 150 ID = 12A ID = 6A
I D - Amperes
VD S - Volts Fig. 5. RDS(on) Normalized to I D = 6A Value vs. Drain Current
3.4 3.0 VGS = 1 0V TJ = 125 C 2.6 14 12 10
TJ - Degrees Centigrade
Fig. 6. Drain Curre nt v s. Case Te mpe rature
R D S ( o n ) - Normalized
I D - Amperes
TJ = 25 C 0 3 6 9 12 15 18 21 24 27 30
2.2 1.8 1.4 1.0 0.6
8 6 4 2 0 -50 -25 0 25 50 75 100 125 150
I
D
- Amperes
T C - Degrees Centigrade
(c) 2008 IXYS CORPORATION, All rights reserved
IXFA12N50P IXFP12N50P
Fig. 7. Input Admittance
20 18 16 27 24 21
Fig. 8. Transconductance
g f s - Siemens
I D - Amperes
14 12 10 8 6 4 2 0 4.5 5.0 5.5 6.0
S
18 15 12 9 6 3 0
TJ = - 40C 25C 125C
TJ = 125 C 25C - 40C
6.5
7.0
7.5
0
2
4
6
8
10
12
14
16
18
20
VG
- Volts
I
D
- Amperes
Fig. 9. Source Current vs. Source-To-Drain Voltage
35 30 25 10 9 8 7
Fig. 10. Gate Charge
VDS = 250V ID = 6A IG = 10m A
I S - Amperes
VG S - Volts
TJ = 25C
20 15 TJ = 125 C 10 5 0 0.4 0.5 0.6 0.7
D
6 5 4 3 2 1 0
0.8
0.9
1.0
0
3
6
9
12
G
15
18
21
24
27
30
VS
- Volts
Q
- nanoCoulombs
Fig. 11. Capacitance
10000 100
Fig. 12. Forward-Bias Safe Operating Area
f=1 MHz
Capacitance - picoFarads
Ciss 1000 Coss 100 RDS(on) Limit
TJ = 150C TC = 25C
I D - Amperes
10
25s
100s
Crss DC 10 0 5 10 15 20 25 30 35 40 1 10 100
1m s 10ms 1000
VD S - Volts
V D S - Volts
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFA12N50P IXFP12N50P
Fig. 13. Maximum Transient Thermal Impedance
1.00
Z ( t h ) J C - C / W
0.10
0.01 0.01 0.1 1 10 100 1000
Pulse Width - milliseconds
(c) 2008 IXYS CORPORATION, All rights reserved
IXYS REF: T_12N50P(4J)4-14-08-D


▲Up To Search▲   

 
Price & Availability of IXFP12N50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X