Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download HCTS74KTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCTS74T
Data Sheet July 1999 File Number
4625.1
Radiation Hardened Dual-D Flip-Flop with Set and Reset
Intersil's Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD total dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability. The Intersil HCTS74T is a Radiation Hardened positive edge triggered flip-flop with set and reset.
Features
* QML Class T, Per MIL-PRF-38535 * Radiation Performance - Gamma Dose () 1 x 105 RAD(Si) - Latch-Up Free Under Any Conditions - SEP Effective LET No Upsets: >100 MEV-cm2/mg - Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ) * 3 Micron Radiation Hardened SOS CMOS * Significant Power Reduction Compared to LSTTL ICs
Specifications
Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed below must be used when ordering. Detailed Electrical Specifications for the HCTS74T are contained in SMD 5962-95763. A "hot-link" is provided from our website for downloading. www.intersil.com/spacedefense/newsafclasst.asp Intersil's Quality Management Plan (QM Plan), listing all Class T screening operations, is also available on our website. www.intersil.com/quality/manuals.asp
* DC Operating Voltage Range: 4.5V to 5.5V * LSTTL Input Compatibility - VIL = 0.8V Max - VIH = VCC/2 Min * Input Current Levels Ii 5mA at VOL, VOH
Pinouts
HCTS74T (SBDIP), CDIP2-T14 TOP VIEW
R1 1 D1 2 14 VCC 13 R2 12 D2 11 CP2 10 S2 9 Q2 8 Q2
Ordering Information
ORDERING NUMBER 5962R9576301TCC 5962R9576301TXC PART NUMBER HCTS74DTR HCTS74KTR TEMP. RANGE (oC) -55 to 125 -55 to 125
CP1 3 S1 4 Q1 5 Q1 6 GND 7
NOTE: Minimum order quantity for -T is 150 units through distribution, or 450 units direct.
R1 D1 CP1 S1 Q1 Q1 GND
HCTS74T (FLATPACK), CDFP3-F14 TOP VIEW
1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC R2 D2 CP2 S2 Q2 Q2
4-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999 Satellite Applications FlowTM (SAF) is a trademark of Intersil Corporation.
HCTS74T Functional Diagram
S CL 4(10) CL D P N CL CL P N R CL P N CL CL P N CL Q 6(8) Q 5(9)
2(12)
1(13) CP 3(11) CL CL
TRUTH TABLE INPUTS SET L H L H H H RESET H L L H H H L CP X X X D X X X H L X Q H L H H L Q0 OUTPUTS Q L H H L H Q0
NOTE: L = Logic Level Low, H = Logic Level High, X = Don't Care = Transition from Low to High Level. Q0 = The level of Q before the indicated input conditions were established. This configuration is non-stable, that is, it will not persist when set and reset inputs return to their inactive (High) level.
4-2
HCTS74T Die Characteristics
DIE DIMENSIONS: (2261m x 2235m x 533m 51m) 89 x 88 x 21mils 2mil METALLIZATION: Type: Al Si Thickness: 11kA 1kA SUBSTRATE POTENTIAL: Unbiased (Silicon on Sapphire) BACKSIDE FINISH: Sapphire PASSIVATION: Type: Silox (SiO2) Thickness: 13kA 2.6kA WORST CASE CURRENT DENSITY: < 2.0e5 A/cm2 TRANSISTOR COUNT: 200 PROCESS: CMOS SOS
Metallization Mask Layout
HCTS74T
D1 (2) R1 (1) VCC (14)
CP1 (3)
(13) R2
NC
(12) D2
S1 (4) NC
Q1 (5)
(11) CP2
(10) S2 Q1 (6)
(7) GND
(8) Q2
(9) Q2
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask series for the HCTS74 is TA14438A.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
4-3


▲Up To Search▲   

 
Price & Availability of HCTS74KTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X