Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
 

To Download HCS410T-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCS410
KEELOQ(R) Code Hopping Encoder and Transponder
FEATURES
Security
* Two programmable 64-bit encoder keys * 16/32-bit bi-directional challenge and response using one of two keys * 69-bit transmission length * 32-bit unidirectional code hopping, 37-bit nonencrypted portion * Encoder keys are read protected * Programmable 28/32-bit serial number * 60/64-bit, read-protected seed for secure learning * Three IFF encryption algorithms * Delayed increment mechanism * Asynchronous transponder communication * Queuing information transmitted
PACKAGE TYPES
PDIP, SOIC
S0 S1 S2/LED LC1 1 8 VDD LC0 PWM GND
HCS410
HCS410
2 3 4
1 2 3 4
7 6 5
8 7 6 5
TSSOP
S2/LED LC1 GND PWM
S1 S0 VDD LC0
BLOCK DIAGRAM
VDD Power Control Oscillator Configuration Register S0 S1 Debounce Control and Queuer Address Decoding EEPROM Encryption/Increment Logic
Operating
* 2.0V - 6.6V operation, 13V encoder only operation * Three switch inputs [S2, S1, S0]--seven functions * Batteryless bi-directional transponder * Selectable baud rate and code word blanking * Automatic code word completion * Battery low signal transmitted * Non-volatile synchronization * PWM or Manchester RF encoding * Combined transmitter, transponder operation * Anti-collision of multiple transponders * Passive proximity activation * Device protected against reverse battery * Intelligent damping for high Q LC-circuits
Wake-up Logic
Transponder Circuitry
LCI0 LCI1
PPM Detector PWM PPM Manch. Encoder
PWM
PWM Driver
Other
* 37-bit nonencrypted part contains 28/32-bit serial number, 4/0-bit function code, 1-bit battery low, 2-bit CRC, 2-bit queue * Simple programming interface * On-chip tunable RC oscillator (10%) * On-chip EEPROM * 64-bit user EEPROM in transponder mode * Battery-low LED indication * SQTP serialization quick-time programming * 8-pin PDIP/SOIC/TSSOP and die
Typical Applications
* * * * * * * Automotive remote entry systems Automotive alarm systems Automotive immobilizers Gate and garage openers Electronic door locks (Home/Office/Hotel) Burglar alarm systems Proximity access control
*Secure Learn patent pending.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 1
Register
S2
LED Control
Control Logic and Counters
HCS410
DESCRIPTION
The HCS410 is a code hopping transponder device designed for secure entry systems. The HCS410 utilizes the patented KEELOQ code hopping system and bi-directional challenge-and-response for logical and physical access control. High security learning mechanisms make this a turnkey solution when used with the KEELOQ decoders. The encoder keys and synchronization information are stored in protected on-chip EEPROM. A low cost batteryless transponder can be implemented with the addition of an inductor and two capacitors. A packaged module including the inductor and capacitor will also be offered. A single HCS410 can be used as an encoder for Remote Keyless Entry (RKE) and a transponder for immobilization in the same circuit and thereby dramatically reducing the cost of hybrid transmitter/transponder circuits.
1.0
1.1
SYSTEM OVERVIEW
Key Terms
* Anti-Collision - Allows two transponders to be in the files simultaneously and be verified individually. * CH Mode - Code Hopping Mode. The HCS410 transmits a 69-bit transmission each time it is activated, with at least 32-bits changing each time the encoder is activated. * Encoder Key - A unique 64-bit key generated and programmed into the encoder during the manufacturing process. The encoder key controls the encryption algorithm and is stored in EEPROM on the encoder device. * IFF - Identify friend or foe is a means of validating a token. A decoder sends a random challenge to the token and checks that the response of the token is a valid response. * KEELOQ Encryption Algorithm - The high security level of the HCS410 is based on the patented KEELOQ technology. A block cipher encryption algorithm based on a block length of 32 bits and a key length of 64 bits is used. The algorithm obscures the information in such a way that even if the unencrypted/challenge information differs by only one bit from the information in the previous transmission/challenge, the next coded transmission/response will be totally different. Statistically, if only one bit in the 32-bit string of information changes, approximately 50 percent of the coded transmission will change. * Learn - The HCS product family facilitates several learning strategies to be implemented on the decoder. The following are examples of what can be done. Normal Learn -The receiver uses the same information that is transmitted during normal operation to derive the transmitter's encoder key, decrypt the discrimination value and the synchronization counter. Secure Learn* - The transmitter is activated through a special button combination to transmit a stored 60-bit value (random seed) that can be used for key generation or be part of the key. Transmission of the random seed can be disabled after learning is completed. * Manufacturer's Code - A 64-bit word, unique to each manufacturer, used to produce a unique encoder key in each transmitter (encoder). * Passive Proximity Activation - When the HCS410 is brought into in a magnetic field without a command given by the base station, the HCS410 can be programmed to give an RF transmission. * Transport Code - A 32-bit transport code needs to be given before the HCS410 can be inductively programmed. This prevents accidental programming of the HCS410.
DS40158E-page 2
Preliminary
2001 Microchip Technology Inc.
HCS410
1.2 KEELOQ Code Hopping Encoders
When the HCS410 is used as a code hopping encoder device, it is ideally suited to keyless entry systems, primarily for vehicles and home garage door openers. It is meant to be a cost-effective, yet secure solution to such systems. The encoder portion of a keyless entry system is meant to be carried by the user and operated to gain access to a vehicle or restricted area. Most keyless entry systems transmit the same code from a transmitter every time a button is pushed. The relative number of code combinations for a low end system is also a relatively small number. These shortcomings provide the means for a sophisticated thief to create a device that `grabs' a transmission and retransmits it later or a device that scans all possible combinations until the correct one is found. The HCS410 employs the KEELOQ code hopping technology and an encryption algorithm to achieve a high level of security. Code hopping is a method by which the code transmitted from the transmitter to the receiver is different every time a button is pushed. This method, coupled with a transmission length of 69 bits, virtually eliminates the use of code `grabbing' or code `scanning'. The HCS410 has a small EEPROM array which must be loaded with several parameters before use. The most important of these values are: * A 28/32-bit serial number which is meant to be unique for every encoder * 64-bit seed value * A 64-bit encoder key that is generated at the time of production * A 16-bit synchronization counter value. * Configuration options The 16-bit synchronization counter value is the basis for the transmitted code changing for each transmission, and is updated each time a button is pressed. Because of the complexity of the code hopping encryption algorithm, a change in one bit of the synchronization counter value will result in a large change in the actual transmitted code. Once the encoder detects that a button has been pressed, the encoder reads the button and updates the synchronization counter. The synchronization counter value, the function bits, and the discrimination value are then combined with the encoder key in the encryption algorithm, and the output is 32 bits of encrypted information (Figure 1-1). The code hopping portion provides up to four billion changing code combinations. This data will change with every button press, hence, it is referred to as the code hopping portion of the code word. The 32-bit code hopping portion is combined with the button information and the serial number to form the code word transmitted to the receiver. The code word format is explained in detail in Section 2.2.
FIGURE 1-1:
BASIC OPERATION OF A CODE HOPPING TRANSMITTER (ENCODER)
Transmitted Information KEELOQ Encryption Algorithm 32 Bits of Encrypted Data Button Press Information
Serial Number
EEPROM Array Encoder Key Sync Counter Serial Number
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 3
HCS410
1.3 KEELOQ IFF
The HCS410 can be used as an IFF transponder for verification of a token. In IFF mode the HCS410 is ideally suited for authentication of a key before disarming a vehicle immobilizer. Once the key has been inserted in the car's ignition the decoder would inductively poll the key validating it before disarming the immobilizer. IFF validation of the token involves a random challenge being sent by a decoder to a token. The token then generates a response to the challenge and sends this response to the decoder (Figure 1-2). The decoder calculates an expected response using the same challenge. The expected response is compared to the response received from the token. If the responses match, the token is identified as a valid token and the decoder can take appropriate action. The HCS410 can do either 16 or 32-bit IFF. The HCS410 has two encryption algorithms that can be used to generate a response to a challenge. In addition there are up to two encoder keys that can be used by the HCS410. Typically each HCS410 will be programmed with a unique encoder key(s). In IFF mode, the HCS410 will wait for a command from the base station and respond to the command. The command can either request a read/write from user EEPROM or an IFF challenge response. A given 16 or 32-bit challenge will produce a unique 16/32-bit response, based on the IFF key and IFF algorithm used.
FIGURE 1-2:
BASIC OPERATION OF AN IFF TOKEN
Challenge Received from Decoder Read by Decoder KEELOQ IFF Algorithm
EEPROM Array IFF Key Serial Number
Serial Number
Response
DS40158E-page 4
Preliminary
2001 Microchip Technology Inc.
HCS410
2.0 DEVICE OPERATION
The HCS410 can either operate as a normal code hopping transmitter with one or two IFF keys (Figure 2-1) or as purely an IFF token with two IFF keys (Figure 2-2 and Figure 2-3). When used as a code hopping transmitter the HCS410 only needs the addition of buttons and RF circuitry for use as a transmitter. Adding the transponder function to the transmitter requires the addition of an inductor and two capacitors as shown in Figure 2-1 and Figure 2-2. A description of each pin is given in Table 2-1. Table 2-2 shows the function codes for using the HCS410. Figure 2-4 shows how to use the HCS410 with a 12V battery as a code hopping transmitter. The circuit uses the internal regulator, normally used for charging a capacitor/battery in LC mode, to generate a 6V supply for the HCS410.
FIGURE 2-4:
12V
HCS410 ENCODER WITH 12V BATTERY
1 2 3 4
8 7 6 5
6.3V
FIGURE 2-1:
COMBINED TRANSMITTER/ TRANSPONDER CIRCUIT
RF
1 2 3 4
8 7 6 5
1 F
RF
FIGURE 2-5:
LED CONNECTION TO S2/LED OUTPUT
VDD
FIGURE 2-2:
1 2 3 4
TRANSPONDER CIRCUIT
8 7 6 220 5 60k 220 Pulse
1 F
30 S2/LED
FIGURE 2-6: FIGURE 2-3: 2-WIRE, 1 OR 2-KEY IFF TOKEN
8
LC PIN BLOCK DIAGRAM
LC1 100 15V 6.3V Rectifier, Damping, Clamping Damp LC0 100 15V Detector MOD Out VDD
1 2 3 4
1 F
7 6 5
Data I/O
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 5
HCS410
2.1 Pinout Description
The HCS410 has the same footprint as all of the other devices in the KEELOQ family, except for the two pins that are reserved for transponder operations and the LED that is now located at the same position as the S2 switch input. * S[0:1] - are inputs with Schmitt Trigger detectors and an internal 60k3/4 (nominal) pull-down resistors. * S2/LED - uses the same input detection circuit as S0/S1 but with an added PMOS transistor connected to VDD capable of sourcing enough current to drive an LED. * LC[0:1] - is the transponder interface pins to be connected to an LC circuit for inductive communication. LC0 is connected to a detector for data input. Data output is achieved by clamping LC0 and LC1 to GND through two NMOS transistors. These pins are also connected to a rectifier and a regulator, providing power to the rest of the logic and for charging an external power source (Battery/Capacitor) through VDD. The input impedance of the LC pins is a function of input voltage. At low voltages, the input impedance is in the order of mega-ohms. When laying out a PC board, care should be taken to ensure that there is no cross coupling between the LC pins and other traces on the board. Glitches on the LC lines will cause the device to reset. A high-value resistor (220 K) between LC0 and GND can be added to reduce sensitivity.
TABLE 2-1:
Name S0 S1 S2/LED LC1 VSS PWM
PINOUT DESCRIPTION
Pin Number 1 2 3 4 5 6 Switch input 0 Switch input 1 Switch input 2/LED output, Clock pin for programming mode Transponder interface pin Ground reference connection Pulse width modulation (PWM) output pin/Data pin for programming mode Transponder interface pin Positive supply voltage connection Description
LC0 VDD
7 8
TABLE 2-2:
LC0 1 2 3 4 5 6 7 8 0 0 0 0 0 0 0 1
FUNCTION CODES
S2 0 0 0 1 1 1 1 0 S1 0 1 1 0 0 1 1 0 S0 1 0 1 0 1 0 1 0 Comments Normal Code Hopping transmission Normal Code Hopping transmission Delayed seed transmission if allowed by SEED and TMPSD/Normal Code Hopping transmission Normal Code Hopping transmission Normal Code Hopping transmission Normal Code Hopping transmission Immediate seed transmission if allowed by SEED and TMPSD/Normal Code Hopping transmission Transponder mode
DS40158E-page 6
Preliminary
2001 Microchip Technology Inc.
HCS410
2.2 Code Hopping Mode (CH Mode)
The HCS410 wakes up upon detecting a switch closure and then delays approximately 30 ms for switch debounce (Figure 2-7). The synchronization counter value, fixed information, and switch information are encrypted to form the code hopping portion. The encrypted or code hopping portion of the transmission changes every time a button is pressed, even if the same button is pushed again. Keeping a button pressed for a long time results in the same code word being transmitted until the button is released or timeout occurs. A code that has been transmitted will not occur again for more than 64K transmissions. Overflow information programmed into the encoder can be used by the decoder to extend the number of unique transmissions to more than 192K. If, during the transmit process, it is detected that a new button(s) has been added, a reset will immediately be forced and the code word will not be completed. Please note that buttons removed will not have any effect on the code word unless no buttons remain pressed in which case the current code word will be completed and the power down will occur. If, after a button combination is pressed, and the same button combination is pressed again within 2 seconds of the first press, the current transmission will be aborted and a new trans-
FIGURE 2-7:
CODE HOPPING ENCODER OPERATION
Power-up (A button has been pressed (Note1))
Sample Inputs No Yes Stop transmitting immediately
Complete current code word while checking buttons (Note 2) Update Sync Info
Transmitted 7 complete code words?
Encrypt With Encoder Key Yes No No Transmit Buttons pressed? (Note 1) 2 second time-out completed? Yes Yes No No Buttons pressed? (Note 1) Yes Same as previous press? Yes
No 20 second time-out completed? Yes
20-second time-out No
Yes
DINC Set? No
DINC Set? No
Yes
Buttons added? Yes No
Increase sync counter by 12
Power down
Increment queue counter
No
All buttons released? (Note 1)
Yes
Note 1: 30 ms debounce on press and release of all buttons. 2: Completes a minimum of 3 code words if MTX3 is set.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 7
HCS410
2.2.1 TRANSMISSION DATA FORMAT The HCS410 transmission (CH Mode) is made up of several parts (Figure 2-10 and Figure 2-11). Each transmission is begun with a preamble and a header, followed by the encrypted and then the fixed data. The actual data is 69 bits which consists of 32 bits of encrypted data and 37 bits of fixed data. Each transmission is followed by a guard period before another transmission can begin. Refer to Table 5-4 and Table 5-5 for transmission timing specifications. The combined encrypted and nonencrypted sections increase the number of combinations to 1.47 x 1020. The HCS410 transmits a 69-bit code word when a button is pressed. The 69-bit word is constructed from a Fixed Code portion and Code Hopping portion (Figure 2-8). The Encrypted Data is generated from 4 function bits, 2 overflow bits, and 10 discrimination bits, and the 16bit synchronization counter value (Figure 2-8). The Nonencrypted Code Data is made up of 2 QUE bits, 2 CRC bits, a VLOW bit, 4 function bits, and the 28-bit serial number. If the extended serial number (32 bits) is selected, the 4 function code bits will not be transmitted (Figure 2-8).
FIGURE 2-8:
HOP CODE WORD ORGANIZATION (RIGHT-MOST BIT IS CLOCKED OUT FIRST)
Fixed Code Data Encrypted Code Data
Button Overflow (2 bits) and Status Discrimination (4 bits) bits (10 bits) S2 S1 S0 0 MSB 16-bit Synchronization Counter Value LSB 69 bits of Data Transmitted Button Status* (4 bits) S2 S1 S0 0
QUE (Q1, Q0 bit)
CRC (2 bit)
VLOW (1 bit)
28-bit Serial Number
QUE (2 bits)
CRC (2 bits)
VLOW (1 bit)
+
Serial Number and Button Status (32 bits)
+
32 bits of Encrypted Data
* Optional.
FIGURE 2-9:
SEED CODE WORD ORGANIZATION
Fixed Code Data
Button* Status (4 bits) S2 S1 S0 0
QUE0 (Q1, Q0 bit)
CRC (2 bit)
VLOW (1 bit)
Unencrypted SEED
CRC QUE (2 bits) (2 bits)
VLOW (1 bit)
Button + (4 bits)
+
SEED (60 bits)
69 bits of Data Transmitted
* Optional.
DS40158E-page 8
Preliminary
2001 Microchip Technology Inc.
HCS410
2.2.2 TRANSMISSION DATA MODULE The Data Modulation Format is selectable between Pulse Width Modulation (PWM) format and Manchester encoding. Both formats are preceded by a preamble and synchronization header, followed by the 69-bits of data. Manchester encoding has a leading and closing `1' for each code word. The same code word is continuously sent as long as the input pins are kept high with a guard time separating the code words. All of the timing values are in multiples of a Basic Timing Element (TE), which can be changed using the baud rate option bits.
FIGURE 2-10: TRANSMISSION FORMAT--MANCH = 0
1 CODE WORD TOTAL TRANSMISSION: Preamble Sync Encrypt Fixed Guard Preamble Sync TE LOGIC "0" LOGIC "1" TE
13579 14 15 16 2 4 6 8 10
Encrypt
CODE WORD:
BIT
12
45
6
Preamble
Sync Code Word
Encrypted TX Data
Fixed Code Data
Guard Time
FIGURE 2-11: TRANSMISSION FORMAT--MANCH = 1
1 CODE WORD TOTAL TRANSMISSION: Preamble Sync Encrypt Fixed Guard Preamble Sync Encrypt TE CODE WORD: LOGIC "0" LOGIC "1" TE 13 14 15 16 2 4 Sync CODE WORD Encrypted Data Fixed Code Data Guard Time Start bit Stop bit
1
2
4
5
6 Preamble
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 9
HCS410
2.3
2.3.1
Code Hopping Mode Special Features
CODE WORD COMPLETION
Code word completion is an automatic feature that ensures that the entire code word is transmitted, even if the button is released before the transmission is complete. The HCS410 encoder powers itself up when a button is pushed and powers itself down after the command is finished (Figure 2-7). If MTX3 is set in the configuration word, a minimum of three transmissions will be transmitted when the HCS410 is activated, even if the buttons are released. If less than seven words have been transmitted when the buttons are released, the HCS410 will complete the current word. If more than seven words have been transmitted, and the button is released, the PWM output is immediately switched off. 2.3.2 CODE WORD BLANKING ENABLE
constraints on the average power that can be transmitted by a device, and CWBE effectively prevents continuous transmission by only allowing the transmission of every second or fourth word. This reduces the average power transmitted and hence, assists in FCC approval of a transmitter device. The HCS410 will either transmit all code words, 1 in 2 or 1 in 4 code words, depending on the baud rate selected and the code word blanking option. See Section 3.7 for additional details. 2.3.3 CRC (CYCLE REDUNDANCY CHECK) BITS
The CRC bits are calculated on the 65 previously transmitted bits. The CRC bits can be used by the receiver to check the data integrity before processing starts. The CRC can detect all single bit and 66% of double bit errors. The CRC is computed as follows:
EQUATION 2-1:
CRC CALCULATION
Federal Communications Commission (FCC) part 15 rules specify the limits on fundamental power and harmonics that can be transmitted. Power is calculated on the worst case average power transmitted in a 100ms window. It is therefore advantageous to minimize the duty cycle of the transmitted word. This can be achieved by minimizing the duty cycle of the individual bits and by blanking out consecutive words. Code Word Blanking Enable (CWBE) is used for reducing the average power of a transmission (Figure 2-12). Using the CWBE allows the user to transmit a higher amplitude transmission if the transmission length is shorter. The FCC puts
CRC [ 1 ] n + 1 = CRC [ 0 ] n Din and CRC [ 0 ]n + 1 = ( CRC [ 0 ] n Di n ) CRC [ 1 ] n with CRC [ 1, 0 ]0 = 0 and Din the nth transmission bit 0 n 64
FIGURE 2-12: CODE WORD BLANKING ENABLE
Amplitude CWBE Disabled (All words transmitted) CWBE Enabled (1 out of 2 transmitted) One Code Word
A
2A
CWBE Enabled (1 out of 4 transmitted)
4A Time
*Patents have been applied for.
DS40158E-page 10
Preliminary
2001 Microchip Technology Inc.
HCS410
2.3.4 SEED TRANSMISSION 2.3.7 VLOW: VOLTAGE LOW INDICATOR In order to increase the level of security in a system, it is possible for the receiver to implement what is known as a secure learning function. This can be done by utilizing the seed value on the HCS410 which is stored in EEPROM. Instead of the normal key generation method being used to create the encoder key, this seed value is used and there should not be any mathematical relationship between serial numbers and seeds for the best security. See Section 3.7.3 for additional details. 2.3.5 PASSIVE PROXIMITY ACTIVATION The VLOW bit is transmitted with every transmission (Figure 2-8). VLOW is set when the operating voltage has dropped below the low voltage trip point, approximately 2.2V or 4.4V selectable at 25C. This VLOW signal is transmitted so the receiver can give an indication to the user that the transmitter battery is low. 2.3.8 QUE0:QUE1: QUEUING INFORMATION
If the HCS410 is brought into a magnetic field it enters IFF mode. In this mode it sends out ACK pulses on the LC lines. If the HCS410 doesn't receive any response to the first set of ack pulses within 50 ms the HCS410 will transmit a normal code hopping transmission for 2 seconds if XPRF is set in the configuration word. The function code during this transmission is S2:S0 = 000. 2.3.6 AUTO-SHUTOFF
If a button is pressed, released for more than 30 ms, and pressed again within 2 seconds of the first press, the QUE counter is incremented (Figure 2-7). The transmission that the HCS410 is busy with is aborted and a new transmission is begun with the new QUE bits set. These bits can be used by the decoder to perform secondary functions using only a single button without the requirement that the decoder receive more than one completed transmission. For example if none of the QUE bits are set the decoder only unlocks the driver's door, if QUE0 is set (double press on the transmitter) the decoder unlocks all the doors. Note 1: The QUE will not overflow.
The Auto-shutoff function automatically stops the device from transmitting if a button inadvertently gets pressed for a long period of time. This will prevent the device from draining the battery if a button gets pressed while the transmitter is in a pocket or purse. Time-out period is approximately 20 seconds.
2: The button must be pressed for more than 50 ms.
FIGURE 2-13: QUE COUNTER TIMING DIAGRAM
1st Button Press Input Sx All Buttons Released 2nd Button Press
DIO Transmission
QUE = 002
QUE = 012
TLOW>30 ms t=0 t > 50 ms t <2S t=0
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 11
HCS410
2.3.9 LED OUTPUT 2.3.11 OTHER CONFIGURABLE OPTIONS The S2/LED line can be used to drive a LED when the HCS410 is transmitting. If this option is enabled in the configuration word the S2 line is driven high periodically when the HCS410 is transmitting as shown in Figure 2-14. The LED output operates with a 30 ms on and 480 ms off duty cycle when the supply voltage is above the level indicated by the VLOW bit in the configuration word. When the supply voltage drops below the voltage indicated by the VLOW bit the HCS410 will indicate this by turning the LED on for 200ms at the start of a transmission and remain off for the rest of the transmission. 2.3.10 DELAYED INCREMENT Other configurable code hopping options include an * Transmission-rate selection * Extended serial number. These are described in more detail in Section 3.7.
The HCS410 has a delayed increment feature that increments the counter by 12, 20 seconds after the last button press occurred. The 20-second time-out is reset and the queue counter will increment if another press occurs before the 20 seconds expires. The queue counter is cleared after the buttons have been released for more than 2 seconds. Systems that use this feature will circumvent the latest jamming-code grabbing attackers.
FIGURE 2-14: LED INDICATION DURING TRANSMISSION
S Input LED VDD = VLOW Level LED VDD < VLOW LEVEL 200 ms 200 ms 480 ms 30 ms
DS40158E-page 12
Preliminary
2001 Microchip Technology Inc.
HCS410
2.4 IFF Mode
2.4.1 IFF MODE ACTIVATION IFF mode allows the decoder to perform an IFF validation, to write to the user EEPROM and to read from the user EEPROM. Each operation consists of the decoder sending an opcode data and the HCS410 giving a response. There are two IFF modes: IFF1 and IFF2. IFF1 allows only one key IFF, while IFF2 allows two keys to be used. Note: When IFF2 is enabled, seed transmissions will not be allowed. The HCS410 will enter IFF mode if the capacitor/inductor resonant circuit generates a voltage greater than approximately 1.0 volts on LC0. After the verified application of power and elapse of the normal reset period, the device will start responding by pulsing the DATA line (LC0/1) with pulses as shown in Figure 2-17. This action will continue until the pulse train is terminated by receiving a start signal of duration 2TE, on the LC inputs before the next expected marker pulse. The device now enters the IFF mode and expects to receive an `Opcode' and a 0/16/32-bit Data-stream to react on. The data rate (TE) is determined by the TBSL bits in the configuration word. See Section 3.0 for additional details. 2.4.2 IFF DECODER COMMANDS
It is possible to use the HCS410 as an IFF token without using a magnetic field for coupling. The HCS410 can be directly connected to the data line of the decoder as shown in Figure 2-3. The HCS410 gets its power from the data line as it would in normal transponder mode. The communication is identical to the communication used in transponder mode.
As shown in Figure 2-15, a logic 1 and 0 are differentiated by the time between two rising edges. A long pulse indicates a 1; a short pulse, a 0.
FIGURE 2-15: MODULATION FOR IFF COMMUNICATION
PPM Decoder Commands Start or previous bit 0 3 TE TE 0 TE TE PPM Encoder Response
1 5 TE TE
1 2 TE TE
FIGURE 2-16: OVERVIEW OF IFF OPERATION
IFF Activate Opcode 32/16-bit Challenge WRITE Activate Opcode 16-bit Data READ Activate Opcode 16-bit Data Opcode OK Opcode 32/16-bit IFF Response Opcode
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 13
HCS410
FIGURE 2-17: DECODER IFF COMMANDS AND WAVEFORMS
Preamble Read Ack pulses 01
Start 2 TE Write/Program
TRT
Response 16 bits
TE TE bit0 bit1 bit2 bit3 3TE 3TE bit4
TBITC
TWR
ACK pulses
Opcode
Writing
Only when writing Serial Number, Config or IFF programming Repeat 18 times for programming Preamble Challenge 01
ACK pulses
Opcode
TOTD
Challenge 16/32 bits
TWR
Response 16/32 bits
Encoder Select Serial number 1 to 32 bits TWR Encoder Select ACK
0
0
0
0
ACK pulses
TABLE 2-3:
Time Element IFFB = 0 IFFB = 1
IFF TIMING PARAMETERS
Parameter Symbol TE Minimum -- -- 3.5 5.5 -- -- 1.5 6.5 1.8 6.8 -- Typical 200 100 4 6 2 3 -- -- -- -- -- Maximum -- -- -- -- -- -- -- -- -- -- 30 Units s
PPM Command Bit Time Data = 1 Data = 0 PPM Response Bit Time Data = 1 Data = 0 PPM Command Minimum High Time Response Time (Minimum for Read) Opcode to Data Input Time Transport Code to Data Input Time IFF EEPROM Write Time (16 bits)
TBITC
0
ACK
TOTD
Transport Code 32 bits
TTTD
Data 16 bits
TE
TBITR TPMH TRT TOTD TTTD TWR
TE TE ms ms ms ms
DS40158E-page 14
Preliminary
2001 Microchip Technology Inc.
HCS410
2.4.3 HCS410 RESPONSES 2.4.6 IFF READ The responses from the HCS410 are in PPM format. See Figure 2-17 for additional information. Every response from the HCS410 is preceded by a "2 bit preamble" of 012, and then 16/32 bits of data. 2.4.4 IFF RESPONSE The decoder can read USER[0:3], SER[0:1], and the configuration word in the EEPROM. After the data has been read, the device is ready to receive a command again. Each read command is followed by a 16-bit data response. The response always starts with a leading preamble of 012 and then the 16-bits of data. 2.4.7 IFF PROGRAMMING
The 16/32-bit response to a 16/32-bit challenge, is transmitted once, after which the device is ready to accept another command. The same applies to the result of a Read command. The opcode written to the device specifies the challenge length and algorithm used. The response always starts with a leading preamble of 012 followed by the 16/32 bits of data. 2.4.5 IFF WRITE
The decoder can write to USER[0:3], SER[0:1], and the configuration word in the EEPROM. After the HCS410 has written the word into the EEPROM, it will give two acknowledge pulses (TE wide and TE apart) on the LC pins. When writing to the serial number or configuration word, the user must send the transport code before the write will begin (Section 3.4) . Note: If the configuration word is written, the device must be reset to allow the new configuration settings to come into effect.
Upon receiving a programming opcode and the transport code, the EEPROM is erased (Section 3.4). Thereafter, the first 16 bits of data can be written. After indicating that a write command has been successfully completed the device is ready to receive the next 16 bits. After a complete memory map was received, it will be transmitted in PPM format on the LC pins as 16-bit words. This enables wireless programming of the device. After the EEPROM is erased, the configuration word is reloaded. This results in oscillator tuning bits of 0000 being used during programming. When using IFF programming, the user should read the configuration word and store the oscillator bits in the memory map to be programmed. A program command should be sent and the next set of ACK pulses transmitted by the HCS410 should be used to determine the TE. A second program command can then be sent, and the device programmed using the TE just calibrated.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 15
HCS410
2.5 IFF Opcodes LIST OF IFF COMMANDS
Description Select HCS410, used if Anticollision enabled Read configuration word Read low serial number Read high serial number Read user area 0 Read user area 1 Read user area 2 Read user area 3 Program HCS410 EEPROM Expected data In 1 to 32 bits of the serial number (SER) None None None None None None None Transport code (32 bits); Complete memory map: 18 x 16 bit words (288 bits) Transport code (32 bits); 16 Bit configuration word Transport code (32 bits); Lower 16 bits of serial number (SER0) Transport code (32 bits); Higher 16 bits of serial number (SER1) 16 Bits of User EEPROM USR0 16 Bits of User EEPROM USR1 16 Bits of User EEPROM USR2 16 Bits of User EEPROM USR3 32-Bit Challenge 32-Bit Challenge 32-Bit Challenge Response Encoder select acknowledge if SER match 16-bit configuration word Lower 16 bits of serial number (SER0) Higher 16 bits of serial number (SER1) 16 Bits of User EEPROM USR0 16 Bits of User EEPROM USR1 16 Bits of User EEPROM USR2 16 Bits of User EEPROM USR3 Write acknowledge pulse after each 16-bit word, 288 bits transmitted in 18 bursts of 16-bit words Write acknowledge pulse Write acknowledge pulse Write acknowledge pulse Write acknowledge pulse Write acknowledge pulse Write acknowledge pulse Write acknowledge pulse 32-Bit Response 32-Bit Response 32-Bit Response 32-Bit Response
TABLE 2-4:
Command 00000 00001 00010 00011 00100 00101 00110 00111 01000
01001 01010 01011 01100 01101 01110 01111 1X000 1X001 1X100 1X101
Write configuration word Write low serial number Write high serial number Write user area 0 Write user area 1 Write user area 2 Write user area 3 IFF1 using key-1 and IFF algorithm IFF1 using key-1 and HOP algorithm IFF2 32-bit using key-2 and IFF algorithm
IFF2 32-bit using key-2 and HOP 32-Bit Challenge algorithm
DS40158E-page 16
Preliminary
2001 Microchip Technology Inc.
HCS410
2.6
2.6.1
IFF Special Features
ANTI-COLLISION (ACOLI)
When the ACOLI bit is set in the configuration word, anti-collision mode is entered. The HCS410 will start sending ACK pulses when it enters a magnetic field. The ACK pulses stop as soon as the HCS410 detects a start bit from the decoder. A `select encoder' opcode (00000) is then sent out by the decoder, followed by a 32-bit serial number. If the serial number matches the HCS410's serial number, the HCS410 will acknowledge with the acknowledge sequence as shown in Figure 2-18. The HCS410 can then be addressed as normal. If the serial number does not match, the IFF encoder will stop transmitting ACK pulses until it is either removed from the field or the correct serial number is given.
hopping portion of the transmission. If the response is a 16-bit response, the 16 bits are duplicated to make up the 32-bit code hopping portion. The preamble, serial number, CRC, and queuing bits are all transmitted as normal (Figure 2-19). This feature will be used in applications which use RF for long distance unidirectional authentication and short distance IFF. Note: If code word blanking is enabled, the HCS410 will not give any ACK pulses after a read, write or IFF. INTELLIGENT DAMPING
2.6.3
FIGURE 2-18: SERIAL NUMBER CORRECT ACKNOWLEDGE SEQUENCE
TE
LC0/1
3 TE TE 3 TE
2.6.2
TRANSPONDER IN/RF OUT
If the LC circuit on the transponder has a high Q-factor, the circuit will keep on resonating for a long time after the field has been shut down by the decoder. This makes fast communication from the decoder to the HCS410 difficult. If the IDAMP bit is set to 0, the HCS410 will clamp the LC pins for 5 s every 1/4 TE, whenever the HCS410 is expecting data from the decoder. The intelligent dumping pulses start 64 TE after the acknowledge pulses have been sent and continue for 64 TE. If the HSC410 detects data from the base station while sending out dump pulses, the dump pulses will continue to be sent. This option can be set in the configuration word.
When in transponder mode with ACOLI and XPRF set, the outputs of the HCS410's LC0:LC1 pins are echoed on the PWM output line. After transmitting the data on the LC pins, the data is then transmitted on the PWM line. The transmission format mirrors a code hopping transmission. The response replaces the 32-bit code
2.7
LED Indicator
If a signal is detected on LC0, the LED pin goes high for 30 ms every 8s (IFFB = 0) or 4s (IFFB 1) to indicate that the power source is charging.
FIGURE 2-19: IFF INDUCTIVE IN RF OUT
Encoder Select ACK LCI0/1 Opcode (Read) Response (2*+16 bits) Next Ack
PWM Preamble Header *2-bit preamble precedes the data.
Response Fixed Code (37 bits) (32 bits)
32-bit Response 16-bit Response 16-bit Response
FIGURE 2-20: LED INDICATOR WHEN CHARGING POWER SOURCE
LC0 LED IFFB = 0 LED IFFB = 1 2s 4s 30 ms 4s 8s 30 ms
*Patents have been applied for.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 17
HCS410
3.0 EEPROM ORGANIZATION AND CONFIGURATION
3.1 Encoder Key 1 and 2
The 64-bit encoder key1 is used by the transmitter to create the encrypted message transmitted to the receiver in Code Hopping Mode. An IFF operation, can use encoder key1 or key2 to generate the response to a challenge received. The key(s) is created and programmed at the time of production using a key generation algorithm. Inputs to the key generation algorithm are the serial number or seed for the particular transmitter being used and a secret manufacturer's code. While a number of key generation algorithms are supplied by Microchip, a user may elect to create their own method of key generation. This may be done providing that the decoder is programmed with the same means of creating the key for decryption purposes. If a seed is used (CH Mode), the seed will also form part of the input to the key generation algorithm.
The HCS410 has nonvolatile EEPROM memory which is used to store user programmable options. This information includes encoder keys, serial number, and up to 64-bits of user information. The HCS410 has two modes in which it operates as specified by the configuration word. In the first mode the HCS410 has a single encoder key which is used for encrypting the code hopping portion of a CH Mode transmission and generating a response during IFF validation. Seed transmissions are allowed in this mode. In the second mode the HCS410 is a transponder device with two encoder keys. The two different operating modes of the HCS410 lead to different EEPROM memory maps. In IFF1 mode, the HCS410 can act as a code hopping encoder with Seed transmission, and as an IFF token with one key. IFF1 Mode 64-bit Encoder Key 1 64-bit Seed/Transport Code (SEED0, SEED1, SEED2, SEED3) 32-bit Serial Number (SER0, SER1) 64-bit User Area (USR0, USR1, USER2, USR3) 10-bit Discrimination Value and 2 Overflow Bits. 16-bit Synchronization Counter Configuration Data In IFF2 mode, the HCS410 is able to act as a code hopping transmitter and an IFF token with two encoder keys. IFF2 Mode 64-bit Encoder Key 1 64-bit Encoder Key 2/Transport Code 32-bit Serial Number (SER0, SER1) 64-bit User EEPROM (USR0, USR1, USER2, USR3) 10-bit Discrimination Value and 2 Overflow Bits. 16-bit Synchronization Counter Configuration Data
3.2
Discrimination Value and Overflow
The discrimination value forms part of the code hopping portion of a code hopping transmission. The least significant 10 bits of the discrimination value are typically set to the least significant bits of the serial number. The most significant 2 bits of the discrimination value are the overflow bits (OVR1: OVR0). These are used to extend the range of the synchronization counter. When the synchronization counter wraps from FFFF16 to 000016 OVR0 is cleared and the second time a wrap occurs OVR1 is cleared. Once cleared, the overflow bits cannot be set again, thereby creating a permanent record of the counter overflow.
3.3
16-bit Synchronization Counter
This is the 16-bit synchronization counter value that is used to create the code hopping portion for transmission. This value will be changed after every transmission. The synchronization counter is not used in IFF mode.
*Patents have been applied for.
DS40158E-page 18
Preliminary
2001 Microchip Technology Inc.
HCS410
3.4 60/64-bit Seed Word/Transport Code 3.5 Encoder Serial Number
This is the 60-bit seed code that is transmitted when seed transmission is selected. This allows the system designer to implement the secure learn feature or use this fixed code word as part of a different key generation/tracking process or purely as a fixed code transmission. The seed is not available in IFF2-mode. A Seed transmission can be initiated in two ways, depending on the button inputs (Figure 3-1). Seed transmission is available for function codes (Table 2-2) S[2:0] = 111 and S[2:0] = 011 (delayed). The delayed seed transmission starts with a normal code hopping transmission being transmitted for 3 seconds, before switching to a seed transmission. The two seed transmissions are shown in Figure 3-1. The least significant 32-bits of the seed are used as the transport code. The transport code is used to write-protect the serial number, configuration word, as well as preventing accidental programming of the HCS410 when in IFF mode. Note: If both SEED and TMPSD are set, IFF2 mode is enabled. There are 32 bits allocated for the serial number and a selectable configuration bit (XSER) determines whether 32 or 28 bits will be transmitted. The serial number is meant to be unique for every transmitter.
3.6
User Data
The 64-bit user EEPROM can be reprogrammed and read at any time using the IFF interface.
FIGURE 3-1:
SEED TRANSMISSION
All examples shown with XSER = 1 & SEED = 1 When S[2:0] = 111, the 3-second delay is not applicable: Que [1:0], CRC [1:0], VLOW, S[2:0] SEED_3 (12 bits) SEED_2 SEED_1 SEED_0 Data transmission direction For S[2:0] = 011 before the 3-second delay: 16-bit Data Word 16-bit Counter Encrypt Que [1:0], CRC [1:0] + VLOW, S [2:0] SER_1 SER_0 Encrypted Data Data transmission direction For S[2:0] = 011 after the 3-second delay (Note 1): Que [1:0], CRC [1:0], VLOW, S [2:0] SEED_3 (12 bits) SEED_2 SEED_1 SEED_0 Data transmission direction
Note 1: For Seed Transmission, SEED_3 and SEED_2 are transmitted instead of SER_1 and SER_0, respectively.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 19
HCS410
3.7 Configuration Data
3.7.2 IDAMP: INTELLIGENT DAMPING The configuration data is used to select various encoder options. Further explanations of each of the bits are described in the following sections. If IDAMP is set to `1' intelligent damping is disabled. 3.7.3 SEED, TMPSD: SEED TRANSMISSION SEED 0 Symbol CWBE IDAMP SEED/ IFF2 TMPSD/ IFF2 OSC0:3 MTX3 VLOW LED BSL0:1 TBSL MANCH ACOLI XPRF DINC XSER 3.7.1 Description Code Word Blanking Enable Intelligent Damping for High Q LC Tank. Enable Seed Transmissions Temporary Seed Transmissions Onboard Oscillator Tuning Bits Minimum 3 Code Words Transmitted Low Voltage Trip Point Selection Enable LED output Baudrate Select Transponder Baud Rate Manchester Modulation Mode Anti Collision Communication Enable Passive Proximity Activation Delayed Increment Enable Extended Serial Number CWBE: CODE WORD BLANKING ENABLE BSL: BAUD RATE SELECT 0 1 1 TMPSD 0 1 0 1 Description No Seed/1 IFF Key Seed Limited* Always Enabled IFF2/No Seed/2 IFF Keys
TABLE 3-1:
CONFIGURATION OPTIONS SEED
* Seed transmissions are allowed till the sychronization counter crosses a XX7F16 boundary. e.g. If the counter is initialized to 000016 when the device is programmed, seed transmissions will be allowed until the counter wraps from 007F16 to 008016 giving the user 127 transmissions before seed transmissions are disabled. 3.7.4 OSC: OSCILLATOR TUNING BITS
These bits allow the onboard oscillator to be tuned to within 10% of the nominal oscillator speed over both temperature and voltage.
TABLE 3-2:
OSC 1000 1001 1010 * * * 1111 0000 0001 0010 * * * 0110 0111
OSCILLATOR TUNING
Description Fastest
Faster
Selecting this option allows code blanking as shown in Table 3-3. If this option is not selected, all code words are transmitted.
Nominal
Slower
Slowest
TABLE 3-3:
BAUD RATE SELECTION
Code Hopping Transmissions (TE) Transponder Communication (TE) TBSL 0 -- -- 1 PPM 200 s -- -- 100 s
BSL 1 0 0 1 1 Note:
BSL 0 0 1 0 1
PWM 400 s 200 s 100 s 100 s
Manchester 800 s 400 s 200 s 200 s
Codes Word Transmitted* All 1 of 2 1 of 2 1 of 4
*If code word blanking is enabled.
DS40158E-page 20
Preliminary
2001 Microchip Technology Inc.
HCS410
3.7.5 MTX3: MINIMUM CODE WORDS COMPLETED 3.7.10 ACOLI: ANTI-COLLISION COMMUNICATION AND XPRF: TRANSPONDER ECHOING ON PWM OUTPUT
If this bit is set, the HCS410 will transmit a minimum of 3 words before it powers itself down. If this bit is cleared, the HCS410 will only complete the current transmission. This feature will only work if VDD is connected directly to the battery as shown in Figure 2-1. 3.7.6 VLOW: LOW VOLTAGE TRIP POINT
ACOLI = 1, XPRF = 0 If ACOLI is set the anti-collision operation during bidirectional transponder mode (IFF) is enabled. This feature is useful in situations where multiple transponders enter the magnetic field simultaneously. ACOLI = 0, XPRF = 1 If XPRF is set, and ACOLI is cleared, proximity activation is enabled. the HCS410 starts sending out ACK pulses when it detects a magnetic field. If the HCS410 doesn't receive a start bit from the decoder within 50 ms of sending the first set of ACK pulses, the HCS410 will transmit a code hopping transmission PWM pin for 2 seconds. ACOLI = 1, XPRF = 1 If both the ACOLI and XPRF are set, all of the HCS410 transponder responses are echoed on the PWM output, as described in Section 2.6.2. 3.7.11 DINC: DELAYED INCREMENT
The low voltage trip point select bit is used to tell the HCS410 what Vdd level is being used. This information will be used by the device to determine when to send the voltage low signal to the receiver. When this bit is set, the Vdd level is assumed to be operating from a 5 volt or 6 volt supply. If the bit is cleared, then the Vdd level is assumed to be 3.0 volts. Refer to Figure 5-3 for voltage trip point. When the battery reaches the Vlow point, the LED will flash once for 200 ms on during a code hopping transmission. 3.7.7 LED: OUTPUT ENABLE
If this bit is set, the S2 doubles as an LED output line. If this bit is cleared (0), S2 is only used as an input. 3.7.8 TBSL: TRANSPONDER BAUD RATE SELECT
This option selects the baud rate for IFF communication between a TE of 100 s or 200 s. 3.7.9 MANCH: MANCHESTER CODE ENCODING
If DINC is set to `1', the delayed increment feature is enabled. If DINC is cleared, the counter only increments once each time the button is pressed. 3.7.12 XSER: EXTENDED SERIAL NUMBER
MANCH selects between Manchester code modulation and PWM modulation in code hopping mode. If MANCH = 1, Manchester code modulation is selected. If MANCH is cleared, PWM modulation is selected.
If XSER is set, bits 60 to 63 of the transmission are the most significant bits of the serial number or seed. If XSER bit is cleared, bits 60 to 63 of the transmission are set to the function code used to activate the device (S2:S1:S0:0).
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 21
HCS410
4.0 INTEGRATING THE HCS410 INTO A SYSTEM
4.1 Key Generation
The serial number for each transmitter is programmed by the manufacturer at the time of production. The generation of the encoder key is done using a key generation algorithm (Figure 4-1). Typically, inputs to the key generation algorithm are the serial number of the transmitter or seed value, and a 64-bit manufacturer's code. The manufacturer's code is chosen by the system manufacturer and must be carefully controlled. The manufacturer's code is a pivotal part of the overall system security.
Use of the HCS410 in a system requires a compatible decoder. This decoder is typically a microcontroller with compatible firmware. Firmware routines that accept transmissions from the HCS410, decrypt the code hopping portion of the data stream and perform IFF functions are available. These routines provide system designers the means to develop their own decoding system.
FIGURE 4-1:
CREATION AND STORAGE OF ENCODER KEY DURING PRODUCTION
Transmitter Serial Number or Seed HCS410 EEPROM Array
Serial Number Encoder Key Sync Counter
Manufacturer's Code
Key Generation Algorithm
Encoder Key
. . .
DS40158E-page 22
Preliminary
2001 Microchip Technology Inc.
HCS410
4.2 Learning an HCS410 to a Receiver
In order for a transmitter to be used with a decoder, the transmitter must first be `learned'. Several learning strategies can be followed in the decoder implementation. When a transmitter is learned to a decoder, it is suggested that the decoder stores the serial number and current synchronization counter value (synchronization counter stored in CH Mode only) in EEPROM. The decoder must keep track of these values for every transmitter that is learned (Figure 4-2 and Figure 4-3). The maximum number of transmitters that can be learned is only a function of how much EEPROM memory storage is available. The decoder must also store the manufacturer's code in order to learn an HCS410, although this value will not change in a typical system so it is usually stored as part of the microcontroller ROM code. Storing the manufacturer's code as part of the ROM code is also better for security reasons.
FIGURE 4-3:
FIGURE 4-2:
TYPICAL CH MODE LEARN SEQUENCE
TYPICAL IFF LEARN SEQUENCE
Enter Learn Mode
Enter Learn Mode Wait for Reception of a Valid Code Generate Key from Serial Number Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value
Generate Key From Serial Number Read Serial Number Wait for token to be detected
Equal ?
No
Yes Wait for Reception of Second Valid Code Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value
Perform IFF with Token
Compare Token and expected response
Equal ? Yes Counters Sequential ? Yes
No
No
Token and Response Equal? Yes
No
Learn successful Store: Serial number Encoder key Synchronization counter
Learn Unsuccessful
Learn successful Store: Serial number Encoder key
Exit
Exit
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 23
HCS410
4.3 CH Mode Decoder Operation FIGURE 4-4:
In a typical decoder operation (Figure 4-4), the key generation on the decoder side is done by taking the serial number from a transmission and combining that with the manufacturer's code to create the same encoder key that is stored in the HCS410. Once the encoder key is obtained, the rest of the transmission can be decrypted. The decoder waits for a transmission and immediately checks the serial number to determine if it is a learned transmitter. If it is, the code hopping portion of the transmission is decrypted using the stored key. It uses the discrimination bits to determine if the decryption was valid. If everything up to this point is valid, the synchronization counter value is evaluated.
TYPICAL CH MODE DECODER OPERATION
Start
No
Transmission Received ? Yes
No
Does Serial Number Match ?
Yes Decrypt Transmission Is Decryption Valid ? Yes No Is Counter Within 16 ? No No Is Counter Within 32K ? Yes Save Counter in Temp Location Yes Execute Command and Update Counter
No
DS40158E-page 24
Preliminary
2001 Microchip Technology Inc.
HCS410
4.3.1 SYNCHRONIZATION WITH DECODER
FIGURE 4-5:
SYNCHRONIZATION WINDOW
The KEELOQ technology features a sophisticated synchronization technique (Figure 4-5) which does not require the calculation and storage of future codes. If the stored counter value for that particular transmitter and the counter value that was just decrypted are within a window of say 16, the counter is stored and the command is executed. If the counter value was not within the single operation window, but is within the double operation window of say 32K window, the transmitted synchronization counter value is stored in temporary location and it goes back to waiting for another transmission. When the next valid transmission is received, it will compare the new value with the one in temporary storage. If the two values are sequential, it is assumed that the counter had just gotten out of the single operation `window', but is now back in sync, so the new synchronization counter value is stored and the command executed. If a transmitter has somehow gotten out of the double operation window, the transmitter will not work and must be relearned. Since the entire window rotates after each valid transmission, codes that have been used are part of the `blocked' (32K) codes and are no longer valid. This eliminates the possibility of grabbing a previous code and retransmitting to gain entry. Note: The synchronization method described in this section is only a typical implementation and because it is usually implemented in firmware, it can be altered to fit the needs of a particular system
Entire Window rotates to eliminate use of previously used codes Blocked (32K Codes) Current Position
Double Operation (32K Codes)
Single Operation Window (16 Codes)
FIGURE 4-6:
BASIC OPERATION OF A CODE HOPPING RECEIVER (DECODER)
Check for Match EEPROM Array Encoder Key Sync Counter Serial Number Manufacturer Code Check for Match KEELOQ Decryption Algorithm Decrypted Synchronization Counter
Button Press Information
Serial Number
32 Bits of Encrypted Data
Received Information
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 25
HCS410
4.4 IFF Decoder Operation FIGURE 4-7:
In a typical IFF decoder, the key generation on the decoder side is done by reading the serial number from a token and combining that with the manufacturer's code to recreate the encoder key that is stored on the token. The decoder polls for the presence of a token. Once detected the decoder reads the serial number. If the token has been learned, the decoder sends a challenge and reads the token's response. The decoder uses the encoder key stored in EEPROM and decrypt response. The decrypt response is compared to the challenge. If they match the appropriate output is activated.
TYPICAL IFF DECODER OPERATION
Start
No
Token Detected?
Yes
Read Serial Number
No
Does Serial Number Match? Yes Send Challenge and Read Response
Decrypt the Response
No
Does Challenge & Decrypt response Match? Yes
Execute Command
FIGURE 4-8:
BASIC OPERATION OF AN IFF RECEIVER (DECODER)
KEELOQ IFF Algorithm Decrypted Response
EEPROM Array IFF Key Serial Number Manufacturer Code
Serial Number
Response
Check for Match
Challenge Written to HCS410
Information read from HCS410
DS40158E-page 26
Preliminary
2001 Microchip Technology Inc.
HCS410
5.0 ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING
Item Supply voltage Input voltage Output voltage Max output current Storage temperature Lead soldering temp ESD rating (Human Body Model) Rating -0.3 to 6.6 -0.3 to VDD + 0.3 -0.3 to VDD + 0.3 50 -55 to +125 300 4000 V V V mA C (Note) C (Note) V Units
TABLE 5-1:
Symbol VDD VIN* VOUT IOUT TSTG TLSOL VESD
Note: Stresses above those listed under "ABSOLUTE MAXIMUM RATINGS" may cause permanent damage to the device. * If a battery is inserted in reverse, the protection circuitry switches on, protecting the device and draining the battery.
TABLE 5-2:
DC AND TRANSPONDER CHARACTERISTICS
TAMB = 0C to 70C TAMB = -40C to 85C 2.0V < VDD < 6.3V
Commercial (C): Industrial (I):
Parameter Average operating current(2) Programming current Standby current High level input voltage Low level input voltage High level output voltage Low level output voltage LED output current Switch input resistor PWM input resistor LC input current LC input clamp voltage LC induced output current LC induced output voltage Carrier frequency External LC Inductor value External LC Capacitor value
Symbol IDD (avg) IDDP IDDS VIH VIL VOH VOL ILED RS RPWM ILC VLCC VDDI VDDV fc L C
Min -- -- -- 0.55 VDD -0.3 0.8 VDD 0.8 VDD -- -- 3.0 40 80 -- -- -- 5.0 4.5 -- -- --
Typ(1) 50 160 1.0 2.2 0.1 -- -- -- -- -- 4.0 60 120 -- 15 6.3 5.6 125 900 1.8
Max 100 300 1.8 3.5 100 VDD + 0.3 0.15 VDD -- 0.08 VDD 0.08 VDD 7.0 80 160 10.0 -- 5.0 6.8 6.8 -- -- --
Unit A mA nA V V V V mA k k mA V mA V kHz H nF
Conditions VDD = 3.0V VDD = 6.3V VDD = 3.0V VDD = 6.3V
VDD = 2V, IOH =- .45 mA VDD = 6.3V, IOH,= -2 mA VDD = 2V, IOH = 0.5 mA VDD = 6.3V,IOH = 5mA VDD = 3.0V, VLED = 1.5V
VLCC=15 VP-P ILC <10 mA VLCC > 10V 10 V < VLCC, IDD = 0 mA 10 V < VLCC, IDD = -1 mA
Note 1: Typical values at 25C. 2: No load connected. 3: LC inputs are clamped at 15 volts.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 27
HCS410
FIGURE 5-1: POWER UP AND TRANSMIT TIMING
Button Press Detect TBP TTD TDB PWM Code Word 1 TTO Code Word 2 Code Word 3 Code Word n
Code Word Transmission
Sn
TABLE 5-3:
POWER UP AND TRANSMIT TIMING REQUIREMENTS
VDD = +2.0V to 6.3V Commercial (C):TAMB = 0C to +70C Industrial (I): TAMB = -40C to +85C Parameter Time to second button press Transmit delay from button detect Debounce delay Auto-shutoff time-out period Symbol TBP TTD TDB TTO Min 44 + Code Word Time 39 31 18 Typ. 58 + Code Word Time 44 35 20 Max 63 + Code Word Time 48 39 22 Unit ms ms ms s (Note 3) Remarks (Note 1) (Note 2)
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the intention was to press the combination of buttons. 2: Transmit delay maximum value if the previous transmission was successfully transmitted. 3: The auto-shutoff timeout period is not tested.
DS40158E-page 28
Preliminary
2001 Microchip Technology Inc.
HCS410
FIGURE 5-2: HCS410 NORMALIZED TE VS. TEMP
1.10 1.08 1.06 1.04 TE Max.
Typical
VDD LEGEND = 2.0V = 3.0V = 6.0V
TE
1.02 1.00 0.98 0.96 0.94 0.92 0.90 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 TE Min.
Temperature C
Note:
Values are for calibrated oscillator.
TABLE 5-4:
CODE WORD TRANSMISSION TIMING PARAMETERS--PWM MODE
Code Words Transmitted BSL1 = 0, BSL0 = 0 Min. 360 1080 12 3.6 35 39.96 16.6 106.2 Typ. 400 1200 12.8 4.0 38.4 44.4 18.4 118.0 Max. 440 1320 14 4.4 42 48.84 20.2 129.8 Number of TE 1 3 32 10 96 111 46 295 Min. 180.0 540.0 5.76 1.80 17.28 19.98 8.3 53.1 BSL1 = 0, BSL0 = 1 Typ. 200.0 600.0 6.0 2.0 19.20 22.20 9.6 59.0 Max. 220.0 660.0 7.04 2.20 21.12 24.42 10.1 64.9 Units
VDD = +2.0V to 6.3V Commercial (C): TAMB = 0C to +70C Industrial (I): TAMB = -40C to +85C Symbol TE TBP TP TH THOP TFIX TG
--
Characteristic Basic pulse element PWM bit pulse width Preamble duration Header duration Code hopping duration Fixed code duration Guard time Total transmit time
Number of TE 1 3 32 10 96 111 46 295
s s
ms ms ms ms ms ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.3V Commercial (C): TAMB = 0C to +70C Industrial (I): TAMB = -40C to +85C Symbol TE TBP TP TH THOP TFIX TG -- Characteristic Basic pulse element PWM bit pulse width Preamble duration Header duration Code hopping duration Fixed code duration Guard time Total transmit time Number of TE 1 3 32 10 96 111 46 295 Min. 180.0 540.0 5.76 1.80 17.28 19.98 8.3 53.1
Code Words Transmitted BSL1 = 1, BSL0 = 0 Typ. 200.0 600.0 6.0 2.0 19.20 22.2 9.6 59.0 Max. 220.0 660.0 7.04 2.20 21.12 24.42 10.1 64.9 Number of TE 1 3 32 10 96 111 46 295 Min. 90.0 270.0 2.88 0.90 8.64 9.99 41 26.6 BSL1 = 0, BSL0 = 1 Typ. 100.0 300.0 3.0 1.0 9.60 11.1 4.6 29.5 Max. 110.0 330.0 3.52 1.10 10.56 12.21 5.1 32.5 Units
s s
ms ms ms ms ms ms
Note: The timing parameters are not tested but derived from the oscillator clock.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 29
HCS410
TABLE 5-5: CODE WORD TRANSMISSION TIMING PARAMETERS--MANCHESTER MODE
Code Words Transmitted BSL1 = 0, BSL0 = 0 Min. 720.0 23.04 2.88 1.44 46.08 53.28 1.44 23.0 151.2 Typ. 800.0 25.60 3.20 1.60 51.20 59.20 1.60 25.6 168 Max. 880.0 28.16 3.52 1.76 56.32 65.12 1.76 28.2 184.8 Number of TE 1 32 4 2 64 74 2 32 210 Min. 360.0 11.52 1.44 0.72 23.04 26.64 0.72 11.5 75.6 BSL1 = 0, BSL0 = 1 Typ. 400.0 12.80 1.60 0.80 25.60 29.60 0.80 12.8 84.0 Max. 440.0 14.08 1.76 0.88 28.16 32.56 0.88 14.1 92.4 Units VDD = +2.0V to 6.3V Commercial (C): TAMB = 0C to +70C Industrial (I): TAMB = -40C to +85C Symbol Characteristic Basic pulse element Preamble duration Header duration Start bit Code hopping duration Fixed code duration Stop bit Guard time Total transmit time Number of TE 1 32 4 2 64 74 2 32 210
TE TP TH TSTART THOP TFIX TSTOP TG
--
s
ms ms ms ms ms ms ms ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.3V Commercial (C): TAMB = 0C to +70C Industrial (I): TAMB = -40C to +85C Symbol Characteristic Basic pulse element Preamble duration Header duration Start bit Code hopping duration Fixed code duration Stop bit Guard time Total transmit time Number of TE 1 32 4 2 64 74 2 32 210 Min. 360.0 11.52 1.44 0.72 23.04 26.64 0.72 11.5 75.6
Code Words Transmitted BSL1 = 1, BSL0 = 0 Typ. 400.0 12.80 1.60 0.80 25.60 29.60 0.80 12.8 84.0 Max. 440.0 14.08 1.76 0.88 28.16 32.56 0.88 14.1 92.4 Number of TE 1 32 4 2 64 74 2 32 210 Min. 180.0 5.76 0.72 0.36 11.52 13.32 0.36 5.8 37.8 BSL1 = 1, BSL0 = 1 Typ. 200.0 6.40 0.80 0.40 12.80 14.8 0.40 6.4 42.0 Max. 220.0 7.04 0.88 0.44 14.08 16.28 0.44 7.0 46.2 Units
TE TP TH TSTART THOP TFIX TSTOP TG
--
s
ms ms ms ms ms ms ms ms
Note: The timing parameters are not tested but derived from the oscillator clock.
FIGURE 5-3:
TYPICAL VOLTAGE TRIP POINTS
Volts (V) 5.0 4.8 4.6 4.4 4.2 4.0 3.8 2.8 2.6 2.4 2.2 2.0 1.8 1.6 -40 0 50 85 Temp (C) VLOW
VLOW sel = 1
VLOW sel = 0
Legend Nominal VLOW trip point
DS40158E-page 30
Preliminary
2001 Microchip Technology Inc.
HCS410
NOTES:
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 31
HCS410
NOTES:
DS40158E-page 32
Preliminary
2001 Microchip Technology Inc.
HCS410
NOTES:
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 33
HCS410
HCS410 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. HCS410 -- /P Package: Temperature Range: Device: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead ST = TSSOP (4.4 mm Body), 8-lead Blank = 0C to +70C I = -40C to +85C HCS410 HCS410T Code Hopping Encoder Code Hopping Encoder (Tape and Reel)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
DS40158E-page 34
Preliminary
2001 Microchip Technology Inc.
HCS410
"All rights reserved. Copyright (c) 2001, Microchip Technology Incorporated, USA. Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights."
Trademarks The Microchip name, logo, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, KEELOQ, SEEVAL, MPLAB and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Total Endurance, ICSP, In-Circuit Serial Programming, FilterLab, MXDEV, microID, FlexROM, fuzzyLAB, MPASM, MPLINK, MPLIB, PICDEM, ICEPIC, Migratable Memory, FanSense, ECONOMONITOR, SelectMode and microPort are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Term Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2001, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs and microperipheral products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2001 Microchip Technology Inc.
Preliminary
DS40158E-page 35
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
ASIA/PACIFIC (continued)
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-334-8870 Fax: 65-334-8850
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Taiwan
Austin
Analog Product Sales 8303 MoPac Expressway North Suite A-201 Austin, TX 78759 Tel: 512-345-2030 Fax: 512-345-6085
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
EUROPE
Denmark
Microchip Technology Denmark ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
China - Beijing
Microchip Technology Beijing Office Unit 915 New China Hong Kong Manhattan Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Boston
Analog Product Sales Unit A-8-1 Millbrook Tarry Condominium 97 Lowell Road Concord, MA 01742 Tel: 978-371-6400 Fax: 978-371-0050
China - Shanghai
Microchip Technology Shanghai Office Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
France
Arizona Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
Hong Kong
Microchip Asia Pacific RM 2101, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Dayton
Two Prestige Place, Suite 130 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Germany
Analog Product Sales Lochhamer Strasse 13 D-82152 Martinsried, Germany Tel: 49-89-895650-0 Fax: 49-89-895650-22
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Mountain View
Analog Product Sales 1300 Terra Bella Avenue Mountain View, CA 94043-1836 Tel: 650-968-9241 Fax: 650-967-1590
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
01/30/01
All rights reserved. (c) 2001 Microchip Technology Incorporated. Printed in the USA. 2/01
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, except as maybe explicitly expressed herein, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS40158E-page 36
Preliminary
2001 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of HCS410T-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X