Part Number Hot Search : 
P03HDL SA158 ON1278 1N5333 C124GC NTE2556 215500 2SC4589
Product Description
Full Text Search
 

To Download FT1002BH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FT10...H
HIGH COMMUTATION TRIAC
TO220-AB
On-State Current 10 Amp Gate Trigger Current 25 mA to 50 mA Off-State Voltage 200 V / 600 V
MT2
www..com
MT1 MT2 G
This series of TRIACs uses a high performance PNPN technology. These parts are intended for general purpose AC switching applications with highly inductive loads.
Absolute Maximum Ratings, according to IEC publication No. 134
SYMBOL PARAMETER RMS On-state Current Non-repetitive On-State Current Non-repetitive On-State Current Fusing Current Peak Gate Current Average Gate Power Dissipation Critical rate of rise of on-state current Operating Temperature Storage Temperature CONDITIONS All Conduction Angle, TC = 105 C Full Cycle, 60 Hz Full Cycle, 50 Hz tp = 10 ms, Half Cycle 20 s max. Tj =125C Tj =125C IG = 2x IGT, tr 100ns f= 120 Hz, Tj =125C Min. 10 105 100 55 4 1 50 -40 -40 +125 +150 Max. Unit A A A A2s A W A/s C C
IT(RMS) ITSM ITSM I2t IGM PG(AV) di/dt Tj Tstg
SYMBOL
PARAMETER Repetitive Peak Off State Voltage B 200
VOLTAGE D 400 M 600
Unit V
VDRM VRRM
Jun - 02
FT10...H
HIGH COMMUTATION TRIAC
Electrical Characteristics
SYMBOL PARAMETER CONDITIONS Quadrant SENSITIVITY 11 25 14 35 1 5 0.85 40 1.55 1.3 0.2 16 50 Unit mA mA A V m V V V mA mA
IGT (1) Gate Trigger Current IDRM /IRRM Off-State Leakage Current
www..com
Vto (2) Rd(2) VTM (2) VGT VGD IH (2) IL
Threshold Voltage Dynamic Resistance On-state Voltage Gate Trigger Voltage Gate Non Trigger Current Holding Current Latching Current
VD = 12 VDC , RL = 33, Tj = 25 C VD = VDRM , Tj = 125 C VR = VRRM , Tj = 25 C Tj = 125 C Tj = 125 C
dv / dt (2) Critical Rate of Voltage Rise
Q1/Q3 MAX MAX MAX MAX MAX IT = 14 Amp, tp = 380 s, Tj = 25 C MAX VD = 12 VDC , RL = 33, Tj = 25 C Q1/Q3 MAX VD = VDRM , RL = 3.3K, Tj = 125 C Q1/Q3 MIN IT = 500 mA , Gate open, Tj = 25 C MAX 25 IG = 1.2 IGT, Tj = 25 C Q1,Q3 MAX 40 Q2 MAX 50 MIN 200 VD = 0.67 x VDRM , Gate open Tj = 125 C MIN MIN MIN 5
35 50 50 70 60 80 500 1000 V/s 5.5 1.5 60 9 A/ms
(dI/dt)c (2) Critical Rate of Current Rise (dv/dt)c= 0.1 V/s
Rth(j-c) Rth(j-a)
Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient
Tj = 125 C (dv/dt)c= 10 V/s Tj = 125 C without snubber Tj = 125 C for AC 360 conduction angle
C/W C/W
(1) Minimum IGT is guaranted at 5% of IGT max. (2) For either polarity of electrode MT2 voltage with reference to electrode MT1.
PART NUMBER INFORMATION F
FAGOR TRIAC CURRENT
T
10
11
B
H
00
TU
PACKAGING FORMING CASE VOLTAGE
SENSITIVITY
Jun - 02
FT10...H
HIGH COMMUTATION TRIAC
Fig. 1: Maximum power dissipation versus RMS on-state curren (full cycle). P (W) 16 14 12 Fig. 2: RMS on-state current versus case temperature (full cycle). IT(RMS)(A) 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0
www..com
10 8 6 4 2 0 IT(RMS)(A) 0 1 2 3 4 5 6 7 8 9 10 11 12
Tc (C) 25 50 75 100 125
Fig. 3: : Relative variation of thermal impedance versus pulse duration. K=[Zth / Rth] 1E+0
Zth(j-c)
Fig. 4: On-state characteristics (maximum values) ITM (A) 100
Tj max
1E-1
Zth(j-a)
10
Tj = 25 C
Tj max Vto = 0.85 V Rt = 35m
1E-2 1E-3
tp (s) 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Fig. 6: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp<10ms, and corresponding value of I2t. I TSM (A), I2 t (A2s)
dl/dt limitation 50A/s
VTM (V)
Fig. 5: Surge peak on-state current versus number of cycles I TSM (A) 130 120 110 100 90 80 70 60 50 40 30 20 10 0 1
Tj initial = 25 C
t=20ms One cycle
1000
ITSM
Non repetitive Tj initial = 25 C It
2
100
Repetitive Tc = 90 C
Number of cycles 10 100 1000
10 0.01
0.10
1.00
tp (ms) 10.00
Jun - 02
FT10...H
HIGH COMMUTATION TRIAC
Fig. 7: Relative variation of gate trigger current, holding current and latching versus junction temperature (typical values) IGT,IH,IL [Tj]/IGT,IH,IL.[Tj=25C] 2.5 6 5
IGT
Fig. 8: Relative variation of critical rate of decrease of main current versus junction temperature (dI/dt)c [Tj]/(dI/dc)c [Tj specified]
2.0
www..com
1.5
4 3
IH&IL
1.0 2 0.5 1 0 0 25 50 75 100 125 Tj(C)
Tj(C) 0 -40 -20 0 20 40 60 80 100120140
PACKAGE MECHANICAL DATA TO-220AB (Plastic)
DIMENSIONS Milimeters Nominal 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 2.40 6.20 3.75 15.80 2.65 1.14 1.14 14.00 10.40 0.88 1.32 4.60 0.70 2.72 2.70 6.60 3.85 16.80 2.95 1.70 1.70
B
c b2
REF. A a1 a2 B b1 b2 C c1 c2 e F I I4 L I2 I3 M Min. 15.20
Max. 15.90
L
F
oI A
14
a1
13
c2
12 a2
16.40
b1 e
M c1
2.60
Jun - 02


▲Up To Search▲   

 
Price & Availability of FT1002BH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X