Part Number Hot Search : 
C1210 HCT2G 2SC383 SMB75 0N60B2 BUT12A ESS3890 P6KE150A
Product Description
Full Text Search
 

To Download FM220-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Schottky Barrier Diodes
FM220-M THRU FM2100-M
Silicon epitaxial planer type
Formosa MS
SOD-123
0.161(4.1) 0.146(3.7) 0.012(0.3) Typ.
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.063(1.6) 0.055(1.4)
0.071(1.8) 0.055(1.4)
0.110(2.8) 0.094(2.4)
0.035(0.9) Typ.
0.035(0.9) Typ.
Mechanical data
Case : Molded plastic, JEDEC SOD-123 / MINI SMA Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.04 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 2.0 50 0.5 10 Rq JA CJ TSTG -55 85 160 +150
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE 22 23 24 25 26 28 20
V RRM
(V)
*1
V RMS
(V) 14 21 28 35 42 56 70
*2
VR
*3
VF
*4
Operating temperature ( o C)
(V) 20 30 40 50 60 80 100
(V)
FM220-M FM230-M FM240-M FM250-M FM260-M FM280-M FM2100-M
20 30 40 50 60 80 100
0.50
-55 to +125
*1 Repetitive peak reverse voltage
0.70 -55 to +150 0.85
*2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (FM220-M THRU FM2100-M)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
2.4 2.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
25 FM -M M~ FM 2 0-
1.6
0 22 FM
1.2 0.8 0.4 0 0 20 40 60 80
10 3.0 1.0
40
26 0M FM 28
02 FM M~ 10 0M -M
0M ~F M
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
0.1
PEAK FORWARD SURGE CURRENT,(A)
40
.01
.1
.3
.5
.7
.9
0M ~F M 21 00
FM 25
40 M2 ~F -M
FM 22
Tj=25 C Pulse Width 300us 1% Duty Cycle
1.1
-M
1.3
1.5
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
20
10
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
700 600 500 400 300 200 100 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


▲Up To Search▲   

 
Price & Availability of FM220-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X