Part Number Hot Search : 
18N50S OL7272 SB154 2SK831 S41C1 AD7691 VTS80 BA202
Product Description
Full Text Search
 

To Download DZT5551-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DZT5551
NPN SURFACE MOUNT TRANSISTOR
Features
* * * * * * Epitaxial Planar Die Construction Complementary PNP Type Available (DZT5401) Ideally Suited for Automated Assembly Processes Ideal for Medium Power Switching or Amplification Applications Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 3)
3 2 1 4
NEW PRODUCT
Mechanical Data
* * * * * * * * Case: SOT-223 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Matte Tin annealed over Copper Leadframe (Lead Free Plating). Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking & Type Code Information: See Page 3 Ordering Information: See Page 3 Weight: 0.112 grams (approximate) @TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC
SOT-223
COLLECTOR
3E C4 2C 1B
TOP VIEW
2,4 1
BASE
3
EMITTER
Schematic and Pin Configuration
Maximum Ratings
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current
Value 180 160 6.0 600
Unit V V V mA
Thermal Characteristics
Characteristic Power Dissipation @TA = 25C (Note 3) Thermal Resistance, Junction to Ambient @TA = 25C (Note 3) Operating and Storage Temperature Range Symbol PD RJA Tj, TSTG Value 1 125 -55 to +150 Unit W C/W C
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 4) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure
Notes: 1. 2. 3. 4.
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min 180 160 6.0 80 80 30 50 100 Max 50 50 250 0.15 0.20 1.0 6.0 200 300 8.0 Unit V V V nA A nA Test Condition IC = 100A, IE = 0 IC = 1.0mA, IB = 0 IE = 10A, IC = 0 VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100C VEB = 4.0V, IC = 0 IC = 1.0mA, VCE = 5.0V IC = 10mA, VCE = 5.0V IC = 50mA, VCE = 5.0V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 10V, f = 1.0MHz, IE = 0 VCE = 10V, IC = 1.0mA, f = 1.0kHz VCE = 10V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 200A, RS = 1.0k, f = 1.0kHz
hFE VCE(SAT) VBE(SAT) Cobo hfe fT NF
V V pF MHz dB
No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Device mounted on FR-4 PCB, pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Measured under pulsed conditions. Pulse width = 300s. Duty cycle 2%.
DS31219 Rev. 2 - 2
1 of 4 www.diodes.com
DZT5551
(c) Diodes Incorporated
1.0 PD, POWER DISSIPATION (mW)
0.30
IC, COLLECTOR CURRENT (A)
0.8
0.25
IB = 10mA
0.20
IB = 8mA IB = 6mA
0.6
NEW PRODUCT
0.15
IB = 4mA
0.4
0.10
IB = 2mA
0.2
0.05
0 25 50 150 100 125 75 TA, AMBIENT TEMPERATURE (C) Fig. 1 Max Power Dissipation vs. Ambient Temperature 0
1 2 3 4 5 6 7 8 9 10 VCE, COLLECTOR-EMITTER VOLTAGE (V) Fig. 2 Typical Collector Current vs. Collector-Emitter Voltage
0.00
0
250
0.3
200
VCE(SAT), COLLECTOR-EMITTER SATURATION VOLTAGE (V)
0.2
150
100
0.1
50
0
0 0.0001
0.001 0.01 0.1 1 IC, COLLECTOR CURRENT (A) Fig. 4 Typical Collector-Emitter Saturation Voltage vs. Collector Current
VBE(ON), BASE-EMITTER TURN-ON VOLTAGE (V)
VBE(SAT), BASE-EMITTER SATURATION VOLTAGE (V)
1.2
1.2 1
1
0.8
0.8
0.6
0.6
0.4
0.4
0.2
0.2 0 0.0001
0 0.0001
0.001 0.01 0.1 IC, COLLECTOR CURRENT (A) Fig. 5 Typical Base-Emitter Turn-On Voltage vs. Collector Current
1
0.001 0.01 0.1 1 IC, COLLECTOR CURRENT (A) Fig. 6 Typical Base-Emitter Saturation Voltage vs. Collector Current
DS31219 Rev. 2 - 2
2 of 4 www.diodes.com
DZT5551
(c) Diodes Incorporated
60
50
f = 1MHz
40
Cibo
NEW PRODUCT
30
20
fT, CURRENT GAIN-BANDWIDTH PRODUCT (MHz)
250
200
150
100
VCE = 10V f = 100MHz
10
Cobo
50
0 0.01
0.1 1 10 VR, REVERSE VOLTAGE (V) Fig. 7 Typical Capacitance Characteristics
100
20 40 60 80 100 IC, COLLECTOR CURRENT (mA) Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
0 0
Ordering Information (Note 5)
Device DZT5551-13
Notes:
Packaging SOT-223
Shipping 2500/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
(Top View)
YWW
K4N = Product type marking code = Manufacturer's code marking YWW = Date code marking Y = Last digit of year ex: 7 = 2007 WW = Week code 01 - 52
Package Outline Dimensions
SOT-223 Dim Min Max Typ A 1.55 1.65 1.60 A1 0.010 0.15 0.05 b1 2.90 3.10 3.00 b2 0.60 0.80 0.70 C 0.20 0.30 0.25 D 6.45 6.55 6.50 E 3.45 3.55 3.50 E1 6.90 7.10 7.00 e -- -- 4.60 e1 -- -- 2.30 L 0.85 1.05 0.95 Q 0.84 0.94 0.89 All Dimensions in mm
DS31219 Rev. 2 - 2
3 of 4 www.diodes.com
DZT5551
(c) Diodes Incorporated
Suggested Pad Layout
3.3 1.6
NEW PRODUCT
6.4
1.6 1.2 2.3
(Unit: mm)
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS31219 Rev. 2 - 2
4 of 4 www.diodes.com
DZT5551
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DZT5551-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X