Part Number Hot Search : 
STB30 TPS0402 550E009M SM7644HW DFB2005 VSKT152 R5F21357 7D271
Product Description
Full Text Search
 

To Download DL-5300-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1550 nm DFB LASER DIODE MODULES
UNCOOLED MQW DFB LD WITH PIGTAIL
FEATURES 1550 nm Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life Single Frequency Operation with High SMSR 0 to 70oC operation without active cooling Build-in InGaAs monitor APPLICATION Trunk Line, FitL
DL-5300
********************************************************************************************************************************************************
DL-5300 SERIES
*******************************************************************************************************************************************************
DESCRIPTION DL-5300 series are designed for coupling a single mode optical fiber with 1550 nm MQW DFB uncooled laser diode. DL-5300 series are the best kits as light sources for telecom and datacom applications.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith VOP Pf Parameter Threshold Current Operating Voltage Optical Output Power Part No:DL-530X DL-531X DL-532X DL-533X Center Wavelength CW CW, IF= Ith+20mA CW, IF= Ith+20mA 0.2 0.5 1.0 2.0 1530 30 1550 35 0.226 100 0.1 1.5 1570 mW Test Conditions Min. Typ. 10 1.2 Max. 15 1.5 Unit mA V
c SMSR t r, t f P f / P f Im ID
CW, Po= P f
nm dB ns dB A A
Side Mode Suppression Ratio CW, Ith+20mA Rise And Fall Times Tracking Error PD Monitor Current PD Dark Current IF=Ith, Ith+20mA , 20~ 80% APC, 0~+70 C CW, Ith+20mA ,VRD=1V VRD=5V
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power (530X/531X/532X/533X) LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 0.5/1.0/1.5/3 2 10 1.0 0 to 70 -40~+85 Unit mW V V mA C C
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/18/2002 V1.0
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
DL-5300
********************************************************************************************************************************************************
DL-530X DL-531X
DL-532X DL-533X
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D L -
Code 0 1 2 3 Pout (mw) 0.2 0.5 1 2
53
-
Code V H X
Code Blank S Isolator No Single-Stage
Flange Vertical Horizontal No Flange
Code Pin Assignment 0 Type A 5 Type B 8 Type C
Code Blank S
Speed 1.25 Gbps 2.5 Gbps
Code S F T X SA FA TA
Connector SC/PC FC/PC ST/PC No connector SC/APC FC/APC ST/APC
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/18/2002 V1.0


▲Up To Search▲   

 
Price & Availability of DL-5300-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X