Part Number Hot Search : 
SO4416 7M007 BUX54 UTC8128 AM252 KRA566E MAX970 78R05
Product Description
Full Text Search
 

To Download DCX4710H-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free Green
DCX4710H
100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
General Description
NEW PRODUCT
*
DCX4710H is best suited for applications where the load needs to be turned on and off using micro-controllers, comparators or other control circuits particularly at a point of load. It features a discrete pre-based PNP transistor which can support continuous maximum current of 100 mA. It also contains a pre-based NPN transistor which can be used as a control and can be biased using a higher supply. The component devices can be used as a part of circuit or as stand alone discrete devices.
4 5 6
3 2 1
Fig. 1: SOT-563
Features
* * * * *
Built in Biasing Resistors Epitaxial Planar Die Construction Ideally Suited for Automated Assembly Processes Lead Free By Design/ROHS Compliant (Note 1) "Green" Device (Note 2)
R2 10k
CQ1 6
BQ2 5
EQ2 4
Mechanical Data
* * * * * * * *
Q1
DDTA114YE_DIE
R1 10k R2 47k
R1
Q2
10k
Case: SOT-563 Case Material: Molded Plastic. "Green Molding" Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Fig. 2 Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking & Type Code Information: See Page 7 Ordering Information: See Page 7 Weight: 0.005 grams (approximate) Sub-Component P/N DDTA114YE_DIE DDTC114EE_DIE Reference Q1 Q2 Device Type PNP NPN
1 EQ1
DDTC114EE_DIE
2 BQ1
3 CQ2
Fig. 2: Schematic and Pin Configuration
R1 (NOM) 10KW 10KW
R2 (NOM) 47KW 10KW
Figure 2 2
Maximum Ratings: Total Device
Characteristic Power Dissipation (Note 3) Power Derating Factor above 45C Output Current
@ TA = 25C unless otherwise specified Symbol Pd Pder Iout Value 150 1.43 100 Unit mW mW/C mA
Thermal Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Tj, Tstg RqJA Value -55 to +150 833 Unit C C/W
Junction Operation and Storage Temperature Range Thermal Resistance, Junction to Ambient Air (Note 3) (Equivalent to one heated junction of PNP transistor)
Notes:
1. No purposefully added lead. 2 . Diodes Inc.'s "Green" policy can be found on our website at http:/www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; as per Diodes Inc. suggested pad layout document AP02001 on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30871 Rev. 3 - 2
1 of 8 www.diodes.com
DCX4710H
a Diodes Incorporated
Sub-Component Device - Pre-Biased PNP Transistor (Q1)
@ TA = 25C unless otherwise specified Value -50 -50 -50 +6 to -40 -100 Unit V V V V mA
NEW PRODUCT
Characteristic Collector-Base Voltage Collector-Emitter Voltage Supply Voltage Input Voltage Output Current (dc)
Symbol VCBO VCEO VCC VIN IC(max)
Sub-Component Device - Pre-Biased PNP Transistor (Q1)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Supply Voltage Input Voltage Output Current (dc) Symbol VCBO VCEO VCC VIN IC(max)
@ TA = 25C unless otherwise specified Value 50 50 50 -10 to +40 100 Unit V V V V mA
Electrical Characteristics: Pre-Biased PNP Transistor (Q1)
Characteristic OFF CHARACTERISTICS Collector-Base Cut Off Current Collector-Emitter Cut Off Current Emitter-Base Cut Off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Output Off Voltage Input Off Voltage Ouput Off Current ON CHARACTERISTICS 3/4 3/4 Collector-Emitter Saturation Voltage VCE(SAT) 3/4 3/4 3/4 3/4 Equivalent on-resistance* RCE(SAT) 3/4 50 130 DC Current Gain hFE 180 100 140 Output On Voltage Input On Voltage (Load is on) Input Current Base-Emitter Turn-on Voltage Base-Emitter Saturation Voltage Input Resistor +/- 30% (Base) Pull-up Resistor (Base to Vcc supply) Resistor Ratio VOL VI(ON) Ii VBE(ON) VBE(SAT) DR1 R2 D(R2/R1) 3/4 -1.25 3/4 3/4 3/4 7 32 20 -0.066 -0.078 -0.06 -0.04 -0.99 0.99 3/4 3/4 3/4 3/4 3/4 3/4 -0.185 -0.9 3/4 -0.72 -1.15 10 47 3/4 ICBO ICEO IEBO V(BR)CBO V(BR)CEO VOH VI(OFF) IO(OFF) 3/4 3/4 3/4 -50 -50 -4.6 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 -0.71 3/4 Symbol Min Typ
@ TA = 25C unless otherwise specified Max -100 -1 -500 3/4 3/4 3/4 -0.5 -1 -0.1 -0.1 -0.1 -0.1 -1.15 -1.15 3.5 3/4 3/4 3/4 3/4 3/4 -0.22 3/4 -0.88 -0.8 -1.25 13 62 20 W 3/4 3/4 3/4 3/4 3/4 V V mA V V KW KW % V Unit nA mA mA V V V V mA Test Conditions VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -5V, IC = 0 IC = -10 mA, IE = 0 IC = -2 mA, IB = 0 VCC = -5V, VB = -0.05V, RL = 1KW VCE = -5V, IC = -100mA VCC = -50V, VI = 0V IC = 5 mA, IB = -0.25 mA IC = -10mA, IB = -0.3mA IC = -10mA, IB = -1mA IC = -10mA, IB= -5mA IC = -100mA, IB= -5mA IC = -100mA, IB = -10mA IC = -100mA, IB = -10mA VCE = -5V, IC = -1 mA VCE = -5V, IC =- 5 mA VCE = -5V, IC = -50 mA VCE = -5V, IC = -100 mA VCE = -10V, IC = -5 mA VCC = -5V, VB = -2.5V, RL = 1KW VO = -0.3V, IC = -2 mA VI = -5V VCE = -5V, IC = 100mA IC = 1mA, IB = 50mA 3/4 3/4 3/4
DS30871 Rev. 3 - 2
2 of 8 www.diodes.com
DCX4710H
Electrical Characteristics: Pre-Biased PNP Transistor (Q1) ( Continued )
NEW PRODUCT
SMALL SIGNAL CHARACTERISTICS Transition Frequency (gain bandwidth product) Collector capacitance (Ccbo-Output Capacitance)
*Pulse Test: Pulse width, tp<300 uS, Duty Cycle, d<=0.02
fT CC
3/4 3/4
200 5
3/4 3/4
MHz pF
VCE = -10V, IE = -5mA, f = 100MHz VCB = -10V, IE = 0A, f = 1MHz
Pre-Biased NPN Transistor (Q2)
Characteristic OFF CHARACTERISTICS Collector-Base Cut Off Current Collector-Emitter Cut Off Current Emitter-Base Cut Off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Output Off Voltage Input Off Voltage Ouput Current ON CHARACTERISTICS
@ TA = 25C unless otherwise specified Symbol ICBO ICEO IEBO V(BR) CBO V(BR) CEO VOH V I(OFF) IO (OFF) Min 3/4 3/4 3/4 50 50 4.6 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 1.2 3/4 0.06 0.06 0.042 0.026 0.272 0.28 3/4 3/4 3/4 3/4 3/4 58 0.12 1.6 3/4 3/4 3/4 10 1 Max 100 1 500 3/4 3/4 3/4 0.8 1 0.1 0.1 0.06 0.04 0.35 0.35 3.5 3/4 3/4 3/4 3/4 3/4 0.2 3/4 0.88 1.195 1.02 13 1.2 W 3/4 3/4 3/4 3/4 3/4 V V mA V V KW 3/4 V Unit nA mA mA V V V V mA Test Conditions VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 5V, IC = 0 IC = 10 mA, IE = 0 IC = 2 mA, IB = 0 VCC = 5V, VB = 0.05V, RL = 1KW VCE = 5V, IC = 100mA VCC = 50V, VI = 0V IC = 5 mA, IB = 0.25 mA IC = 10mA, IB = 0.5mA IC = 10mA, IB = 1mA IC = 10mA, IB= 5mA IC = 100mA, IB= 5mA IC = 100mA, IB = 10mA IC = 100mA, IB = 10mA VCE = 5V, IC = 1 mA VCE = 5V, IC = 5 mA VCE = 5V, IC = 50 mA VCE = 5V, IC = 100 mA VCE = 10V, IC = 5 mA VCC = 5V, VB = 2.5V, RL = 1KW VO = 0.3V, IC = 2 mA VI = 5V VCE = 5V, IC = 100mA IC = 1mA, IB = 50mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz VCB = 10V, IE = 0A, f = 1MHz
Collector-Emitter Saturation Voltage
VCE (SAT)
Equivalent on-resistance*
RCE (SAT)
3/4 12 45
DC Current Gain
hFE
130 70 40
Output On Voltage Input On Voltage Input Current Base-Emitter Turn-on Voltage Base-Emitter Saturation Voltage Input Resistor +/- 30% (Base) Resistor Ratio SMALL SIGNAL CHARACTERISTICS Transition Frequency (Gain bandwidth product) Collector capacitance (Ccbo-Output Capacitance)
*Pulse Test: Pulse width, tp<300 uS, Duty Cycle, d<=0.02
VOL VI (ON) Ii VBE(ON) VBE(SAT) R1 (R2/R1)
3/4 2.8 3/4 3/4 3/4 7 0.8
fT CC
3/4 3/4
250 4
3/4 3/4
MHz pF
DS30871 Rev. 3 - 2
3 of 8 www.diodes.com
DCX4710H
Typical Characteristics
@ Tamb = 25C unless otherwise specified
250
NEW PRODUCT
PD, POWER DISSIPATION (mW)
200
150
100
50
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 3 Power Derating Curve
Characteristics Curves of PNP Transistor (Q1)
0.1
lb = 1.75mA lb = 2.25mA
@ Tamb = 25C unless otherwise specified
400
VCE = 5V
0.09
lb = 1.5mA lb = 1.25mA
350
TA = 150 C TA = 125 C TA = 85 C
IC, COLLECTOR CURRENT (A)
0.08 0.07 0.06
hFE, DC CURRENT GAIN
lb = 2mA
300 250 200
TA = 25 C
lb = 0.5mA
0.05 0.04 0.03
lb = 0.75mA lb = 0.25mA
150
TA = -55 C
0.02 0.01 0 0 0.2 0.4 0.6 0.8
100
50 0
lb = 1mA
1
1.2 1.4 1.6
1.8
2
0.1
VCE, COLLECTOR EMITTER VOLTAGE (V) Fig. 4 VCE vs. IC
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 5 DC Current Gain vs. IC
Ic/Ib = 20
1000
100
Ic/Ib = 10
100
VCE(SAT), COLLECTOR VOLTAGE (V)
VCE(SAT), COLLECTOR VOLTAGE (V)
10
10
1
1
TA = 150 C TA = 125 C
TA = 150 C
TA = 125 C
0.1
TA = 85 C
0.1
TA = -55 C TA = 25 C TA = 85 C
TA = -55 C
TA = 25 C
0.01 0.1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 6 IC vs. VCE(SAT) 1000
0.01 0.1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 7 IC vs. VCE(SAT) 1000
DS30871 Rev. 3 - 2
4 of 8 www.diodes.com
DCX4710H
15 13.5
VCE = 5V
8
Ic/Ib = 20
NEW PRODUCT
7
12 10.5 9 7.5 6 4.5 3 1.5 0 0.1
TA = -55 C TA = 150 C TA = 25 C TA = 125 C TA = 85 C
VBE(SAT), BASE-EMITTER VOLTAGE (V)
VBE(ON), BASE-EMITTER VOLTAGE (V)
6 5 4 3 2 1 0
TA = -55 C
TA = 125 C
TA = 85 C TA = 25 C
TA = 150 C
1 10 IC, COLLECTOR CURRENT (mA) Fig. 8 IC vs. VBE(ON)
100
0.1
1 10 IC, COLLECTOR CURRENT (mA) Fig. 9 IC vs. VBE(SAT)
100
15
Ic/Ib = 10 TA = -55 C
15
VCE = 0.3V
VBE(SAT), BASE-EMITTER VOLTAGE (V)
TA = 25 C
9
VI(ON), INPUT VOLTAGE (V)
12
12
TA = 85 C TA = 125 C
9
6
6
TA = 125 C TA = 85 C
3
TA = 150 C
3
TA = 25 C TA = -55 C
TA = 150 C
0 0.1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 10 IC vs. VBE(SAT) 100
0 0.1 1 10 100 IC, OUTPUT CURRENT (mA) Fig. 11 Input Voltage vs. Collector Current
Characteristics Curves of NPN Transistor (Q2)
300
VCE = 5V
@ Tamb = 25C unless otherwise specified
0.1 0.09
lb = 1.5mA lb = 1.25mA lb = 1.75mA lb = 2mA
IC, COLLECTOR CURRENT (A)
250
hFE, DC CURRENT GAIN
TA = 150 C
0.08 0.07 0.06 0.05 0.04
lb = 0.25mA lb = 0.5mA
200
TA = 125 C
150
TA = 85 C
100
TA = 25 C TA = -55 C
0.03 0.02 0.01
lb = 1mA
lb = 0.75mA
50
0 0.1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 12 DC Current Gain vs. IC 1000
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 VCE, COLLECTOR EMITTER VOLTAGE (V) Fig. 13 VCE vs. IC
DS30871 Rev. 3 - 2
5 of 8 www.diodes.com
DCX4710H
100
Ic/Ib = 10
100
Ic/Ib = 20
VCE(SAT), COLLECTOR EMITTER SATURATION VOLTAGE (V)
VCE(SAT), COLLECTOR EMITTER SATURATION VOLTAGE (V)
NEW PRODUCT
10
10
1
TA = 150 C TA = 125 C
1
TA = 150 C TA = 125 C
0.1
0.1
TA = -55 C TA = 25 C TA = 85 C
TA = -55 C
TA = 25 C
TA = 85 C
0.01 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 14 IC vs. VCE(SAT)
0.01 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 15 IC vs. VCE(SAT)
25 22.5
VCE = 5V
30
Ic/Ib = 20
27
20 17.5 15 12.5 10 7.5 5 2.5 0 0.1
TA = -55 C TA = 150 C TA = 25 C TA = 125 C TA = 85 C
VBE(SAT), BASE-EMITTER VOLTAGE (V)
VBE(ON), BASE-EMITTER VOLTAGE (V)
24 21 18 15 12 9 6 3 0 0.1
TA = -55 C TA = 85 C TA = 25 C TA = 125 C
TA = 150 C
1 10 IC, COLLECTOR CURRENT (mA) Fig. 16 IC vs. VBE(ON)
100
1 10 IC, COLLECTOR CURRENT (mA) Fig. 17 IC vs. VBE(SAT)
100
VBE(SAT), BASE-EMITTER SATURATION VOLTAGE (V)
30
Ic/Ib = 10
25 22.5
TA = 150 C TA = 125 C
27 24 21 18 15 12 9 6 3 0 0.1
TA = -55 C TA = 25 C TA = 85 C
VCE = 0.3V
20
VI(ON), INPUT VOLTAGE (V)
17.5 15 12.5 10 7.5 5 2.5 0 0.1
TA = -55 C TA = 150 C TA = 25 C TA = 85 C TA = 125 C
1 10 IC, COLLECTOR CURRENT (mA) Fig. 18 IC vs. VBE(SAT)
100
1 10 IC, COLLECTOR CURRENT (mA) Fig. 19 Input Voltage vs. Output Current
100
DS30871 Rev. 3 - 2
6 of 8 www.diodes.com
DCX4710H
Ordering Information
(Note 5) Marking Code C02 Packaging SOT-563 Shipping 3000/Tape & Reel
NEW PRODUCT
Device DCX4710H-7
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
C02 = Product Type Marking Code YM = Date Code Marking Y = Year e.g., T = 2006 M = Month e.g., 9 = September
C02YM
Fig. 20 Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 Apr 4 May 5 2006 T Jun 6 Jul 7 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30871 Rev. 3 - 2
7 of 8 www.diodes.com
DCX4710H
Mechanical Details
NEW PRODUCT
SOT-563
A
Dim A B C D G H K
Min 0.15 1.1 1.55 0.9 1.5 0.56 0.15 0.1
Max 0.3 1.25 1.7 0.5 1.1 1.7 0.6 0.25 0.18
Typ 0.25 1.2 1.6 1 1.6 0.6 0.2 0.11
C02YM
D G
BC
K H
Fig. 21
M
L M
L
All Dimensions in mm
Suggested Pad Layout: (Based on IPC-SM-782)
E
E
Figure 4 Dimensions Z G SOT-563 2.2 1.2 0.375 0.5 1.7 0.5
Z
G
C
X Y C E
Y
X
Fig. 22
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes incorporated.
DS30871 Rev. 3 - 2
8 of 8 www.diodes.com
DCX4710H


▲Up To Search▲   

 
Price & Availability of DCX4710H-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X